Part Number Hot Search : 
FMA3007 B2040 P4KE56A HC123 0150C 22V10 RS203M EN3088C
Product Description
Full Text Search
 

To Download T2500MFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 motorola thyristor device data     . . . designed primarily for full-wave ac control applications, such as solid-state relays, motor controls, heating controls and power supplies; or wherever full-wave silicon gate controlled solid-state devices are needed. t riac type thyristors switch from a blocking to a conducting state for either polarity of applied anode voltage with positive or negative gate triggering. ? blocking voltage to 800 volts ? all diffused and glass passivated junctions for greater parameter uniformity and stability ? small, rugged, isolated construction for low thermal resistance, high heat dissipation and durability maximum ratings (t j = 25 c unless otherwise noted.) rating symbol value unit repetitive peak off-state voltage (1) (t j = 40 to +100 c, gate open) t2500bfp t2500dfp T2500MFP t2500nfp v drm 200 400 600 800 volts on-state rms current (t c = +80 c) (2) (full cycle sine wave 50 to 60 hz) i t(rms) 6 amps peak non-repetitive surge current (one full cycle, 60 hz, t c = +80 c) i tsm 60 amps circuit fusing considerations (t = 8.3 ms) i 2 t 40 a 2 s peak gate power (t c = +80 c, pulse width = 1 m s) p gm 1 watt average gate power (t c = +80 c, t = 8.3 ms) p g(av) 0.2 watt peak gate trigger current (pulse width = 10 m s) i gtm 4 amps rms isolation voltage (t a = 25 c, relative humidity  20%) v iso 1500 volts operating junction temperature range t j 40 to +100 c storage temperature range t stg 40 to +150 c thermal characteristics characteristic symbol max unit thermal resistance, junction to case (2) case to sink junction to ambient r q jc r q cs r q ja 2.7 2.2(typ) 60 c/w 1. v drm f o r a l l t ype s c a n b e a pplie d o n a c ontinuou s b asis . b lockin g v oltage s s hal l n o t b e t este d w it h a c onstan t c urren t s ourc e s uc h t hat t he voltage ratings of the devices are exceeded. 2. the case temperature reference point for all t c measurements is a point on the center lead of the package as close as possible to the plastic body. order this document by t2500fp/d


 semiconductor technical data ? motorola, inc. 1995   case 221c-02 style 3 isolated triacs thyristors 6 amperes rms 200 thru 800 volts mt1 g mt2
 
2 motorola thyristor device data electrical characteristics (t c = 25 c unless otherwise noted.) characteristic symbol min typ max unit peak off-state current (either direction) (v d = rated v drm , t j = 100 c, gate open) i drm e e 2 ma maximum on-state voltage (either direction)* (i t = 30 a peak) v tm e e 2 volts gate trigger current (continuous dc) (v d = 12 vdc, r l = 12 ohms) mt2(+), g(+) mt2(+), g() mt2(), g() mt2(), g(+) i gt e e e e 10 20 15 30 25 60 25 60 ma gate trigger voltage (continuous dc) (all quadrants) (v d = 12 vdc, r l = 12 ohms) (v d = v drom , r l = 125 ohms, t c = 100 c, all trigger models) v gt e 0.2 1.25 e 2.5 e volts holding current (either direction) (main terminal voltage = 12 vdc, gate open, initiating current = 150 ma, t c = 25 c) i h e 15 30 ma gate controlled turn-on time (v d = rated v drm , i t = 10 a, i gt = 160 ma, rise time  0.1 m s) t gt e 1.6 e m s critical rate-of-rise of commutation voltage (v d = rated v drm , i t(rms) = 6 a, commutating di/dt = 3.2 a/ms, gate unenergized, t c = 80 c) dv/dt(c) e 10 e v/ m s critical rate-of-rise of off-state voltage (v d = rated v drm , exponential voltage rise, gate open, t c = 100 c) dv/dt e 100 e v/ m s *pulse test: pulse width  300 m s, duty cycle  2%. electrical characteristics of recommended bidirectional switches usage general part number mbs4991 mbs4992 v s 6 10 v 7.5 9 v i s 350 m a max 120 m a max v s1 v s2 0.5 v max 0.2 v max temperature coefficient 0.02%/ c typ trigger devices are recommended for gating on triacs. they provide: 1. consistent predictable turn-on points. 2. simplified circuitry. 3. fast turn-on time for cooler, more efficient and reliable operation. quadrant definitions quadrant ii quadrant i quadrant iii quadrant iv mt2(+) mt2() mt2(+), g() mt2(+), g(+) mt2(), g() mt2(), g(+) g() g(+)
 
3 motorola thyristor device data package dimensions case 221c02 1 2 3 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. lead dimensions uncontrolled within dimension z. style 3: pin 1. mt 1 2. mt 2 3. gate y b t q p a k h z g l f d 3 pl m b m 0.25 (0.010) y e n s j r c seating plane dim min max min max millimeters inches a 0.680 0.700 17.28 17.78 b 0.388 0.408 9.86 10.36 c 0.175 0.195 4.45 4.95 d 0.025 0.040 0.64 1.01 e 0.340 0.355 8.64 9.01 f 0.140 0.150 3.56 3.81 g 0.100 bsc 2.54 bsc h 0.110 0.155 2.80 3.93 j 0.018 0.028 0.46 0.71 k 0.500 0.550 12.70 13.97 l 0.045 0.070 1.15 1.77 n 0.049 1.25 p 0.270 0.290 6.86 7.36 q 0.480 0.500 12.20 12.70 r 0.090 0.120 2.29 3.04 s 0.105 0.115 2.67 2.92 z 0.070 0.090 1.78 2.28
 
4 motorola thyristor device data motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty , representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability , including without limitation consequential or incidental damages. at ypicalo parameters can and do vary in dif ferent applications. all operating parameters, including at ypicalso must be validated for each customer application by customer ' s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur . should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly , any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/af firmative action employer . literature distribution centers: usa: motorola literature distribution; p .o. box 20912; phoenix, arizona 85036. europe: motorola ltd.; european literature centre; 88 t anners drive, blakelands, milton keynes, mk14 5bp , england. jap an: nippon motorola ltd.; 4-32-1, nishi-gotanda, shinagawa-ku, t okyo 141, japan. asia p acific: motorola semiconductors h.k. ltd.; silicon harbour center , no. 2 dai king street, t ai po industrial estate, t ai po, n.t., hong kong. t2500fp/d   ?


▲Up To Search▲   

 
Price & Availability of T2500MFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X