Part Number Hot Search : 
MAX1986 IRKV1 3F9454B 709ZCPB LT18T BCM5238 MLL969B LSR2641
Product Description
Full Text Search
 

To Download SMP50-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smp50-xxx n bidirectional crowbar protection n voltage range from 62v to 270v n low capacitance from 15pf to 30pf typ.@ 50v n low leakage current: i r = 2a max. n holding current: i h = 150 ma min. n repetitive peak pulse current: i pp = 50 a (10/1000 s) features sma (jedec do-214ac) the smp50-xxx series has been designed to protect telecommunication equipment against lightning and transient induced by ac power lines. the package / die size ratio has been optimized by using the sma package. description schematic diagram telecom equipment protection: trisil? telecommunication equipment such as n analog and digital line cards (xdsl, t1/e1, isdn...). n terminals (phone, fax, modem...) and central office equipment. main applications trisils are not subject to ageing and provide a fail safe mode in short circuit for a better protection. trisils are used to help equipment to meet various standards such as ul1950, iec950 / csa c22.2, ul1459 and fcc part 68. trisils have ul94 v0 resin approved. sma package is jedec registred. (trisils are ul 497b approved - file: e136224). benefits product specification 1 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
smp50-xxx standard peak surge voltage (v) voltage waveform (s) required peak current (a) current waveform (s) minimum serial resistor to meet standard ( w ) gr-1089 core first level 2500 1000 2/10 10/1000 500 100 2/10 10/1000 12 10 gr-1089 core second level 5000 2/10 500 2/10 24 gr-1089 core intra-building 1500 2/10 100 2/10 0 itu-t-k20 / k21 6000 1500 10/700 150 37.5 5/310 53 0 itu-t-k20 (iec61000-4-2) 6000 8000 1/60 ns esd contact discharge esd air discharge 0 0 vde0433 4000 2000 10/700 100 50 5/310 21.5 0 vde0878 4000 2000 1.2/50 100 50 1/20 0 0 iec61000-4-5 4000 4000 10/700 1.2/50 100 100 5/310 8/20 21.5 0 fcc part 68, lightning surge type a 1500 800 10/160 10/560 200 100 10/160 10/560 12.5 6.5 fcc part 68, lightning surge type b 1000 9/720 25 5/320 0 in compliances with the following standards symbol parameter v rm stand-off voltage i rm leakage current at v rm v r continuous reverse voltage v br breakdown voltage v bo breakover voltage i h holding current i bo breakover current i pp peak pulse current c capacitance electrical characteristics (t amb = 25c) symbol parameter value unit r th (j-a) junction to ambient with recommended footprint 120 c/w r th (j-l) junction to leads 30 c/w thermal resistances product specification 2 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
smp50-xxx symbol parameter value unit i pp repetitive peak pulse current: 10/1000 s 8/20 s 10/560 s 5/310 s 10/160 s 1/20 s 2/10 s 50 100 55 65 75 100 150 a i fs fail safe mode: maximum current (note 1) 8/20 s 2.5 ka i tsm non repetitive surge peak on-state current (sinusoidal) t = 20ms t = 16.6ms t = 0.2s t=2s 25 28 16 8.5 a i2t i2t value for fusing t = 16.6ms t = 20ms 6.5 6.3 a2s t l maximum lead temperature for soldering during 10 s. 260 c t stg t j storage temperature range maximum junction temperature -55to+150 150 c c absolute ratings (t amb = 25c) tr: rise time (s) tp: pulse duration time (s) ex: pulse waveform 10/1000s tr = 10s tp = 1000s repetitive peak pulse current 100 50 %i pp t t r p 0 t product specification 3 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
smp50-xxx type i rm @v rm max i r @v r max note 1 dynamic v bo @i bo max note 2 static v bo @i bo max note 3 i h min note 4 c typ. note 5 c typ. note 6 a v a v v ma v ma ma pf pf smp50-62 2 56 50 62 85 800 82 800 150 30 50 smp50-68 61 68 93 90 150 30 45 SMP50-100 90 100 135 133 150 20 40 smp50-120 108 120 160 160 150 20 40 smp50-130 117 130 173 173 150 20 35 smp50-180 162 180 235 240 150 15 30 smp50-200 180 200 262 267 150 15 30 smp50-220 198 220 285 293 150 15 30 smp50-240 216 240 300 320 150 15 30 smp50-270 243 270 350 360 150 15 30 note 1: i r measured at v r guarantee v brmin 3 v r note 2: see functional breakover voltage test circuit 1. note 3: see test circuit 2. note 4: see functional holding current test circuit 3. note 5: v r = 50v bias,vrms = 1v , f = 1mhz. note 6: v r = 2v bias, vrms = 1v , f = 1mhz electrical parameters (tamb = 25c) 1e-2 1e-1 1e+0 1e+1 1e+2 1e+3 0 10 20 30 40 t(s) itsm(a) f=50hz fig. 1: non repetitive surge peak on-state current versus overload duration (tj initial = 25c) 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 1 2 5 10 20 50 vt(v) it(a) tj=25c fig. 2: on-state voltage versus on-state current (typical values). product specification 4 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
smp50-xxx test circuit 3 for i h parameters. r v bat = - 48 v surge generator d.u.t this is a go-no go test which allows to confirm the holding current (i h ) level in a functional test circuit. test procedure : - adjust the current level at the i h value by short circuiting the d.u.t. - fire the d.u.t. with a surge current : i pp = 10a, 10/1000 m s. - the d.u.t. will come back to the off-state within 50 ms max. package mechanical data sma (jedec do-214ac) ref. dimensions millimeters inches min. max. min. max. a1 1.90 2.70 0.075 0.106 a2 0.05 0.20 0.002 0.008 b 1.25 1.65 0.049 0.065 c 0.15 0.41 0.006 0.016 e 4.80 5.60 0.189 0.220 e1 3.95 4.60 0.156 0.181 d 2.25 2.95 0.089 0.116 l 0.75 1.60 0.030 0.063 2.40 1.65 1.45 1.45 (0.057) (0.094) (0.057) (0.065) foot print in millimeters (in inches) e c l e1 d a1 a2 b product specification 5 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
smp 50 - xx trisil surface mount i = 50a pp voltage order code part number marking package weight base qty delivery mode smp50-62 v06 sma 0.068 g 5000 tape & reel smp50-68 v07 SMP50-100 v10 smp50-120 v12 smp50-130 v13 smp50-180 v18 smp50-200 v20 smp50-220 v22 smp50-240 v24 smp50-270 v27 ordering information product specification 6 of 6 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SMP50-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X