Part Number Hot Search : 
6PK470 SS220 IRFM460 MPSU01A 2SK2320 ADF5002 HT827A0 DM74S04M
Product Description
Full Text Search
 

To Download SMP3308-101M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  molded epoxy base for superior heat strength magnet wire to terminal connections are wire wrapped and soldered with high temperature solder maximum operating temperature -55 to +125 c custom values available supplied on tape and reel can be used for all types of power applications including filters for dc/dc converters and switching regulated power supplies part l m h 20% dcr saturation current* current rating** number @ 100 khz max dc amps dc amps SMP3308-101M 1.0 .023 9.0 3.9 smp3308-151m 1.5 .032 7.4 3.3 smp3308-221m 2.2 .041 6.0 2.9 smp3308-331m 3.3 .047 5.0 2.7 smp3308-471m 4.7 .056 4.3 2.5 smp3308-681m 6.8 .072 3.8 2.2 smp3308-102m 10 .092 3.0 2.0 smp3308-152m 15 .114 2.5 1.7 smp3308-222m 22 .148 2.0 1.5 smp3308-332m 33 .206 1.7 1.3 smp3308-472m 47 .320 1.4 1.0 smp3308-682m 68 .460 1.2 .87 smp3308-103m 100 .641 .94 .74 smp3308-153m 150 1.05 .77 .58 smp3308-223m 220 1.62 .64 .46 smp3308-333m 330 2.28 .53 .39 smp3308-473m 470 2.76 .43 .35 smp3308-683m 680 4.36 .36 .28 smp3308-104m 1000 6.62 .30 .23 % reduction of l 0 20 40 60 80 100 .1 1 10 100 dc current in amps 100uh 1mh 1uh 10uh notes: * saturation current is the approximate value that will reduce the initial inductance by 10%. ** rated current is based on a 40 temperature rise at an ambient temperature of 85 c. surface mount power inductors sm299 22 1 industrial place / po box 111 / gowanda, ny 14070-0111 / phone 716-532-2234 / fax 716-532-2702/e-mailsales@gowanda.com ? electronics ? smp 3308 series saturation curve top view .530 max 470 m h .118 max side view bottom view .050 min recommended foot print .120 .470 centers .110 .420 max .070 ref


▲Up To Search▲   

 
Price & Availability of SMP3308-101M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X