Part Number Hot Search : 
SMAJ45CA SPN2038 SMAJ45CA SI4420 APTGF SPD3910R CY150 90BAI
Product Description
Full Text Search
 

To Download SMP18FPZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. c information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. a octal sample-and-hold with multiplexed input smp18 functional block diagram sw sw sw sw sw sw sw sw 1 of 8 decoder 6 9 10 11 3 13 16 8 14 15 12 7 1 2 4 5 dgnd v dd ch 0 out ch 1 out ch 2 out ch 3 out ch 4 out ch 5 out ch 6 out ch 7 out v ss hold caps (internal) smp18 input (lsb) a b (msb) c inh features high speed version of smp08 internal hold capacitors low droop rate ttl/cmos compatible logic inputs single or dual supply operation break-before-make channel addressing compatible with cd4051 pinout low cost applications multiple path timing deskew for a.t.e. memory programmers mass flow/process control systems multichannel data acquisition systems robotics and control systems medical and analytical instrumentation event analysis stage lighting control general description the smp18 is a monolithic octal sample-and-hold; it has eight internal buffer amplifiers, input multiplexer, and internal hold capacitors. it is manufactured in an advanced oxide isolated cmos technology to obtain high accuracy, low droop rate, and fast acquisition time. the smp18 has a typical linearity error of only 0.01% and can accurately acquire a 10-bit input signal to 1/2 lsb in less than 2.5 microseconds. the smp18s output swing includes the negative supply in both single and dual sup- ply operation. the smp18 was specifically designed for systems that use a calibration cycle to adjust a multiple of system parameters. the low cost and high level of integration make the smp18 ideal for calibration requirements that have previously required an asic, or high cost multiple d/a converters. the smp18 is also ideally suited for a wide variety of sample- and-hold applications including amplifier offset or vca gain ad- justments. one or more smp18s can be used with single or multiple dacs to provide multiple set points within a system. the smp18 offers significant cost and size reduction over discrete designs. it is available in a 16-pin plastic dip, a narrow body so-16 surface-mount soic package or the thin tssop-16 package. the smp18 is a higher speed direct replacement for the smp08. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 617/329-4700 world wide web site: http://www.analog.com fax: 617/326-8703 ? analog devices, inc., 1996
electrical characteristics p arameter symbol conditions min typ max units linearity error C3 v v in +3 v 0.01 % buffer offset voltage v os t a = +25 c, v in = 0 v 2.5 10 mv C40 c t a +85 c, v in = 0 v 3.5 20 mv hold step v hs v in = 0 v, t a = +25 c to +85 c 46mv v in = 0 v, t a = C40 c8mv droop rate d v ch / d tt a = +25 c, v in = 0 v 2 40 mv/s output source current i source v in = 0 v 1 1.2 ma output sink current i sink v in = 0 v 1 0.5 ma output voltage range r l = 20 k w C3.0 +3.0 v logic characteristics logic input high voltage v inh 2.4 v logic input low voltage v inl 0.8 v logic input current i in v in = 2.4 v 0.5 1 m a dynamic performance 2 acquisition time 3 t aq t a = +25 c, C3 v to +3 v to 0.1% 3.5 m s hold mode settling time t h to 1 mv of final value 1 m s channel select time t ch 90 ns channel deselect time t dcs 45 ns inhibit recovery time t ir 90 ns slew rate sr 6 v/ m s capacitive load stability <30% overshoot 500 pf analog crosstalk C3 v to +3 v step C72 db supply characteristics power supply rejection ratio psrr v ss = 5 v to 6 v 60 75 db supply current i dd t a = +25 c 5.5 7.5 ma C40 c t a +85 c 7.5 9.5 ma electrical characteristics parameter symbol conditions min typ max limits linearity error 60 mv v in 10 v 0.01 % buffer offset voltage v os t a = +25 c, v in = 6 v 2.5 10 mv C40 c t a +85 c, v in = 6 v 3.5 20 mv hold step v hs v in = 6 v, t a = +25 c to +85 c 46mv v in = 6 v, t a = C40 c8mv droop rate d v ch / d tt a = +25 c, v in = 6 v 2 40 mv/s output source current i source v in = 6 v 1 1.2 ma output sink current i sink v in = 6 v 1 0.5 ma output voltage range r l = 20 k w 0.06 10.0 v r l = 10 k w 0.06 9.5 v logic characteristics logic input high voltage v inh 2.4 v logic input low voltage v inl 0.8 v logic input current i in v in = 2.4 v 0.5 1 m a dynamic performance 2 acquisition time 3 t aq t a = +25 c, 0 to 10 v to 0.1% 2.5 3.25 m s hold mode settling time t h to 1 mv of final value 1 m s channel select time t ch 90 ns channel deselect time t dcs 45 ns inhibit recovery time t ir 90 ns slew rate 4 sr 7 v/ m s capacitive load stability <30% overshoot 500 pf analog crosstalk 0 v to 10 v step C72 db supply characteristics power supply rejection ratio psrr 10.8 v v dd 13.2 v 60 75 db supply current i dd t a = +25 c 6.0 8.0 ma C40 c t a +85 c 8.0 10.0 ma notes 1 outputs are capable of sinking and sourcing over 10 ma but offset is guaranteed at specified load levels. 2 all input control signals are specified with t r = t f = 5 ns (10% to 90% of +5 v) and timed from a voltage level of 1.6 v. 3 this parameter is guaranteed without test. 4 slew rate is measured in the sample mode with a 0 to 10 v step from 20% to 80%. specifications subject to change without notice. rev. c C2C smp18Cspecifications (@ v dd = +5 v, v ss = C5 v, dgnd = 0 v, r l = no load, t a = C40 8 c to +85 8 c for smp18f, unless otherwise noted) (@ v dd = +12 v, v ss = 0 v, dgnd = 0 v, r l = no load, t a = C40 8 c to +85 8 c for smp18f, unless otherwise noted)
smp18 rev. c C3C pin connections 14 13 12 11 16 15 10 9 8 1 2 3 4 7 6 5 top view (not to scale) smp18 ch 4 out ch 0 out ch 1 out ch 2 out v dd ch 6 out input ch 7 out b control a control ch 3 out ch 5 out inh v ss dgnd c control ordering guide temperature package package model range description option smp18fp C40 c to +85 c plastic dip n-16 smp18fru C40 c to +85 c tssop-16 ru-16 smp18fs C40 c to +85 c so-16 r-16a absolute maximum ratings v dd to dgnd . . . . . . . . . . . . . . . . . . . . . . . . . . . C0.3 v, 17 v v dd to v ss . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . C0.3 v, 17 v v logic to dgnd . . . . . . . . . . . . . . . . . . . . . . . . C0.3 v, v dd v in to dgnd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . v ss , v dd v out to dgnd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . v ss , v dd analog output current . . . . . . . . . . . . . . . . . . . . . . . 20 ma (not short-circuit protected) operating temperature range fp, fs . . . . . . . . . . . . . . . . . . . . . . . . . . . . C40 c to +85 c junction temperature . . . . . . . . . . . . . . . . . . . . . . . . +150 c storage temperature . . . . . . . . . . . . . . . . . . C65 c to +150 c lead temperature (soldering, 60 sec) . . . . . . . . . . . . +300 c package type u ja * u jc units 16-pin plastic dip (p) 76 33 c/w 16-pin soic (s) 92 27 c/w 16-lead tssop (ru) 180 35 c/w notes * q ja is specified for worst case mounting conditions, i.e., q ja is specified for device in socket for plastic dip packages; q ja is specified for device soldered to printed circuit board for soic and tssop packages. warning! esd sensitive device caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the smp18 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality.
smp18 rev. c C4C temperature ? c droop rate ?mv/s 100 10 0.01 ?0 ?0 100 0 20406080 0 0.1 v dd = +12v v ss = 0v v in = +6v r l = 10k w droop rate vs. temperature input voltage ?volts hold step ?mv 0 ? ? 01 10 23456789 ? ? ? ? v dd = +12v v ss = 0v t a = +25 c no load hold step vs. input voltage input voltage ?volts offset voltage ?mv 4 ?0 01 10 23456789 2 0 ? ? ? ? v dd = +12v v ss = 0v t a = +25 c r l = r l = 20k w r l = 10k w offset voltage vs. input voltage Ctypical performance characteristics input voltage ?volts droop rate ?mv/s 5 3 ? 01 10 23 4 5 67 8 9 1 ? ? v dd = +12v v ss = 0v t a = +25 c no load droop rate vs. input voltage temperature ? c hold step ?mv 1 ? ?5 ?5 125 ?5 5 25 65 85 105 45 0 ? ? ? ? ? ? v dd = +12v v ss = 0v v in = 6v no load hold step vs. temperature input voltage ?volts offset voltage ?mv 20 5 ?0 01 10 23456789 15 10 ? ?5 0 ?0 v dd = +12v v ss = 0v t a = +85 c r l = r l = 20k w r l = 10k w offset voltage vs. input voltage input voltage ?volts droop rate ?mv/s 130 70 10 01 10 23456789 110 90 50 30 v dd = +12v v ss = 0v t a = +85 c no load droop rate vs. input voltage v dd ?volts slew rate ?v/? 30 0 10 11 18 12 13 14 15 16 17 25 20 15 10 5 v dd = +12v v ss = 0v t a = +25 c no load +sr ?r slew rate vs. v dd input voltage ?volts offset voltage ?mv 4 ?0 01 10 23456789 2 0 ? ? ? ? v dd = +12v v ss = 0v t a = ?0 c r l = r l = 20k w r l = 10k w offset voltage vs. input voltage
smp18 rev. c C5C temperature ? c offset voltage ?mv 0 ? ?5 ?5 125 ?5 5 25 65 85 105 45 ? ? ? ? ? ? ? v dd = +12v v ss = 0v v in = +5v r l = 10k w offset voltage vs. temperature v dd ?volts supply current ?ma 14 2 46 18 8 10121416 12 10 8 6 4 v ss = 0v no load +85 c +25 c ?0 c supply current vs. v dd typical performance characteristicsC frequency ?hz 90 80 0 10 100 1m 1k 10k 100k 70 60 20 50 40 30 10 rejection ratio ?db v dd = +12v v ss = 0v v in = +6v t a = +25 c no load +psrr ?srr sample mode power supply rejection frequency ?hz gain ?db 2 1 ? 100 1k 10m 10k 100k 1m 0 ? ? ? ? 90 45 ?25 0 ?5 ?0 ?35 ?80 phase shift ?degrees v dd = +6v v ss = ?v t a = +25 c no load gain phase gain, phase shift vs. frequency frequency ?hz peak-to-peak output ?volts 15 12 0 10k 100k 10m 1m 9 6 3 v dd = +6v v ss = ?v t a = +25 c no load maximum output voltage vs. frequency frequency ?hz output impedance ? w 35 30 0 10 100 1m 1k 10k 100k 25 20 15 10 5 v dd = +12v v ss = 0v t a = +25 c no load output impedance vs. frequency frequency ?hz rejection ratio ?db 60 50 ?0 10 100 1m 1k 10k 100k 40 30 20 10 0 v dd = +12v v ss = 0v t a = +25 c no load +psrr hold capacitors referenced to v ss ?srr hold mode power supply rejection
smp18 rev. c C6C 14 13 12 11 16 15 10 9 8 1 2 3 4 7 6 5 smp18 r3 2k w r4 1k w r1 10 w d1 c1 10? c2 1? + v cc +15v r2 10k w r2 10k w r2 10k w r2 10k w r2 10k w r2 10k w r2 10k w r2 10k w burn-in circuit applications information the smp18, a multiplexed octal s/h, minimizes board space in systems requiring cycled calibration or an array of control voltages. when used in conjunction with a low cost 16-bit d/a, the smp18 can easily be integrated into microprocessor based systems. since the smp18 features break-before-make switching and an internal decoder, no external logic is required. the smp18 has an internally regulated ttl supply so that ttl/cmos compatibility is maintained over the full supply range. see figure 1 for channel decode address information. power supplies the smp18 is capable of operating with either single or dual supplies over a voltage range of 7 to 15 volts. based on the sup- ply voltages chosen, v dd and v ss establish the output voltage range, which is: ( v ss + 0.06 v ) v out ( v dd C 2 v ) note that several specifications, including acquisition time, off- set and output voltage compliance, will degrade for supply volt- ages of less than 7 v. if split supplies are used, the negative supply should be bypassed with a 0.1 m f capacitor in parallel with a 10 m f to ground. the internal hold capacitors are connected to this supply pin, and any noise will appear at the outputs. in single supply applications, it is extremely important that the v ss (negative supply) pin is connected to a clean ground. the hold capacitors are internally tied to the v ss (negative) rail. any ground noise or disturbance will directly couple to the output of the sample-and-hold degrading the signal-to-noise performance. the analog and digital ground traces on the circuit board should be physically separated to reduce digital switching noise from entering the analog circuitry. power supply sequencing v dd should be applied to the smp18 before the logic input sig- nals. the smp18 has been designed to be immune to latchup, but standard precautions should still be taken. output buffers (pins 1, 2, 4, 5, 12, 13, 14, 15) the buffer offset specification is 10 mv; this is less than 1/2 lsb of an 8-bit dac with 10 v full scale. the hold step (mag- nitude of step caused in the output voltage when switching from sample-to-hold mode, also referred to as the pedestal error or sample-to-hold offset) is about 4 mv with little variation over the full output voltage range. the droop rate of a held channel is 2 mv/s typical and 40 mv/s maximum. the buffers are designed to drive loads connected to ground. the outputs can source more than 20 ma over the full voltage range but have limited current sinking capability near v ss . in split supply operation, symmetrical output swings can be ob- tained by restricting the output range to 2 v from either supply. on-chip smp18 buffers eliminate potential stability problems associated with external buffers; outputs are stable with capaci- tive loads up to 500 pf. however, since the smp18s buffer outputs are not short circuit protected, care should be taken to avoid shorting any output to the supplies or ground. signal input (pin 3) the signal input should be driven from a low impedance voltage source such as the output of an op amp. the op amp should have a high slew rate and fast settling time if the smp18s ac- quisition time characteristics are to be maintained. as with all cmos devices, all input voltages should be kept within range of the supply rails (v ss v in v dd ) to avoid the possibility of latchup. if single supply operation is desired, op amps such as the op183 or ad820 that have input and output voltage com- pliances including ground, can be used to drive the inputs. split supplies, such as 7.5 v, can be used with the smp18.
smp18 rev. c C7C application tips all unused digital inputs should be connected to logic low. for analog inputs that may become temporarily disconnected, a resistor to v dd , v ss or analog ground should be used with a value ranging from 200 k w to 1 m w . do not apply signals to the smp18 with power off unless the in- put current is limited to less than 10 ma. typical applications an 8-channel multiplexed d/a converter figure 1 illustrates a typical demultiplexing function of the smp18. it is used to sample-and-hold eight different output voltages corresponding to eight different digital codes from a d/a converter. the smp18s droop rate of 40 mv/s requires a refresh once every 250 ms before the voltage drifts beyond 1/2 lsb accuracy (1 lsb of an 8-bit dac is equivalent to 19.5 mv out of a full-scale voltage of 5 v). for a 10-bit dac the refresh rate must be less than 60 ms, and for a 12-bit system, 15 ms. this implementation is very cost effective com- pared to using multiple dacs as the number of output channels increases. v ss v ss v ss v ss v ss v ss v ss v ss smp18 13 14 15 12 1 2 4 5 3 16 6 7 8 9 10 11 +12v ch 0 ch 1 ch 2 ch 3 ch 4 ch 5 ch 6 ch 7 3 15 1 5 16 17 4 +12v +5v ref02 +12v v ref av dd v oa v z gnd wr cs dac8228 a b c address decode address bus digital inputs wr dgnd inh 0.1? pin 9 c pin 10 b pin 11 a pin 6 inh ch pin 0 0 0 0 1 1 1 1 x 0 0 1 1 0 0 1 1 x 0 1 0 1 0 1 0 1 x 0 0 0 0 0 0 0 0 1 0 1 2 3 4 5 6 7 none 13 14 15 12 1 5 2 4 channel decoding figure 1. 8-channel multiplexed d/a converter
smp18 rev. c C8C c1543aC2C10/96 printed in u.s.a. outline dimensions dimensions shown in inches and (mm). 16-pin plastic dip (n-16) 16 18 9 0.840 (21.33) 0.745 (18.93) 0.280 (7.11) 0.240 (6.10) pin 1 seating plane 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) max 0.130 (3.30) min 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) bsc 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) 16-pin (narrow body) (so-16) 16 9 8 1 0.3937 (10.00) 0.3859 (9.80) 0.2550 (6.20) 0.2284 (5.80) 0.1574 (4.00) 0.1497 (5.80) pin 1 seating plane 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) bsc 0.0099 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 0 0.0196 (0.50) 0.0099 (0.25) x 45 16-lead tssop (ru-16) 16 9 8 1 0.201 (5.10) 0.193 (4.90) 0.256 (6.50) 0.246 (6.25) 0.177 (4.50) 0.169 (4.30) pin 1 seating plane 0.006 (0.15) 0.002 (0.05) 0.0118 (0.30) 0.0075 (0.19) 0.0256 (0.65) bsc 0.0433 (1.10) max 0.0079 (0.20) 0.0035 (0.090) 0.028 (0.70) 0.020 (0.50) 8 0


▲Up To Search▲   

 
Price & Availability of SMP18FPZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X