Part Number Hot Search : 
PT78N 0060C ISPLSI MM74H 1206L020 APT15 FM206 TS30012
Product Description
Full Text Search
 

To Download SKT1200-12D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? by semikron b 3 C 49 thy ris tors skt 10 00 skt 12 00 feature s h erm et ic m eta l cas es with cera mic insulat ors c apsule p a c kages for do uble sided c o oling int erna tion al sta ndard cas e s of f-s t at e and reverse v olt ages u p t o 2800 v typic al appl ic ati ons d c mo tor cont rol (e. g. f o r m achine to ols ) c ont rolled re ct ifier s (e. g. f or ba t t ery char ging) ac co ntr ollers (e. g. for te m pera tur e c o n tro l ) v rs m v rrm dv i trms (maximum values for continuous operation) v drm dt cr 23 00 a 2 8 00 a i tav (sin. 180; t case = . . . ; dsc) vv v / m s 146 5 a (58 c) 1780 a (55 c) 500 400 500 skt 1000/ 04 d skt 1 200/ 04 d 900 800 500 skt 1000/ 08 d C 1300 1200 5 00 C skt 1 200/ 12 d 1000 skt 1000/ 12 e skt 1 200/ 12 e 1500 1400 1000 skt 1000/ 14 e skt 1 200/ 14 e 1700 1600 1000 skt 1000/ 16 e skt 1 200/ 16 e 1900 1800 1000 skt 1000/ 18 e skt 1 200/ 18 e 2300 2200 1000 skt 1000/ 22 e l2 C 2700 2600 1000 skt 1000/ 26 e l2 C 2900 2800 1000 skt 1000/ 28 e l2 C ? ? ? s y mbol conditions skt 1000 skt 1200 i ta v si n . 180; t case = 85 c; d s c 1000 a 1200 a i ts m t vj = 25 c: 10 m s 19 000 a 30 000 a t vj = 125 c: 10 m s 16 500 a 25 500 a i 2 tt vj = 25 c: 8,3 ... 10 ms 1800 ka 2 s 4500 ka 2 s t vj = 125 c: 8, 3 . . . 10 m s 13 60 k a 2 s 3 2 50 k a 2 s t gd t vj = 25 c; i g = 1 a; di g / dt = 1 a/ m s typ. 1 m s t gr v d = 0, 67 . v drm typ. 2 m s (di/ dt) cr f = 5 0 . . . 60 hz 125 a / m s i h t vj = 25 c; t y p . / m ax . 250 m a/50 0 m a i l t vj = 25 c; r g = 33 w ; ty p. /max . 5 00 ma / 2 a t q t vj = 125 c; ty p . 10 0 .. . 250 m s v t t vj = 25 c; i t = 3600 a; max. 2,0 v 1 ,65 v v t (to ) t vj = 125 c 1 , 14 v 0 , 95 v r t t vj = 125 c 0 , 243 m w 0 ,18 m w i dd , i rd t vj = 125 c; v dd = v dr m ; v rd = v rrm 1 00 ma 1 00 ma v gt t vj = 25 c5 v i gt t vj = 25 c 250 m a v gd t vj = 125 c 0,25 v i gd t vj = 125 c 1 0 ma r thjc cont . 0 , 021 c/ w si n . 180; dsc/ s s c 0 , 022 5/0 ,05 4 c/ w re c . 12 0; dsc/ ss c 0 , 027/ 0, 060 c/ w r thch dsc/ ss c 0,005 /0, 010 c/ w t vj C 4 0 . . . +125 c t stg C 4 0 . . . +130 c f si unit s 22 . . . 25 kn us unit s 5 0 00 .. . 560 0 lb s. w550 g case b 14 0895 http://
? by semikron b 3 C 50
? by semikron b 3 C 51
? by semikron b 3 C 52
? by semikron b 3 C 53
? by semikron b 3 C 54


▲Up To Search▲   

 
Price & Availability of SKT1200-12D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X