Part Number Hot Search : 
ALVCB SZ356C 4S1064 A5800 1N5224 D103K VDZ10B07 BCM70
Product Description
Full Text Search
 

To Download SK26A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? for surface mounted application ? metal to silicon rectifier, majority carrier conduction ? low forward voltage drop ? easy pick and place ? high surge current capability sk2xa = specific device code g = green compound y = year m = work month rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% v rrm 20 30 40 50 60 90 100 150 v v rms 14 21 28 35 42 63 70 105 v v dc 20 30 40 50 60 90 100 150 v ma ma ma c j pf r ja o c/w t j o c t stg o c unit sk 25a 0.5 0.1 sk 22a sk 23a sk 24a sk 215a sk 26a sk 29a maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t l (see fig. 1) 50 10 5 - 2.0 - dimensions in inches and (millimeters) mechanical data sma/do-214ac ? weight: 0.067 grams typical thermal resistance maximum recurrent peak reverse voltage maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 @ t a =125 i r ? polarity: indicated by cathode band i f(av) 130 sk22a - sk215a 2.0amps. surface mount schottk y barrier rectifier marking diagram ? epitaxial construction features typical junction capecitance note 1: pulse test with pw=300u sec, 1% duty cycle operating temperature range storage temperature range - 65 to + 150 - 65 to + 125 - 65 to + 150 88 version:h12 sk 210a ? plastic material used carriers underwriters laboratory classigication 94v-0 ? high temperature soldering: 260 /10 seconds at terminals ? green compound with suffix "g" on packing code & prefix "g" on datecode maximum ratings and electrical characteristics ? terminal: pure tin plated, lead free ? case: molded plastic ? packaging: 12 mm tape per eia std rs-481 type number symbol peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load i fsm 50 a mj 0.70 2a 0.85 0.95 v maximum instantaneous forward voltage (note 1) @ 2 a v f 0.50 non-repetitive peak revwese avalanche energy l=40mh ta=25 max prior to surge, inductive load switch off e rsm 20 pb rohs compliance rohs compliance
version:h12 ratings and characteristic curves (sk22a thru sk215a) fig.1- maximum forward current derating curve 0 0.5 1 1.5 2 2.5 50 60 70 80 90 100 110 120 130 140 150 160 lead temperature ( o c) average forward current (a) sk22a-sk25a SK26A-sk215a resistive or inductive load fig. 2- maximum non-repetitive forward surge current 0 10 20 30 40 50 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine-wave jedec method at rated tl fig. 4- typical reverse characteristics 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage.(%) instantaneous reverse current (ma) 22a-24a ta=125 o c 25a-26a ta=125 o c 25a-26a ta=75 o c 22a-24a ta=75 o c 22a-24a ta=25 o c 25a-26a ta=25 o c 29a-215a ta=125 o c 29a-215a ta=75 o c 29a-215a ta=25 o c fig. 5- typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) ta=25 f=1.0mhz vslg=50mvp-p sk22a-SK26A sk29a-sk215a fig. 3- typical forward characteristics 0.01 0.1 1 10 100 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 forward voltage (v) instantaneous forward current (a) sk22a-sk24a sk25a-SK26A sk215a sk29a-sk210a pulse width=300us 1% duty cycle fig. 6- typical transient thermal characteristics 0.1 1 10 100 0.01 0.1 1 10 100 pulse duration (sec) transient thermal impedance( /w)


▲Up To Search▲   

 
Price & Availability of SK26A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X