Part Number Hot Search : 
655ORG 74LVC245 3PMT22A P2112 2SK1732 68HC0 V60120C P2112
Product Description
Full Text Search
 

To Download SB630 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sb 620 th ru sb 660 voltage - 20 to 60 volts current - 6.0 amperes schottky barrier rectifier schottky barrier rectifier features mechanical data plastic package has underwriters laboratory flammability classification 94v-0 utilizing flame retardant epoxy molding compound exceeds environmental standards of mils-19500 / 228 low power loss,high efficiency low forward voltage, high current capability high surge capability for use in low voltage, high frequency inverters free wheeling. and polarlity protection applications o high temperature soldering 260 c/10seconds at terminals pb free product are available 99% sn above can meet rohs environment substance directive request case to220ac full molded plastic package t erminals lead solderable per mil-std-202, method 208 polarity as marked. mounting position any weight 0.08 ounce, 2.24gram maximum ratixgs and electrical characteristics u n i t s 0 c 0 c - 5 5 t o + 1 5 0 - 5 5 t o + 1 5 0 m a v o l t s v o l t s v o l t s a m p s a m p s v o l t s 0 c / w 6.0 75 0.55 0.7 0.1 15 6.0 80 o ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load, derate current by 20% notes 1. thermal resistance junction to ambient maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 0 maximum average forward rectified current at t c =75 c peak forward surge current 8.3ms single half sine- wave superimposed on rated load (jedec method) maximum forward voltage at 6.0a per element 0 maximum dc reverse current t a =25 c 0 at rated dc blocking voltage t a =100 c typical thermal resistance note r jc r ja operating and storage temperature range storage temperature range sb620 20 14 20 SB630 30 21 30 sb640 40 28 40 sb650 50 35 50 sb660 60 42 60 t o - 2 2 0 a c www.paceleader.tw
2 ratings and characteristic curves sb620 thru sb660 sb 620 th ru sb 660 schottky barrier rectifier schottky barrier rectifier www.paceleader.tw


▲Up To Search▲   

 
Price & Availability of SB630

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X