Part Number Hot Search : 
PMX1GPS TD301 CMZ5377B TSOP2256 TL431A SR163 TB0206A REF02EH
Product Description
Full Text Search
 

To Download RE34L3A502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series rec 34 l www.vishay.com vishay sfernice revision: 18-sep-12 1 document number: 54019 for technical questions, contact: sferprecisionpot@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 precision linear transducers, conductive plastic, up to 450 mm the 34 l is a compact, accurate and adaptable motion transducer for both indust rial and military markets. features ? measurement range 25 mm to 450 mm ? high accuracy 1 % down to 0.025 % ? essentially infinite resolution ? long life ? sealed on request ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 quick reference data sensor type linear, conductive plastic output type wires market appliance professional dimensions l x 19 mm dia. (with l = tet + 63 mm) electrical specifications theoretical electrical travel (tet = e) in increments of 25 mm 25 mm 450 mm independent linearity (over tet) on request ? 1 % - ? 0.1 % ? 0.05 % for e ? 100 mm ? 0.025 % for e ? 200 mm actual electrical travel (aet) see table 1 ohmic values (r t ) from 400 ? /cm to 2 k ? /cm resistance tolerance at 20 c 20 % repeatability ? 0.01 % maximum power rating 0.05 w/cm at 70 c, 0 w at 125 c wiper current recommended: a few a - 1 ma max. (continuous) load resistance minimum 10 3 x r t number of tracks 1; on request 2 insulation resistance ? 1000 m ? , 500 v dc dielectric strength ? 750 v rms , 50 hz mechanical specifications mechanical travel tet + 2 mm min. housing anodized aluminum operating force on request 0.35 n typical (standard model) 2.50 n typical (sealed model) shaft (free rotation) stainless steel termination on request 3 wires ptfe awg-30 l = 300 mm cable or connector wiper precious metal multifinger sealing ip65 on request performance operating life 25 million cycles typi cal/1 hz/t = 20 c 5 c/80 % tet temperature range - 55 c to + 125 c sine vibration on 3 axes 1. 5 mm peak to peak or 15 g - 10 hz - 2000 hz mechanical shocks on 3 axes 50 g - 11 ms - half sine
series rec 34 l www.vishay.com vishay sfernice revision: 18-sep-12 2 document number: 54019 for technical questions, contact: sferprecisionpot@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard model dimensions in millimeters, gene ral tolerance 1 mm electrical connections tet = e aet tol. 25 mm to 275 mm e + 1 mm 0.5 mm 300 mm to 450 mm e + 1 mm 0.8 mm accessories on request - dimensions in millimeters, general tolerance 3 mm clamp for 34l vishay reference: cq00051 l = e + 63 z = 12 z = 12 0.5 0.5 25.4 1 ? 19.05 0.25 34 l ? 5 - 0 - 0.025 z = tightening zone tet = theoretical electrical travel aet = actual electrical travel mt = mechanical travel terminals cable 3 alim. (+): green blue 2 wiper: red red 1 alim. (-): yellow white tet = e aet mt wire ? 9 ? 4.5 5.5 11 0.3 34 15 6.1 13 26
series rec 34 l www.vishay.com vishay sfernice revision: 18-sep-12 3 document number: 54019 for technical questions, contact: sferprecisionpot@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 options - dimensions in millimeters, gene ral tolerance 1 mm option 1: sealed (ip65): w03280 model code l 34 l w03280 tet + 83.5 option 2: delivered with clam ps and binder connector 680: w05013 option 3: spring loaded shaft; output by shielded cable: w01744 model code a l 34 l1 w01744 61.4 tet + 119.5 34 l2 w01744 93.6 34 l3 w01744 125.8 34 l4 w01744 158 option 4: double ball joint: w03263 model code b l ? v w x y tet 34 l w03263 l1 to l5 tet + 151.6 tet + 82.8 5 8 18 42 2 25 to 125 l6 to l10 tet + 173.6 tet + 104.8 5 8 18 42 2 150 to 250 l11 to l12 tet + 230 tet + 161.2 5 8 18 42 2 275 to 300 ordering information/description rec 34 l 3 d 103 w... e. series model number of tracks theoretical electrical travel linearity ohmic value modifications lead finish l = 1 track ll = 2 tracks times 25 mm a: 1 % d: 0.1 % e: 0.05 % f: 0.025 % first 2 digits are significant numbers 3 rd digit indicates number of zeros special feature code number sap part numbering guidelines re 34 l 3 d 103 w.... series model tet linearity ohmic value special features l 13 max. ? 13 max. x = tet + 70 34.5 2 11.4 23 ? 6.35 x 0.9 1/4-28 nef-2a 11.1 on flats 6.35 on flats ajustable fixing max. clearance a ? 19.05 10 34.4 ? 3.9 44.8 l a 13 max. ? 13 max. b l y ? v w x 15
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of RE34L3A502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X