Part Number Hot Search : 
4VCXH LA35140 TPC80 75000 LX803DE K2837 SR6A6K12 2SK26
Product Description
Full Text Search
 

To Download PV50K3225 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev date: 08/15/2011 1 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. pv series low & medium voltage plastic encapsulated smd varistor stackpole electronics, inc. resistive product solutions description: the pv series is a line of surface mount plastic-encapsulated varistors designed to protect electronic equipment against high voltage surges in the low and medium voltage region. they offer direct smd equivalents to 5mm and 7mm leaded disc varistors. the thermopl astic encapsulation is non-flammable according to the standard defined by u l94v-0. terminations are tinned copper sheet. pv varistors are designed exclusively fo r surface mounting and are available in two model sizes. these transient volt age suppressors cover operating voltages (vrms) from 11v to 300v and feature maximum surge currents from 100a to 1,200a. features: ? ac operating voltage (vrms) from 11v to 300v ? dc operating voltage (vdc) from 14v to 385v ? insensitive to water cleaning procedures and to humidity according to the climate category 55/125/56 ? +85oc continuous operating temperature ? non-flammable thermoplastic encapsulation case according to standard ul94v-0 ? 2 model sizes available: 3225 and 4032 ? dimensional and weight savings on board ? easily solderable tinned copper terminations ? ul, cac, cedd approved climatic category 55 / 125 / 56 in accordance with iec 60068-1 operating temperature -40oc to +85oc in accordance with cecc 42 000 storage temperature range -40oc to +125oc threshold voltage temperature coefficient 0.05% / oc response time < 5 ns general technical data 3225 4032 11 - 150 1,500 1,000 175 - 300 1,000 1,000 chip size series voltage range (vrms) pv standard packaging options / quantities code tol code description k 10% t tape and reel s special pv 40 3225 4032 low & medium voltage plastic encapsulated smd varistor product series tolerance chip size packaging vrms how to order 12345678910 pv40k3225t
rev date: 08/15/2011 2 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. pv series low & medium voltage plastic encapsulated smd varistor stackpole electronics, inc. resistive product solutions v n i max c typ hlwt @ 1ma 8/20 s @ 1khz 0.3 0.5 0.4 0.3 (volts) (amps) (pf) (mm) (mm) (mm) (mm) pv 11 k 3225 11 14 18 36 2.5 0.6 0.01 100 1,600 1.70 8.0 6.3 3.4 pv 11 k 4032 11 14 18 36 5.0 1.1 0.02 250 3,100 2.30 10.0 8.0 4.7 pv 14 k 3225 14 18 22 43 2.5 0.7 0.01 100 1,300 1.70 8.0 6.3 3.4 pv 14 k 4032 14 18 22 43 5.0 1.3 0.02 250 2,500 2.30 10.0 8.0 4.7 pv 17 k 3225 17 22 27 53 2.5 0.9 0.01 100 1,050 1.70 8.0 6.3 3.4 pv 17 k 4032 17 22 27 53 5.0 1.6 0.02 250 1,900 2.30 10.0 8.0 4.7 pv 20 k 3225 20 26 33 65 2.5 1.1 0.01 100 750 1.70 8.0 6.3 3.4 pv 20 k 4032 20 26 33 65 5.0 2.0 0.02 250 1,500 2.30 10.0 8.0 4.7 pv 25 k 3225 25 31 39 77 2.5 1.2 0.01 100 660 1.70 8.0 6.3 3.4 pv 25 k 4032 25 31 39 77 5.0 2.4 0.02 250 1,260 2.30 10.0 8.0 4.7 pv 30 k 3225 30 38 47 93 2.5 1.5 0.01 100 580 1.70 8.0 6.3 3.4 pv 30 k 4032 30 38 47 93 5.0 2.8 0.02 250 1,050 2.30 10.0 8.0 4.7 pv 35 k 3225 35 45 56 110 2.5 1.8 0.01 100 460 1.70 8.0 6.3 3.4 pv 35 k 4032 35 45 56 110 5.0 3.4 0.02 250 850 2.30 10.0 8.0 4.7 pv 40 k 3225 40 56 68 135 2.5 2.2 0.01 100 400 1.70 8.0 6.3 3.4 pv 40 k 4032 40 56 68 135 5.0 4.1 0.02 250 720 2.30 10.0 8.0 4.7 pv 50 k 3225 50 65 82 135 5.0 2.5 0.10 400 390 1.70 8.0 6.3 3.4 pv 50 k 4032 50 65 82 135 10.0 6.5 0.25 1,200 820 2.30 10.0 8.0 4.7 pv 60 k 3225 60 85 100 165 5.0 3.0 0.10 400 330 1.70 8.0 6.3 3.4 pv 60 k 4032 60 85 100 165 10.0 7.0 0.25 1,200 680 2.30 10.0 8.0 4.7 pv 75 k 3225 75 100 120 200 5.0 4.0 0.10 400 270 1.70 8.0 6.3 3.4 pv 75 k 4032 75 100 120 200 10.0 9.0 0.25 1,200 550 2.30 10.0 8.0 4.7 pv 95 k 3225 95 125 150 250 5.0 6.0 0.10 400 220 1.70 8.0 6.3 3.4 pv 95 k 4032 95 125 150 250 10.0 11.0 0.25 1,200 440 2.30 10.0 8.0 4.7 pv 115 k 3225 115 150 180 300 5.0 6.5 0.10 400 180 1.70 8.0 6.3 3.4 pv 115 k 4032 115 150 180 300 10.0 13.0 0.25 1,200 360 2.30 10.0 8.0 4.7 pv 130 k 3225 130 170 205 340 5.0 7.0 0.10 400 160 1.70 8.0 6.3 3.4 pv 130 k 4032 130 170 205 340 10.0 15.0 0.25 1,200 320 2.30 10.0 8.0 4.7 pv 140 k 3225 140 180 220 360 5.0 7.5 0.10 400 150 1.70 8.0 6.3 3.4 pv 140 k 4032 140 180 220 360 10.0 18.0 0.25 1,200 300 2.30 10.0 8.0 4.7 pv 150 k 3225 150 200 240 395 5.0 9.0 0.10 400 140 1.70 8.0 6.3 3.4 pv 150 k 4032 150 200 240 395 10.0 18.5 0.25 1,200 280 2.30 10.0 8.0 4.7 pv 175 k 3225 175 225 270 455 5.0 9.5 0.10 400 120 2.30 8.0 6.3 4.7 pv 175 k 4032 175 225 270 455 10.0 21.0 0.25 1,200 250 2.30 10.0 8.0 4.7 pv 230 k 3225 230 300 360 595 5.0 10.0 0.10 400 95 2.30 8.0 6.3 4.7 pv 230 k 4032 230 300 360 595 10.0 23.0 0.25 1,200 190 2.30 10.0 8.0 4.7 pv 250 k 3225 250 320 390 650 5.0 11.0 0.10 400 80 2.30 8.0 6.3 4.7 pv 250 k 4032 250 320 390 650 10.0 25.0 0.25 1,200 180 2.30 10.0 8.0 4.7 pv 275 k 3225 275 350 430 710 5.0 13.0 0.10 400 75 2.30 8.0 6.3 4.7 pv 275 k 4032 275 350 430 710 10.0 29.0 0.25 1,200 160 2.30 10.0 8.0 4.7 pv 300 k 3225 300 385 470 775 5.0 15.0 0.10 400 70 2.30 8.0 6.3 4.7 pv 300 k 4032 300 385 470 775 10.0 30.0 0.25 1,200 150 2.30 10.0 8.0 4.7 i c (amps) w max (joules) p max (watts) part number v rms (volts) v dc (volts) v c (volts) device ratings and dimensions


▲Up To Search▲   

 
Price & Availability of PV50K3225

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X