Part Number Hot Search : 
CVCO55B 73833 100CTF SMP92 213LC NJU6435 MAX924 SK21X
Product Description
Full Text Search
 

To Download OMNISMART350HG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  omnismart 330va medical grade tower line-interactive 120v ups with serial port model number: OMNISMART350HG description tripp lite's omni smart 350hg offers medical-grade ups protection with built-in line interactive voltage regulation, intelligent monitoring and unattended shutdown capability. hospital-grade plug & outlets, plus built-in isolation transformer with faraday shield offers full isolation and removes common mode noise equal to 100 microamps. ul 60601-1 listed as medical electrical equipment. 330va power handling capacity supports computers, inter-networking equipment and other critical loads during commercial power failures. line interactive voltage regulation corrects brownouts as low as 83v back to normal 120v levels, saving battery reserves for use only during complete power failures. includes, 2 line phone surge suppression and built-in db-9 communications port that works with poweralert software and cabling to provide automatic unattended shutdown of connected network and pc applications. features ideal ups protection for applications in medical patient-care areas where ul 60601-1 listed electrical medical equipment is required line-interactive voltage regulation corrects brownouts as low as 83v without using battery power hospital-grade plug and outlets offer added degree of safety and reliability to input/output connections full line isolation prevents shock potential and operational problems in sensitive electronic equipment resistant to electrostatic discharge supports loads up to 330va/225 watts 46 minutes half load runtime (with 165va load), 18 minutes full load runtime (with 330va load) 4 protected hospital-grade outlets; 6-ft. cord 1-db9 serial port for network interface complete surge protection, line isolation and emi/rfi noise filtering 2 phone line surge suppression for modems, fax machines and other phone accessories complete remote monitoring cabling included, poweralert ups management software available via free download 4 diagnostic leds indicate ac present, on battery, voltage correction & battery low/replace battery replacement door and back panel grounding lug highlights 330va line interactive tower ups maintains sine-wave 120v nominal output over an input range of 83 to 132v professional features include serial port, hospital grade plug & outlets, built-in isolation transformer and ul60601-1 listing input: hospital-grade nema 5-15p (120v 15a) / output: 4 hospital-grade nema 5-15r (120v) 2 line phone suppression for tel/dsl line protection leakage current less than 100microamps package includes omni smart 350hg hospital grade ups system serial cable for remote monitoring warranty information instruction manual 1 / 5
specifications output output volt amp capacity (va) 330 output watt capacity (watts) 225 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) +/- 5% built-in ups output receptacles 4 5-15r outlet(s) output receptacle details hospital grade output receptacles output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 2.3a nominal input voltage(s) supported 120v ac ups input connection type 5-15p-hg input circuit breaker 3.5a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v phase single-phase battery full load runtime (minutes) 18 min. (225w) half load runtime (minutes) 46 min. (115w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% replacement battery cartridge (internal ups battery replacement) rbc52 (quantity 2) battery access battery access door battery replacement description hot-swappable, user replaceable batteries 2 / 5
voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with input voltage as low as 89 undervoltage correction input voltages between 89 and 107 are boosted by 14% leds alarms & switches led indicators 4 leds indicate line power, battery power, overload and battery low/replace status alarms audible alarm indicates power-failure and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression response time instantaneous ups dataline suppression 2 line tel/dsl emi / rfi ac noise suppression yes isolation output isolation transformer hospital grade load isolation transformer physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups / power module dimensions in primary form factor (height x width x depth / inches) 10.8 x 5.2 x 7.2 ups / power module dimensions in primary form factor (height x width x depth / cm) 27.3 x 13.3 x 18.4 ups / power module weight (lbs) 25 ups / power module weight (kg) 11.4 ups shipping dimensions (height x width x depth / inches) 14 x 8.5 x 11 ups shipping dimensions (height x width x depth / cm) 35.6 x 21.6 x 27.9 shipping weight (lbs) 28 shipping weight (kg) 12.7 ups housing material pvc 3 / 5
environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 48.8 battery mode btu / hr. (full load) 215.8 ac mode efficiency rating (100% load) 94% communications communications interface db9 serial poweralert software free download from www.tripplite.com communications cable db9 serial cable included line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 89 high voltage transfer to battery power (setpoint) 139 special features grounding lug grounding lug cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries certifications ups certifications tested to ul1778 (usa); tested to csa (canada); meets fcc part 15 category b (emi); tested to ul60601-1 (medical grade) warranty product warranty period (worldwide) 2-year limited warranty related items optional products model number description qty. dcatv network surge suppressor - essential protection for tv/vcr coaxial lines 1 4 / 5
dnet1 network surge suppressor - essential protection for data and communication lines 1 dtel2 network surge suppressor - essential protection for data and communication lines 1 upswm wallmount bracket and installation accessories (4 washers, 4 screws, 1 velcro safety strap) 1 wext3-omni 3-year extended warranty - for omnismart, omnipro, omnivs 1 wext5-omni 5-year extended warranty - for omnismart, omnipro, omnivs 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/OMNISMART350HG . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? OMNISMART350HG


▲Up To Search▲   

 
Price & Availability of OMNISMART350HG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X