Part Number Hot Search : 
08226 FP1100A UPC2745 P6KE24 1001S OP184 MAX500 OPI2630
Product Description
Full Text Search
 

To Download NPT2021-DC-2P2GHZ-50W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 npt2021 advanced rev. 0.b, may 2013 advanced datasheet g a ll i u m n i tr i d e 4 8 v , 50 w , dc - 2.2 ghz hemt built using the sigantic ? process - a proprietary gan - on - silicon technology dc - 2.2 ghz 50w gan hemt s ym b ol p a r am e t e r min t y p m a x u n i t s g ss sm al l - sig nal g ain - 17 - db p sat s a t u r a t e d o u tp ut p o w e r - 47.5 - d bm ? sat efficiency at s a t u r a t e d o u tp ut p o w e r - 60 - % g p g ain at p out = 50w - 15 - db ? drain e f f i c ie n c y at p out = 50w - 55 - % v ds drain voltage - 48 - v ? ruggedness: output mismatch, all phase angles vswr = tbd:1, no device damage rf s p ec i fi c a t ion s ( c w , 2.15 gh z ) : v ds = 4 8 v , i d q = 300 m a , t c = 2 5 c product description the npt2021 gan hemt is a wideband transistor optimized for dc - 2.2 ghz operation. this device has been designed for cw, pulsed, and linear operation with output power levels to 50w (47 dbm) in an industry standard plastic package with a bolt down flange. f eatures ? suitable for linear and saturated applications ? tunable f r o m dc - 2.2 g hz ? 48v operation ? industry standard package ? high drain efficiency (>60%) applications ? defense communications ? land mobile radio ? avionics ? wireless infrastructure ? ism applications ? vhf/uhf/l - band radar
page 2 npt2021 advanced rev. 0.b, may 2013 advanced datasheet s ym b ol p a r am e t e r min t y p m a x u n i t s off characteristics i dlk drain - source leakage current (v gs = - 8v, v ds =160v) - - 12 ma i glk gate - source leakage current (v gs = - 8v, v ds =0v) - - 6 ma on characteristics v t gate threshold voltage (v ds =48v, i d =12ma) - 2.5 - 1.5 - 0.5 v v gsq gate quiescent voltage (v ds =48v, i d =300ma) - 2.1 - 1.2 - 0.3 v r on on resistance (v ds =2v, i d =90ma) - 0.4 - ? i d, max maximum drain current (v ds =7v pulsed, 300s pulse width, 0.2% duty cycle) - 7 - a dc s p ec i fi c a t ion s : t c = 2 5 c thermal resistance specification: symbol parameter t yp units r ? jc the r m al r esi s t an c e ( j un c tio n - t o - case ) , t j = 20 0 c 1.9 c / w ab s ol ut e m a xi m u m r a t in g s : n ot s imul t a neo us, t c = 2 5 c un le s s o the r wis e n o t e d symbol parameter max units v ds d r ai n - so u r c e v o l t a g e 1 6 0 v v g s g a t e - so u r c e v o l t ag e - 1 0 to 3 v i g g a t e cu r re n t 24 ma p t t o t a l d e vi c e p o w e r d i s s ipa tio n ( d er a t e d a b ov e 2 5 c ) 105 w t s tg s t or a g e t emper a t u r e r a ng e - 6 5 to 1 5 0 c t j o per a t i n g j un c tio n t emper a t u r e 2 2 5 c hbm human body model esd rating (per jesd22 - a114) tbd msl moisture sensitivity level (per ipc/jedec j - std - 020) tbd junction temperature (t j ) measured using ir microscopy, case temperature (t c ) measured using a thermocouple embedded in heatsink.
page 3 npt2021 advanced rev. 0.b, may 2013 advanced datasheet f igur e 19 - to272 - 2 bolt - down plastic package dimensions (all dimensions in inches [millimeters]) function gate rf input drain rf output (cut lead) source ground (flange)
page 4 npt2021 advanced rev. 0.b, may 2013 advanced datasheet n i t r o n e x, llc 2 30 5 p reside n tia l d r i ve d u r h am, n c 2 7 7 0 3 us a + 1 . 9 1 9 . 8 0 7 . 9 1 0 0 ( t elephon e ) + 1 . 9 1 9 . 8 0 7 .92 0 0 ( f a x ) inf o @ ni t ron e x . c o m ww w .ni t ron e x . c om a d d i t iona l i n f o r ma t io n t h i s pa r t i s l ea d - f r e e an d i s c o m p l ian t wi t h th e r o h s dire ct i v e ( r e s tr i ct ion s o n th e use o f ce r t ai n h a z a r d o u s s u b s t an ce s i n e l e ctr i c a l an d e l e ct r oni c e q u i pm en t ). i m po r t an t no t i c e n i t ron e x, llc rese r v e s th e r ig h t to m a k e c o r re c tio ns, m o d i f i c a tio ns, e nhan c eme n t s, i mpr ov eme n t s a n d o the r c h a nge s to i t s pr o du ct s a n d se r vi c e s at a n y t i m e a n d to d is c o n t in u e a n y pr o du c t o r se r vi c e w i tho ut n o ti c e . cust ome r s s ho u l d o b t ain t h e la t e st rel ev a n t inf o r m a tio n b e f or e p la c i n g orde r s a n d s ho u l d v e r i f y t hat su c h inf o r m a tio n i s c u r re n t a n d c ompl et e . a ll pr o du ct s a r e sol d su bje c t to n i tron e x t e r m s a n d c on di tio ns of s a l e su pp l ie d at th e t i m e of orde r a ck n o w ledgme n t . th e la t e st inf o r m a t i o n f ro m n i tron e x c an b e f o u n d e i the r b y c a lli n g n i tron e x at 1 - 9 1 9 - 8 0 7 - 9 1 0 0 o r vis i t i n g o ur w ebs i t e at ww w .ni t ron e x . c o m. n i t ron e x w a r r a n t s pe r f o r m an c e of i t s pa c k age d semi c on du c t o r o r d i e to th e s pe c i f i c a tio ns a pp l i c a bl e at th e t i m e of sal e in a c c or dan c e w i t h n i tron e x s t a n da r d w a r r a n t y . t e s t i n g a n d o the r quali t y c o n tro l t e c hn i q ue s a r e u se d to th e e x t e n t n i t ron e x deem s ne c e s s a r y to su p- po r t th e w a r r a n t y . e x c e p t wher e m a n da t e d b y g ov e r n me n t re qu ireme n t s, t e s t i n g of all pa r a m et e r s of e a c h pr o du c t i s n ot ne c e s sa r i ly pe r f o r me d . n i t ron e x a s su me s n o l i a bi li t y f o r a pp l i c a tio ns a s si s t an c e o r c ust ome r pr o du c t desig n . cust ome r s a r e re s po n s i bl e f o r t hei r pr o du c t a n d a pp l i c a tio ns u s i n g n i tron e x semi c on du c t o r pr o du ct s o r se r vi c e s. t o m ini m i z e th e r i s k s a s so c i a t e d w i t h c ust ome r pr o du ct s a n d a pp l i c a- tio ns, c ust ome r s s ho u l d pr o vid e a de qua t e desig n a n d oper a t i n g s af eg u ar ds. n i t ron e x d o e s n ot w a r r a n t o r represe n t t hat a n y l i c e n s e , e i the r e xpre s s o r i mp l ie d , i s gr a nt e d u nde r a n y n i tron e x pa t e n t r ig h t , c o p y r ig h t , m ask w o r k r ig h t , o r o the r n i tron e x i nt e l le c tual prope r t y r ig h t re la t i n g to a n y c omb ina tio n , m a c hi n e o r pr o c e s s in w h i c h n i t ron e x pr o du ct s o r se r vi c e s a r e u se d . r epr o du c t i o n of inf o r m a tio n in n i tron e x da t a s he e t s i s pe r m i t t e d i f a n d o nly i f s a i d repr o du c tio n doe s n ot al t e r a n y of th e inf o r m a t i o n a n d i s a c c om pan ie d b y all a s s o c i a t e d w a r r a n tie s, c on di tio ns, li m i t a tio ns a n d n o ti c e s. a n y al t er a tio n of th e c o n t ai ne d inf o r m a tio n i nv al i da t e s all w a r r a n tie s a n d n i tron e x i s n ot re s po n s i bl e o r l i a bl e f o r a n y su c h s t a t eme n t s. n i t ron e x pr o du ct s a r e n ot i nt ende d o r au tho r i z e d f o r u s e in l i fe su ppo r t s ys t em s, in c l u di n g but n ot li m i t e d to su r g i c al i mp la n t s i n to t h e b o dy o r a n y o the r a pp l i c a tio n i nt ende d to su ppo r t o r sus t ain l i f e . sho u l d b u y e r p u r c ha s e o r u s e n i t ron e x, llc pr o du ct s f o r a n y su c h uni nt ende d o r unau tho r i z e d a pp l i c a tio n , b u y e r sh a ll i ndem n i f y a n d hol d n i tron e x, llc, i t s o f f i c e r s, empl oy ee s, su bsi d i a r ie s, a f f i l i a t e s, d i s t r ibut o r s, a n d i t s su cc e s so r s h a r mle s s a g ainst all c lai m s, c o s t s, da m a ge s, a n d e xpe n se s, a n d re a so na bl e a t t o r n e y f ee s a r is i n g o ut o f , d ire ct ly o r i n d ire ct l y , a n y c laim of pe r so nal inju r y o r de a t h a s so c i a t e d w i t h su c h uni nt ende d o r unau tho r i z e d u s e , n o t w i t hs t a n di n g i f su c h c laim al lege s t hat n i t ron e x w as neg l ige n t reg a r di n g th e desig n o r m an uf a c tu r e of s a i d pr o du ct s. n i t ron e x a n d t h e n i tron e x l o g o a r e re g i s t ere d tr a dema r k s of n i tron e x, llc . a ll o t he r pr o du c t o r se r vi c e na me s a r e th e prope r t y of thei r re s pe c ti v e o wne r s. ? n i t ron e x, llc 2 0 13 a ll r ig h t s rese r v e d .


▲Up To Search▲   

 
Price & Availability of NPT2021-DC-2P2GHZ-50W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X