Part Number Hot Search : 
2N6847 C4064 SKY77 A8421KL PA12M C1741A A8421KL 1N538
Product Description
Full Text Search
 

To Download NPT2018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 NPT2018 preliminary preliminary datasheet nds - 042 rev. 2, 020314 g a ll i u m n i tr i d e 4 8 v , 12.5 w , dc - 6 ghz hemt built using the sigantic ? process - a proprietary gan - on - silicon technology dc - 6 ghz 12.5w gan hemt s ym b ol p a r am e t e r min t y p m a x u n i t s g ss sm al l - sig nal g ain - 17.5 - db p sat s a t u r a t e d o u tp ut p o w e r - 41.8 - d bm ? sat efficiency at s a t u r a t e d o u tp ut p o w e r - 60 - % g p g ain at p out = 12.5w - 16.5 - db ? drain e f f i c ie n c y at p out = 12.5w - 55 - % v ds drain voltage - 48 - v ? ruggedness: output mismatch, all phase angles vswr = 10:1, no device damage rf s p ec i fi c a t ion s ( c w , 2.5 gh z ) : v ds = 4 8 v , i d q = 75 m a , t c = 2 5 c product description the NPT2018 gan hemt is a wideband transistor optimized for dc - 6 ghz operation. this device has been designed for cw, pulsed, and linear operation with output power levels to 12.5w (41 dbm) in an industry standard surface mount plastic package. f eatures ? suitable for linear and saturated applications ? tunable f r o m dc - 6 g hz ? 48v operation ? industry standard plastic package ? high drain efficiency (>60%) applications ? defense communications ? land mobile radio ? avionics ? wireless infrastructure ? ism applications ? vhf/uhf/l/s - band radar
page 2 NPT2018 preliminary preliminary datasheet nds - 042 rev. 2, 020314 s ym b ol p a r am e t e r min t y p m a x u n i t s off characteristics i dlk drain - source leakage current (v gs = - 8v, v ds =160v) - - 3 ma i glk gate - source leakage current (v gs = - 8v, v ds =0v) - - 1.5 ma on characteristics v t gate threshold voltage (v ds =48v, i d =3ma) - 2.5 - 1.5 - 0.5 v v gsq gate quiescent voltage (v ds =48v, i d =75ma) - 2.1 - 1.2 - 0.3 v r on on resistance (v ds =2v, i d =22ma) - 1.6 - ? i d, max maximum drain current (v ds =7v pulsed, 300s pulse width, 0.2% duty cycle) - 1.75 - a dc s p ec i fi c a t ion s : t c = 2 5 c thermal resistance specification: symbol parameter t yp units r ? jc the r m al r esi s t an c e ( j un c tio n - t o - case ) , t j = 20 0 c 6.5 c / w ab s ol ut e m a xi m u m r a t in g s : n ot s imul t a neo us, t c = 2 5 c un le s s o the r wis e n o t e d symbol parameter max units v ds d r ai n - so u r c e v o l t a g e 1 6 0 v v g s g a t e - so u r c e v o l t ag e - 1 0 to 3 v i g g a t e cu r re n t 6 ma p t t o t a l d e vi c e p o w e r d i s s ipa tio n ( d er a t e d a b ov e 2 5 c ) 26.9 w t s tg s t or a g e t emper a t u r e r a ng e - 6 5 to 1 5 0 c t j o per a t i n g j un c tio n t emper a t u r e 2 00 c hbm human body model esd rating (per jesd22 - a114) class 1a msl moisture sensitivity level (per ipc/jedec j - std - 020) tbd junction temperature (t j ) measured using ir microscopy, case temperature (t c ) measured using a thermocouple embedded in heatsink.
page 3 NPT2018 preliminary preliminary datasheet nds - 042 rev. 2, 020314 frequency (mhz) z s ( ? z l ( ? p sat (w) g ss (db) drain efficiency @ p sat (%) 900 8.8 + j10.3 31 + j36 17 25.0 64 2500 4.1 - j2.9 12.5 + j18 16 18.0 59 4000 4.5 - j9.5 7.5 + j9.4 14 15.0 51 5800 5.3 - j21.5 5.0 - j1.6 12 13.5 45 optimum source and load impedances: (cw drain efficiency and output power tradeoff impedance) figure 1: cw power/drain efficiency tradeoff impedances, z o =50 ? load - pull data, reference plane at device leads v ds =48v, i dq =75ma, t c =25 ? c unless otherwise noted figure 2: gain vs. p out figure 3: efficiency vs. p out 5 10 15 20 25 30 20 25 30 35 40 45 900mhz 2500mhz 4000mhz 5800mhz gain (db) p out (dbm) 0 10 20 30 40 50 60 70 20 25 30 35 40 45 900mhz 2500mhz 4000mhz 5800mhz drain efficiency (%) p out (dbm)
page 4 NPT2018 preliminary preliminary datasheet nds - 042 rev. 2, 020314 f igur e 4 - dfn3x6 - 14 plastic package dimensions (all dimensions in inches [millimeters]) * all no connect pins may be left floating or grounded function pin gate rf input 10, 11, 12 drain rf output 3, 4, 5 source ground exposed pad 1, 2, 6 - 9, 13, 14 no connect*
page 5 NPT2018 preliminary preliminary datasheet nds - 042 rev. 2, 020314 n i t r o n e x, llc 523 davis drive, suite 500 morrisville, n c 2 7 560 us a + 1 . 9 1 9 . 8 0 7 . 9 1 0 0 ( t elephon e ) + 1 . 9 1 9 . 4 7 2 .0692 ( f a x ) inf o @ ni t ron e x . c o m ww w .ni t ron e x . c om a d d i t iona l i n f o r ma t io n t h i s pa r t i s l ea d - f r e e an d i s c o m p l ian t wi t h th e r o h s dire ct i v e ( r e s tr i ct ion s o n th e use o f ce r t ai n h a z a r d o u s s u b s t an ce s i n e l e ctr i c a l an d e l e ct r oni c e q u i pm en t ). i m po r t an t no t i c e n i t ron e x, llc rese r v e s th e r ig h t to m a k e c o r re c tio ns, m o d i f i c a tio ns, e nhan c eme n t s, i mpr ov eme n t s a n d o the r c h a nge s to i t s pr o du ct s a n d se r vi c e s at a n y t i m e a n d to d is c o n t in u e a n y pr o du c t o r se r vi c e w i tho ut n o ti c e . cust ome r s s ho u l d o b t ain t h e la t e st rel ev a n t inf o r m a tio n b e f or e p la c i n g orde r s a n d s ho u l d v e r i f y t hat su c h inf o r m a tio n i s c u r re n t a n d c ompl et e . a ll pr o du ct s a r e sol d su bje c t to n i tron e x t e r m s a n d c on di tio ns of s a l e su pp l ie d at th e t i m e of orde r a ck n o w ledgme n t . th e la t e st inf o r m a t i o n f ro m n i tron e x c an b e f o u n d e i the r b y c a lli n g n i tron e x at 1 - 9 1 9 - 8 0 7 - 9 1 0 0 o r vis i t i n g o ur w ebs i t e at ww w .ni t ron e x . c o m. n i t ron e x w a r r a n t s pe r f o r m an c e of i t s pa c k age d semi c on du c t o r o r d i e to th e s pe c i f i c a tio ns a pp l i c a bl e at th e t i m e of sal e in a c c or dan c e w i t h n i tron e x s t a n da r d w a r r a n t y . t e s t i n g a n d o the r quali t y c o n tro l t e c hn i q ue s a r e u se d to th e e x t e n t n i t ron e x deem s ne c e s s a r y to su p- po r t th e w a r r a n t y . e x c e p t wher e m a n da t e d b y g ov e r n me n t re qu ireme n t s, t e s t i n g of all pa r a m et e r s of e a c h pr o du c t i s n ot ne c e s sa r i ly pe r f o r me d . n i t ron e x a s su me s n o l i a bi li t y f o r a pp l i c a tio ns a s si s t an c e o r c ust ome r pr o du c t desig n . cust ome r s a r e re s po n s i bl e f o r t hei r pr o du c t a n d a pp l i c a tio ns u s i n g n i tron e x semi c on du c t o r pr o du ct s o r se r vi c e s. t o m ini m i z e th e r i s k s a s so c i a t e d w i t h c ust ome r pr o du ct s a n d a pp l i c a- tio ns, c ust ome r s s ho u l d pr o vid e a de qua t e desig n a n d oper a t i n g s af eg u ar ds. n i t ron e x d o e s n ot w a r r a n t o r represe n t t hat a n y l i c e n s e , e i the r e xpre s s o r i mp l ie d , i s gr a nt e d u nde r a n y n i tron e x pa t e n t r ig h t , c o p y r ig h t , m ask w o r k r ig h t , o r o the r n i tron e x i nt e l le c tual prope r t y r ig h t re la t i n g to a n y c omb ina tio n , m a c hi n e o r pr o c e s s in w h i c h n i t ron e x pr o du ct s o r se r vi c e s a r e u se d . r epr o du c t i o n of inf o r m a tio n in n i tron e x da t a s he e t s i s pe r m i t t e d i f a n d o nly i f s a i d repr o du c tio n doe s n ot al t e r a n y of th e inf o r m a t i o n a n d i s a c c om pan ie d b y all a s s o c i a t e d w a r r a n tie s, c on di tio ns, li m i t a tio ns a n d n o ti c e s. a n y al t er a tio n of th e c o n t ai ne d inf o r m a tio n i nv al i da t e s all w a r r a n tie s a n d n i tron e x i s n ot re s po n s i bl e o r l i a bl e f o r a n y su c h s t a t eme n t s. n i t ron e x pr o du ct s a r e n ot i nt ende d o r au tho r i z e d f o r u s e in l i fe su ppo r t s ys t em s, in c l u di n g but n ot li m i t e d to su r g i c al i mp la n t s i n to t h e b o dy o r a n y o the r a pp l i c a tio n i nt ende d to su ppo r t o r sus t ain l i f e . sho u l d b u y e r p u r c ha s e o r u s e n i t ron e x, llc pr o du ct s f o r a n y su c h uni nt ende d o r unau tho r i z e d a pp l i c a tio n , b u y e r sh a ll i ndem n i f y a n d hol d n i tron e x, llc, i t s o f f i c e r s, empl oy ee s, su bsi d i a r ie s, a f f i l i a t e s, d i s t r ibut o r s, a n d i t s su cc e s so r s h a r mle s s a g ainst all c lai m s, c o s t s, da m a ge s, a n d e xpe n se s, a n d re a so na bl e a t t o r n e y f ee s a r is i n g o ut o f , d ire ct ly o r i n d ire ct l y , a n y c laim of pe r so nal inju r y o r de a t h a s so c i a t e d w i t h su c h uni nt ende d o r unau tho r i z e d u s e , n o t w i t hs t a n di n g i f su c h c laim al lege s t hat n i t ron e x w as neg l ige n t reg a r di n g th e desig n o r m an uf a c tu r e of s a i d pr o du ct s. n i t ron e x a n d t h e n i tron e x l o g o a r e re g i s t ere d tr a dema r k s of n i tron e x, llc . a ll o t he r pr o du c t o r se r vi c e na me s a r e th e prope r t y of thei r re s pe c ti v e o wne r s. ? n i t ron e x, llc 2 0 14 a ll r ig h t s rese r v e d .


▲Up To Search▲   

 
Price & Availability of NPT2018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X