Part Number Hot Search : 
AKD4631 20022HS NCP699S XXXCA XXXCA SK3842 J16BB1 LN429YPH
Product Description
Full Text Search
 

To Download NLX2G86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2009 april, 2009 ? rev. 0 1 publication order number: NLX2G86/d NLX2G86 dual 2-input exclusive-or gate the NLX2G86 is a high performance dual 2 ? input exclusive ? or gate operating from a 1.65 v to 5.5 v supply. features ? extremely high speed: t pd 2.4 ns (typical) at v cc = 5.0 v ? designed for 1.65 v to 5.5 v v cc operation ? over voltage tolerant inputs and outputs ? lvttl compatible ? interface capability with 5.0 v ttl logic with v cc = 3.0 v ? lvcmos compatible ? 24 ma balanced output sink and source capability ? near zero static supply current substantially reduces system power requirements ? replacement for nc7wz86 ? this is a pb ? free device a2 y2 figure 1. pinout (top view) figure 2. logic symbol = 1 y1 a1 b2 b1 input function table b l h l h output y = a + b y l h h l a l l h h a1 1 v cc b1 gnd 23 8 76 4 5 y2 y1 b2 a2 pin assignment pin 1 2 3 4 5 6 7 8 function y1 b2 a2 gnd y2 b1 a1 v cc see detailed ordering and shipping information in the package dimensions section on p age 4 of this data sheet. ordering information marking diagram http://onsemi.com uqfn8 mu suffix case 523an ac = device code m = date code*  = pb ? free package (note: microdot may be in either location) 1 8 ac m   1 www.datasheet.in
NLX2G86 http://onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage  0.5 to  7.0 v v i dc input voltage  0.5 to  7.0 v v o dc output voltage  0.5 to  7.0 v i ik dc input diode current v i < gnd  50 ma i ok dc output diode current v o < gnd  50 ma i o dc output sink current  50 ma i cc dc supply current per supply pin  100 ma i gnd dc ground current per ground pin  100 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds 260  c t j junction temperature under bias  150  c  ja thermal resistance (note 1) tbd  c/w p d power dissipation in still air at 85  c tbd mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 28 to 34 ul 94 v ? 0 @ 0.125 in v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4) > 2000 > 200 n/a v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. measured with minimum pad spacing on an fr4 board, using 10 mm ? by ? 1 inch, 2 ounce copper trace with no air flow. 2. tested to eia/jesd22 ? a114 ? a. 3. tested to eia/jesd22 ? a115 ? a. 4. tested to jesd22 ? c101 ? a. recommended operating conditions symbol parameter min max unit v cc supply voltage operating data retention only 1.65 1.5 5.5 5.5 v v i input voltage (note 5) 0 5.5 v v o output voltage (high or low state) 0 5.5 v t a operating free ? air temperature  40  125  c  t/  v input transition rise or fall rate v cc = 1.8 v  0.15 v v cc = 2.5 v  0.2 v v cc = 3.0 v  0.3 v v cc = 5.0 v  0.5 v 0 0 0 0 20 20 10 5 ns/v 5. unused inputs may not be left open. all inputs must be tied to a high ? or low ? logic input voltage level. www.datasheet.in
NLX2G86 http://onsemi.com 3 dc electrical characteristics symbol parameter v cc (v) t a = 25  c  40  c  t a  85  c unit condition min typ max min max v ih high ? level input voltage 1.65 to 1.95 2.3 to 5.5 0.75 v cc 0.7 v cc 0.75 v cc 0.7 v cc v v il low ? level input voltage 1.65 to 1.95 2.3 to 5.5 0.25 v cc 0.3 v cc 0.25 v cc 0.3 v cc v v oh high ? level output voltage v in = v ih 1.65 1.8 2.3 3.0 4.5 1.55 1.7 2.2 2.9 4.4 1.65 1.8 2.3 3.0 4.5 1.55 1.7 2.2 2.9 4.4 v i oh = ? 100  a 1.65 2.3 3.0 3.0 4.5 1.29 1.9 2.4 2.3 3.8 1.52 2.15 2.80 2.68 4.20 1.29 1.9 2.4 2.3 3.8 v i oh = ? 4 ma i oh = ? 8 ma i oh = ? 16 ma i oh = ? 24 ma i oh = ? 32 ma v ol low ? level output voltage v in = v il 1.65 1.8 2.3 3.0 4.5 0.0 0.0 0.0 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v i ol = 100  a 1.65 2.3 3.0 3.0 4.5 0.08 0.10 0.15 0.22 0.22 0.24 0.30 0.40 0.55 0.55 0.24 0.30 0.40 0.55 0.55 v i ol = 4 ma i ol = 8 ma i ol = 16 ma i ol = 24 ma i ol = 32 ma i in input leakage current 0 to 5.5  1.0  1.0  a 0 v  v in  5.5 v i off power off leakage current 0.0 1.0 10  a v in or v out = 5.5 v i cc quiescent supply current 1.65 to 5.5 1.0 10  a v in = 5.5 v, gnd ac electrical characteristics t r = t f = 3.0 ns v cc t a = 25  c  40  c  t a  125  c symbol parameter condition (v) min typ max min max unit t plh t phl propagation delay (figure 3 and 4) r l = 1 m  c l = 15 pf 1.8  0.15 2.0 7.9 9.0 2.0 10.5 ns r l = 1 m  c l = 15 pf 2.5  0.2 1.2 4.1 7.0 1.2 7.5 r l = 1 m  c l = 15 pf 3.3  0.3 0.8 3.0 4.8 0.8 5.2 r l = 500  c l = 50 pf 1.2 3.8 5.4 1.2 5.9 r l = 1 m  c l = 15 pf 5.0  0.5 0.5 2.2 3.5 0.5 3.8 r l = 500  c l = 50 pf 0.8 2.9 4.2 1.0 4.6 capacitive characteristics symbol parameter condition typical unit c in input capacitance v cc = 5.5 v, v i = 0 v or v cc 2.5 pf c pd power dissipation capacitance (note 6) 10 mhz, v cc = 3.3 v, v i = 0 v or v cc 9 pf 10 mhz, v cc = 5.5 v, v i = 0 v or v cc 11 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the no ? load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . www.datasheet.in
NLX2G86 http://onsemi.com 4 figure 3. switching waveform input r l c l a 1 ? mhz square input wave is recommended for propagation delay tests. figure 4. test circuit t f = 3 ns v cc gnd v oh v ol 90% 50% 10% 50% t plh t phl output y input a and b t f = 3 ns 90% 50% 10% 50% output v cc or gnd device ordering information device order number package type tape and reel size ? NLX2G86mutcg uqfn8 (pb ? free) 3000 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. www.datasheet.in
NLX2G86 http://onsemi.com 5 package dimensions uqfn8 mu suffix case 523an ? 01 issue o a b e d bottom view b e 8x 0.10 b 0.05 a c c note 3 2x 0.10 c pin one reference top view 2x 0.10 c a a1 (a3) 0.05 c 0.05 c c seating plane side view l 8x 1 3 5 8 dim min max millimeters a 0.45 0.60 a1 0.00 0.05 a3 0.13 ref b 0.15 0.25 d 1.60 bsc l1 ??? 0.15 e 1.60 bsc e 0.50 bsc l 0.35 0.45 l1 detail a ??? ??? *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* pitch 0.35 7x dimensions: millimeters 1 7 l3 0.25 1.70 1.70 0.50 l3 0.25 0.35 l3 (0.10) (0.15) 8x 0.53 8x 0.53 8x on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?t ypicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license un der its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended f or surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in a ny manner. NLX2G86/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative www.datasheet.in


▲Up To Search▲   

 
Price & Availability of NLX2G86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X