Part Number Hot Search : 
BU806FI SS2003M BU806FI GOG96017 N74LS25 EM9765P 5KP24A MHW92
Product Description
Full Text Search
 

To Download NIN-SC680KTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 ? eia sizes a (1210), b (1812) and c (1008) ? excellent high q and high srf characteristics ? both flow and reflow soldering applicable ? high inductance available in small size ? shielded type available on size a (1210) and c (1008) ? embossed plastic tape package for automatic pick-place molded chip wirewound inductors nin series available type and range specifications environmental characteristics specifications case size 1008 1210 1812 inductance range 10nh ~ 100 m h 47nh ~ 270 m h0.10 m h ~ 1000 m h inductance tolerance 20% (m), 10% (k), 5% (j) 10% (k), 5% (j) operating temperature range -40c ~ +85c insulation resistance 1,000 megohm min. (@ 100vdc, termination to case) withstanding voltage 250 vdc for 1 minute (termination to case) q-factor, self resonant frequency dc resistance, rated dc current and inductance tolerance see individual product listings eia size size code size (l x w x h mm) nic type inductance range style page 1008 c 2.5 x 2.0 x 1.6 nin-fc 0.22 ~ 100 m h standard 188 nin-sc 27 ~ 100 m h shielded 190 nin-nc 10nh ~ 0.82 m h high frequency 189 nin-pc 1.0 ~ 33 m h high current 190 1210 a 3.2 x 2.5 x 2.2 nin-fa 0.22 ~ 220 m h standard 191 nin-sa 10 ~ 270 m h shielded 193 nin-na 47nh ~ 8.2 m h high frequency 192 nin-pa 1.0 ~ 330 m h high current 193 1812 b 4.5 x 3.2 x 3.2 nin-fb 0.10 ~ 1000 m h standard 186,187 features te s t specification test method & condition solderability 90% min. coverage after 3 sec. dip in +230 o c solder pot (post flux) humidity (1) no evidence of damage (2) inductance shall be within + 5% of initial value (3) q factor shall be within + 10 of initial value after 500 hrs at 60 o c and 90 ~ 95% rh soldering effect after 5 seconds at -260 o c (5 min. 120 o c pre-heat) low frequency vibration after 2 hrs per axis, 10 ~ 55hz, 1.5 mm ampl thermal shock after 100 cycles (-40 o to +85 o c) 30 min. each low temperature storage after 500 hrs at -40 o c high temperature load life (1) no evidence of damage (2) inductance shall be within 10% of initial value after 500 hrs at +85 o c with rated dc current humidity load life (3) q factor shall be within 10% of initial value after 500 hrs at 60 o c with 90 ~ 95% rh with rated dc current
? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series dimensions (mm) size b m tr inductance tolerance code: m = 20%, k = 10%, j = 5% packaging: tr = tape & reel part numbering system r47 rated inductance in m h (3 digits, first 2 numbers are significant, r stands for decimal point) nin-fa series-type applicable guidelines: 1. recommended soldering conditions : flow (wave): 250 o c for 5 seconds max. following a preheating of 120 o c for 5 minutes. reflow: 230 o c for 10 seconds max. (preheating is also recommended) 2. it is recommended to use nin inductors below 70% of the specified dc current when it shall be operated at or near the maximum operating temperature. 3. avoid placing inductor over any metal pattern on the pcb, which may create mutual inductance problems. 4. for mounting, it is suggested to secure chip inductor by means of epoxy adhesive curable by ultraviolet. 5. ultrasonic cleaning is not recommended. if it is necessary, the cleaning conditions must be examined so as not to create mech anical damage by unexpected resonant vibration. please contact our engineering department. 6. an excessive mechanical force may effect the electrical and magnetic properties of chip inductors. make sure not to use any s tress greater than 2kg when component is placed. size a and c part marking (1) 3 digits system in m h (2) r indicates decimal point in m h ex:2r7 = 2.7 m h ex:r18 = .18 m h = 180nh (3) n indicates nanohenries (0.001 m h), ex: 10n = 0.01 m h = 10nh marking l w a b h b h marking l w a ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? eia size size code dim. l dim. w dim. h dim. a dim. b 1008 c +0.3 2.5 -0.2 2.0 0.2 1.6 0.2 1.2 0.1 0.4 0.2 1210 a 3.2 0.3 2.5 0.2 2.2 0.2 1.9 0.1 0.6 0.2 1812 b 4.5 0.3 3.2 0.2 3.2 0.2 1.9 0.3 0.8 0.3 inductance tolerance marking for tolerance example 20% m 2r2m 10% no identification 470 5% j 270j
surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series nin-fb b-size (1812) standard values nic p/n 'l' inductance (uh) tolerance 'q' factor (min.) l & q te s t freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-fbr10xtr 0.10 20% (m) 10% (k) 28 25.2 mhz 700 0.44 450 nin-fbr12xtr 0.12 20% (m) 10% (k) 30 25.2 mhz 500 0.22 450 nin-fbr15xtr 0.15 20% (m) 10% (k) 30 25.2 mhz 450 0.25 450 nin-fbr18xtr 0.18 20% (m) 10% (k) 30 25.2 mhz 400 0.28 450 nin-fbr22xtr 0.22 20% (m) 10% (k) 30 25.2 mhz 350 0.32 450 nin-fbr27xtr 0.27 20% (m) 10% (k) 30 25.2 mhz 320 0.36 450 nin-fbr33xtr 0.33 20% (m) 10% (k) 30 25.2 mhz 300 0.40 450 nin-fbr39xtr 0.39 20% (m) 10% (k) 30 25.2 mhz 250 0.45 450 nin-fbr47xtr 0.47 20% (m) 10% (k) 30 25.2 mhz 220 0.50 450 nin-fbr56xtr 0.56 20% (m) 10% (k) 30 25.2 mhz 180 0.55 450 nin-fbr68xtr 0.68 20% (m) 10% (k) 30 25.2 mhz 160 0.60 450 nin-fbr82xtr 0.82 20% (m) 10% (k) 30 25.2 mhz 140 0.67 450 nin-fb1r0xtr 1.0 20% (m) 10% (k) 50 7.96 mhz 100 0.50 450 nin-fb1r2xtr 1.2 20% (m) 10% (k) 50 7.96 mhz 80 0.55 430 nin-fb1r5xtr 1.5 20% (m) 10% (k) 50 7.96 mhz 70 0.60 410 nin-fb1r8xtr 1.8 20% (m) 10% (k) 50 7.96 mhz 60 0.65 390 nin-fb2r2xtr 2.2 20% (m) 10% (k) 50 7.96 mhz 55 0.70 380 nin-fb2r7xtr 2.7 20% (m) 10% (k) 50 7.96 mhz 50 0.75 370 nin-fb3r3xtr 3.3 20% (m) 10% (k) 50 7.96 mhz 45 0.80 355 nin-fb3r9xtr 3.9 20% (m) 10% (k) 50 7.96 mhz 40 0.90 330 nin-fb4r7xtr 4.7 20% (m) 10% (k) 50 7.96 mhz 35 1.0 315 nin-fb5r6xtr 5.6 20% (m) 10% (k) 50 7.96 mhz 33 1.1 300 nin-fb6r8xtr 6.8 10% (k) 5% (j) 50 7.96 mhz 27 1.2 285 nin-fb8r2xtr 8.2 10% (k) 5% (j) 50 7.96 mhz 25 1.4 270
? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series nic p/n 'l' inductance ( m h) tolerancce 'q' factor (min.) l & q test freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-fb100xtr 10 10% (k) 5% (j) 50 2.52 mhz 20 1.6 250 nin-fb120xtr 12 10% (k) 5% (j) 50 2.52 mhz 18 2.0 225 nin-fb150xtr 15 10% (k) 5% (j) 50 2.52 mhz 17 2.5 200 nin-fb180xtr 18 10% (k) 5% (j) 50 2.52 mhz 15 2.8 190 nin-fb220xtr 22 10% (k) 5% (j) 50 2.52 mhz 13 3.2 180 nin-fb270xtr 27 10% (k) 5% (j) 50 2.52 mhz 12 3.6 170 nin-fb330xtr 33 10% (k) 5% (j) 50 2.52 mhz 11 4.0 160 nin-fb390xtr 39 10% (k) 5% (j) 50 2.52 mhz 10 4.5 150 nin-fb470xtr 47 10% (k) 5% (j) 50 2.52 mhz 10 5.0 140 nin-fb560xtr 56 10% (k) 5% (j) 50 2.52 mhz 9.3 5.5 135 nin-fb680xtr 68 10% (k) 5% (j) 50 2.52 mhz 9.0 6.0 130 nin-fb820xtr 82 10% (k) 5% (j) 50 2.52 mhz 8.2 7.0 120 nin-fb101xtr 100 10% (k) 5% (j) 40 2.52 mhz 6.7 8.8 105 nin-fb121xtr 120 10% (k) 5% (j) 40 1.5 mhz 6.1 10 100 nin-fb151xtr 150 10% (k) 5% (j) 40 1.5 mhz 5.5 11 95 nin-fb181xtr 180 10% (k) 5% (j) 40 1.5 mhz 5.1 13 85 nin-fb221xtr 220 10% (k) 5% (j) 40 0.796 mhz 4.5 13 85 nin-fb271xtr 270 10% (k) 5% (j) 40 0.796 mhz 4.1 14 80 nin-fb331xtr 330 10% (k) 5% (j) 40 0.796 mhz 3.7 16 75 nin-fb391xtr 390 10% (k) 5% (j) 40 0.796 mhz 3.3 19 70 nin-fb471xtr 470 10% (k) 5% (j) 30 0.796 mhz 3.3 31 55 nin-fb561xtr 560 10% (k) 5% (j) 30 0.796 mhz 2.7 35 50 nin-fb681xtr 680 10% (k) 5% (j) 30 0.796 mhz 2.5 39 50 nin-fb821xtr 820 10% (k) 5% (j) 30 0.796 mhz 2.4 45 45 nin-fb102xtr 1000 10% (k) 5% (j) 30 0.796 mhz 2.1 53 40 nin-fb b-size (1812) standard values
surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series nin-fc series c size (1008) stand ard type q vs. frequency nin-fc series (1008 size) q 50 40 30 20 10 0 10 100 10 m h 100 m h .22 m h 1.0 m h frequency (mhz) nic p/n 'l' inductance ( m h) to l e ra n c e 'q' factor (min.) l & q te s t freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-fcr22xtr 0.22 20% (m) 10% (k) 25 25 mhz 230 0.70 190 nin-fcr27xtr 0.27 20% (m) 10% (k) 25 25 mhz 210 0.75 180 nin-fcr33xtr 0.33 20% (m) 10% (k) 25 25 mhz 190 0.85 170 nin-fcr39xtr 0.39 20% (m) 10% (k) 25 25 mhz 175 0.95 160 nin-fcr47xtr 0.47 20% (m) 10% (k) 25 25 mhz 160 1.00 155 nin-fcr56xtr 0.56 20% (m) 10% (k) 25 25 mhz 150 1.10 150 nin-fcr68xtr 0.68 20% (m) 10% (k) 25 25 mhz 135 1.25 140 nin-fcr82xtr 0.82 20% (m) 10% (k) 25 25 mhz 125 1.4 130 nin-fc1r0 xtr 1.0 10% (k) 5% (j) 25 7.96 mhz 115 0.65 195 nin-fc1r2 xtr 1.2 10% (k) 5% (j) 25 7.96 mhz 100 0.75 180 nin-fc1r5 xtr 1.5 10% (k) 5% (j) 25 7.96 mhz 90 0.85 170 nin-fc1r8 xtr 1.8 10% (k) 5% (j) 25 7.96 mhz 85 0.95 160 nin-fc2r2xtr 2.2 10% (k) 5% (j) 25 7.96 mhz 80 1.05 155 nin-fc2r7 xtr 2.7 10% (k) 5% (j) 25 7.96 mhz 75 1.20 145 nin-fc3r3 xtr 3.3 10% (k) 5% (j) 25 7.96 mhz 65 1.30 135 nin-fc3r9 xtr 3.9 10% (k) 5% (j) 25 7.96 mhz 60 1.40 130 nin-fc4r7 xtr 4.7 10% (k) 5% (j) 25 7.96 mhz 55 1.55 125 nin-fc5r6 xtr 5.6 10% (k) 5% (j) 25 7.96 mhz 50 1.75 120 nin-fc6r8 xtr 6.8 10% (k) 5% (j) 25 7.96 mhz 45 1.95 115 nin-fc8r2 xtr 8.2 10% (k) 5% (j) 25 7.96 mhz 40 2.2 105 nin-fc100 xtr 10 10% (k) 5% (j) 25 2.52 mhz 32 3.7 80 nin-fc120 xtr 12 10% (k) 5% (j) 25 2.52 mhz 30 4.1 75 nin-fc150 xtr 15 10% (k) 5% (j) 25 2.52 mhz 28 5.0 70 nin-fc180 xtr 18 10% (k) 5% (j) 25 2.52 mhz 25 5.4 65 nin-fc220 xtr 22 10% (k) 5% (j) 25 2.52 mhz 22 6.0 60 nin-fc270 xtr 27 10% (k) 5% (j) 20 2.52 mhz 21 6.3 115 nin-fc330 xtr 33 10% (k) 5% (j) 20 2.52 mhz 20 7.1 110 nin-fc390 xtr 39 10% (k) 5% (j) 20 2.52 mhz 18 9.5 90 nin-fc470 xtr 47 10% (k) 5% (j) 20 2.52 mhz 17 11.0 80 nin-fc560 xtr 56 10% (k) 5% (j) 20 2.52 mhz 16 12.1 75 nin-fc680 xtr 68 10% (k) 5% (j) 20 2.52 mhz 15 16.6 70 nin-fc820 xtr 82 10% (k) 5% (j) 20 2.52 mhz 13 19.0 65 nin-fc101 xtr 100 10% (k) 5% (j) 20 0.796 mhz 12 21.0 60
? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series nin-nc series c size (1008) high frequency type nic p/n 'l' inductance (nh) to l e r a n c e 'q' factor (min.) l & q te s t freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-nc10nktr 10 10% (k) --- 10 100 mhz 2500 0.32 280 nin-nc12nktr 12 10% (k) --- 10 100 mhz 2200 0.34 270 nin-nc15nktr 15 10% (k) --- 10 100 mhz 1800 0.38 255 nin-nc18nktr 18 10% (k) --- 10 100 mhz 1550 0.40 250 nin-nc22nktr 22 10% (k) --- 15 100 mhz 1350 0.43 240 nin-nc27nktr 27 10% (k) --- 15 100 mhz 1150 0.47 230 nin-nc33nxtr 33 10% (k) 5% (j) 15 100 mhz 1000 0.51 220 nin-nc39nxtr 39 10% (k) 5% (j) 15 100 mhz 890 0.55 215 nin-nc47nxtr 47 10% (k) 5% (j) 15 100 mhz 770 0.59 205 nin-nc56nxtr 56 10% (k) 5% (j) 15 100 mhz 670 0.63 200 nin-nc68nxtr 68 10% (k) 5% (j) 15 100 mhz 590 0.68 190 nin-nc82nxtr 82 10% (k) 5% (j) 15 100 mhz 520 0.73 185 nin-ncr10xtr 100 10% (k) 5% (j) 10 25.2 mhz 460 0.80 175 nin-ncr12xtr 120 10% (k) 5% (j) 10 25.2 mhz 400 0.87 170 nin-ncr15xtr 150 10% (k) 5% (j) 10 25.2 mhz 340 0.98 160 nin-ncr18xtr 180 10% (k) 5% (j) 10 25.2 mhz 300 1.05 155 nin-ncr22xtr 220 10% (k) 5% (j) 10 25.2 mhz 260 1.15 145 nin-ncr27xtr 270 10% (k) 5% (j) 10 25.2 mhz 230 1.25 140 nin-ncr33xtr 330 10% (k) 5% (j) 10 25.2 mhz 200 1.37 135 nin-ncr39xtr 390 10% (k) 5% (j) 10 25.2 mhz 180 1.47 130 nin-ncr47xtr 470 10% (k) 5% (j) 10 25.2 mhz 160 1.58 125 nin-ncr56xtr 560 10% (k) 5% (j) 10 25.2 mhz 145 1.70 120 nin-ncr68xtr 680 10% (k) 5% (j) 10 25.2 mhz 130 1.85 110 nin-ncr82xtr 820 10% (k) 5% (j) 10 25.2 mhz 90 2.10 100
surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series nin-pc series c size (1008) high current type nin-sc series c size (1008) shielded type nic p/n 'l' inductance ( m h) to l e r a n c e 'q' factor (min.) l & q te s t freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-pc1r0mtr 1.0 20% --- 10 7.96 mhz 95 0.45 475 nin-pc1r5mtr 1.5 20% --- 10 7.96 mhz 85 0.55 435 nin-pc2r2mtr 2.2 20% --- 10 7.96 mhz 65 0.65 390 nin-pc3r3mtr 3.3 20% --- 8 7.96 mhz 55 0.85 340 nin-pc4r7mtr 4.7 20% --- 8 7.96 mhz 43 1.2 285 nin-pc6r8ktr 6.8 10% --- 8 7.96 mhz 39 1.3 275 nin-pc100ktr 10 10% --- 20 2.52 mhz 32 2.2 210 nin-pc120ktr 12 10% --- 20 2.52 mhz 25 2.7 195 nin-pc150ktr 15 10% --- 20 2.52 mhz 21 3.2 175 nin-pc220ktr 22 10% --- 20 2.52 mhz 18 4.0 160 nin-pc330ktr 33 10% --- 20 2.52 mhz 16 6.5 120 nic p/n 'l' inductance ( m h) to l e r a n c e 'q' factor (min.) l & q te s t freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-sc270ktr 27 10% --- 40 2.52 mhz 20 4.5 18 nin-sc330ktr 33 10% --- 40 2.52 mhz 18 5.2 14 nin-sc390ktr 39 10% --- 40 2.52 mhz 15 5.7 13 nin-sc470ktr 47 10% --- 40 2.52 mhz 14 6.6 12 nin-sc560ktr 56 10% --- 40 2.52 mhz 13 7.1 10 NIN-SC680KTR 68 10% --- 25 2.52 mhz 13 6.5 17 nin-sc820ktr 82 10% --- 25 2.52 mhz 13 7.4 14 nin-sc101ktr 100 10% --- 25 0.796 mhz 12 8.4 10
? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series nin-fa series a size (1210) stand ard type q vs. frequency nin-fa series (1210 size) q 40 30 20 10 0 10 100 10 m h 100 m h 0.22 m h 22m h frequency (mhz) nic p/n 'l' inductance ( m h) to le ra n c e 'q ' factor (m in.) l & q te s t freq. srf mhz (m in.) dc resistance (ohm s) m ax. rated dc current (m a) m ax. (std) (opt) nin-far22xtr 0.22 20% (m) 10% (k) 25 25.2 mhz 230 0.29 360 nin-far27xtr 0.27 20% (m) 10% (k) 25 25.2 mhz 210 0.32 345 nin-far33xtr 0.33 20% (m) 10% (k) 25 25.2 mhz 190 0.35 330 nin-far39xtr 0.39 20% (m) 10% (k) 25 25.2 mhz 175 0.39 305 nin-far47xtr 0.47 20% (m) 10% (k) 25 25.2 mhz 160 0.44 290 nin-far56xtr 0.56 20% (m) 10% (k) 25 25.2 mhz 150 0.49 275 nin-far68xtr 0.68 20% (m) 10% (k) 25 25.2 mhz 135 0.55 260 nin-far82xtr 0.82 20% (m) 10% (k) 25 25.2 mhz 125 0.61 245 nin-fa1r0xtr 1.0 10% (k) 5% (j) 30 7.96 mhz 115 0.69 230 nin-fa1r2xtr 1.2 10% (k) 5% (j) 30 7.96 mhz 100 0.75 215 nin-fa1r5xtr 1.5 10% (k) 5% (j) 30 7.96 mhz 90 0.75 210 nin-fa1r8xtr 1.8 10% (k) 5% (j) 30 7.96 mhz 85 0.82 200 nin-fa2r2xtr 2.2 10% (k) 5% (j) 30 7.96 mhz 80 0.95 190 nin-fa2r7xtr 2.7 10% (k) 5% (j) 30 7.96 mhz 75 1.1 180 nin-fa3r3xtr 3.3 10% (k) 5% (j) 30 7.96 mhz 65 1.2 180 nin-fa3r9xtr 3.9 10% (k) 5% (j) 30 7.96 mhz 60 1.3 175 nin-fa4r7xtr 4.7 10% (k) 5% (j) 30 7.96 mhz 55 1.5 165 nin-fa5r6xtr 5.6 10% (k) 5% (j) 30 7.96 mhz 50 1.6 160 nin-fa6r8xtr 6.8 10% (k) 5% (j) 30 7.96 mhz 45 1.8 150 nin-fa8r2xtr 8.2 10% (k) 5% (j) 30 7.96 mhz 40 2.0 140 nin-fa100xtr 10 10% (k) 5% (j) 30 2.52 mhz 36 2.1 140 nin-fa120xtr 12 10% (k) 5% (j) 30 2.52 mhz 33 2.5 125 nin-fa150xtr 15 10% (k) 5% (j) 30 2.52 mhz 30 2.8 120 nin-fa180xtr 18 10% (k) 5% (j) 30 2.52 mhz 27 3.3 110 nin-fa220xtr 22 10% (k) 5% (j) 30 2.52 mhz 25 3.7 105 nin-fa270xtr 27 10% (k) 5% (j) 30 2.52 mhz 22 5.0 90 nin-fa330xtr 33 10% (k) 5% (j) 30 2.52 mhz 20 5.6 85 nin-fa390xtr 39 10% (k) 5% (j) 30 2.52 mhz 20 6.4 80 nin-fa470xtr 47 10% (k) 5% (j) 30 2.52 mhz 15 7.0 75 nin-fa560xtr 56 10% (k) 5% (j) 30 2.52 mhz 15 8.0 70 nin-fa680xtr 68 10% (k) 5% (j) 30 2.52 mhz 15 9.0 65 nin-fa820xtr 82 10% (k) 5% (j) 30 2.52 mhz 11 10 60 nin-fa101xtr 100 10% (k) 5% (j) 20 0.79 mhz 10 10 60 nin-fa121xtr 120 10% (k) 5% (j) 20 0.79 mhz 10 11 55 nin-fa151xtr 150 10% (k) 5% (j) 20 0.79 mhz 8 15 50 nin-fa181xtr 180 10% (k) 5% (j) 20 0.79 mhz 7 17 50 nin-fa221xtr 220 10% (k) 5% (j) 20 0.79 mhz 7 21 45
surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series nin-na series a size (1210) high frequency nic p/n 'l' inductance ( m h) to l e r a n c e 'q' factor (min.) l & q te s t freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-na47nxtr 0.047 20% (m) 10% (k) 10 100 mhz 680 0.20 450 nin-na56nxtr 0.056 20% (m) 10% (k) 10 100 mhz 600 0.22 420 nin-na68nxtr 0.068 20% (m) 10% (k) 10 100 mhz 540 0.25 400 nin-na82nxtr 0.082 20% (m) 10% (k) 10 100 mhz 500 0.27 380 nin-nar10xtr 0.10 20% (m) 10% (k) 10 100 mhz 450 0.30 360 nin-nar12xtr 0.12 20% (m) 10% (k) 10 25.2 mhz 400 0.67 240 nin-nar15xtr 0.15 20% (m) 10% (k) 10 25.2 mhz 350 0.72 230 nin-nar18xtr 0.18 20% (m) 10% (k) 10 25.2 mhz 320 0.81 220 nin-nar22xtr 0.22 20% (m) 5% (j) 10 25.2 mhz 280 0.90 210 nin-nar27xtr 0.27 10% (k) 5% (j) 10 25.2 mhz 250 1.0 200 nin-nar33xtr 0.33 10% (k) 5% (j) 10 25.2 mhz 220 1.1 190 nin-nar39xtr 0.39 10% (k) 5% (j) 10 25.2 mhz 200 1.2 180 nin-nar47xtr 0.47 10% (k) 5% (j) 10 25.2 mhz 180 1.4 175 nin-nar56xtr 0.56 10% (k) 5% (j) 10 25.2 mhz 160 1.5 170 nin-nar68xtr 0.68 10% (k) 5% (j) 10 25.2 mhz 150 1.7 155 nin-nar82xtr 0.82 10% (k) 5% (j) 10 25.2 mhz 135 1.9 145 nin-na1r0jtr 1.0 5% (j) - - - - 13 7.96 mhz 120 2.1 125 nin-na1r0jtr 1.2 5% (j) - - - - 13 7.96 mhz 110 2.3 120 nin-na1r5jtr 1.5 5% (j) - - - - 13 7.96 mhz 95 2.7 115 nin-na1r8jtr 1.8 5% (j) - - - - 13 7.96 mhz 85 3.0 110 nin-na2r2jtr 2.2 5% (j) - - - - 13 7.96 mhz 80 3.2 110 nin-na2r7jtr 2.7 5% (j) - - - - 13 7.96 mhz 70 3.6 105 nin-na3r3jtr 3.3 5% (j) - - - - 13 7.96 mhz 62 4.2 100 nin-na3r9jtr 3.9 5% (j) - - - - 13 7.96 mhz 57 4.4 95 nin-na4r7jtr 4.7 5% (j) - - - - 13 7.96 mhz 52 7.7 70 nin-na5r6jtr 5.6 5% (j) - - - - 13 7.96 mhz 46 8.7 65 nin-na6r8jtr 6.8 5% (j) - - - -137.96 mhz4210 60 nin-na8r2jtr 8.2 5% (j) - - - -137.96 mhz3811 60
? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series nin-pa series a size (1210) high current type nin-sa series a size (1210) shielded type nic p/n 'l' inductance ( m h) tolerance 'q' factor (min.) l & q te s t freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-sa100ktr 10 @ 1mhz 10% (k) - -- - 40 5.0 mhz 30 1.8 18 nin-sa120ktr 12 @ 1mhz 10% (k) - -- - 40 5.0 mhz 28 2.0 17 nin-sa150ktr 15 @ 1mhz 10% (k) - -- - 40 5.0 mhz 25 2.2 15 nin-sa180ktr 18 @ 1mhz 10% (k) - -- - 40 5.0 mhz 23 2.5 13 nin-sa220ktr 22 @ 1mhz 10% (k) - -- - 40 5.0 mhz 20 2.8 12 nin-sa270ktr 27 @ 1mhz 10% (k) - -- - 40 5.0 mhz 18 3.2 10 nin-sa330ktr 33 @ 1mhz 10% (k) - -- - 40 5.0 mhz 17 3.5 10 nin-sa390ktr 39 @ 1mhz 10% (k) - -- - 40 5.0 mhz 15 3.8 9 nin-sa470ktr 47 @ 1mhz 10% (m) - -- - 40 5.0 mhz 14 4.0 8 nin-sa560ktr 56 @ 1mhz 10% (k) - -- - 40 5.0 mhz 13 4.5 7 nin-sa680ktr 68 @ 1mhz 10% (k) - -- - 40 1.5 mhz 12 5.0 6 nin-sa820ktr 82 @ 1mhz 10% (k) - -- - 40 1.5 mhz 11 6.0 6 nin-sa101ktr 100 @ 1mhz 10% (k) - -- - 40 1.5 mhz 10 7.0 5 nin-sa121ktr 120 @ 1mhz 10% (k) - -- -401.5 mhz98.0 5 nin-sa151ktr 150 @ 100khz 10% (k) - -- -401.5 mhz59.0 5 nin-sa181ktr 180 @ 100khz 10% (k) - -- - 40 1.5 mhz 5 11.0 5 nin-sa221ktr 270 @ 100khz 10% (k) - -- - 40 1.5 mhz 4 12.0 5 nin-sa271ktr 270 @ 100khz 10% (k) - -- - 40 1.5 mhz 4 14.0 5 nic p/n 'l' inductance ( m h) to l e ra n c e 'q' factor (min.) l & q te s t freq. srf mhz (min.) dc resistance (ohms) max. rated dc current (ma) max. (std) (opt) nin-pa1r0mtr 1.0 20% (m) - -- - 7 7.96 mhz 150 0.15 600 nin-pa1r5mtr 1.5 20% (m) - -- - 7 7.96 mhz 110 0.18 550 nin-pa2r2mtr 2.2 20% (m) - -- - 7 7.96 mhz 80 0.23 500 nin-pa3r3mtr 3.3 20% (m) - -- - 7 7.96 mhz 58 0.28 400 nin-pa4r7mtr 4.7 20% (m) - -- - 7 7.96 mhz 46 0.34 350 nin-pa6r8mtr 6.8 20% (m) - -- - 7 7.96 mhz 38 0.42 300 nin-pa100ktr 10 10% (k) - -- - 15 2.52 mhz 23 0.50 240 nin-pa120ktr 12 10% (k) - -- - 15 2.52 mhz 21 0.60 230 nin-pa150ktr 15 10% (m) - -- - 15 2.52 mhz 18 0.74 220 nin-pa180ktr 18 10% (k) - -- - 15 2.52 mhz 17 0.90 205 nin-pa220ktr 22 10% (k) - -- - 15 2.52 mhz 15 1.15 185 nin-pa270ktr 27 10% (k) - -- - 15 2.52 mhz 13 1.45 165 nin-pa330ktr 33 10% (k) - -- - 15 2.52 mhz 12 1.65 155 nin-pa390ktr 39 10% (k) - -- - 15 2.52 mhz 11 1.90 145 nin-pa470ktr 47 10% (k) - -- - 15 2.52 mhz 9.5 2.25 135 nin-pa560ktr 56 10% (k) - -- - 15 2.52 mhz 8.5 3.30 110 nin-pa680ktr 68 10% (k) - -- - 15 2.52 mhz 7.5 3.70 105 nin-pa820ktr 82 10% (k) - -- - 15 2.52 mhz 7.0 4.20 100 nin-pa101ktr 100 10% (k) - -- - 20 0.796 mhz 6.5 5.0 90 nin-pa121ktr 120 10% (k) - -- - 20 0.796 mhz 6.0 7.0 75 nin-pa151ktr 150 10% (k) - -- - 20 0.796 mhz 5.5 8.0 70 nin-pa181ktr 180 10% (k) - -- - 20 0.796 mhz 5.0 9.5 65 nin-pa221ktr 220 10% (k) - -- - 20 0.796 mhz 4.0 11.0 60 nin-pa271ktr 270 10% (k) - -- - 20 0.796 mhz 3.5 14.5 55 nin-pa331ktr 330 10% (k) - -- - 20 0.796 mhz 3.0 16.0 50
surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (516)396-7500 fax (516)396-7575 molded chip wirewound inductors nin series packaging specifications carrier tape dimensions (mm) dimensions (mm) dimensions (mm) recommended land patterns for flow and reflow soldering f perforation1.5 ? 0.1 p t1 t2 w a b 4.0 0.1 e 21 0.8 2.0 0.5 2.0 0.5 w d ? 50 ? min. 13 ? 0.5 a b c nin chip ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? case code ty p e size w 0.3 a 0.2 b 0.2 p 0.1 e 0.1 f 0.1 t1 t2 b fc/nc/pc/sc c 8.0 2.4 2.9 4.0 1.75 3.5 0.3 1.85 c fa/na/pa/sa a 8.0 2.8 3.6 4.0 1.75 3.5 0.3 2.3 d fb b 12.0 3.6 4.9 8.0 1.75 5.5 0.3 3.4 case code ty p e size d ? 2 w 1.5 qty/reel b fc/nc/pc/sc c 178 10.0 2000 pcs c fa/na/pa/sa a 178 10.0 2000 pcs d fb b 178 14.0 500 pcs land pattern ? ? ? ? ? ty p e size a b c a fd/nd d 1.0~1.2 3.0~3.8 0.9~1.3 b fc/nc/pc/sc c 1.4~1.5 3.5~4.0 1.2~1.6 c fa/na/pa/sa a 1.6~2.0 4.0~4.6 1.9~2.4 d fb b 2.4~2.6 5.5~6.0 2.0~3.0


▲Up To Search▲   

 
Price & Availability of NIN-SC680KTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X