Part Number Hot Search : 
D1271A 6MBI1 1J2ZKI21 47362 XR415108 2N2364 SMBJ10 331E3
Product Description
Full Text Search
 

To Download MTM20P10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  <~>,tnl-(-onaiictoi /-\ line. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 designer's data sheet power field effect transistor p-channel enhancement-mode silicon gate this tmos power fet is designed for medium voltage, high speed power switching applications such as switching regulators, converters, solenoid and relay drivers. ? silicon gate for fast switching speeds ? switching times specified at 100c ? designer's data ? idss- vds(on)- vqs(th) and soa specified at elevated temperature ? rugged ? soa is power dissipation limited ? source-to-dram diode characterized for use with inductive loads maximum ratings MTM20P10 tmqs tmos power fet 20 amperes rds(on)= 0.15 ohm 100 volts rating drain-source voltage drain-gate voltage (rgs = 1 m?) gate-source voltage continuous non-repetitive (tp *", 50 ms) drain current continuous pulsed total power dissipation @ tc = 25c derate above 25c operating and storage temperature range symbol vdss vdgr vgs vgsm id 'dm pd tj- tsfg vilira 100 100 20 40 20 30 125 1 -65 to 150 unit vdc vdc vdc vpk adc watts wvc c thermal characteristics to-204aa thermal resistance junction to case junction to ambient maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds ?se tl i 30 300 ?c/w c nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
electrical characteristics (tc = 25c unless otherwise noted) characteristic symbol mln max unit off characteristics dram-source breakdown voltage (vgs - 0, id - 0.25 ma) zero gate voltage drain current (vds - rated vdss- vgs = 0) (vds = rated vdss' vgs - . tj = 125c) gate- body leakage current, forward (vgsf = 20 vdc, vds = 0) gate-body leakage current. reverse (vqsh = 20 vdc, vds = 0) v(br)dss toss 'gssf igssr 100 ? ? ? ? 10 100 100 100 vdc limc nadc nadc on characteristics* gate threshold voltage (vds = vgs- id - 1 ma) tj - 100c static dram-source on-resistance ivgs = 10 vdc, id = loadc) drain-source on-vortage (vgs = 10 v] (id = 20 adc) (id = 10 adc, tj = 100*c) forward tranaconductance (vds = iov, id = 10 a) vgs(th) "dsionl vds(on) 9fs 2 1.5 ? ? 5 4.5 a 0.15 3.2 3 ? vdc ohm vdc mhos dynamic characteristics input capacitance output capacitance reverse transfer capacitance {vds = 25 v, vqs - o. f = 1 mhz) see figure 10 ci$s cdss cr6s ? ? ? 2000 950 400 pf switching characteristics' (tj = 1qq-q turn-on delay time rise time turn-off delay time fall time total gate charge gate-source charge gate-drain charge (vdd - 25 v, id = 0.5 rated id sea figures 12 and 13 (vds ~ -8 rated vdss> id = rated id, vgs - 10 v) see figure 1 1 'd(on) tr td(off) tf qfl q?s qgd ? ? ? ? 52 (typ) 22 (typ) 30 (typ) 45 200 150 150 75 ? ? ns nc source drain diode characteristics* forward on-voltage forward turn-on time reverse recovery time ds = rated id vnc - 0) vsd 'on ?rr 2.8 (typ) 100 (typ) 350 (typ) 4 ? ? vdc ns ns ?pulse ten: pulss width ? 300 ^s. duty cycle s 10%.


▲Up To Search▲   

 
Price & Availability of MTM20P10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X