Part Number Hot Search : 
1468F C471MPD 7805A STK6328A 68801 66000 UPD17132 6029E
Product Description
Full Text Search
 

To Download MTB20P03L3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 1/9 MTB20P03L3 cystek product specification p-channel enhancement mode power mosfet MTB20P03L3 bv dss -30v i d -10a r dson(max) 20m description the MTB20P03L3 is a p-channel en hancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device de sign, low on-resistance and cost effectiveness. the sot-223 package is universally preferred for a ll commercial-industrial surface mount applications and suited for low voltage applicati ons such as dc/dc converters. features ? r ds(on) =20m @v gs =-10v, i d =-10a r ds(on) =35m @v gs =-5v, i d =-7a ? simple drive requirement ? low on-resistance ? fast switching speed ? pb-free lead plating package equivalent circuit outline MTB20P03L3 sot-223 g d s d g gate s source d drain
cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 2/9 MTB20P03L3 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds -30 v gate-source voltage v gs 25 v continuous drain current @ t c =25 c -10 a continuous drain current @ t c =100c i d -8 a pulsed drain current i dm -40 *1 a avalanche current i as -15 a avalanche energy @ l=0.1mh, i d =-10a, r g =25 e as 5 mj repetitive avalanche energy @ l=0.05mh e ar 2.5 *2 mj t a =25 3.3 w total power dissipation t a =100 p d 1.65 w operating junction and storage temp erature range tj, tstg -55~+175 c thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 25 c/w thermal resistance, junction-to-ambient, max r th,j-a 45 *3 c/w note : 1. pulse width limited by maximum junction temperature 2. duty cycle 1% 3. surface mounted on 1 in2 copper pad of fr-4 board, 110 c/w when mounted on minimum copper pad electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss -30 - - v v gs =0, i d =-250 a v gs(th) -1 -1.5 -3 v v ds =v gs , i d =-250 a i gss - - 100 na v gs =25v, v ds =0 i dss - - -1 a v ds =-24v, v gs =0 i dss - - -10 a v ds =-20v, v gs =0, tj=125 c i d(on) *1 -40 - - a v ds =-5v, v gs =-10v - 15 20 i d =-10a, v gs =-10v r ds(on) *1 - 25 35 m i d =-7a, v gs =-5v g fs *1 - 24 - s v ds =-5v, i d =-10a dynamic ciss - 2815 - coss - 1060 - crss - 955 - pf v ds =-15v, v gs =0, f=1mhz
cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 3/9 MTB20P03L3 cystek product specification electrical characteristics(cont.) (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions t d(on) *1, 2 - 12 - tr *1, 2 - 10 - t d(off) *1, 2 - 35 - t f *1, 2 - 7 - ns v dd =-15v, i d =-1a, v gs =-10v, r g =2.7 qg (v gs =10v) *1, 2 - 25 - qg (v gs =4.5v) *1, 2 - 18 - qgs *1, 2 - 7 - qgd *1, 2 - 9 - nc v ds =-15v, i d =-10a, v gs =-10v, rg - 4 - v gs =15mv, v ds =0, f=1mhz source-drain diode i s *1 - - -3 i sm *3 - - -12 a v sd *1 - - -1.2 v i f =i s , v gs =0v trr - 32 - ns qrr - 26 - nc i f =i s , di f /dt=100a/ s note : *1.pulse test : pulse width 300 s, duty cycle 2% *2.independent of operating temperature *3.pulse width limited by maximum junction temperature. ordering information device package shipping MTB20P03L3 sot-223 (pb-free lead plating package) 2500 pcs / tape & reel
cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 4/9 MTB20P03L3 cystek product specification typical characteristics -v - drain-to-source voltage(v) -i - drain current(a) 0 0 d 10 20 ds 1 30 40 50 - 3.0v 23 on-region charact erist ics - 6.0v v = - 10v gs - 3.5v - 4.0v - 4.5v - 6 v - i - drain current(a) on-resistance variation with drain current and gate voltage r -normalized drain-source on-resistance 1.6 0.8 0 ds(on) 1.2 1 1.4 10 d 20 2.2 1.8 2.0 2.4 - 4.0 v - 4.5 v - 5 v v = - 3.5 v 30 40 - 7 v - 10 v 50 gs i = -9 a t - junction temperature ( c) r - normalized drain-source on-resistance -50 0.6 0.8 1.0 -25 0 25 50 d v = - 10v 1.2 1.4 1.6 150 100 75 125 175 on-resistance variation with temperature ds(on) j gs - v - gate-to-source voltage(v) r - on-resist ance( ) 2 ds(on) 0.02 0.01 0.03 4 gs 0.06 0.04 0.05 0.07 8 61 0 i = - 5 a d on-resistance variation with gate-to-source voltage t = 125 c a a t = 25 c -v - gate-to-source voltage(v) -i - drain current(a) d 1.5 0 10 gs 22.5 v = - 5v 20 30 40 ds 3.5 34 transf er charact erist ics - 55 c t = 125 c a 25 c body diode forward v oltage variation with source current and temperature 25 c -v - body diode forward voltage(v) 0.6 0.1 0.0001 0 0.001 0.01 sd 0.2 0.4 v = 0v 10 1 100 t = 125 c a gs 0.8 1.0 -55 c 1.2 -is - reverse drain current(a)
cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 5/9 MTB20P03L3 cystek product specification typical characteristics(cont.) q - ga t e ch a r g e ( n c) gat e charge charact erist ics - v - gate-to-source voltage(v) gs 0 0 2 4 g 612 6 8 10 d 24 18 30 i = - 10a ds v = - 5v - 15v - 10v - v , drain-to-sourc e voltage(v) capacitance(pf ) 0 0 ds 5 10 25 15 20 30 gs f = 1 mhz v = 0 v ca p a c i t a n c e ch a r a c t e r i st i c s 4000 3200 2400 1600 800 co ss ci ss cr ss dc -v - drain-source voltage( v ) maximum safe operating area -i - drain current( a ) v = -10v single pulse r = 125c/ w t = 25c 0.1 0.01 d 0.1 ds 1 ja a gs r l i m i t 1 10 100 d s ( o n ) 10s 10 100 100 s 10ms 100ms 1s 1ms t ,time (sec) single pulse maximum power dissipation p( p k ) , peak tr an si en t po w er ( w) 20 0.001 10 0 0.1 0.01 1 30 40 50 100 10 11 0 0 0 single pulse r = 125 c/ w t = 25 c ja a t ,time (sec) tr ansi ent ther mal response cur ve r(t ),normalized effect ive tr ansi ent ther mal resi st ance single pulse 0.001 -4 10 10 10 -3 -2 10 -1 dut y cycl e = 0.5 0.05 0.01 0.01 0.02 0.1 0.1 0.2 1 ja 2.r =125 c/ w 100 4.r (t)=r(t) + r 3.t - t = p * r (t ) 11 0 ja j 1000 ja a ja 1.dut y cycl e,d = t2 t1 not es : p dm t1 t2
cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 6/9 MTB20P03L3 cystek product specification test circuit and waveforms
cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 7/9 MTB20P03L3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 8/9 MTB20P03L3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c391l3 issued date : 2010.12.06 revised date : page no. : 9/9 MTB20P03L3 cystek product specification sot-223 dimension *: typical inches millimeters 321 f b a c d e g h a1 a2 i style: pin 1.gate 2.drain 3.source marking: 3-lead sot-223 plastic surface mounted package cystek package code: l3 device name date code inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1142 0.1220 2.90 3.10 g 0.0551 0.0709 1.40 1.80 b 0.2638 0.2874 6.70 7.30 h 0.0098 0.0138 0.25 0.35 c 0.1299 0.1457 3.30 3.70 i 0.0008 0.0039 0.02 0.10 d 0.0236 0.0315 0.60 0.80 a1 *13 o - *13 o - e *0.0906 - *2.30 - a2 0 o 10 o 0 o 10 o f 0.2480 0.2638 6.30 6.70 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0 important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB20P03L3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X