Part Number Hot Search : 
DDZX11C LBS14061 VN2222NC 350G4C DUG09C3 71WS512 W566B060 BA643
Product Description
Full Text Search
 

To Download MM13W10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mm1.3w3v6~mm1.3w120 silicon planar zener diodes features ? total power dissipation: max.1.3 w ? small plastic package suitable for surface mounted design absolute maximum ratings (t a = 25 ) parameter symbol value unit power dissipation p d 1.3 w operating and storage temperature range t j , t stg - 55 to + 150 characteristics at t a = 25 parameter symbol max. unit forward voltage at i f = 200 ma v f 1.2 v 2 anode top view simplified outline sod-123fl and symbol pinning 1 pin cathode description 1 2 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech
characteristics at t a = 25 type marking code zener voltage range dynamic impedance reverse current v zt at i zt z zt at i zt i r at v r min. (v) max. (v) (ma) max. ( ? ) (ma) max. (a) (v) mm1.3w3v6 7p1 3.4 3.8 100 8 100 100 1 mm1.3w3v9 7q1 3.7 4.1 100 8 100 50 1 mm1.3w4v3 7r1 4 4.6 100 7 100 25 1 mm1.3w4v7 7s1 4.4 5 100 7 100 10 1 mm1.3w5v1 7t1 4.8 5.4 100 6 100 5 1 mm1.3w5v6 7u1 5.2 6 100 4 100 10 2 mm1.3w6v2 7v1 5.8 6.6 100 3 100 5 2 mm1.3w6v8 7w1 6.4 7.2 100 3 100 10 3 mm1.3w7v5 7x1 7 7.9 100 2 100 50 3 mm1.3w8v2 7y1 7.7 8.7 100 2 100 10 3 mm1.3w9v1 7z1 8.5 9.6 50 4 50 10 5 mm1.3w10 8a1 9.4 10.6 50 4 50 7 7.5 mm1.3w11 8b1 10.4 11.6 50 7 50 4 8.2 mm1.3w12 8c1 11.4 12.7 50 7 50 3 9.1 mm1.3w13 8d1 12.4 14.1 50 10 50 2 10 mm1.3w15 8e1 13.8 15.6 50 10 50 1 11 mm1.3w16 8f1 15.3 17.1 25 15 25 1 12 mm1.3w18 8g1 16.8 19.1 25 15 25 1 13 mm1.3w20 8h1 18.8 21.2 25 15 25 1 15 mm1.3w22 8j1 20.8 23.3 25 15 25 1 16 mm1.3w24 8k1 22.8 25.6 25 15 25 1 18 mm1.3w27 8l1 25.1 28.9 25 15 25 1 20 mm1.3w30 8m1 28 32 25 15 25 1 22 mm1.3w33 8n1 31 35 25 15 25 1 24 mm1.3w36 8p1 34 38 10 40 10 1 27 mm1.3w39 8q1 37 41 10 40 10 1 30 mm1.3w43 8r1 40 46 10 45 10 1 33 mm1.3w47 8s1 44 50 10 45 10 1 36 mm1.3w51 8t1 48 54 10 60 10 1 39 mm1.3w56 8u1 52 60 10 60 10 1 43 mm1.3w62 8v1 58 66 10 80 10 1 47 mm1.3w68 8w1 64 72 10 80 10 1 51 mm1.3w75 8x1 70 79 10 100 10 1 56 mm1.3w82 8y1 77 87 10 100 10 1 62 mm1.3w91 8z1 85 96 5 200 5 1 68 mm1.3w100 9a1 94 106 5 200 5 1 75 mm1.3w110 9b1 104 116 5 250 5 1 82 mm1.3w120 9c1 114 127 5 250 5 1 91 mm1.3w3v6~mm1.3w120 silicon planar zener diodes 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech
package outline plastic surface mounted package; 2 leads sod-123fl unit a b c d e f g h e 1.08 0.1 0.2 2.9 1.9 1.1 0.9 3.9 mm 0.88 0 0.1 2.6 1.7 0.8 0.7 3.5 f e g a d h e b g c mm1.3w3v6~mm1.3w120 silicon planar zener diodes 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech


▲Up To Search▲   

 
Price & Availability of MM13W10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X