Part Number Hot Search : 
K1V36W MODEL PC100 C2429 FX0430 TFS150 MC9S12 GRM1885
Product Description
Full Text Search
 

To Download MCR8D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 fax +1.908.245-0555 sales@digitroncorp.com www.digitroncorp.com rev. 20130108 MCR8D, mcr8m, mcr8n silicon controlled rectifiers available non-rohs (standard) or rohs compliant (add pbf suffix). available as ?hr? (high reliability) screened per mil-prf- 19500, jantx level. add ?hr? suffix to base part number. maximum ratings rating symbol value unit peak repetitive off-state voltage (1) peak repetitive reverse voltage (t j = -40 to +125c) MCR8D mcr8m mcr8n v drm v rrm 400 600 800 v on-state rms current (all conduction angles) i t(rms) 8 a peak non-repetitive surge current (one half-cycle, 60hz, t j = 125c) i tsm 80 a circuit fusing (t = 8.3ms) i 2 t 26.5 a 2 s peak gate power (pulse width 1.0s, t c = 80c) p gm 5 w average gate power (t = 8.3ms, t c = 80c) p g(av) 0.5 w peak gate current (pulse width 1.0s, t c = 80c) i gm 2 a operating temperature range t j -40 to +125 c storage temperature range t stg -40 to +150 c thermal characteristics characteristic symbol maximum unit thermal resistance, junction to case r ? jc 2.0 c/w thermal resistance, junction to ambient r ? ja 62.5 c/w maximum lead temperature for soldering purposes 1/8? from case for 10s t l 260 c note 1: v drm and v rrm for all types can be applied on a continuous basis. ratings apply for zero or negative gate voltage; positive gate voltage sh all not be applied concurrent with negative potential on the anode. blocking voltages shall not be tested with a constant current source such that the volta ge ratings of the devices are exceeded. electrical characteristics (t c = 25c, unless otherwise noted) characteristic symbol min typ max unit off characteristics peak forward blocking current peak reverse blocking current (v ak = rated v drm or v rrm , gate open) t j = 25c t j = 125c i drm i rrm - - - - 0.01 2.0 ma on characteristics peak on-state voltage * (i tm = 16a) v tm - - 1.8 v gate trigger current (continuous dc) (v d = 12v, r l = 100 ? ) i gt 2.0 7.0 15 ma gate trigger voltage (continuous dc) (v d = 12v, r l = 100 ? ) v gt 0.5 0.65 1.0 v holding current (anode voltage = 12v) i h 4.0 22 30 ma dynamic characteristics critical rate of rise of off-state voltage (v d = rated v drm , exponential waveform, gate open, t j = 125c) dv/dt 50 200 - v/s * pulse width 2.0ms, duty cycle 2%.
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 MCR8D, mcr8m, mcr8n silicon controlled rectifiers mechanical characteristics case to-220ab marking alpha-numeric pin out see below fax +1.908.245-0555 sales@digitroncorp.com www.digitroncorp.com rev. 20130108


▲Up To Search▲   

 
Price & Availability of MCR8D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X