Part Number Hot Search : 
SDU40N03 LS18A1T LB1662M A2411 IDT5V 2SK2487 1458143 DP3110
Product Description
Full Text Search
 

To Download M3900625 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m39006/22, m39006/25 www.vishay.com vishay revison: 28-au g-12 1 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 wet tantalum capacitors, military established reliability, mil-prf-39006/22/25 qualified styles clr79, clr81 feat ure s ? h erm e tica lly sea l ed ? m eta l case d ?a x i a l l e a d ?t u b u l a r style , mil i tary specification ? cl r 79 , m3900 6/22 mil - prf-390 06/22 ? cl r 81 , m3900 6/25 mil - prf-390 06/25 per for m an ce c har act e ristics operating temperature: - 55 c to + 125 c capacitan ce range: m3 9006 /22 - 1.7 f to 1 200 f; m3 9006 /25 - 6.8 f t o 2 200 f capacitan ce tolerance: 5 % , 10 %, 20 % voltage rating: 6 v dc to 125 v dc est a bl i s hed reli ab il it y t a nt al um capacitors to military specification mil-prf-39 006: in ac cord an ce with th e mi lita r y spec ific at ion mil-prf-3 9006 al l c a pa citors are marked with the mi litary pa rt number (m39006/xx-xxxx) rather than the older style de sign ation (clr79, cl r8 1) an d should be ord e red as such. for information on the p e rforma nc e c h ara c te ristic s of th ese cap a citors , please r e fer to th e latest i ssu e of the mil i tary speci fic a ti on. mil-prf-39 006 establ ishes 1 000 h f a il ure rate le vels of 1 %, 0.1 %, an d 0.01 %. whe n orderi ng th ese parts, car e must be exercise d t h at the c o rrect pa rt nu mbe r expressing the appr opriate fa ilu re level be specif ied. each order for military style capacitors requiring governmen t i n spect ion must stat e w h e ther inspec tion is to be a t th e destin ation or at th e vis h ay plant. o rders requiring source in spect ion can not be sh ipped u n til th is h a s be en ac complishe d. or der i n g info rmat io n m39006 /22 - 0441 h ba sic docume n t numbe r s l as h she et dash number designation of high vibration (optional) indicates the basic specificati o n; in this ca se mil- p r f- 3 9006 indi cate s the spe c i f i cati o n sheet of the basic mil i ta ry spec ific ati o n ta ke n fr om sta n dar d / extended r a tings tables h, opti o n al , if s p ec if ie d http://
m39006/22, m39006/25 www.vishay.com vishay revison: 28-au g-12 2 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimen s io ns in inches [millimeters] case code b a re ca se w i th in su lat i n g s l eeve e lead le n g th wei g ht (oz . /g ) (m a x .) d l d (max.) l (max.) t1 0.188 0.0 1 6 [4.78 0.4 1 ] 0.453 + 0.031/- 0.0 16 [11.5 1 + 0.79/- 0.4 1] 0.219 [5.56] 0.515 [13.08] 1.5 00 0.250 [38 . 10 6.35] 0.09 [2.6] t2 0.281 0.0 1 6 [7.14 0.4 1 ] 0.641 + 0.031/- 0.0 16 [16.2 8 + 0.79/- 0.4 1] 0.312 [7.92] 0.704 [17.88] 2.2 50 0.250 [57 . 15 6.35] 0.22 [6.2] t3 0.375 0.0 1 6 [9.53 0.4 1 ] 0.766 + 0.031/- 0.0 16 [19.4 6 + 0.79/- 0.4 1] 0.406 [10.31] 0.828 [21.03] 2.2 50 0.250 [57 . 15 6.35] 0.41 [11.6] t4 0.375 0.0 1 6 [9.53 0.4 1 ] 1.062 + 0.031/- 0.0 16 [26.9 7 + 0.79/- 0.4 1] 0.406 [10.31] 1.126 [28.60] 2.2 50 0.250 [57 . 15 6.35] 0.62 [17.7] rat i ngs an d cas e c o des - m390 06/22 f 6 8 1 0 15 25 30 50 60 75 100 125 1. 7 t1 2. 5 t1 3. 5 t1 3. 6 t1 4. 0 t1 4. 7 t1 5. 0 t1 6. 8 t1 8. 0 t 1 8. 2 t1 9. 0 t2 10 t1 t1 11 t2 14 t2 15 t1 t 1 t2 18 t3 20 t1 t2 22 t1 t2 25 t1 t2 t 3 30 t1 t3 33 t1 t2 39 t2 40 t2 t3 43 t3 47 t1 t2 50 t2 t3 56 t1 t3 t 4 60 t3 68 t1 t2 t 3 70 t2 82 t3 e l e - + t erminal welded to case t antalum feed-thr ough 0.078 [1.98] max. dia. 0.250 [6.35] max. t erm. loc. within 0.031 [0.79] r of true position glass case circuit diagram exter nal weld insulating sleeve d dia. 0.025 0.002 [0.64 0.05] 0.094 [2.38] max. style clr79 style clr81
m39006/22, m39006/25 w ww.vishay.com vishay revison: 28-au g-12 3 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 86 t4 100 t 2 t2 t3 110 t4 120 t2 t2 t 3 140 t2 t4 150 t3 160 t4 170 t3 180 t2 t3 220 t2 250 t3 270 t2 t3 290 t3 300 t4 330 t3 350 t4 390 t3 430 t3 540 t4 560 t3 750 t4 850 t4 1200 t4 rat i ngs an d cas e c o des - m390 06/25 f 6 8 1 0 15 25 30 50 60 75 100 125 6. 8 t1 10 t1 22 t1 27 t1 t 2 33 t1 39 t2 47 t3 56 t1 68 t1 t3 82 t2 t 4 100 t1 t2 120 t2 t 4 150 t1 180 t1 t3 220 t1 t2 t 3 t 4 270 t 2 t3 t4 330 t4 390 t2 470 t3 560 t 2 t3 t4 680 t2 t4 820 t2 t3 1000 t4 1200 t3 1500 t3 t3 t4 1800 t4 2200 t4 rat i ngs an d cas e c o des - m390 06/22 f 6 8 1 0 15 25 30 50 60 75 100 125
m39006/22, m39006/25 www.vishay.com vishay revison: 28-au g-12 4 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 stan da rd r a tings/ext ended rat i ngs: c l r7 9, m3 9006 /22-xx xx ca p a c i ta nc e (f) cas e co d e cap. to l. ( %) p a rt no. m390 06/22- (1 ) failure rate leve l (%/1000 h) max. dc l (a) at max. df at + 25 c (%) max. imp. at - 55 c ( ? ) max. capacit a nce change (%) at max. (2) ripple current at + 85 c 40 khz (ma) m 1.0 p 0.1 r 0.01 + 25 c + 85 c + 125 c - 55 c + 85 c + 12 5 c 6 v dc a t + 85 c ; 4 v dc at + 125 c 30 t1 20 0001 0 221 0441 1.0 2.0 9 100 - 40 + 10.5 + 12 8 20 30 t1 10 0002 0 222 0442 1.0 2.0 9 100 - 40 + 10.5 + 12 8 20 30 t1 5 0003 0 223 0443 1.0 2.0 9 100 - 40 + 10.5 + 12 8 20 68 t1 20 0004 0 224 0444 1.0 2.0 15 60 - 40 + 14 + 16 9 60 68 t1 10 0005 0 225 0445 1.0 2.0 15 60 - 40 + 14 + 16 9 60 68 t1 5 0006 0 226 0446 1.0 2.0 15 60 - 40 + 14 + 16 9 60 140 t2 20 0007 0 227 0447 1.0 3.0 21 40 - 40 + 14 + 16 1 200 140 t2 10 0008 0 228 0448 1.0 3.0 21 40 - 40 + 14 + 16 1 200 140 t2 5 0009 0 229 0449 1.0 3.0 21 40 - 40 + 14 + 16 1 200 270 t2 20 0010 0 230 0450 1.0 6.5 45 25 - 44 + 17.5 + 20 1 375 270 t2 10 0011 0 231 0451 1.0 6.5 45 25 - 44 + 17.5 + 20 1 375 270 t2 5 0012 0 232 0452 1.0 6.5 45 25 - 44 + 17.5 + 20 1 375 330 t3 20 0013 0 233 0453 2.0 7.9 36 20 - 44 + 14 + 16 1 800 330 t3 10 0014 0 234 0454 2.0 7.9 36 20 - 44 + 14 + 16 1 800 330 t3 5 0015 0 235 0455 2.0 7.9 36 20 - 44 + 14 + 16 1 800 560 t3 20 0016 0 236 0456 2.0 13.0 55 25 - 64 + 17.5 + 20 1 900 560 t3 10 0017 0 237 0457 2.0 13.0 55 25 - 64 + 17.5 + 20 1 900 560 t3 5 0018 0 238 0458 2.0 13.0 55 25 - 64 + 17.5 + 20 1 900 1200 t4 20 0019 0 239 0459 3.0 14.0 90 20 - 80 + 25 + 25 2 265 1200 t4 10 0020 0 240 0460 3.0 14.0 90 20 - 80 + 25 + 25 2 265 8 v dc a t + 85 c ; 5 v dc at + 125 c 25 t1 20 0021 0 241 0461 1.0 2.0 7.5 100 - 40 + 10.5 + 12 8 20 25 t1 10 0022 0 242 0462 1.0 2.0 7.5 100 - 40 + 10.5 + 12 8 20 25 t1 5 0023 0 243 0463 1.0 2.0 7.5 100 - 40 + 10.5 + 12 8 20 56 t1 20 0024 0 244 0464 1.0 2.0 14 59 - 40 + 14 + 16 9 00 56 t1 10 0025 0 245 0465 1.0 2.0 14 59 - 40 + 14 + 16 9 00 56 t1 5 0026 0 246 0466 1.0 2.0 14 59 - 40 + 14 + 16 9 00 120 t2 20 0027 0 247 0467 1.0 2.0 20 50 - 44 + 17.5 + 20 1 220 120 t2 10 0028 0 248 0468 1.0 2.0 20 50 - 44 + 17.5 + 20 1 220 120 t2 5 0029 0 249 0469 1.0 2.0 20 50 - 44 + 17.5 + 20 1 220 220 t2 20 0030 0 250 0470 1.0 7.0 37 30 - 44 + 17.5 + 20 1 370 220 t2 10 0031 0 251 0471 1.0 7.0 37 30 - 44 + 17.5 + 20 1 370 220 t2 5 0032 0 252 0472 1.0 7.0 37 30 - 44 + 17.5 + 20 1 370 290 t3 20 0033 0 253 0473 2.0 6.0 34 25 - 64 + 17.5 + 20 1 770 290 t3 10 0034 0 254 0474 2.0 6.0 34 25 - 64 + 17.5 + 20 1 770 290 t3 5 0035 0 255 0475 2.0 6.0 34 25 - 64 + 17.5 + 20 1 770 430 t3 20 0036 0 256 0476 2.0 14.0 46 25 - 64 + 17.5 + 20 1 825 430 t3 10 0037 0 257 0477 2.0 14.0 46 25 - 64 + 17.5 + 20 1 825 430 t3 5 0038 0 258 0478 2.0 14.0 46 25 - 64 + 17.5 + 20 1 825 850 t4 20 0039 0 259 0479 4.0 16.0 60 22 - 80 + 25 + 25 2 330 850 t4 10 0040 0 260 0480 4.0 16.0 60 22 - 80 + 25 + 25 2 330 10 v dc a t + 85 c ; 7 v dc at + 125 c 20 t1 20 0041 0 261 0481 1.0 2.0 6 175 - 32 + 10.5 + 12 8 20 20 t1 10 0042 0 262 0482 1.0 2.0 6 175 - 32 + 10.5 + 12 8 20 20 t1 5 0043 0 263 0483 1.0 2.0 6 175 - 32 + 10.5 + 12 8 20 47 t1 20 0044 0 264 0484 1.0 2.0 13 100 - 36 + 14 + 16 8 55 47 t1 10 0045 0 265 0485 1.0 2.0 13 100 - 36 + 14 + 16 8 55 47 t1 5 0046 0 266 0486 1.0 2.0 13 100 - 36 + 14 + 16 8 55 100 t2 20 0047 0 267 0487 1.0 4.0 15 60 - 36 + 14 + 16 1 200 100 t2 10 0048 0 268 0488 1.0 4.0 15 60 - 36 + 14 + 16 1 200 100 t2 5 0049 0 269 0489 1.0 4.0 15 60 - 36 + 14 + 16 1 200 180 t2 20 0050 0 270 0490 1.0 7.0 30 40 - 36 + 14 + 16 1 365 no t e s (1 ) d a sh number will inclu d e the letter h to in dicate the optional vibrat ion and shock requ ir ements (i.e., 51 g random vibration, 80 g si nus o i d al vibration and 500 g sho c k ) . (2 ) fo r ri ppl e c u rr ent l i m i t s a t v a r i o u s te m p er atur es , v o l t ag es a n d fr equenci e s, s e e ri ppl e cu rre nt table .
m39006/22, m39006/25 www.vishay.com vishay revison: 28-au g-12 5 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 10 v dc a t + 85 c ; 7 v dc at + 125 c 180 t2 10 0051 0 271 0491 1.0 7.0 30 40 - 36 + 14 + 16 1 365 180 t2 5 0052 0 272 0492 1.0 7.0 30 40 - 36 + 14 + 16 1 365 250 t3 20 0053 0 273 0493 2.0 10.0 30 30 - 40 + 14 + 16 1 720 250 t3 10 0054 0 274 0494 2.0 10.0 30 30 - 40 + 14 + 16 1 720 250 t3 5 0055 0 275 0495 2.0 10.0 30 30 - 40 + 14 + 16 1 720 390 t3 20 0056 0 276 0496 2.0 16.0 44 25 - 64 + 17.5 + 20 1 800 390 t3 10 0057 0 277 0497 2.0 16.0 44 25 - 64 + 17.5 + 20 1 800 390 t3 5 0058 0 278 0498 2.0 16.0 44 25 - 64 + 17.5 + 20 1 800 750 t4 20 0059 0 279 0499 4.0 16.0 50 23 - 80 + 25 + 25 2 360 750 t4 10 0060 0 280 0500 4.0 16.0 50 23 - 80 + 25 + 25 2 360 15 v dc a t + 85 c ; 10 v dc at + 125 c 15 t1 20 0061 0 281 0501 1.0 2.0 5 155 - 24 + 10.5 + 12 7 80 15 t1 10 0062 0 282 0502 1.0 2.0 5 155 - 24 + 10.5 + 12 7 80 15 t1 5 0063 0 283 0503 1.0 2.0 5 155 - 24 + 10.5 + 12 7 80 33 t1 20 0064 0 284 0504 1.0 2.0 10 90 - 28 + 14 + 16 8 20 33 t1 10 0065 0 285 0505 1.0 2.0 10 90 - 28 + 14 + 16 8 20 33 t1 5 0066 0 286 0506 1.0 2.0 10 90 - 28 + 14 + 16 8 20 70 t2 20 0067 0 287 0507 1.0 4.0 13 75 - 28 + 14 + 16 1 150 70 t2 10 0068 0 288 0508 1.0 4.0 13 75 - 28 + 14 + 16 1 150 70 t2 5 0069 0 289 0509 1.0 4.0 13 75 - 28 + 14 + 16 1 150 120 t2 20 0070 0 290 0510 1.0 7.0 18 50 - 28 + 17.5 + 20 1 450 120 t2 10 0071 0 291 0511 1.0 7.0 18 50 - 28 + 17.5 + 20 1 450 120 t2 5 0072 0 292 0512 1.0 7.0 18 50 - 28 + 17.5 + 20 1 450 170 t3 20 0073 0 293 0513 2.0 10.0 25 35 - 32 + 14 + 16 1 480 170 t3 10 0074 0 294 0514 2.0 10.0 25 35 - 32 + 14 + 16 1 480 170 t3 5 0075 0 295 0515 2.0 10.0 25 35 - 32 + 14 + 16 1 480 270 t3 20 0076 0 296 0516 2.0 16.0 32 30 - 56 + 17.5 + 20 1 740 270 t3 10 0077 0 297 0517 2.0 16.0 32 30 - 56 + 17.5 + 20 1 740 270 t3 5 0078 0 298 0518 2.0 16.0 32 30 - 56 + 17.5 + 20 1 740 540 t4 20 0079 0 299 0519 6.0 24.0 40 23 - 80 + 25 + 25 2 330 540 t4 10 0080 0 300 0520 6.0 24.0 40 23 - 80 + 25 + 25 2 330 25 v dc a t + 85 c ; 15 v dc at + 125 c 10 t1 20 0081 0 301 0521 1.0 2.0 4 220 - 16 + 8 + 9 7 15 10 t1 10 0082 0 302 0522 1.0 2.0 4 220 - 16 + 8 + 9 7 15 10 t1 5 0083 0 303 0523 1.0 2.0 4 220 - 16 + 8 + 9 7 15 22 t1 20 0084 0 304 0524 1.0 2.0 6.6 140 - 20 + 10.5 + 12 8 25 22 t1 10 0085 0 305 0525 1.0 2.0 6.6 140 - 20 + 10.5 + 12 8 25 22 t1 5 0086 0 306 0526 1.0 2.0 6.6 140 - 20 + 10.5 + 12 8 25 50 t2 20 0087 0 307 0527 1.0 2.0 11.0 70 - 28 + 13 + 15 1 130 50 t2 10 0088 0 308 0528 1.0 2.0 11.0 70 - 28 + 13 + 15 1 130 50 t2 5 0089 0 309 0529 1.0 2.0 11.0 70 - 28 + 13 + 15 1 130 100 t2 20 0090 0 310 0530 1.0 10.0 15 50 - 28 + 13 + 15 1 435 100 t2 10 0091 0 311 0531 1.0 10.0 15 50 - 28 + 13 + 15 1 435 100 t2 5 0092 0 312 0532 1.0 10.0 15 50 - 28 + 13 + 15 1 435 120 t3 20 0093 0 313 0533 2.0 6.0 21 38 - 32 + 13 + 15 1 450 120 t3 10 0094 0 314 0534 2.0 6.0 21 38 - 32 + 13 + 15 1 450 120 t3 5 0095 0 315 0535 2.0 6.0 21 38 - 32 + 13 + 15 1 450 180 t3 20 0096 0 316 0536 2.0 18.0 26 32 - 48 + 13 + 15 1 525 180 t3 10 0097 0 317 0537 2.0 18.0 26 32 - 48 + 13 + 15 1 525 180 t3 5 0098 0 318 0538 2.0 18.0 26 32 - 48 + 13 + 15 1 525 350 t4 20 0099 0 319 0539 7.0 28.0 35 24 - 70 + 25 + 25 1 970 350 t4 10 0100 0 320 0540 7.0 28.0 35 24 - 70 + 25 + 25 1970 stan da rd r a tings/ext ended rat i ngs: c l r7 9, m3 9006 /22-xx xx ca p a c i ta nc e (f) cas e co d e cap. to l. ( %) p a rt no. m390 06/22- (1 ) failure rate leve l (%/1000 h) max. dc l (a) at max. df at + 25 c (%) max. imp. at - 55 c ( ? ) max. capacit a nce change (%) at max. (2) ripple current at + 85 c 40 khz (ma) m 1.0 p 0.1 r 0.01 + 25 c + 85 c + 125 c - 55 c + 85 c + 12 5 c no t e s (1 ) d a sh number will inclu d e the letter h to in dicate the optional vibrat ion and shock requ ir ements (i.e., 51 g random vibration, 80 g si nus o i d al vibration and 500 g sho c k ) . (2 ) fo r ri ppl e c u rr ent l i m i t s a t v a r i o u s te m p er atur es , v o l t ag es a n d fr equenci e s, s e e ri ppl e cu rre nt table .
m39006/22, m39006/25 www.vishay.com vishay revison: 28-au g-12 6 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 30 v dc a t + 85 c ; 20 v dc at + 125 c 8.0 t1 20 0101 0 321 0541 1.0 2.0 4 275 - 16 + 8 + 12 6 40 8.0 t1 10 0102 0 322 0542 1.0 2.0 4 275 - 16 + 8 + 12 6 40 8.0 t1 5 0103 0 323 0543 1.0 2.0 4 275 - 16 + 8 + 12 6 40 15 t1 20 0104 0 324 0544 1.0 2.0 5 175 - 20 + 10.5 + 12 7 80 15 t1 10 0105 0 325 0545 1.0 2.0 5 175 - 20 + 10.5 + 12 7 80 15 t1 5 0106 0 326 0546 1.0 2.0 5 175 - 20 + 10.5 + 12 7 80 40 t2 20 0107 0 327 0547 1.0 5.0 10 65 - 24 + 10.5 + 12 1 120 40 t2 10 0108 0 328 0548 1.0 5.0 10 65 - 24 + 10.5 + 12 1 120 40 t2 5 0109 0 329 0549 1.0 5.0 10 65 - 24 + 10.5 + 12 1 120 68 t2 20 0110 0 330 0550 1.0 8.0 13 60 - 24 + 13 + 15 1 285 68 t2 10 0111 0 331 0551 1.0 8.0 13 60 - 24 + 13 + 15 1 285 68 t2 5 0112 0 332 0552 1.0 8.0 13 60 - 24 + 13 + 15 1 285 100 t3 20 0113 0 333 0553 2.0 12.0 17 40 - 28 + 10.5 + 12 1 450 100 t3 10 0114 0 334 0554 2.0 12.0 17 40 - 28 + 10.5 + 12 1 450 100 t3 5 0115 0 335 0555 2.0 12.0 17 40 - 28 + 10.5 + 12 1 450 150 t3 20 0116 0 336 0556 2.0 18.0 23 35 - 48 + 13 + 15 1 525 150 t3 10 0117 0 337 0557 2.0 18.0 23 35 - 48 + 13 + 15 1 525 150 t3 5 0118 0 338 0558 2.0 18.0 23 35 - 48 + 13 + 15 1 525 300 t4 20 0119 0 339 0559 8.0 32.0 31 25 - 60 + 25 + 25 1 950 300 t4 10 0120 0 340 0560 8.0 32.0 31 25 - 60 + 25 + 25 1 950 50 v dc a t + 85 c ; 30 v dc at + 125 c 5.0 t1 20 0121 0 341 0561 1.0 2.0 3 400 - 16 + 5 + 6 5 80 5.0 t1 10 0122 0 342 0562 1.0 2.0 3 400 - 16 + 5 + 6 5 80 5.0 t1 5 0123 0 343 0563 1.0 2.0 3 400 - 16 + 5 + 6 5 80 10 t1 20 0124 0 344 0564 1.0 2.0 4 250 - 24 + 8 + 9 7 15 10 t1 10 0125 0 345 0565 1.0 2.0 4 250 - 24 + 8 + 9 7 15 10 t1 5 0126 0 346 0566 1.0 2.0 4 250 - 24 + 8 + 9 7 15 25 t2 20 0127 0 347 0567 1.0 5.0 8 95 - 20 + 10.5 + 12 1 005 25 t2 10 0128 0 348 0568 1.0 5.0 8 95 - 20 + 10.5 + 12 1 005 25 t2 5 0129 0 349 0569 1.0 5.0 8 95 - 20 + 10.5 + 12 1 005 47 t2 20 0130 0 350 0570 1.0 9.0 11 70 - 28 + 13 + 15 1 155 47 t2 10 0131 0 351 0571 1.0 9.0 11 70 - 28 + 13 + 15 1 155 47 t2 5 0132 0 352 0572 1.0 9.0 11 70 - 28 + 13 + 15 1 155 60 t3 20 0133 0 353 0573 2.0 12.0 12 45 - 16 + 10.5 + 12 1 335 60 t3 10 0134 0 354 0574 2.0 12.0 12 45 - 16 + 10.5 + 12 1 335 60 t3 5 0135 0 355 0575 2.0 12.0 12 45 - 16 + 10.5 + 12 1 335 82 t3 20 0136 0 356 0576 2.0 16.0 15 45 - 32 + 13 + 15 1 400 82 t3 10 0137 0 357 0577 2.0 16.0 15 45 - 32 + 13 + 15 1 400 82 t3 5 0138 0 358 0578 2.0 16.0 15 45 - 32 + 13 + 15 1 400 160 t4 20 0139 0 359 0579 8.0 32.0 17 27 - 50 + 25 + 25 1 900 160 t4 10 0140 0 360 0580 8.0 32.0 17 27 - 50 + 25 + 25 1 900 60 v dc a t + 85 c ; 40 v dc at + 125 c 4.0 t1 20 0141 0 361 0581 1.0 2.0 2.8 550 - 16 + 5 + 6 5 25 4.0 t1 10 0142 0 362 0582 1.0 2.0 2.8 550 - 16 + 5 + 6 5 25 4.0 t1 5 0143 0 363 0583 1.0 2.0 2.8 550 - 16 + 5 + 6 5 25 8.2 t1 20 0144 0 364 0584 1.0 2.0 4 275 - 24 + 8 + 9 6 25 8.2 t1 10 0145 0 365 0585 1.0 2.0 4 275 - 24 + 8 + 9 6 25 8.2 t1 5 0146 0 366 0586 1.0 2.0 4 275 - 24 + 8 + 9 6 25 20 t2 20 0147 0 367 0587 1.0 5.0 7 105 - 16 + 10.5 + 12 9 30 20 t2 10 0148 0 368 0588 1.0 5.0 7 105 - 16 + 10.5 + 12 9 30 20 t2 5 0149 0 369 0589 1.0 5.0 7 105 - 16 + 10.5 + 12 9 30 39 t2 20 0150 0 370 0590 1.0 9.0 10 90 - 28 + 10.5 + 12 1110 stan da rd r a tings/ext ended rat i ngs: c l r7 9, m3 9006 /22-xx xx ca p a c i ta nc e (f) cas e co d e cap. to l. ( %) p a rt no. m390 06/22- (1 ) failure rate leve l (%/1000 h) max. dc l (a) at max. df at + 25 c (%) max. imp. at - 55 c ( ? ) max. capacit a nce change (%) at max. (2) ripple current at + 85 c 40 khz (ma) m 1.0 p 0.1 r 0.01 + 25 c + 85 c + 125 c - 55 c + 85 c + 12 5 c no t e s (1 ) d a sh number will inclu d e the letter h to in dicate the optional vibrat ion and shock requ ir ements (i.e., 51 g random vibration, 80 g si nus o i d al vibration and 500 g sho c k ) . (2 ) fo r ri ppl e c u rr ent l i m i t s a t v a r i o u s te m p er atur es , v o l t ag es a n d fr equenci e s, s e e ri ppl e cu rre nt table .
m39006/22, m39006/25 www.vishay.com vishay revison: 28-au g-12 7 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 60 v dc a t + 85 c ; 40 v dc at + 125 c 39 t2 10 0151 0 371 0591 1.0 9.0 10 90 - 28 + 10.5 + 12 1 110 39 t2 5 0152 0 372 0592 1.0 9.0 10 90 - 28 + 10.5 + 12 1 110 50 t3 20 0153 0 373 0593 2.0 12.0 10 50 - 16 + 10.5 + 12 1 330 50 t3 10 0154 0 374 0594 2.0 12.0 10 50 - 16 + 10.5 + 12 1 330 50 t3 5 0155 0 375 0595 2.0 12.0 10 50 - 16 + 10.5 + 12 1 330 68 t3 20 0156 0 376 0596 2.0 16.0 13 50 - 32 + 10.5 + 12 1 365 68 t3 10 0157 0 377 0597 2.0 16.0 13 50 - 32 + 10.5 + 12 1 365 68 t3 5 0158 0 378 0598 2.0 16.0 13 50 - 32 + 10.5 + 12 1 365 140 t4 20 0159 0 379 0599 8.0 32.0 16 28 - 40 + 20 + 20 1 850 140 t4 10 0160 0 380 0600 8.0 32.0 16 28 - 40 + 20 + 20 1 850 75 v dc a t + 85 c ; 50 v dc at + 125 c 3.5 t1 20 0161 0 381 0601 1.0 2.0 2.5 650 - 16 + 5 + 6 5 25 3.5 t1 10 0162 0 382 0602 1.0 2.0 2.5 650 - 16 + 5 + 6 5 25 3.5 t1 5 0163 0 383 0603 1.0 2.0 2.5 650 - 16 + 5 + 6 5 25 6.8 t1 20 0164 0 384 0604 1.0 2.0 3.5 300 - 20 + 8 + 9 6 10 6.8 t1 10 0165 0 385 0605 1.0 2.0 3.5 300 - 20 + 8 + 9 6 10 6.8 t1 5 0166 0 386 0606 1.0 2.0 3.5 300 - 20 + 8 + 9 6 10 15 t2 20 0167 0 387 0607 1.0 5.0 6 150 - 16 + 8 + 9 8 90 15 t2 10 0168 0 388 0608 1.0 5.0 6 150 - 16 + 8 + 9 8 90 15 t2 5 0169 0 389 0609 1.0 5.0 6 150 - 16 + 8 + 9 8 90 33 t2 20 0170 0 390 0610 1.0 10.0 10 90 - 24 + 10.5 + 15 1 000 33 t2 10 0171 0 391 0611 1.0 10.0 10 90 - 24 + 10.5 + 15 1 000 33 t2 5 0172 0 392 0612 1.0 10.0 10 90 - 24 + 10.5 + 15 1 000 40 t3 20 0173 0 393 0613 2.0 12.0 9 60 - 16 + 10.5 + 12 1 250 40 t3 10 0174 0 394 0614 2.0 12.0 9 60 - 16 + 10.5 + 12 1 250 40 t3 5 0175 0 395 0615 2.0 12.0 9 60 - 16 + 10.5 + 12 1 250 56 t3 20 0176 0 396 0616 2.0 17.0 11 60 - 28 + 10.5 + 15 1 335 56 t3 10 0177 0 397 0617 2.0 17.0 11 60 - 28 + 10.5 + 15 1 335 56 t3 5 0178 0 398 0618 2.0 17.0 11 60 - 28 + 10.5 + 15 1 335 110 t4 20 0179 0 399 0619 9.0 36.0 12 29 - 35 + 20 + 20 1 850 110 t4 10 0180 0 400 0620 9.0 36.0 12 29 - 35 + 20 + 20 1 850 100 v dc a t + 85 c ; 65 v dc at + 125 c 2.5 t1 20 0181 0 401 0621 1.0 2.0 2 950 - 16 + 7 + 8 5 05 2.5 t1 10 0182 0 402 0622 1.0 2.0 2 950 - 16 + 7 + 8 5 05 2.5 t1 5 0183 0 403 0623 1.0 2.0 2 950 - 16 + 7 + 8 5 05 4.7 t1 20 0184 0 404 0624 1.0 2.0 3 500 - 16 + 7 + 8 5 65 4.7 t1 10 0185 0 405 0625 1.0 2.0 3 500 - 16 + 7 + 8 5 65 4.7 t1 5 0186 0 406 0626 1.0 2.0 3 500 - 16 + 7 + 8 5 65 11 t2 20 0187 0 407 0627 1.0 4.0 5 200 - 16 + 8 + 8 8 35 11 t2 10 0188 0 408 0628 1.0 4.0 5 200 - 16 + 8 + 8 8 35 11 t2 5 0189 0 409 0629 1.0 4.0 5 200 - 16 + 8 + 8 8 35 22 t2 20 0190 0 410 0630 1.0 9.0 7.5 100 - 16 + 8 + 8 9 65 22 t2 10 0191 0 411 0631 1.0 9.0 7.5 100 - 16 + 8 + 8 9 65 22 t2 5 0192 0 412 0632 1.0 9.0 7.5 100 - 16 + 8 + 8 9 65 30 t3 20 0193 0 413 0633 2.0 12.0 7 80 - 16 + 8 + 8 1 240 30 t3 10 0194 0 414 0634 2.0 12.0 7 80 - 16 + 8 + 8 1 240 30 t3 5 0195 0 415 0635 2.0 12.0 7 80 - 16 + 8 + 8 1 240 43 t3 20 0196 0 416 0636 2.0 17.0 8.5 70 - 20 + 8 + 8 1 335 43 t3 10 0197 0 417 0637 2.0 17.0 8.5 70 - 20 + 8 + 8 1 335 43 t3 5 0198 0 418 0638 2.0 17.0 8.5 70 - 20 + 8 + 8 1 335 86 t4 20 0199 0 419 0639 9.0 36.0 10 30 - 25 + 15 + 15 1 800 86 t4 10 0200 0 420 0640 9.0 36.0 10 30 - 25 + 15 + 15 1800 stan da rd r a tings/ext ended rat i ngs: c l r7 9, m3 9006 /22-xx xx ca p a c i ta nc e (f) cas e co d e cap. to l. ( %) p a rt no. m390 06/22- (1 ) failure rate leve l (%/1000 h) max. dc l (a) at max. df at + 25 c (%) max. imp. at - 55 c ( ? ) max. capacit a nce change (%) at max. (2) ripple current at + 85 c 40 khz (ma) m 1.0 p 0.1 r 0.01 + 25 c + 85 c + 125 c - 55 c + 85 c + 12 5 c no t e s (1 ) d a sh number will inclu d e the letter h to in dicate the optional vibrat ion and shock requ ir ements (i.e., 51 g random vibration, 80 g si nus o i d al vibration and 500 g sho c k ) . (2 ) fo r ri ppl e c u rr ent l i m i t s a t v a r i o u s te m p er atur es , v o l t ag es a n d fr equenci e s, s e e ri ppl e cu rre nt table .
m39006/22, m39006/25 www.vishay.com vishay revison: 28-au g-12 8 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 125 v dc at + 85 c; 85 v dc at + 125 c 1.7 t1 20 0201 0 421 0641 1.0 2.0 2 1250 - 16 + 7 + 8 4 15 1.7 t1 10 0202 0 422 0642 1.0 2.0 2 1250 - 16 + 7 + 8 4 15 1.7 t1 5 0203 0 423 0643 1.0 2.0 2 1250 - 16 + 7 + 8 4 15 3.6 t1 20 0204 0 424 0644 1.0 2.0 2.7 600 - 16 + 7 + 8 5 20 3.6 t1 10 0205 0 425 0645 1.0 2.0 2.7 600 - 16 + 7 + 8 5 20 3.6 t1 5 0206 0 426 0646 1.0 2.0 2.7 600 - 16 + 7 + 8 5 20 9.0 t2 20 0207 0 427 0647 1.0 5.0 5 240 - 16 + 7 + 8 7 55 9.0 t2 10 0208 0 428 0648 1.0 5.0 5 240 - 16 + 7 + 8 7 55 9.0 t2 5 0209 0 429 0649 1.0 5.0 5 240 - 16 + 7 + 8 7 55 14 t2 20 0210 0 430 0650 1.0 7.0 6 167 - 16 + 7 + 8 8 60 14 t2 10 0211 0 431 0651 1.0 7.0 6 167 - 16 + 7 + 8 8 60 14 t2 5 0212 0 432 0652 1.0 7.0 6 167 - 16 + 7 + 8 8 60 18 t3 20 0213 0 433 0653 2.0 9.0 5 129 - 16 + 7 + 8 1 130 18 t3 10 0214 0 434 0654 2.0 9.0 5 129 - 16 + 7 + 8 1 130 18 t3 5 0215 0 435 0655 2.0 9.0 5 129 - 16 + 7 + 8 1 130 25 t3 20 0216 0 436 0656 2.0 13.0 6 93 - 16 + 7 + 8 1 200 25 t3 10 0217 0 437 0657 2.0 13.0 6 93 - 16 + 7 + 8 1 200 25 t3 5 0218 0 438 0658 2.0 13.0 6 93 - 16 + 7 + 8 1 200 56 t4 20 0219 0 439 0659 10.0 40.0 6.5 32 - 25 + 15 + 15 1 800 56 t4 10 0220 0 440 0660 10.0 40.0 6.5 32 - 25 + 15 + 15 1 800 stan da rd r a tings/ext ended rat i ngs: c l r8 1, m3 9006 /25-xx xx capaci tance (f) cas e co d e cap. to l. ( %) p a rt no. m390 06/25- (1 ) failure rate leve l (%/1000 h) max. dc l (a) at max. df at + 25 c (%) max. imp. at - 55 c ( ? ) m a x. ca pacitan c e change (%) at max . (1 ) ri p p le current a t + 85 c 40 kh z (m a ) m 1.0 p 0.1 r 0.01 + 25 c + 85 c + 125 c - 55 c + 85 c + 125 c 6 v dc a t + 85 c ; 4 v dc at + 125 c 2 20 t 1 20 0001 0 089 0177 2.0 9.0 50 36 - 64 + 13 + 16 1000 2 2 0 t 1 10 0002 0 090 0178 2.0 9.0 50 36 - 64 + 13 + 16 1000 8 2 0 t 2 20 0003 0 091 0179 3.0 14.0 155 18 - 88 + 16 + 20 1500 8 2 0 t 2 10 0004 0 092 0180 3.0 14.0 155 18 - 88 + 16 + 20 1500 1 500 t3 20 0005 0 093 0181 5.0 20.0 172 18 - 90 + 20 + 25 1900 1 500 t3 10 0006 0 094 0182 5.0 20.0 172 18 - 90 + 20 + 25 1900 2 200 t4 20 0007 0 095 0183 6.0 24.0 170 13 - 90 + 25 + 30 2300 2 200 t4 10 0008 0 096 0184 6.0 24.0 170 13 - 90 + 25 + 30 2300 8 v dc a t + 85 c ; 5 v dc at + 125 c 1 8 0 t 1 20 0009 0 097 0185 2.0 9.0 41 45 - 60 + 13 + 16 1000 1 8 0 t 1 10 0010 0 098 0186 2.0 9.0 41 45 - 60 + 13 + 16 1000 6 8 0 t 2 20 0011 0 099 0187 3.0 14.0 130 22 - 83 + 16 + 20 1500 6 8 0 t 2 10 0012 0 100 0188 3.0 14.0 130 22 - 83 + 16 + 20 1500 1 500 t3 20 0013 0 101 0189 5.0 20.0 170 18 - 90 + 20 + 25 1900 1 500 t3 10 0014 0 102 0190 5.0 20.0 170 18 - 90 + 20 + 25 1900 1 800 t4 20 0015 0 103 0191 7.0 25.0 138 14 - 90 + 25 + 30 2300 1 800 t4 10 0016 0 104 0192 7.0 25.0 138 14 - 90 + 25 + 30 2300 no t e s (1 ) d a sh number will inclu d e the letter h to in dicate the optional vibrat ion and shock requ ir ements (i.e., 51 g random vibration, 80 g si nus o i d al vibration and 500 g sho c k ) . (2 ) fo r ri ppl e c u rr ent l i m i t s a t v a r i o u s te m p er atur es , v o l t ag es a n d fr equenci e s, s e e ri ppl e cu rre nt table . stan da rd r a tings/ext ended rat i ngs: c l r7 9, m3 9006 /22-xx xx ca p a c i ta nc e (f) cas e co d e cap. to l. ( %) p a rt no. m390 06/22- (1 ) failure rate leve l (%/1000 h) max. dc l (a) at max. df at + 25 c (%) max. imp. at - 55 c ( ? ) max. capacit a nce change (%) at max. (2 ) ripple curre nt at + 85 c 40 khz (m a ) m 1.0 p 0.1 r 0.01 + 25 c + 85 c + 125 c - 55 c + 85 c + 12 5 c no t e s (1 ) d a sh number will inclu d e the letter h to in dicate the optional vibrat ion and shock requ ir ements (i.e., 51 g random vibration, 80 g si nus o i d al vibration and 500 g sho c k ) . (2 ) fo r ri ppl e c u rr ent l i m i t s a t v a r i o u s te m p er atur es , v o l t ag es a n d fr equenci e s, s e e ri ppl e cu rre nt table .
m39006/22, m39006/25 www.vishay.com vishay revison: 28-au g-12 9 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 10 v dc a t + 85 c ; 7 v dc at + 125 c 1 50 t 1 20 0017 0 105 0193 2.0 9.0 34 54 - 55 + 13 + 16 900 1 50 t 1 10 0018 0 106 0194 2.0 9.0 34 54 - 55 + 13 + 16 900 5 60 t 2 20 0019 0 107 0195 3.0 16.0 106 27 - 77 + 16 + 20 1450 5 60 t 2 10 0020 0 108 0196 3.0 16.0 106 27 - 77 + 16 + 20 1450 1 200 t3 20 0021 0 109 0197 5.0 20.0 137 18 - 88 + 20 + 25 1850 1 200 t3 10 0022 0 110 0198 5.0 20.0 137 18 - 88 + 20 + 25 1850 1 500 t4 20 0023 0 111 0199 7.0 25.0 114 15 - 88 + 25 + 30 2300 1 500 t4 10 0024 0 112 0200 7.0 25.0 114 15 - 88 + 25 + 30 2300 15 v dc a t + 85 c ; 10 v dc at + 125 c 1 00 t 1 20 0025 0 113 0201 2.0 9.0 30 72 - 44 + 13 + 16 900 1 00 t 1 10 0026 0 114 0202 2.0 9.0 30 72 - 44 + 13 + 16 900 3 90 t 2 20 0027 0 115 0203 3.0 16.0 74 31 - 66 + 16 + 20 1450 3 90 t 2 10 0028 0 116 0204 3.0 16.0 74 31 - 66 + 16 + 20 1450 8 20 t 3 20 0029 0 117 0205 6.0 24.0 111 22 - 77 + 20 + 25 1800 8 20 t 3 10 0030 0 118 0206 6.0 24.0 111 22 - 77 + 20 + 25 1800 1 000 t4 20 0031 0 119 0207 8.0 32.0 92 17 - 77 + 25 + 30 2300 1 000 t4 10 0032 0 120 0208 8.0 32.0 92 17 - 77 + 25 + 30 2300 25 v dc a t + 85 c ; 15 v dc at + 125 c 68 t1 20 0033 0 121 0209 2.0 9.0 22 90 - 40 + 12 + 15 850 68 t1 10 0034 0 122 0210 2.0 9.0 22 90 - 40 + 12 + 15 850 2 70 t 2 20 0035 0 123 0211 3.0 16.0 55 33 - 62 + 13 + 16 1400 2 70 t 2 10 0036 0 124 0212 3.0 16.0 55 33 - 62 + 13 + 16 1400 5 60 t 3 20 0037 0 125 0213 7.0 28.0 76 24 - 72 + 20 + 25 1750 5 60 t 3 10 0038 0 126 0214 7.0 28.0 76 24 - 72 + 20 + 25 1750 6 80 t 4 20 0039 0 127 0215 8.0 32.0 63 19 - 72 + 25 + 30 2100 6 80 t 4 10 0040 0 128 0216 8.0 32.0 63 19 - 72 + 25 + 30 2100 30 v dc a t + 85 c ; 20 v dc at + 125 c 56 t1 20 0041 0 129 0217 2.0 9.0 22 100 - 38 + 12 + 15 800 56 t1 10 0042 0 130 0218 2.0 9.0 22 100 - 38 + 12 + 15 800 2 20 t 2 20 0043 0 131 0219 3.0 16.0 42 36 - 60 + 13 + 16 1200 2 20 t 2 10 0044 0 132 0220 3.0 16.0 42 36 - 60 + 13 + 16 1200 4 70 t 3 20 0045 0 133 0221 8.0 32.0 64 25 - 65 + 20 + 25 1500 4 70 t 3 10 0046 0 134 0222 8.0 32.0 64 25 - 65 + 20 + 25 1500 5 60 t 4 20 0047 0 135 0223 9.0 36.0 55 20 - 65 + 25 + 30 2000 5 60 t 4 10 0048 0 136 0224 9.0 36.0 55 20 - 65 + 25 + 30 2000 50 v dc a t + 85 c ; 30 v dc at + 125 c 33 t1 20 0049 0 137 0225 2.0 9.0 12.3 135 - 29 + 10 + 12 700 33 t1 10 0050 0 138 0226 2.0 9.0 12.3 135 - 29 + 10 + 12 700 1 20 t 2 20 0051 0 139 0227 4.0 24.0 22.5 49 - 42 + 12 + 15 1200 1 20 t 2 10 0052 0 140 0228 4.0 24.0 22.5 49 - 42 + 12 + 15 1200 2 70 t 3 20 0053 0 141 0229 8.0 32.0 37 29 - 46 + 20 + 25 1450 2 70 t 3 10 0054 0 142 0230 8.0 32.0 37 29 - 46 + 20 + 25 1450 3 30 t 4 20 0055 0 143 0231 9.0 36.0 38 22 - 46 + 25 + 30 1900 3 30 t 4 10 0056 0 144 0232 9.0 36.0 38 22 - 46 + 25 + 30 1900 60 v dc at + 85 c;. 40 v dc a t + 125 c 27 t1 20 0057 0 145 0233 3.0 12.0 10.2 144 - 24 + 10 + 12 700 27 t1 10 0058 0 146 0234 3.0 12.0 10.2 144 - 24 + 10 + 12 700 1 00 t 2 20 0059 0 147 0235 4.0 20.0 19 54 - 36 + 12 + 15 1100 1 00 t 2 10 0060 0 148 0236 4.0 20.0 19 54 - 36 + 12 + 15 1100 2 20 t 3 20 0061 0 149 0237 8.0 32.0 30 29 - 40 + 16 + 20 1400 2 20 t 3 10 0062 0 150 0238 8.0 32.0 30 29 - 40 + 16 + 20 1400 2 70 t 4 20 0063 0 151 0239 9.0 36.0 27 23 - 45 + 20 + 25 1850 2 70 t 4 10 0064 0 152 0240 9.0 36.0 27 23 - 45 + 20 + 25 1850 stan da rd r a tings/ext ended rat i ngs: c l r8 1, m3 9006 /25-xx xx capaci tance (f) cas e co d e cap. to l. ( %) p a rt no. m390 06/25- (1 ) failure rate leve l (%/1000 h) max. dc l (a) at max. df at + 25 c (%) max. imp. at - 55 c ( ? ) m a x. c a pacitan c e change (%) at max. (1) ripple current at + 85 c 40 khz (ma) m 1.0 p 0.1 r 0.01 + 25 c + 85 c + 125 c - 55 c + 85 c + 125 c no t e s (1 ) d a sh number will inclu d e the letter h to in dicate the optional vibrat ion and shock requ ir ements (i.e., 51 g random vibration, 80 g si nus o i d al vibration and 500 g sho c k ) . (2 ) fo r ri ppl e c u rr ent l i m i t s a t v a r i o u s te m p er atur es , v o l t ag es a n d fr equenci e s, s e e ri ppl e cu rre nt table .
m39006/22, m39006/25 w ww.vishay.com vishay revison: 28-au g-12 10 d o cu ment number: 40022 for technical ques tions, contact: tantalum@vishay . com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 no t e s 1. a t + 125 c the rated voltage of the capacitors decrease s to 66 2/3 % of th e + 85 c rated voltage. 2. t h e pea k o f the appl ie d a c ri ppl e vo lta g e pl us the appl i e d d c vo lta g e m u s t no t ex ce ed th e d c vo l t a g e r a ti ng of the c a pa ci tor ei ther fo r w ar d or re ve rs e. 3. t h e r i ppl e c u rre nt li s t ed re pre s e n ts a ra ti ng c a l c ula t ed us in g a m a xi m u m i n ter n al te m p er atur e ri s e ( ? t) of + 50 c at 40 khz at + 85 c ambi ent wi th a ma ximum pe ak r a te d vol t ag e o f 66 2/ 3 % o f the + 85 c peak v o lta g e ra ting . 4. the maxi mum a llo wabl e i n te r n a l te mper at ur e r i s e ( ? t ) dec r eas es line a r l y to a c a l c ula t ed + 10 c r i s e a t + 125 c ambi ent. 5. the internal temperature rise is directly proportional to th e equivalent series resistance of the capacitor and equivalent se ries resistance increases with decreasing frequency. 75 v dc a t + 85 c ; 50 v dc at + 125 c 22 t1 20 0065 0 153 0241 3.0 12.0 8.5 157 - 19 + 10 + 12 600 22 t1 10 0066 0 154 0242 3.0 12.0 8.5 157 - 19 + 10 + 12 600 82 t2 20 0067 0 155 0243 4.0 24.0 15.2 63 - 30 + 12 + 15 1000 82 t2 10 0068 0 156 0244 4.0 24.0 15.2 63 - 30 + 12 + 15 1000 1 80 t 3 20 0069 0 157 0245 9.0 36.0 24.4 30 - 35 + 16 + 20 1300 1 80 t 3 10 0070 0 158 0246 9.0 36.0 24.4 30 - 35 + 16 + 20 1300 2 20 t 4 20 0071 0 159 0247 10.0 40.0 37.0 24 - 40 + 20 + 25 1800 2 20 t 4 10 0072 0 160 0248 10.0 40.0 37.0 24 - 40 + 20 + 25 1800 100 v dc a t + 85 c ; 65 v dc at + 125 c 10 t1 20 0073 0 161 0249 3.0 12.0 4.5 200 - 17 + 10 + 12 800 10 t1 10 0074 0 162 0250 3.0 12.0 4.5 200 - 17 + 10 + 12 800 39 t2 20 0075 0 163 0251 5.0 24.0 10.4 80 - 20 + 12 + 15 1300 39 t2 10 0076 0 164 0252 5.0 24.0 10.4 80 - 20 + 12 + 15 1300 68 t3 20 0077 0 165 0253 10.0 40.0 11.3 40 - 30 + 14 + 16 1600 68 t3 10 0078 0 166 0254 10.0 40.0 11.3 40 - 30 + 14 + 16 1600 1 20 t 4 20 0079 0 167 0255 12.0 48.0 25 30 - 35 + 15 + 17 2000 1 20 t 4 10 0080 0 168 0256 12.0 48.0 25 30 - 35 + 15 + 17 2000 125 v dc a t + 85 c ; 85 v dc at + 125 c 6.8 t1 20 0081 0 169 0257 3.0 12.0 6.0 300 - 14 + 10 + 12 700 6.8 t1 10 0082 0 170 0258 3.0 12.0 6.0 300 - 14 + 10 + 12 700 27 t2 20 0083 0 171 0259 5.0 24.0 7.2 90 - 18 + 12 + 15 1200 27 t2 10 0084 0 172 0260 5.0 24.0 7.2 90 - 18 + 12 + 15 1200 47 t3 20 0085 0 173 0261 10.0 40.0 7.9 50 - 26 + 14 + 16 1500 47 t3 10 0086 0 174 0262 10.0 40.0 7.9 50 - 26 + 14 + 16 1500 82 t4 20 0087 0 175 0263 12.0 48.0 17.4 32 - 30 + 15 + 17 1900 82 t4 10 0088 0 176 0264 12.0 48.0 17.4 32 - 30 + 15 + 17 1900 clr 79, c l r8 1 r i p p le cu rr ent mu ltiplier s vs. fre q u e nc y, t e mpe r at ure a n d appli e d peak vo ltag e freque ncy of app lie d ripp le current 12 0 hz 80 0 h z 1 khz 10 khz 40 khz 100 khz ambi ent still air temp c temp c t e mp c t e mp c temp c temp c ? 55 85 10 5 1 25 ? 55 8 5 10 5 1 25 ? 55 8 5 105 12 5 ? 55 8 5 105 12 5 ? 55 85 105 12 5 ? 55 85 105 125 % of app lie d voltage 100 % 0.6 0 0 . 39 - - 0.7 1 0 . 43 - - 0.72 0 . 4 6 - - 0.88 0.5 5 - - 1.0 0.6 3 - - 1.1 0.69 - - 9 0 % 0.6 0 0 . 46 - - 0.7 1 0 . 55 - - 0.72 0 . 5 5 - - 0.88 0.6 7 - - 1.0 0.7 7 - - 1.1 0.85 - - 8 0 % 0.6 0 0 . 52 0.35 - 0.7 1 0 . 62 0.42 - 0.72 0 . 6 2 0.42 - 0.88 0.7 6 0 . 52 - 1.0 0.8 7 0 . 59 - 1.1 0.96 0 . 6 5 - 7 0 % 0.6 0 0 . 58 0.44 - 0.7 1 0 . 69 0.52 - 0.72 0 . 7 0 0.52 - 0.88 0.8 5 0 . 64 - 1.0 0.9 7 0 . 73 - 1.1 1.07 0 . 8 0 - 66 2/3 % 0.6 0 0 . 60 0.46 0.27 0.7 1 0 . 71 0.55 0.32 0.72 0 . 7 2 0. 55 0.32 0.88 0.8 8 0 . 68 0.40 1.0 1.0 0 . 77 0.45 1.1 1.1 0 . 8 5 0.50 stan da rd r a tings/ext ended rat i ngs: c l r8 1, m3 9006 /25-xx xx capaci tance (f) cas e co d e cap. to l. ( %) p a rt no. m390 06/25- (1 ) failure rate leve l (%/1000 h) max. dc l (a) at max. df at + 25 c (%) max. imp. at - 55 c ( ? ) m a x. ca pacitan c e change (%) at max . (1 ) ri p p le current a t + 85 c 40 kh z (m a ) m 1.0 p 0.1 r 0.01 + 25 c + 85 c + 125 c - 55 c + 85 c + 125 c no t e s (1 ) d a sh number will inclu d e the letter h to in dicate the optional vibrat ion and shock requ ir ements (i.e., 51 g random vibration, 80 g si nus o i d al vibration and 500 g sho c k ) . (2 ) fo r ri ppl e c u rr ent l i m i t s a t v a r i o u s te m p er atur es , v o l t ag es a n d fr equenci e s, s e e ri ppl e cu rre nt table .
legal d i sclaim er notice www.vishay.com vishay revision : 02-oct- 12 1 d o cu ment number: 91000 disclaimer all pro d uct, produ c t specificatio n s and data are s u bject to change with o u t notice to impro v e reliabil ity , function or design or otherwise. v i sha y in te rtec h n ology, i n c . , its af f i liate s, age n ts, an d em ployee s, and all persons acting on it s or th eir beh a lf (co l le ctivel y, v isha y), di scla im a n y and all li abil ity f o r a n y e rrors, ina ccu rac i es or in complet ene ss c o ntai ned in an y dat a she e t or i n a n y o ther disclosur e relating to any prod u ct. vishay makes no warranty, rep r es ent a tion or gu aran tee regardin g the su itabil it y of the prod u cts fo r any particular p u rp ose or the cont inui ng producti o n of any product . to the ma xi mu m ex ten t permitted by applicable law, vi shay disclaims (i) any and all liabi lity arisin g out of th e appl ication or use of any product, (ii ) any and all liabi lity, in clu d i n g withou t li mi tati on specia l, conse q uen t ial or inc ident al da ma ges, an d (ii i) any a n d al l i mplied war r anties, including warra ntie s of fi tne s s f o r pa rtic ula r purpo se, non-infringem e nt and merchantability. statemen ts re garding th e suit abili ty of produ c ts for ce rtai n type s of applications are b a sed on vi shay s kn owle dge of typic a l require m e n ts tha t are ofte n plac ed on vish ay produc t s i n gene ric appli cat ions. suc h st ate m ents are n o t bin d ing state m ent s about t h e sui t abil ity of products f o r a particular applicati o n . it is th e cu stomers respon sib ilit y t o validate th at a particu lar pr oduct with the properties descr i bed in th e product speci f ication is suitable f o r use in a par t icular ap plication. par a meters pr ovid ed in datasheets and/or specification s may v a ry in different ap plications an d performance m a y vary over time. all op erating par a meters, including typical pa r a meters, m u s t be v a lidated for each cu stomer a p pl ica tion by the cu stomer s techni cal experts. produ c t specif ications do not expa nd or othe rwise modi fy vi sh ay s terms an d condit ions of purchase, including but not limited to th e wa rra nty exp r ess e d th e r ein . except as expressly indicate d i n w r iti n g, v ishay produ cts are not design ed for u s e i n me dica l, li fe- savin g, or li fe- sustai n ing applications or for any other application in which the failu re of the vi sh ay product coul d result in person al inju ry or deat h. customers us i n g or sell ing vishay p r oducts not express ly indicated for use in such applications do so at thei r own ri sk. ple a s e cont act au thorize d vish ay personn e l to ob tain written terms and conditions regarding products designed for s u ch applications. no license, express or impl ied, by estoppel or otherwise, to an y i n tellectu a l prope rty rights is granted by this docum e nt or by any con d u c t of v ishay. produc t name s and markings noted herein may b e trad emarks of thei r re spe c ti ve owne rs. material category policy vishay intertech nology, inc. hereby certi fies that all its products that are id en tified as rohs-compliant fulfill th e defi nit i ons and rest ri ct ions defi ned under directive 2011/65/eu of th e euro pean parliam e nt and of the cou n cil of june 8, 2 011 on the restriction of the use of certain hazardous s u bs tances in electrical and electronic equipment (eee) - recast, unless oth er wis e specified as n o n-compliant. please note that some vishay docum e ntation may still m ake reference to rohs directive 2002/95/ ec. we confirm that all the produ c ts identified as bein g co mp lian t t o di rect ive 2002 /95 / ec conform to directive 20 11/65/eu. vishay intertechnology, i n c. hereby certifi es that all its produ c ts that are identified as ha logen-free follow halogen - free requirements as per je dec js709a stan dards. please note that some vish ay documentation may still m ake ref e ren c e to the iec 61 249 -2-21 definition. we co nfirm that all the pr oducts identified as being compliant to iec 6 1249 -2-21 confor m to jedec js 709a standards.


▲Up To Search▲   

 
Price & Availability of M3900625

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X