Part Number Hot Search : 
B0530 HSU200 CDV19 SBT6045 UPD70 PT2313 TFMAJ120 MT88E45
Product Description
Full Text Search
 

To Download LSH20-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  benefits l high energy l ability to perform safely and reliably up to 1 50 c with severe vibration/shock constraints l good voltage startup after exposure to high t followed by storage at room t l long shelf life l easy integration within multi-cell tubular cylindrical packs l high and stable operating voltage key features l no swelling l sturdy and pressure resistant stainless steel envelope l hermetic and corrosion-proof glass-to-metal sealing l non-flammable electrolyte l ability to withstand at 150 c 750 g peak/0.5 msec shocks l ability to withstand at 150 c 20 g rms random vibrations l ability to withstand at 150 c linear sine sweep at 30 g peak l automated production l compliant with iec 6007 9 - 11 intrinsic safety standard l restricted for transport (class 9) main applications l oil drilling and all downhole high temperature environments l measure while drilling (mwd) l oil and gas well monitoring l heat sterilizable applications l gas metering cell size references r20 - d primary high temperature lithium battery lsh 20-150 3.6 v primary lithium-thionyl chloride (li-socl 2 ) d-sized cell for operation up to 150 c in demanding environments electrical characteristics (typical values relative to cells stored for one year at ambient t) open circuit voltage (at + 20 c) 3.67 v nominal capacity 14.0 ah (under 300 ma at + 15 0 c 2.0 v cu t- off. the capacity restored by the cell varies according to current drain, temperature and cu t- off) (under 100 ma at + 80 c to + 150 c 2.0 v cu t- off) 13.5 ah (under 100 ma at + 20 c 2.0 v cu t- off) 10 ah nominal voltage (under 100 ma at + 150 c) 3.6 v nominal energy 50 wh pulse capability (- 20 c to + 20 c) up to 2 a (+ 80 c to + 150 c) up to 500 ma (the voltage reading may vary according to the pulse characteristics and the temperature. consu l t sa f t) maximum recommended continuous current 300 ma storage prior to use (recommended) + 30 c max. (possible) + 150 c operating temperature range - 40/ + 150 c (- 40/302 f) physical characteristics (unsleeved cells) diameter (max) 32.05 mm (1.262 in) height (max) 61.70 mm (2.429 in) typical weight 104.5 g (3.7 oz) li metal content approx. 4.1 g consult sa f t for specific single cell finishes february 2009 saft always supplies lsh 20-150 cells as complete battery assemblies
sa f t specialty battery group 12, rue sadi carnot 93170 bagnolet - france tel . : +33 (0)1 49 93 19 18 fa x : +33 (0)1 49 93 19 69 www.sa f tbatteries.com shocks and vibrations l ability to withstand in the entire operating temperature range 750 g peak/0.5 msec repetitive shocks on axial and radial axes (undischarged and partially discharged cells) l ability to withstand in the entire operating temperature range 20 g rms random vibrations 2 to 4 hours along x, y and z axis < 30 hz @ 6 db/octave 3 0 -80 hz @ 3 db/octave 8 0 -300 hz @ 0 db/octave 30 0 -1000 hz @ - 3 db/octave l ability to withstand in the entire operating temperature range 1 hour of linear sine sweep at 30 g peak, from 30 to 2000 hz along x, y and z axis doc. n o 3108 4-2- 0209 information in this document is subject to change without notice and becomes contractual only after written confirmation by saft. for more details on primary lithium technologies please refer to primary lithium batteries selector guide doc n o 31048-2. published by the communications department. photo credit: sa f t socit anonyme au capital de 31 944 000 rcs bobigny b 383 703 873 produced by arthur associates limited. dimensions in mm. lsh 2 0 - 150 61.70 max ? 32.05 max 01 23 45 67 89 10 11 12 13 14 15 3.5 3.7 3.9 3.3 3.1 2.9 2.7 2.5 2.3 2.1 1.9 ? 20c ? 40c + 25c + 150c + 80c + 125c 100 ma 300 ma 200 ma 01 23 45 67 8 9 10 11 12 13 14 15 3.5 3.7 3.9 3.3 3.1 2.9 2.7 2.5 2.3 2.1 1.9 storage l it is recommended to maintain the storage area clean, ventilated and preferably not exceeding 30 c warning l fire, explosion and burn hazard l do not recharge, short circuit, crush, disassemble, heat above 1 50 c (302 f), incinerate, or expose contents to water typical discharge curve under 100 ma typical discharge curve under 100, 200 and 300 ma at +150oc cell voltage (v) cell voltage (v) capacity (ah) capacity (ah)


▲Up To Search▲   

 
Price & Availability of LSH20-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X