Part Number Hot Search : 
40HR308 S4806CBI RFR3806 P6KE10 28128 JAN4N49 RN498 1855MF9
Product Description
Full Text Search
 

To Download L1085DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3a adjustable low dropout linear regulator (ldo) niko-sem l1085xg to-252,263,220 lead-free jul-15-2004 general description the l1085g is a positive and low dropout three-terminal voltage regulator with 3a out- put current capability. this device is design- ed for use in low voltage applications that offers lower dropout vo ltage and faster tran- sient response. this device is fully protected against over current faults, over temperature operation, reversed input polarity, reversed lead insert- ion, transient voltage spike ?etc. on-chips trimming the reference voltage to 1% and features the low dropout of maxi- mum 1.45 volts. the l1085g series regulators are available in the popular industry standard to-220 to-263 and to-252 packages. features z very easy to use, it requires only two external resistors to set the output voltage z low dropout voltage: 1.3v typical at up to 3a z low ground current z fast transient response z current & thermal limiting z line regulation: 0.5% typical z load regulation: 0.5% typical z to-220, to-263 and to-252 packages applications z high current microprocessor supplies z low voltage logic supply z powering vga & sound card z portable instrumentation z constant current regulator z post regulator for switching power supply typical application - basic adjustable regulator circuit - + cin 10uf r2 + cout 10uf r1 in adj out l1085 vin 1. cin needed if device is far from from filter capacitors. iadj vo = vref (1+r2/r1) + iadj x r2 vout vref 2. cout required for stability. free datasheet http://
2 3a adjustable low dropout linear regulator (ldo) niko-sem l1085xg to-252,263,220 lead-free jul-15-2004 absolute maximum ratings z maximum supply voltage 7v z operating junction temperature range 0 to 125 c z power dissipation internally limited z storage temperature range -40 to 150 c z thermal resistance junction to case, jc 5 c/w z lead temperature (soldering, 10 seconds) 260 c z thermal resistance junction to ambient, ja to-263 to-252 to-220 60 c/w 70 c/w 50 c/w electrical characteristics ( unless otherwise specified, t a = 25 c.) parameter symbol test conditions typical limits reference voltage v ref v in = 5v, i out = 10ma 1.25v 1.23v min 1.27v max dropout voltage v d v ref = 1%, i out = 3a 1.3v 1.45v line regulation reg (line) (v out + 1.5v) v in 7v, i out = 10ma 0.5% 2% load regulation reg (load) (v in -v out ) = 3v, 10ma i out 3a 0.5% 2.5% minimum load current i o 1.5v (v in -v out ) 5.75v 10ma adjust pin current i adj 55 a 100 a current limit i cl v in - v out = 2v 5.0a 4.0a (min) rms output noise v n 0.003% of v out ripple rejection ratio r a f = 120hz, c adj = 22 f for adj pin, v in = 5v, i out = 3a 72db 60db (min) device selection guide device L1085DG l1085sg l1085s3g l1085tg package to-252 to-263 (2-lead) to-263 (3-lead) to-220 marking L1085DG l1085sg l1085s3g l1085tg orders for parts with lead-free plating can be placed using the lxxxxxg parts name. free datasheet http://
3 3a adjustable low dropout linear regulator (ldo) niko-sem l1085xg to-252,263,220 lead-free jul-15-2004 pin configurations pin # function 1 adjust 2 output 3 input note: tab is output pin free datasheet http://
4 3a adjustable low dropout linear regulator (ldo) niko-sem l1085xg to-252,263,220 lead-free jul-15-2004 to-263 (d 2 pak) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 14.5 15 15.8 h 1.0 1.5 1.8 b 4.2 4.7 i 9.8 10.3 c 1.20 1.35 j 6.5 d 2.8 k 1.5 e 0.3 0.4 0.5 l 0.7 1.4 f -0.102 0.203 m 4.83 5.08 5.33 g 8.5 9 9.5 n h i b a j c k m l e g f 12 3 d free datasheet http://
5 3a adjustable low dropout linear regulator (ldo) niko-sem l1085xg to-252,263,220 lead-free jul-15-2004 to-263 (d 2 pak) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 14.5 15 15.8 h 1.0 1.5 1.8 b 4.2 4.7 i 9.8 10.3 c 1.20 1.35 j 6.5 d 2.8 k 1.5 e 0.3 0.4 0.5 l 0.7 1.4 f -0.102 0.203 m 4.83 5.08 5.33 g 8.5 9 9.5 n h i b a j c k m l e g f 12 3 d free datasheet http://
6 3a adjustable low dropout linear regulator (ldo) niko-sem l1085xg to-252,263,220 lead-free jul-15-2004 b i d g h f e 13 2 a c l m j k to-220 (3-lead) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 9.78 10.16 10.54 h 2.4 2.54 2.68 b 2.61 2.74 2.87 i 1.19 1.27 1.35 c 20 j 4.4 4.6 4.8 d 28.5 28.9 29.3 k 1.14 1.27 1.4 e 14.6 15.0 15.4 l 2.3 2.6 2.9 f 8.4 8.8 9.2 m 0.26 0.46 0.66 g 0.72 0.8 0.88 n 7 free datasheet http://
7 3a adjustable low dropout linear regulator (ldo) niko-sem l1085xg to-252,263,220 lead-free jul-15-2004 to-252 (dpak) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 9.35 10.4 h 0.89 2.03 b 2.2 2.4 i 6.35 6.80 c 0.45 0.6 j 5.2 5.5 d 0.89 1.5 k 0.6 1 e 0.45 0.69 l 0.5 0.9 f 0.03 0.23 m 3.96 4.57 5.18 g 5.2 6.2 n g a h j i b c m l k d e f 13 2 free datasheet http://


▲Up To Search▲   

 
Price & Availability of L1085DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X