Part Number Hot Search : 
BTA204W NK60Z 2SC383 NTXV1N TMPF43XX 12S100 CFD611 AC500
Product Description
Full Text Search
 

To Download KI4953DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1: source 1 2: gate 1 7,8: drain 1 3: source 2 4: gate 2 5,6: drain 2 features 100% rg tested absolute maximum ratings ta = 25 symbol rating unit v ds -30 v gs 20 t a =25 - 4.9 t a =70 -3.9 i dm -30 i s -1.7 t a =25 2 t a =70 1.3 t j ,t stg -55to150 r thja 62.5 /w * surface mounted on 1" x 1' fr4 board. v parameter w drain-source voltage gate-source voltage pulsed drain current continuous source current * maximum junction-to-ambient* a p d i d operating junction and storage temperature range continuous drain current (t j = 150 )* maximum power dissipation * 4008-318-123 sales@twtysemi.com 1 of 2 http://www.twtysemi.com smd type ic smd type ic KI4953DY smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic product specification
smd type ic smd type ic electrical characteristics ta = 25 parameter symbol testconditons min typ max unit gate threshold voltage v gs(th) v ds =v gs ,i d = -250 a -1 v gate-body leakage i gss v ds =0v,v gs = 20 v 100 na v ds = -30v, v gs =0v -1 a v ds = -30v, v gs =0v,t j =55 -25 a on-state drain current* i d(on) v ds -5v,v gs =-10v -20 a v gs =-10v,i d = -4.9a 0.043 0.053 v gs =-4.5v,i d = -3.6a 0.070 0.095 forward transconductance* g fs v ds =-15v,i d = -4.9a 10 s schottky diode forward voltage* v sd i s =-1.7a,v gs = 0 v 0.8 -1.2 v total gate charge q g 16 25 nc gate-source charge q gs v ds = -15v, v gs =-10v,i d = -4.9a 5 nc gate-drain charge q gd 2nc gate resistance r g 27.1 turn-on delay time t d(on) 915ns rise time t r v dd =-15v,r l =15 13 20 ns turn-off delay time t d(off) i d =-1a,v gen = -10v, r g =6 25 40 ns fall time t f 15 25 ns source-drain reverse recovery time t rr i f = -1.7 a, di/dt = 100 a/ s 60 90 ns * pulse test; pulse width 300 s, duty cycle 2%. r ds(on) drain-source on-state resistance* i dss zero gate voltage drain current KI4953DY 4008-318-123 sales@twtysemi.com 2 of 2 http://www.twtysemi.com smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic smd type ic product specification


▲Up To Search▲   

 
Price & Availability of KI4953DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X