Part Number Hot Search : 
MIC4417 IE0305H U101RWHF PC120FI SPX1581U PEB2445 95030 DBLS209G
Product Description
Full Text Search
 

To Download IXTT30N60L2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2009 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 600 v v dgr t j = 25 c to 150 c, r gs = 1m 600 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25 c 30 a i dm t c = 25 c, pulse width limited by t jm 80 a i a t c = 25 c 30 a e as t c = 25 c 2 j p d t c = 25 c 540 w t j -55 to +150 c t jm +150 c t stg -55 to +150 c t l 1.6mm (0.063in) from case for 10s 300 c t sold plastic body for 10s 260 c m d mounting torque (to-247&to-3p) 1.13/10 nm/lb.in. weight to-247 6.0 g to-3p 5.5 g to-268 4.0 g n-channel enhancement mode avalanche rated symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 1ma 600 v v gs(th) v ds = v gs , i d = 250 a 2.5 4.5 v i gss v gs = 20v, v ds = 0v 100 na i dss v ds = v dss 50 a v gs = 0v t j = 125 c 300 a r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 240 m linear l2 tm power mosfet with extended fbsoa ixth30n60l2 ixtq30n60l2 IXTT30N60L2 ds100101(01/09) v dss = 600v i d25 = 30a r ds(on) 240m features z designed for linear operation z international standard packages z avalanche rated z molding epoxies meet ul 94 v-0 flammability classification z guaranteed fbsoa at 75 c applications z solid state circuit breakers z soft start controls z linear amplifiers z programmable loads z current regulators preliminary technical information g = gate d = drain s = source tab = drain to-247 to-3p d s g to-268 g s (tab) (tab) (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixth30n60l2 ixtq30n60l2 IXTT30N60L2 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 10 14 18 s c iss 10.7 nf c oss v gs = 0v, v ds = 25v, f = 1mhz 600 pf c rss 130 pf t d(on) 43 ns t r 65 ns t d(off) 123 ns t f 43 ns q g(on) 335 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 58 nc q gd 212 nc r thjc 0.23 c/w r thcs (to-247&to-3p) 0.25 c/w safe operating area specification symbol test conditions min. typ. max. soa v ds = 480v, i d = 0.6a, t c = 75c, t p = 3s 288 w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0v 30 a i sm repetitive, pulse width limited by t jm 120 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr i f = i s , -di/dt = 100a/ s, v r = 100v 710 ns note 1: pulse test, t 300 s; duty cycle, d 2%. ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc to-247 (ixth) outline terminals: 1 - gate 2 - drain 3 - source tab - drain resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 2 (external) to-3p (ixtq) outline e ? p 1 2 3 to-268 (ixtt) outline preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2009 ixys corporation, all rights reserved ixth30n60l2 ixtq30n60l2 IXTT30N60L2 fig. 1. output characteristics @ 25oc 0 3 6 9 12 15 18 21 24 27 30 0123456 v ds - volts i d - amperes v gs = 20v 14v 12v 10v 9v 7 v 5 v 6 v 8 v fig. 2. extended output characteristics @ 25oc 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 20v 14v 12v 10v 7 v 6 v 9 v 8 v fig. 3. output characteristics @ 125oc 0 3 6 9 12 15 18 21 24 27 30 012345678910111213 v ds - volts i d - amperes v gs = 20v 12v 10v 9v 5 v 7v 6v 8 v fig. 4. r ds(on) normalized to i d = 15a value vs. junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 30a i d = 15a fig. 5. r ds(on) normalized to i d = 15a value vs. drain current 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 0 1020304050607080 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 5 10 15 20 25 30 35 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes ixys ref: t_30n60l2(8r)01-20-09-a
ixys reserves the right to change limits, test conditions, and dimensions. ixth30n60l2 ixtq30n60l2 IXTT30N60L2 fig. 7. input admittance 0 5 10 15 20 25 30 35 40 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 0 5 10 15 20 25 30 35 40 45 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 10 20 30 40 50 60 70 80 90 0.4 0.5 0.6 0.7 0.8 0.9 1.0 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 2 4 6 8 10 12 14 16 0 40 80 120 160 200 240 280 320 360 400 440 480 q g - nanocoulombs v gs - volts v ds = 300v i d = 15a i g = 10ma fig. 11. capacitance 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.001 0.010 0.100 1.000 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w
? 2009 ixys corporation, all rights reserved ixth30n60l2 ixtq30n60l2 IXTT30N60L2 ixys ref: t_30n60l2(8r)01-20-09-a fig. 13. forward-bias safe operating area @ t c = 25oc 0.1 1.0 10.0 100.0 10 100 1000 v ds - volts i d - amperes t j = 150oc t c = 25oc single pulse 25s 1ms 100s r ds(on) limit 10ms dc 100ms fig. 14. forward-bias safe operating area @ t c = 75oc 0.1 1.0 10.0 100.0 10 100 1000 v ds - volts i d - amperes t j = 150oc t c = 75oc single pulse 25s 1ms 100s r ds(on) limit 10ms dc 100ms


▲Up To Search▲   

 
Price & Availability of IXTT30N60L2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X