Part Number Hot Search : 
NDL7910P 2010B BRB10 R05L12 15500 LA6324 SGM802 045PB
Product Description
Full Text Search
 

To Download IRLML6246PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10/12/12 irlml6246trpbf hexfet   power mosfet www.irf.com 1 ordering information: see detailed ordering and shipping information on the last page of this data sheet. notes   through  are on page 10 application(s) micro3 tm (sot-23) irlml6246trpbf d s g 3 1 2 ? load/ system switch features and benefits features benefits v ds 20 v v gs max 12 v r ds(on) max (@v gs = 4.5v) 46 m r ds(on) max (@v gs = 2.5v) 66 m absolute maximum ratings symbol parameter units v ds drain-source voltage v i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t a = 25c maximum power dissipation p d @t a = 70c maximum power dissipation linear derating factor w/c v gs gate-to-source voltage v t j, t stg junction and storage temperature range c thermal resistance symbol parameter typ. max. units r ??? 100 r 10  ??? 99 w c/w a max. 4.1 3.3 -55 to + 150 12 0.01 20 1.3 0.8 16 industry-standard sot-23 package multi-vendor compatibility rohs compliant containing no lead, no bromide and no halogen results in environmentally friendly pd - 97529a
 
2 www.irf.com d s g electric characteristics @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 20 ??? ??? v . 0.0 0 0. 0. 1.1 1.0 10 10 100 100 .0 gfs forward transconductance 10 ??? ??? s q g total gate charge ??? 3.5 ??? q gs gate-to-source charge ??? 0.26 ??? q gd gate-to-drain ("miller") charge ??? 1.7 ??? t d(on) turn-on delay time ??? 3.6 ??? t r rise time ??? 4.9 ??? t d(off) turn-off delay time ??? 11 ??? t f fall time ??? 6.0 ??? c is s input capacitance ??? 290 ??? c os s output capacitance ??? 64 ??? c rs s reverse transfer capacitance ??? 41 ??? source - drain ratings and characteristics symbol parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.2 v t rr reverse recovery time ??? 8.6 13 ns q rr reverse recovery charge ??? 2.8 4.2 nc i d = 1.0a t j = 25c, v r = 15v, i f =1.3a v ds = 16v, v gs = 0v, t j = 55c v ds = 16v ? = 1.0mhz r g = 6.8 v gs = 4.5v  di/dt = 100a/ s  v gs = 12v v gs = -12v t j = 25c, i s = 4.1a, v gs = 0v  integral reverse p-n junction diode. conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 4.5v, i d = 4.1a  mosfet symbol showing the v ds =10v conditions v gs = 4.5v v gs = 0v r ds (o n) v gs = 2.5v, i d = 3.3a  static drain-to-source on-resistance drain-to-source leakage current a m v dd =10v  na nc ns v ds = v gs , i d = 5 a v ds =16v, v gs = 0v v ds = 16v, v gs = 0v, t j = 125c v ds = 10v, i d = 4.1a i d = 4.1a ??? ??? ??? ??? pf a 1.3 16
 
www.irf.com 3 fig 3. typical transfer characteristics fig 2. typical output characteristics fig 1. typical output characteristics fig 4. normalized on-resistance vs. temperature 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60 s p ulse width tj = 25c 1.5v vgs top 10v 4.5v 3.0v 2.5v 2.3v 2.0v 1.8v bottom 1.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60 s p ulse width tj = 150c 1.5v vgs top 10v 4.5v 3.0v 2.5v 2.3v 2.0v 1.8v bottom 1.5v 1.0 1.5 2.0 2.5 3.0 3.5 v gs , gate-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 15v 60 s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 4.1a v gs = 4.5v
 
4 www.irf.com fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 8. maximum safe operating area fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0.2 0.4 0.6 0.8 1.0 1.2 v sd , source-to-drain voltage (v) 0.0 0 1 10 100 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t a = 25c tj = 150c single pulse 1msec 10msec operation in this area limited by r ds (on) 100 sec 0.0 2.0 4.0 6.0 8.0 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 16v v ds = 10v v ds = 4.0v i d = 4.1a
 
www.irf.com 5 fig 11. typical effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. ambient temperature v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms fig 10a. switching time test circuit   
 1      0.1 %          + -   25 50 75 100 125 150 t a , ambient temperature (c) 0.0 1.0 2.0 3.0 4.0 5.0 i d , d r a i n c u r r e n t ( a ) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 t 1 , rectangular pulse duration (sec) 0.01 0.1 1 10 100 1000 t h e r m a l r e s p o n s e ( z t h j a ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc
 
6 www.irf.com fig 13. typical on-resistance vs. drain current fig 12. typical on-resistance vs. gate voltage fig 14b. gate charge test circuit fig 14a. basic gate charge waveform 1k vcc dut 0 l s 20k vds vgs id vgs(th) qgs1 qgs2 qgd qgodr 0 5 10 15 20 25 30 i d , drain current (a) 20 40 60 80 100 120 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) vgs = 10v vgs = 4.5v 0 1 2 3 4 5 6 7 8 9 10 11 12 v gs, gate -to -source voltage (v) 20 40 60 80 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) i d = 4.1a t j = 25c t j = 125c
 
www.irf.com 7 fig 15. typical threshold voltage vs. junction temperature   typical power vs. time -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.0 0.5 1.0 1.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 10ua i d = 250ua 1e-005 0.0001 0.001 0.01 0.1 1 10 time (sec) 0 20 40 60 80 100 p o w e r ( w )
 
8 www.irf.com  ? 
  ? 

  
  
     
         
     e e1 e d a b 0.15 [0.006] e1 1 2 3 m cba 5 6 6 5 notes: b a1 3x a a2 a b c m 0.20 [0.008] 0.10 [0.004] c c 1. dimensioning & tolerancing per ansi y14.5m-1994 2. dimensions are shown in millimeters [inches]. 3. controlling dimension: millimeter. 4. datum plane h is located at the mold parting line. 5. datum a and b to be determined at datum plane h. 6. dimensions d and e1 are measured at datum plane h. dimensions does not include mold protrusions or interlead flash. mold protrusions or interlead flash shall not exceed 0.25 mm [0.010 inch] per side. 7. dimension l is the lead length for soldering to a substrate. 8. outline conforms to jedec outline to-236 ab. 0.89 1.12 symbol max min a1 b 0.01 0.10 c 0.30 0.50 d 0.08 0.20 e 2.80 3.04 e1 2.10 2.64 e 1.20 1.40 a 0.95 bsc l 0.40 0.60 08 millimeters a2 0.88 1.02 e1 1.90 bsc ref 0.54 l1 bsc 0.25 l2  bsc  ref  
 
inches 8 0     
          0.0004 min max  
dimensions 0.972 1.900 recommended footprint 0.802 0.950 2.742 3x l c l2 h 4 l1 7 f = irlml6401 a 2001 a 27 lot code lead free dat e code e = irlml6402 x = part number code reference: d = irlml5103 c = irlml6302 b = irlml2803 a = irlml2402 w = (1-26) if preceded b y last digit of calendar year w = (27-52) if preceded by a let t e r y 8 2008 3 2003 1 2001 year 2002 2 5 2005 2004 4 2007 2006 7 6 2010 0 2009 9 year y c 03 wor k we e k 01 02 a w b 04 d 24 26 25 x z y wor k we e k w h = irlml5203 g = irlml2502 k h g f e d c b 2006 2003 2002 2005 2004 2008 2007 2010 2009 j y 51 29 28 30 c b d 50 x 52 z note: a l i ne above the work week (as shown here) indicates lead - free. s = irlml6244 t = irlml6246 u= irlml6344 v = irlml6346 i = irlml0030 j = irlml2030 l = irlml0060 m = irlml0040 k = irlml0100 n = irlml2060 p = irlml9301 r = irlml9303 cu wir e halogen free part number
 
www.irf.com 9  ? 
   
  
    2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541.  
         
    
 
10 www.irf.com data and specifications subject to change without notice. ir world headquarters: 101n. sepulveda blvd, el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 10/2012  qualification standards can be found at international rectifier?s web site http://www.irf.com/product-info/reliability  higher qualification ratings may be available should the user have such requirements. please contact your international rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/  applicable version of jedec standard at the time of product release.    repetitive rating; pulse width limited by max. junction temperature.   pulse width 400 s; duty cycle 2%.   surface mounted on 1 in square cu board   refer to application note #an-994. msl1 (per ipc/jedec j-std-020d ??? ) rohs compliant yes micro3 ? (sot-23) qualification information ? moisture sensitivity level qualification level consumer ?? (per jedec jesd47f ??? guidelines ) note form quantity irlml6246trpbf micro 3 ? 000 orderable part number package type standard pack date comments 10/12/2012 added idss @ 16v, t j = 55c-pg2 revision history


▲Up To Search▲   

 
Price & Availability of IRLML6246PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X