Part Number Hot Search : 
167BZI 80001 ADN4662 1450C 54LS181J EPSA1 CP4725 4006B
Product Description
Full Text Search
 

To Download IPA037N08N3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ipa037n08n3 g opti mos (tm) 3 power-transistor features ? ideal for high frequency switching and sync. rec. ? optimized technology for dc/dc converters ? excellent gate charge x r ds(on) product (fom) ? very low on-resistance r ds(on) ? n-channel, normal level ? 100% avalanche tested ? pb-free plating; rohs compliant ? qualified according to jedec 1) for target applications ? halogen-free according to iec61249-2-21 maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25?c 2) 75 a t c =100?c 54 pulsed drain current 3) i d,pulse t c =25?c 300 avalanche energy, single pulse 4) e as i d =75?a, r gs =25? w 680 mj gate source voltage v gs 20 v power dissipation p tot t c =25?c 41 w operating and storage temperature t j , t stg -55 ... 175 c iec climatic category; din iec 68-1 55/175/56 to carry 178a. 4) see figure 13 for more detailed information value 1) j-std20 and jesd22 2) current is limited by package; with an rthjc=0.7 k/w in a standard to-220 package the chip is able 3) see figure 3 for more detailed information v ds 80 v r ds(on),max 3.7 m w i d 75 a product summary type ipa037n08n3 g package pg - to220 - fp marking 037n08n rev. 2.1 page 1 2013-08-27
ipa037n08n3 g parameter symbol conditions unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 3.7 k/w electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0?v, i d =1?ma 80 - - v gate threshold voltage v gs(th) v ds = v gs , i d =155?a 2 2.8 3.5 zero gate voltage drain current i dss v ds =80?v, v gs =0?v, t j =25?c - 0.1 1 a v ds =80?v, v gs =0?v, t j =125?c - 10 100 gate-source leakage current i gss v gs =20?v, v ds =0?v - 1 100 na drain-source on-state resistance r ds(on) v gs =10?v, i d =75?a - 3.2 3.7 m w v gs =6?v, i d =38?a - 3.9 6.2 gate resistance r g - 1.9 - w transconductance g fs | v ds |>2| i d | r ds(on)max , i d =75?a 66 132 - s values rev. 2.1 page 2 2013-08-27
ipa037n08n3 g parameter symbol conditions unit min. typ. max. dynamic characteristics input capacitance c iss - 6100 8110 pf output capacitance c oss - 1640 2180 reverse transfer capacitance c rss - 59 - turn-on delay time t d(on) - 23 - ns rise time t r - 49 - turn-off delay time t d(off) - 46 - fall time t f - 13 - gate charge characteristics 5) gate to source charge q gs - 29 - nc gate to drain charge q gd - 17 - switching charge q sw - 30 - gate charge total q g - 88 117 gate plateau voltage v plateau - 4.8 - v output charge q oss v dd =40?v, v gs =0?v - 119 158 nc reverse diode diode continous forward current i s - - 75 a diode pulse current i s,pulse - - 300 diode forward voltage v sd v gs =0?v, i f =75?a, t j =25?c - 1.0 1.2 v reverse recovery time t rr - 62 - ns reverse recovery charge q rr - 130 - nc 5) see figure 16 for gate charge parameter definition v r =40?v, i f = i s , d i f /d t =100?a/s t c =25?c values v gs =0?v, v ds =40?v, f =1?mhz v dd =40?v, v gs =10?v, i d =75?a, r g,ext =1.6? w v dd =40?v, i d =75?a, v gs =0?to?10?v rev. 2.1 page 3 2013-08-27
ipa037n08n3 g 1 power dissipation 2 drain current p tot =f( t c ) i d =f( t c ); v gs 10 v 3 safe operating area 4 max. transient thermal impedance i d =f( v ds ); t c =25 c; d =0 z thjc =f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 10 ms dc 10 - 1 10 0 10 1 10 2 10 0 10 1 10 2 10 3 i d [a] v ds [v] limited by on - state resistance single pulse 0.01 0.02 0.05 0.1 0.2 0.5 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 10 0 10 1 10 - 2 10 - 1 10 0 10 1 z thjc [k/w] t p [s] 0 10 20 30 40 50 0 50 100 150 200 p tot [w] t c [ c] 0 20 40 60 80 0 50 100 150 200 i d [a] t c [ c] rev. 2.1 page 4 2013-08-27
ipa037n08n3 g 5 typ. output characteristics 6 typ. drain-source on resistance i d =f( v ds ); t j =25 c r ds(on) =f( i d ); t j =25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. forward transconductance i d =f( v gs ); | v ds |>2| i d | r ds(on)max g fs =f( i d ); t j =25 c parameter: t j 4.5 v 5 v 5.5 v 6 v 7 v 10 v 0 2 4 6 8 10 0 50 100 150 200 250 300 r ds(on) [m w ] i d [a] 25 c 175 c 0 50 100 150 200 250 300 0 2 4 6 8 i d [a] v gs [v] 0 50 100 150 200 0 50 100 150 g fs [s] i d [a] 4.5 v 5 v 5.5 v 6 v 7 v 10 v 0 50 100 150 200 250 300 0 1 2 3 4 5 i d [a] v ds [v] rev. 2.1 page 5 2013-08-27
ipa037n08n3 g 9 drain-source on-state resistance 10 typ. gate threshold voltage r ds(on) =f( t j ); i d =75 a; v gs =10 v v gs(th) =f( t j ); v gs = v ds parameter: i d 11 typ. capacitances 12 forward characteristics of reverse diode c =f( v ds ); v gs =0 v; f =1 mhz i f =f( v sd ) parameter: t j typ max 0 2 4 6 8 - 60 - 20 20 60 100 140 180 r ds(on) [m w ] t j [ c] 155 a 1550 a 0 0.5 1 1.5 2 2.5 3 3.5 4 - 60 - 20 20 60 100 140 180 v gs(th) [v] t j [ c] ciss coss crss 10 1 10 2 10 3 10 4 0 20 40 60 80 c [pf] v ds [v] 25 c 175 c 25 c, max 175 c, max 10 0 10 1 10 2 10 3 0 0.5 1 1.5 2 i f [a] v sd [v] rev. 2.1 page 6 2013-08-27
ipa037n08n3 g 13 avalanche characteristics 14 typ. gate charge i as =f( t av ); r gs =25 w v gs =f( q gate ); i d =75 a pulsed parameter: t j(start) parameter: v dd 15 drain-source breakdown voltage 16 gate charge waveforms v br(dss) =f( t j ); i d =1 ma 20 v 40 v 60 v 0 2 4 6 8 10 12 0 20 40 60 80 100 v gs [v] q gate [nc] 60 70 80 90 - 60 - 20 20 60 100 140 180 v br(dss) [v] t j [ c] 25 c 100 c 150 c 1 10 100 1000 0.1 1 10 100 1000 i av [a] t av [s] rev. 2.1 page 7 2013-08-27 v gs q gate v gs(th) q g(th) q gs q gd q sw q g
ipa037n08n3 g pg-to-220-3-31 rev. 2.1 page 8 2013-08-27
ipa037n08n3 g published by infineon technologies ag 81726 munich, germany ? 2008 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office (www.infineon.com). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 2.1 page 9 2013-08-27


▲Up To Search▲   

 
Price & Availability of IPA037N08N3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X