Part Number Hot Search : 
LC864312 F103C8T6 2SA673 1875EEG TT5665 1H224K CU351A SMBJ16A
Product Description
Full Text Search
 

To Download IDT71T67902S80BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2001 dsc-5291/01 1 ?1999 integrated device technology, inc. features u 256k x 36, 512k x 18 memory configurations u u u u u supports fast access times: C 7.5ns up to 117mhz clock frequency C 8.0ns up to 100mhz clock frequency C 8.5ns up to 87mhz clock frequency u lbo input selects interleaved or linear burst mode u u u u u self-timed write cycle with global write control ( gw ), byte write enable ( bwe ), and byte writes ( bw x) u u u u u 2.5v core power supply u u u u u power down controlled by zz input u u u u u 2.5v i/o supply (v ddq ) u u u u u packaged in a jedec standard 100-pin plastic thin quad flatpack (tqfp),119 ball grid array (bga) and 165 fine pitch ball grid array (fbga) pin description summary note: 1. bw 3 and bw 4 are not applicable for the idt71t67902. description the idt71t67702/7902 are high-speed srams organized as 256k x 36/512k x 18. the idt71t67702/7902 srams contain write, a 0 -a 18 address inputs input synchronous ce chip enable input synchronous cs 0 , cs 1 chip selects input synchronous oe output enable input asynchronous gw global write enable input synchronous bwe byte write enable input synchronous bw 1 , bw 2 , bw 3 , bw 4 (1) individual byte write selects input synchronous clk clock input n/a adv burst address advance input synchronous adsc address status (cache controller) input synchronous adsp address status (processor) input synchronous lbo linear / interleaved burst order input dc zz sleep mode input asynchronous tms test mode select input n/a tdi test data input input n/a tck test clock input n/a tdo test data output output n/a i/o 0 -i/o 31 , i/o p1 -i/o p4 data input / output i/o synchronous v dd , v ddq core power, i/o power supply n/a v ss ground supply n/a 52 91 tb l 01 256k x 36, 512k x 18 2.5v synchronous srams 2.5v i/o, burst counter flow-through outputs, single cycle deselect advance information idt71t67702 idt71t67902 data, address and control registers. there are no registers in the data output path (flow-through architecture). internal logic allows the sram to generate a self-timed write based upon a decision which can be left until the end of the write cycle. the burst mode feature offers the highest level of performance to the system designer, as the idt71t67702/7902 can provide four cycles of data for a single address presented to the sram. an internal burst address counter accepts the first cycle address from the processor, initiating the access sequence. the first cycle of output data will flow-through from the array after a clock-to-data access time delay from the rising clock edge of the same cycle. if burst mode operation is selected ( adv =low), the subsequent three cycles of output data will be available to the user on the next three rising clock edges. the order of these three addresses are defined by the internal burst counter and the lbo input pin. the idt71t67702/7902 srams utilize idts latest high-performance cmos process and are packaged in a jedec standard 14mm x 20mm 100-pin thin plastic quad flatpack (tqfp) as well as a 119 ball grid array (bga) and a 165 fine pitch ball grid array (fbga).
6.42 2 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range symbol pin function i/o active description a 0 -a 18 address inputs i n/a synchronous address inputs. the address register is triggered by a combi-nation of the rising edge of clk and adsc low or adsp low and ce low. adsc address status (cache controller) i low synchronous address status from cache controller. adsc is an active low input that is used to load the address registers with new addresses. adsp address status (processor) i low synchronous address status from processor. adsp is an active low input that is used to load the address registers with new addresses. adsp is gated by ce . adv burst address advance i low synchronous address advance. adv is an active low input that is used to advance the internal burst counter, controlling burst access after the initial address is loaded. when the input is high the burst counter is not incremented; that is, there is no address advance. bwe byte write enable i low synchronous byte write enable gates the byte write inputs bw 1 - bw 4 . if bwe is low at the rising edge of clk then bw x inputs are passed to the next stage in the circuit. if bwe is high then the byte write inputs are blocked and only gw can initiate a write cycle. bw 1 - bw 4 individual byte write enables i low synchronous byte write enables. bw 1 controls i/o 0-7 , i/o p1 , bw 2 controls i/o 8-15 , i/o p2 , etc. any active byte write causes all outputs to be disabled. ce chip enable i low synchronous chip enable. ce is used with cs 0 and cs 1 to enable the idt71t67702/7902. ce also gates adsp . clk clock i n/a this is the clock input. all timing references for the device are made with respect to this input. cs 0 chip select 0 i high synchronous active high chip select. cs 0 is used with ce and cs 1 to enable the chip. cs 1 chip select 1 i low synchronous active low chip select. cs 1 is used with ce and cs 0 to enable the chip. gw global write enable i low synchronous global write enable. this input will write all four 9-bit data bytes when low on the rising edge of clk. gw supersedes individual byte write enables. i/o 0 -i/o 31 i/o p1 -i/o p4 data input/output i/o n/a synchronous data input/output (i/o) pins. the data input path is registered, triggered by the rising edge of clk. the data output path is flow-through (no output register). lbo linear burst order i low asynchro nous burst order selection input. when lbo is high, the inter-leaved burst sequence is selected. when lbo is low the linear burst sequence is selected. lbo is a static input and must not change state while the device is operating. oe output enable i low asynchronous output enable. when oe is low the data output drivers are enabled on the i/o pins if the chip is also selected. when oe is high the i/o pins are in a high- impedance state. tms test mode select i n/a gives input command for tap controller; sampled on rising edge of tck. tdi test data input i n/a serial input of registers placed between tdi and tdo. sampled on rising edge of tck. tck test clock i n/a clock input of tap controller. each tap event is clocked. test inputs are captured on rising edge of tck, while test outputs are driven from falling edge of tck. tdo test data output o n/a serial ouput of registers placed between tdi and tdo. this output is active depending on state fo tap controller. v dd power supply n/a n/a 2.5v core power supply. v ddq power supply n/a n/a 2.5v i/o supply. v ss ground n/a n/a ground. nc no connect n/a n/a nc pins are not electrically connected to the device. zz sleep mode 1 high asynchronous sleep mode input. zz high will gate the clk internally and power down the idt71t67702/7902 to its lowest power consump tion level. data retention is guaranteed in sleep mode. 5291 tbl 02 pin definitions (1) note: 1. all synchronous inputs must meet specified setup and hold times with respect to clk.
6.42 3 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range functional block diagram a 0C a 17/18 address register clr a1* a0* 18/19 2 18/19 a 2- a 18 256k x 36/ 512k x 18- bit memory array internal address a 0 ,a 1 bw 4 bw 3 bw 2 bw 1 byte 1 write register 36/18 36/18 adsp adv clk adsc cs 0 cs 1 byte 1 write driver byte 2 write driver byte 3 write driver byte 4 write driver byte 2 write register byte 3 write register byte 4 write register 9 9 9 9 gw ce bwe lbo i/o 0 Ci/o 31 i/o p1C i/o p4 oe data input register 36/18 output buffer d q enable register oe burst sequence cen clk en clk en q1 q0 2 burst logic binary counter 5291 drw 01 zz powerdown ,
6.42 4 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range tqfp capacitance (t a = +25c, f = 1.0mhz) recommended operating temperature supply voltage absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v dd terminals only. 3. v ddq terminals only. 4. input terminals only. 5. i/o terminals only. 6. this is a steady-state dc parameter that applies after the power supplies have ramped up. power supply sequencing is not necessary; however, the voltage on any input or i/o pin cannot exceed v ddq during power supply ramp up. 7. t a is the "instant on" case temperature. note: 1. this parameter is guaranteed by device characterization, but not production tested. symbol rating commercial unit v te rm (2) terminal voltage with respect to gnd -0.5 to +3.6 v v te rm (3,6) terminal voltage with respect to gnd -0.5 to v dd v v te rm (4,6) terminal voltage with respect to gnd -0.5 to v dd +0.5 v v te rm (5,6) terminal voltage with respect to gnd -0.5 to v ddq +0.5 v t a (7) operating temperature -0 to +70 o c t bias temperature under bias -55 to +125 o c t stg storage temperature -55 to +125 o c p t power dissipation 2.0 w i out dc output current 50 ma 52 91 tb l 03 grade temperature (1) v ss v dd v ddq commercial 0c to +70c 0v 2.5v 5% 2.5v 5% 52 91 tb l 04 symbol parameter (1) conditions max. unit c in input capacitance v in = 3dv 5 pf c i/o i/o capacitance v out = 3dv 7 pf 5291 tbl 06 symbol parameter min. typ. max. unit v dd core supply voltage 2.375 2.5 2.625 v v ddq i/o supply voltage 2.375 2.5 2.625 v v ss ground 0 0 0 v v ih input high voltage - inputs 1.7 ____ v dd +0.3 v v ih input high voltage - i/o 1.7 ____ v ddq +0.3 v v il input low voltage -0.3 (1) ____ 0.7 v 5291 tbl 05 recommended dc operating conditions note: 1. v il (min) = C0.8v for pulse width less than t cyc/2 , once per cycle. bga capacitance (t a = +25c, f = 1.0mhz) fbga capacitance (t a = +25c, f = 1.0mhz) symbol parameter (1) conditions max. unit c in input capacitance v in = 3dv 7 pf c i/o i/o capacitance v out = 3dv 7 pf 5291 tbl 06a symbol parameter (1) conditions max. unit c in input capacitance v in = 3dv tbd pf c i/o i/o capacitance v out = 3dv tbd pf 5291 tb l 06b note: 1. t a is the "instant on" case temperature.
6.42 5 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range pin configuration ? 256k x 36, 100-pin tqfp top view notes: 1. pin 14 does not have to be directly connected to v ss as long as the input voltage is < v il . 2. pin 64 can be left unconnected and the device will always remain in active mode. 10099989796959493929190 87868584838281 89 88 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 a 6 a 7 c e c s 0 b w 4 b w 3 b w 2 b w 1 c s 1 v d d v s s c lk g w b w e o e a d s c a d s p a d v a 8 a 9 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 a 16 n c lb o a 14 a 13 a 12 a 11 a 10 v d d v s s a 0 a 1 a 2 a 3 a 4 a 5 i/o p4 i/o 31 i/o 30 v ddq v ss i/o 29 i/o 28 i/o 27 i/o 26 v ss v ddq i/o 25 i/o 24 v ss (1) v dd i/o 23 i/o 22 v ddq v ss i/o 21 i/o 20 i/o 19 i/o 18 v ss v ddq i/o 17 i/o 16 i/o p3 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 i/o p2 i/o 14 v ddq v ss i/o 13 i/o 12 i/o 11 i/o 10 v ss v ddq i/o 9 i/o 8 v ss v dd zz (2) i/o 7 i/o 6 v ddq v ss i/o 5 i/o 4 i/o 3 i/o 2 v ss v ddq i/o 1 i/o 0 i/o p1 v ss i/o 15 a 15 5291 drw 02a n c n c , a 17 nc nc
6.42 6 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range pin configuration ? 512k x 18, 100-pin tqfp top view notes: 1. pin 14 does not have to be directly connected to v ss as long as the input voltage is < v il . 2. pin 64 can be left unconnected and the device will always remain in active mode. 100 99 98 97 96 95 94 93 92 91 90 87 86 85 84 83 82 81 89 88 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 a 6 a 7 c e c s 0 n c n c b w 2 b w 1 c s 1 v d d v s s c lk g w b w e o e a d s c a d s p a d v a 8 a 9 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 a 17 n c lb o a 15 a 14 a 13 a 12 a 11 v d d v s s a 0 a 1 a 2 a 3 a 4 a 5 nc nc nc v ddq v ss nc i/o p2 i/o 15 i/o 14 v ss v ddq i/o 13 i/o 12 v ss v dd i/o 11 i/o 10 v ddq v ss i/o 9 i/o 8 nc nc v ss v ddq nc nc nc 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 a 10 nc v ddq v ss nc i/o p1 i/o 7 i/o 6 v ss v ddq i/o 5 i/o 4 v ss v dd zz (2) i/o 3 i/o 2 v ddq v ss i/o 1 i/o 0 nc nc v ss v ddq nc nc nc v ss (1) nc a 16 5291 drw 02b n c n c , a 18 nc nc
6.42 7 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range 1234567 a v ddq a 6 a 4 adsp a 8 a 16 v ddq b nc cs 0 (4) a 3 adsc a 9 a 18 nc c a 7 a 2 v dd a 13 a 17 nc d i/o 8 nc v ss nc v ss i/o 7 nc e nc i/o 9 v ss ce v ss nc i/o 6 f v ddq nc v ss oe v ss i/o 5 v ddq g nc i/o 10 adv bw 2 nc i/o 4 h i/o 11 nc v ss gw v ss i/o 3 nc j v ddq v dd nc v dd nc v dd v ddq k nc i/o 12 v ss clk v ss nc i/o 2 l i/o 13 nc nc bw 1 i/o 1 nc m v ddq i/o 14 v ss bwe v ss nc v ddq n i/o 15 nc v ss a 1 v ss i/o 0 nc p nc i/o p2 v ss a 0 v ss nc i/o p1 r nc a 5 lbo v dd nc a 12 v ss t nc a 10 a 15 nc a 14 a 11 zz u v ddq tms tdi tck tdo trst v ddq 5291 drw 02d nc v ss v ss , (1) (2) (3) pin configuration ? 512k x 18, 119 bga pin configuration ? 256k x 36, 119 bga top view top view notes: 1. r5 does not have to be directly connected to v ss as long as the input voltage is < v il . 2. t7 can be left unconnected and the device will always remain in active mode. 3. pin u6 will be internally pulled to v dd if not actively driven. to disable the tap controller without interfering with normal operation, trst should be tied low and tck, tdi, and tms should be pulled through a resistor to 3.3v. tdo should be left unconnected. 4. on future 18m device cs 0 will be removed, b2 will be used for address expansion. 1234567 a v ddq a 6 a 4 adsp a 8 a 16 v ddq b nc cs 0 (4) a 3 adsc a 9 nc c a 7 a 2 v dd a 12 a 15 nc d i/o 16 i/o p3 v ss nc v ss i/o p2 i/o 15 e i/o 17 i/o 18 v ss ce v ss i/o 13 i/o 14 f v ddq i/o 19 v ss oe v ss i/o 12 v ddq g i/o 20 i/o 21 bw 3 adv bw 2 i/o 11 i/o 10 h i/o 22 i/o 23 v ss gw v ss i/o 9 i/o 8 j v ddq v dd nc v dd nc v dd v ddq k i/o 24 i/o 26 v ss clk v ss i/o 6 i/o 7 l i/o 25 i/o 27 bw 4 nc bw 1 i/o 4 i/o 5 m v ddq i/o 28 v ss bwe v ss i/o 3 v ddq n i/o 29 i/o 30 v ss a 1 v ss i/o 2 i/o 1 p i/o 31 i/o p4 v ss a 0 v ss i/o 0 i/o p1 r nc a 5 lbo v dd nc a 13 t nc nc a 10 a 11 a 14 nc zz u v ddq tms tdi tck tdo trst v ddq nc v ss 5291 drw 02c a 17 (1) (2) (3)
6.42 8 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range pin configuration ? 512k x 18, 165 fbga pin configuration ? 256k x 36, 165 fbga notes: 1. h1 does not have to be directly connected to v ss as long as the input voltage is < v il . 2. h11 can be left unconnected and the device will always remain in active mode. 3. pin n6, b11, a1, r2 and p2 are reserved for 18m, 36m, 72m, and 144m and 288m respectively. 1234567891011 anc (3) a 7 ce bw 3 bw 2 cs 1 bwe adsc adv a 8 nc bnc a 6 cs 0 bw 4 bw 1 clk gw oe adsp a 9 nc (3) ci/o p3 nc v ddq v ss v ss v ss v ss v ss v ddq nc i/o p2 di/o 17 i/o 16 v ddq v dd v ss v ss v ss v dd v ddq i/o 15 i/o 14 ei/o 19 i/o 18 v ddq v dd v ss v ss v ss v dd v ddq i/o 13 i/o 12 fi/o 21 i/o 20 v ddq v dd v ss v ss v ss v dd v ddq i/o 11 i/o 10 gi/o 23 i/o 22 v ddq v dd v ss v ss v ss v dd v ddq i/o 9 i/o 8 hv ss (1) nc nc v dd v ss v ss v ss v dd nc nc zz (2) ji/o 25 i/o 24 v ddq v dd v ss v ss v ss v dd v ddq i/o 7 i/o 6 ki/o 27 i/o 26 v ddq v dd v ss v ss v ss v dd v ddq i/o 5 i/o 4 li/o 29 i/o 28 v ddq v dd v ss v ss v ss v dd v ddq i/o 3 i/o 2 mi/o 31 i/o 30 v ddq v dd v ss v ss v ss v dd v ddq i/o 1 i/o 0 ni/o p4 nc v ddq v ss nc nc (3) nc v ss v ddq nc i/o p1 pncnc (3) a 5 a 2 tdi a 1 tdo a 10 a 13 a 14 a 17 r lbo nc (3) a 4 a 3 tms a 0 tck a 11 a 12 a 15 a 16 5291 tbl 17a 1234567891011 anc (3) a 7 ce bw 2 nc cs 1 bwe adsc adv a 8 a 10 bnc a 6 cs 0 nc bw 1 clk gw oe adsp a 9 nc (3) cnc ncv ddq v ss v ss v ss v ss v ss v ddq nc i/o p1 dnc i/o 8 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 7 enc i/o 9 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 6 fnc i/o 10 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 5 gnc i/o 11 v ddq v dd v ss v ss v ss v dd v ddq nc i/o 4 hv ss (1) nc nc v dd v ss v ss v ss v dd nc nc zz (2) ji/o 12 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 3 nc ki/o 13 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 2 nc li/o 14 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 1 nc mi/o 15 nc v ddq v dd v ss v ss v ss v dd v ddq i/o 0 nc ni/o p2 nc v ddq v ss nc nc (3) nc v ss v ddq nc nc pnc nc (3) a 5 a 2 tdi a 1 tdo a 11 a 14 a 15 a 18 r lbo nc (3) a 4 a 3 tms a 0 tck a 12 a 13 a 16 a 17 5291 tbl 17b
6.42 9 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range 1 2 3 4 20 30 50 100 200 d t cd (typical, ns) capacitance (pf) 80 5 6 5291 drw 05 , v ddq /2 50 w i/o z 0 =50 w 5291 drw 03 , symbol parameter test conditions min. max. unit |i li | input leakage current v dd = max., v in = 0v to v dd ___ 5a |i li | lbo input leakage current (1) v dd = max., v in = 0v to v dd ___ 30 a |i lo | output leakage current v out = 0v to v cc ___ 5a v ol output low voltage i ol = +6ma, v dd = min. ___ 0.4 v v oh output high voltage i oh = -6ma, v dd = min. 2.0 ___ v 5291 tbl 07 dc electrical characteristics over the operating temperature and supply voltage range (1) dc electrical characteristics over the operating temperature and supply voltage range (v dd = 2.5v 5%) figure 2. lumped capacitive load, typical derating figure 1. ac test load ac test load ac test conditions (v ddq = 3.3v/2.5v) note: 1. the lbo pin will be internally pulled to v dd if it is not actively driven in the application and the zz in will be internally pulled to v ss if not actively driven. notes: 1. all values are maximum guaranteed values. 2. at f = f max, inputs are cycling at the maximum frequency of read cycles of 1/t cyc while adsc = low; f=0 means no input lines are changing. 3. for i/os v hd = v ddq - 0.2v, v ld = 0.2v. for other inputs v hd = v dd - 0.2v, v ld = 0.2v. symbol parameter test conditions 7.5ns 8ns 8.5ns unit i dd operating power supply current device selected, outputs open, v dd = max., v ddq = max., v in > v ih or < v il , f = f max (2) 255 200 180 ma i sb1 cmos standby power supply current device deselected, outputs open, v dd = max., v ddq = max., v in > v hd or < v ld , f = 0 (2,3) 40 40 40 ma i sb2 clock running power supply current device deselected, outputs open, v dd = max., v ddq = max., v in > v hd or < v ld , f = f m ax (2,.3) 135 130 125 ma i zz full sleep mode supply current zz > v hd, v dd = max. 40 40 40 ma 5291 tbl 08 input pulse levels input rise/fall times input timing reference levels output timing reference levels ac test load 0 to 2.5v 2ns v ddq /2 v ddq /2 see figure 1 52 91 tb l 09
6.42 10 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range synchronous truth table (1,3) notes: 1. l = v il , h = v ih , x = dont care. 2. oe is an asynchronous input. 3. zz - low for the table. operation address used ce cs 0 cs 1 adsp adsc adv gw bwe bw x oe (2) clk i/o deselected cycle, power down none h x x x l x x x x x - hi-z deselected cycle, power down none l x h l x x x x x x - hi-z deselected cycle, power down none l l x l x x x x x x - hi-z deselected cycle, power down none l x h x l x x x x x - hi-z deselected cycle, power down none l l x x l x x x x x - hi-z read cycle, begin burst external l h l l x x x x x l - d out read cycle, begin burst external l h l l x x x x x h - hi-z read cycle, begin burst external l h l h l x h h x l - d out read cycle, begin burst external l h l h l x h l h l - d out read cycle, begin burst external l h l h l x h l h h - hi-z write cycle, begin burst external l h l h l x h l l x - d in write cycle, begin burst external l h l h l x l x x x - d in read cycle, continue burst next x x x h h l h h x l - d out read cycle, continue burst next x x x h h l h h x h - hi-z read cycle, continue burst next x x x h h l h x h l - d out read cycle, continue burst next x x x h h l h x h h - hi-z read cycle, continue burst next h x x x h l h h x l - d out read cycle, continue burst next h x x x h l h h x h - hi-z read cycle, continue burst next h x x x h l h x h l - d out read cycle, continue burst next h x x x h l h x h h - hi-z write cycle, continue burst next x x x h h l h l l x - d in write cycle, continue burst next x x x h h l l x x x - d in write cycle, continue burst next h x x x h l h l l x - d in write cycle, continue burst next h x x x h l l x x x - d in read cycle, suspend burst current x x x h h h h h x l - d out read cycle, suspend burst current x x x h h h h h x h - hi-z read cycle, suspend burst current x x x h h h h x h l - d out read cycle, suspend burst current x x x h h h h x h h - hi-z read cycle, suspend burst current h x x x h h h h x l - d out read cycle, suspend burst current h x x x h h h h x h - hi-z read cycle, suspend burst current h x x x h h h x h l - d out read cycle, suspend burst current h x x x h h h x h h - hi-z write cycle, suspend burst current x x x h h h h l l x - d in write cycle, suspend burst current x x x h h h l x x x - d in write cycle, suspend burst current h x x x h h h l l x - d in write cycle, suspend burst current h x x x h h l x x x - d in 5291 tbl 10
6.42 11 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range linear burst sequence table ( lbo =v ss ) synchronous write function truth table (1, 2) asynchronous truth table (1) interleaved burst sequence table ( lbo =v dd ) notes: 1. l = v il , h = v ih , x = dont care. 2. bw 3 and bw 4 are not applicable for the idt71t67902. 3. multiple bytes may be selected during the same cycle. notes: 1. l = v il , h = v ih , x = dont care. 2. synchronous function pins must be biased appropriately to satisfy operation requirements. note: 1. upon completion of the burst sequence the counter wraps around to its initial state. note: 1. upon completion of the burst sequence the counter wraps around to its initial state. operation gw bwe bw 1 bw 2 bw 3 bw 4 read hhxxxx read hl hhhh write all bytes lxxxxx write all bytes hlllll write byte 1 (3 ) hl l hhh write byte 2 (3 ) hlhlhh write byte 3 (3 ) hlhhlh write byte 4 (3 ) hl hhhl 5291 tbl 11 operation (2 ) oe zz i/o status power read l l data out active read h l high-z active write x l high-z C data in active deselected x l high-z standby sleep mode x h high-z sleep 5291 tbl 12 sequence 1 sequence 2 sequence 3 sequence 4 a1 a0 a1 a0 a1 a0 a1 a0 first address 0 0 0 1 1 0 1 1 second address 0 1 0 0 1 1 1 0 third address 1 0 1 1 0 0 0 1 fourth address (1 ) 11100100 5291 tbl 13 sequence 1 sequence 2 sequence 3 sequence 4 a1 a0 a1 a0 a1 a0 a1 a0 first address 0 0 0 1 1 0 1 1 second address 0 1 1 0 1 1 0 0 third address 1 0 1 1 0 0 0 1 fourth address (1 ) 11000 110 5291 tbl 14
6.42 12 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range ac electrical characteristics (v dd = 2.5v 5%, t a = 0 to 70c) 7.5ns 8ns 8.5ns symbol parameter min. max. min. max. min. max. unit clock parameter t cy c clock cycle time 8.5 ____ 10 ____ 11. 5 ____ ns t ch (1) clock high pulse width 3 ____ 4 ____ 4.5 ____ ns t cl (1) clock low pulse width 3 ____ 4 ____ 4.5 ____ ns output parameters t cd clock high to valid data ____ 7.5 ____ 8 ____ 8.5 ns t cdc clock high to data change 2 ____ 2 ____ 2 ____ ns t cl z (2) clock high to output active 0 ____ 0 ____ 0 ____ ns t chz (2) clock high to data high-z 2 3.5 2 3.5 2 3.5 ns t oe output enable access time ____ 3.5 ____ 3.5 ____ 3.5 ns t ol z (2) output enable low to output active 0 ____ 0 ____ 0 ____ ns t ohz (2) outp ut enable high to output high-z ____ 3.5 ____ 3.5 ____ 3.5 ns set up times t sa address setup time 1.5 ____ 2 ____ 2 ____ ns t ss address status setup time 1.5 ____ 2 ____ 2 ____ ns t sd data in setup time 1.5 ____ 2 ____ 2 ____ ns t sw write setup time 1.5 ____ 2 ____ 2 ____ ns t sav address advance setup time 1.5 ____ 2 ____ 2 ____ ns t sc chip enable/select setup time 1.5 ____ 2 ____ 2 ____ ns hol d times t ha address hold time 0.5 ____ 0.5 ____ 0.5 ____ ns t hs address status hold time 0.5 ____ 0.5 ____ 0.5 ____ ns t hd data in hold time 0.5 ____ 0.5 ____ 0.5 ____ ns t hw write hold time 0.5 ____ 0.5 ____ 0.5 ____ ns t hav address advance hold time 0.5 ____ 0.5 ____ 0.5 ____ ns t hc chip enable/select hold time 0.5 ____ 0.5 ____ 0.5 ____ ns sleep mode and configuration parameters t zzp w zz pulse width 100 ____ 100 ____ 100 ____ ns t zzr (3) zz recovery time 100 ____ 100 ____ 100 ____ ns t cfg (4) configuration set-up time 34 ____ 40 ____ 50 ____ ns 5291 tbl 15 notes: 1. measured as high above v ih and low below v il . 2. transition is measured 200mv from steady-state. 3. device must be deselected when powered-up from sleep mode. 4. t cfg is the minimum time required to configure the device based on the lbo input. lbo is a static input and must not change during normal operation.
6.42 13 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range notes: 1. o1 (ax) represents the first output from the external address ax. o1 (ay) represents the first output from the external addr ess ay; o2 (ay) represents the next output data in the burst sequence of the base address ay, etc. where a0 and a1 are advancing for the four word burst in the sequence defined by the state of the lbo input. 2. zz input is low and lbo is don't care for this cycle. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high. timing waveform of flow-through read cycle (1,2) t c h z t s a t s c t h s g w , b w e , b w x t s w t c l t s a v t h w t h a v c lk a d s p a d s c (1) a d d r e s s t c y c t c h t h a t h c t o e t o h z o e t c d t o lz o 1(a x) d a t a o u t t c d c o 1(a y) o 2(a y) o 2(a y) a d v c e , c s 1 (n ote 3) f low -through r ead b urst f low -through r ead o utput d isabled a x a y t s s o 1(a y) o 4(a y) o 3(a y) (b urst w raps around to its initial state) 5291 drw 06 a d v h ig h suspends burst ,
6.42 14 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range o 1(a z) c lk a d s p a d d r e s s g w a d v o e d a t a o u t t c y c t c h t c l t h a t s w t h w t c lz a x a y a z t h s i1(a y) t s d t h d t o lz t c d t c d c d a t a in (2) t o e o 1(a z) s ingle r ead f low -through b urst r ead w rite t o h z t s s t s a o 3(a z) o 2(a z) o 4(a z) o 1(a x) 5291 drw 07 t c d , notes: 1. device is selected through entire cycle; ce and cs 1 are low, cs 0 is high. 2. zz input is low and lbo is don't care for this cycle. 3. o1 (ax) represents the first output from the external address ax. i1 (ay) represents the first input from the external addre ss ay; o1 (az) represents the first output from the external address az; o2 (az) represents the next output data in the burst sequence of the base address az, etc. where a0 and a1 are advancing for the four word burst i n the sequence defined by the state of the lbo input. timing waveform of combined flow-through read and write cycles (1,2,3)
6.42 15 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range timing waveform of write cycle no. 1 ? gw controlled (1,2,3) a d d r e s s c lk a d s p a d s c t c y c t s s t h s t c h t c l t h a t s a a x a y a z a d v d a t a o u t o e t h c t s d i1(a x) i1(a z) i2(a y) th d t o h z d a t a in t h a v o 4(a w ) c e , c s 1 t h w g w t s w (n ote 3) i2(a z) i3(a z) i4(a y) i3(a y) i2(a y) t s a v ( a d v suspends burst) i1(a y) t s c (1) (2) o 3(a w ) 5291 drw 08 g w is ignored w hen a d s p initiates a cycle and is sam pled on the next cycle rising edge , notes: 1. zz input is low, bwe is high and lbo is don't care for this cycle. 2. o4 (aw) represents the final output data in the burst sequence of the base address aw. i1 (ax) represents the first input fr om the external address ax. i1 (ay) represents the first input from the external address ay; i2 (ay) represents the next input data in the burst sequence of the base address ay, etc. where a0 and a1 are advan cing for the four word burst in the sequence defined by the state of the lbo input. in the case of input i2 (ay) this data is valid for two cycles because adv is high and has suspended the burst. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high.
6.42 16 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range timing waveform of write cycle no. 2 ? byte controlled (1,2,3) a d d r e s s c lk a d s p a d s c t c y c t s s t h s t c h t c l t h a t s a a x a y t h w b w x a d v d a t a o u t o e t h c t s d s ingle w rite b urst w rite i1(a x) i2(a y) i2(a y) i2(a z) th d b urst r ead e xtended b urst w rite t o h z d a t a in t s a v t s w o 4(a w ) c e ,c s 1 t h w b w e t s w (n ote 3) i1(a z) a z i4(a y) i1(a y) i4(a y) i3(a y) t s c b w e is ignored w hen a d s p initiates a cycle and is sam pled on the next cycle rising edge b w x is ignored w hen a d s p initiates a cycle and is sam pled on the next clock rising edge i3(a z) o 3(a w ) 529 1 drw 09 ( a d v h ig h suspends burst) , notes: 1. zz input is low, gw is high and lbo is don't care for this cycle. 2. o4 (aw) represents the final output data in the burst sequence of the base address aw. i1 (ax) represents the first input fr om the external address ax. i1 (ay) represents the first input from the external address ay; i2 (ay) represents the next input data in the burst sequence of the base address ay, etc. where a0 and a1 are advancing for the four word burst in the sequence defined by the state of the lbo input. in the case of input i2 (ay) this data is valid for two cycles because adv is high and has suspended the burst. 3. cs 0 timing transitions are identical but inverted to the ce and cs 1 signals. for example, when ce and cs 1 are low on this waveform, cs 0 is high.
6.42 17 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range t c y c t s s t c l t c h t h a t s a t s c t h c t o e t o lz t h s c lk a d s p a d s c a d d r e s s g w c e ,c s 1 a d v d a t a o u t o e z z s ingle r ead s nooze m ode tz z p w 5291 drw 1 3 o 1(a x) a x (n ote 4) tz z r a z , notes: 1. device must power up in deselected mode. 2. lbo is don't care for this cycle. 3. it is not necessary to retain the state of the input registers throughout the power-down cycle. 4. cs 0 timing transitions are identical but inverted to the ce and cs 1 signaals. for example, when ce and cs 1 are low on this waveform, cs 0 is high. timing waveform of sleep (zz) and power-down modes (1,2,3)
6.42 18 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range notes: 1. zz input is low, adv is high and lbo is don't care for this cycle. 2. (ax) represents the data for address ax, etc. 3. for read cycles, adsp and adsc function identically and are therefore interchangable. non-burst read cycle timing waveform clk adsp gw , bwe , bw x ce , cs 1 cs 0 address adsc data out oe av aw ax ay az (av) (aw) (ax) (ay) 5291 drw 10 , non-burst write cycle timing waveform clk adsp gw ce , cs 1 cs 0 address adsc data in av aw ax az ay (av) (aw) (ax) (az) (ay) 5291 drw 11 , notes: 1. zz input is low, adv and oe are high, and lbo is don't care for this cycle. 2. (ax) represents the data for address ax, etc. 3. although only gw writes are shown, the functionality of bwe and bw x together is the same as gw . 4. for write cycles, adsp and adsc have different limitations.
6.42 19 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range 100-pin thin quad plastic flatpack (tqfp) package diagram outline
6.42 20 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range 119 ball grid array (bga) package diagram outline
6.42 21 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range 165 fine pitch ball grid array (fbga) package diagram outline
6.42 22 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range ordering information 100-pin plastic thin quad flatpack (tqfp) 119 ball grid array (bga) 165 fine pitch ball grid array (fbga) s power x speed xx package pf bg bq idt xxx 75 80 85 access time in tenths of nanoseconds 5291 drw 12 device type 71t67702 71t67902 256k x 36 flow-through burst synchronous sram 512k x 18 flow-through burst synchronous sram ,
6.42 23 idt71t67702, idt71t67902, 256k x 36, 512k x 18, 2.5v synchronous srams with advance inf ormation 2.5v i/o, flow-through outputs, single cycle deselect commercial t emperature range corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 sramhelp@idt.com santa clara, ca 95054 fax: 408-492-8674 800-544-7726, x4033 www.idt.com the idt logo is a registered trademark of integrated device technology, inc. datasheet document history 12/31/99 created datasheet 06/10/00 add new package offering, 13 x 15 fbga pg. 4 add capacitance for bga package; insert clarification note to absolute max ratings and recommended operating temperature tables. pg. 5,6,7,8 correct note 2 on bga and tqfp pin configuration pg. 7 replace pin u6 with trst pin in bga pin configuration; add pin description note in pinout pg. 18 inserted 100 pin tqfp package diagram outline pg. 20 correction in the 119 bga package diagram outline 07/12/00 pg. 5,6,8 remove note from tqfp and bq165 pinouts pg. 7 add/remove note from bg119 pinout pg. 20 update bg119 package diagram outline dimensions 07/16/01 pg. 9 updated isb2 levels for tcd = 7.5ns - 8.5ns


▲Up To Search▲   

 
Price & Availability of IDT71T67902S80BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X