Part Number Hot Search : 
CDP1855 TDA3654 PD84002 Z5226B HC224 DB102 TC89102 HC224
Product Description
Full Text Search
 

To Download HI-2130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  holt integrated circuits www.holtic.com 1 HI-2130 single package mil-std-1553 / mil-std-1760 3.3v bc / mt / rt with integrated transformers ds2130 rev. b 01/13 features ? combined functionality of hi-6130 and hi-6131 in a single package with integrated transformers ? smallest footprint mil-std-1553 solution available (includes transformers) ? extended temperature range, -55oc to +125oc, with optional burn-in ? hermetically sealed die improves reliability and achieves msl 1 ? less expensive than traditional multi-chip modules ? do-254 certifable ? concurrent multi-terminal operation (bc, mt, 1 or 2 independent rts) ? two host interface options in one package: 16-bit parallel bus or 4-wire spi ? 64k bytes on-chip ram with error detection/ correction option ? autonomous terminal operation requires minimal host intervention ? shared mil-std-1553 bus interface reduces circuit complexity and circuit board area. ? fully programmable bus controller with 28 op code instruction set ? simple monitor terminal (smt) mode records commands and data separately, with 16-bit or 48-bit time tagging ? irig monitor terminal (imt) mode supports irig-106 chapter 10 packet format. complete irig-106 data packets including full packet headers and trailers can be generated ? independent time-tag counters for all terminals with 32-bit option for bus controller and 48-bit option for monitor terminal ? 64-word interrupt log buffer queues the most recent 32 interrupts. hardware-assisted interrupt decoding quickly identifes interrupt sources ? built-in self-test for protocol logic, digital signal paths and internal ram ? optional self-initialization at reset uses external serial eeprom ? two temperature ranges: -40 o c to +85 o c, or -55 o c to +125 o c general description the HI-2130 provides a 3.3v fully integrated interface between a host processor and a mil-std-1553 / mil-std-1760 bus. it combines the functionality of holts hi-6130 16-bit parallel bus interface and hi-6131 spi devices, integrating mil-std-1553 protocol logic, dual transceivers and dual transformers in a single compact 15 x 15mm package. the HI-2130 die is hermetically sealed in a ceramic substrate and dual transformers are mounted onto the same package. two package options are offered, namely bga and pga (see ordering information on page 6 ). the device includes the entire signal i/o set of hi-6130 and hi-6131, with the addition of a new input signal for selecting parallel bus or spi host interface. two pairs of transformer output signals connect directly to the mil-std-1553 bus a and bus b stubs. the part is available in industrial -40 o c to +85 o c, or extended, -55 o c to +125 o c temperature ranges. optional burn-in is available on the extended temperature range. refer to the hi-6130 datasheet for full functional description and operation. 64k byte shared ram external serial flash eeprom interface transceiver a transceiver b HI-2130 bc mt rt rt mil-std-1553 protocol & memory management transformers january 2013
holt integrated circuits 2 block diagram r t 1 message processor bc message processor mt message processor r t 2 message processor bus b manchester encoder bus b manchester decoder bus a manchester encoder bus a manchester decoder reset & initializatio n logi c memory and register access control address data control discret e signal inputs configuration option logic t est logi c busb busb txinhb txinha mclk ttclk internal clocks gnd vdd power test mode r t2ssf ackirq r t1ssf mr r t2a4-0 aut oen r t2ap eecopy bendi ramedc r t1lock mttclk r t1a4-0 r t1ap mtst off r t2lock r t1ena r t2ena bcena mtrun host interface ir q mtpkrdy ready active ce we re a0 w a it d15:0 a15:1 btype bwid wpol r t1mc8 r t2mc8 discret e signal output s sck mosi miso s e r d d a s t a d a o r t n o c l 64k static ram and registers s s e r d d a t a d a o r t n o c l serial peripheral interface (spi ) to eeprom optional serial eeprom (auto-config) s c e k c s e i s o m o s i m s e r d d a s t a d a o r t n o c l x t 3 5 5 1 w s d r o x r 3 5 5 1 w s d r o s e r d d a & s o r t n o c l o w d r s bctrig busa busa bus / spi HI-2130 hi-6130 / hi-6131 HI-2130
holt integrated circuits 3 pin diagram mtpkt rdy 1 3 2 4 6 5 8 7 9 11 10 1 3 2 4 6 5 8 7 9 11 10 a b c d e f g h j k l a b c d e f g h j k l ram edc data 14 data 11 data 9 data 4 rt1 ssf rt1 mc8 b type nirq bendi ac- tive nce data 12 data 10 auto en data 6 vdd ack irq wpol data 2 nbus a ready mode bc trig data 13 tx inha data 7 data 5 test data 1 data 0 nbus a rt2 mc8 miso data 15 mosi tx inhb data 8 data 3 mtst off dnc rt1 lock bus a gnd nwait sclk nre vdd gnd vdd vdd dnc bc ena bus a vdd nwe bus nspi mclk gnd vdd gnd gnd dnc vdd dnc gnd rt1 a2 rt1 a0 rt1 a1 vdd gnd vdd vdd dnc rt2 ena bus b mt run addr 0 rt1 ena addr 2 e mosi gnd ee copy rt2 a2 addr 14 rt2 a3 nbus b esck addr 1 addr 3 addr 4 addr 6 tt clk vdd rt2 ssf addr 15 addr 13 nbus b addr 11 addr 5 rt1 ap e miso addr 7 mtt clk addr 9 rt2 ap addr 12 rt2 a4 bwid rt2 lock nmr rt1 a3 rt1 a4 addr 8 necs addr 10 rt2 a0 dnc rt2 a1 bus b top view see hi-6130 datasheet for a full pin description. notes: a. dnc: do not connect. b. all balls denoted vdd must be connected to 3.3v dc power. c. all balls denoted gnd must be connected to circuit ground. d. bus/nspi (f10) selects 16-bit wide parallel bus or spi operation (see section selection of host interface on page 4 ). e. nce: the chip enable signal is shared between 16-bit parallel and spi host interfaces (spi slave select ). HI-2130
holt integrated circuits 4 operation refer to the hi-6130 datasheet for detailed operation and register description. selection of host interface the host interface is selected using the spi/ bus pin. ? bus/ spi pin set to logic 1: selects 16-bit parallel bus host interface ? bus/ spi pin reset to logic 0: selects spi host interface HI-2130
holt integrated circuits 5 package dimensions .500 (12.7) l k j h g f e d c b a 10x @ .050 (1.27) 1 2 3 4 5 6 7 8 9 10 11 .500 (12.7) 10x @ .050 (1.27) 121x ?.0338 +0.0020 ?0.0019 ?.012 c a a b m ?.006 c m bottom view dimensions in inch (mm) pin grid array (121pga) inches HI-2130 top view 0.590 (14.986) 0.590 (14.986) 121x @ .120 (3.048) 121x .011 (0.28) +.003 (0.076) ?.001 (0.025) .075 .008 (1.9 0.2) 0.220 (5.59) dimensions in inch (mm) bottomview a 1 2 3 4 5 6 7 8 9 10 11 b c d e f g h j k l 10 eq. sp. @ .050 (1.27) = 0.5 (12.7) .050 (1.27) 0.045 (1.143) 121x ? = 0.035 (0.89) ball grid array (121bga) HI-2130 top view 0.590 (14.986) 0.590 (14.986) 0.075 (1.905) 0.220 (5.59) HI-2130
holt integrated circuits 6 ordering information part number lead finish blank tin / lead (sn / pb) fnish, bga only f pb-free, rohs compliant part number temperature range flow burn in i -40 o c to +85 o c i no t -55 o c to +125 o c t no part number package description cp 121 pin grid array - pga (121pga), (pb-free, rohs compliant) cb 121 ball grid array - bga (121bga), non-collapsing solder balls hi - 2130 cx x f HI-2130
holt integrated circuits 7 revision history revision date description of change ds2130, rev. new 09/14/12 initial release. rev. a 11/14/12 corrected typos in pin diagram. updated package drawings for new thickness. updated ordering information table. rev. b 01/22/13 remove lga package option. HI-2130


▲Up To Search▲   

 
Price & Availability of HI-2130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X