Part Number Hot Search : 
LCE13A SZ6A39 CXA1396D HAL526 0603C HDF2412D IRFR214 74LCX00
Product Description
Full Text Search
 

To Download HBC114YC6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cys tech electronics corp. s pec. no. : c355 c6 issued date : 20 12.07.19 revised date : page no. : 1/6 hbc1 14 yc6 c y s t ek product s pecification dual npn digit a l t r ansistors HBC114YC6 features ? built-in bias resistors enable the co nfiguration of an inverter circu it without connecting external input resistors (see equi valent circuit). ? the bias resistors consist of thin-f ilm resistors with complete isolati on to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. ? two dtc114y chips in a sot-563 package. ? mounting by sot-523 automatic mounting machines is possible. ? mounting cost and area can be cut in half. ? complements the hba114yc6 ? pb-free package. equivalent circuit outline sot-563 HBC114YC6 r b 1=10k , r b 2=10 k r be 1=47k , r be 2=47 k e1 b1 c2 c1 b2 e2 tr1 tr2 r b 1 r be 2 r be 1 r b 2 http://
cys tech electronics corp. s pec. no. : c355 c6 issued date : 20 12.07.19 revised date : page no. : 2/6 hbc1 14 yc6 c y s t ek product s pecification absolute maximum ratings (each transistor, ta=25 ) parameter symbol limits unit supply v o ltage v cc 50 v input voltage v in -6~+40 v i o 70 ma output current i o(max.) 100 ma power dissipation pd 150 (note) mw junction temperature tj 150 c storage temperature tstg -55~+150 c note: 120mw per element must not be exceeded. electrical characteristics (each transistor, ta=25 ) parameter symbol min. typ. max. unit test conditions v i(off) - - 0.3 v v cc =5v, i o =100 a input voltage v i(on) 3 - - v v o =0.3v, i o =1ma output voltage v o(on) - 0.1 0.3 v i o /i i =5ma/0.25ma input current i i - - 0.88 ma v i =5v output current i o(off) - - 0.5 a v cc =50v, v i =0v dc current gain g i 68 - - - v o =5v, i o =5ma input resistance r 1 7 10 13 k  - resistance ratio r 2 /r 1 3.7 4.7 5.7 - - transition frequency f t - 250 - mhz v ce =10v, i c =5ma, f =100mhz * * transition frequency of the device ordering information device package shipping marking HBC114YC6 sot-563 (pb-free and halogen-free package) 3000 pcs / tape & reel 8d
cys tech electronics corp. s pec. no. : c355 c6 issued date : 20 12.07.19 revised date : page no. : 3/6 hbc1 14 yc6 c y s t ek product s pecification typical characteristics d c curre nt g a in vs o utput curre nt 10 100 1000 1 10 100 output cu rrent ---io(ma) c u rrent g a in--- hfe vo=5v o ut put v ol t a ge vs o ut put c ur r e nt 10 100 1000 1 10 100 o u tp u t cu r re n t ---io (m a ) output voltage---vo(on)(mv) io/ii=20 i nput v ol t a ge v s o u t put c ur r e nt ( o n c h ar act e r i s t i c s ) 0.1 1 10 0. 1 1 10 100 ou tp u t c u rre n t --- io (ma) input voltage --- vi(on)(v) vo=0.3v o ut put c ur r e nt vs i nput v ol t a ge ( o ff c har act e r i s t i c s ) 0.1 1 10 100 0. 1 1 10 i nput v ol t a ge --- vi(o ff)(v) output current --- io(ma) vcc=5v power derating curves 0 20 40 60 80 100 120 140 160 0 50 100 150 200 ambient temperature --- ta( ) power dissipation---pd(mw) dual sin g le
cys tech electronics corp. s pec. no. : c355 c6 issued date : 20 12.07.19 revised date : page no. : 4/6 hbc1 14 yc6 c y s t ek product s pecification reel dimension carrier tape dimension
cys tech electronics corp. s pec. no. : c355 c6 issued date : 20 12.07.19 revised date : page no. : 5/6 hbc1 14 yc6 c y s t ek product s pecification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cys tech electronics corp. s pec. no. : c355 c6 issued date : 20 12.07.19 revised date : page no. : 6/6 hbc1 14 yc6 c y s t ek product s pecification sot-563 dimension inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.021 0.024 0.525 0.600 b 0.007 0.011 0.170 0.270 a1 0.000 0.002 0.000 0.050 e1 0.043 0.051 1.100 1.300 e 0.018 0.022 0.450 0.550 e 0.059 0.067 1.500 1.700 c 0.004 0.006 0.090 0.160 l 0.004 0.012 0.100 0.300 d 0.059 0.067 1.500 1.700 7 ref 7 ref notes : 1 .controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . 6-lead sot-563 plastic surface mounted package cystek package code: c6 st y l e : pin 1. emitter1 (e1) pin 2. base1 (b1) pin 3. colle ctor2 (c2 ) pin 4. emitter2 (e2) pin 5. base2 (b2) pin 6. collector1 ( c1 ) marking: product code date code: y ear+month y ear: 6 2006, 7 20 07 month: 1 1, 2 2, ??? 9 9, a 10, b 11 , c 12 8d


▲Up To Search▲   

 
Price & Availability of HBC114YC6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X