Part Number Hot Search : 
2SK240 HC4017 M54HC112 TSOP2 AD9983A 72905 01J7A 100AX
Product Description
Full Text Search
 

To Download HA17358AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ha17358a series dual operational amplifier ade-204-033b (z) rev.2 may 2001 description ha17358a series are dual operational amplifier that provide high gain and internal phase compensation, with single power supply. they can be widely applied to control equipments and to general use. features ? wide range of supply voltage, and single power supply used ? wide range of common mode voltage, and possible to operate with an input about 0 v, and output around 0 v is available ? frequency characteristics and input bias current are temperature compensated ? low electro-magnetic susceptibility level output offset voltage vs. input interference measurement condition output offset voltage (arb. unit) 5.0 4.0 3.0 2.0 1.0 0 ? 1.0 100e+3 1e+6 10e+6 100e+6 1e+9 10e+9 input rf frequency (hz) ha17358a series ha17358 series rs ? + rs 0.01 vin ? 10 dbm rf signal source (for quasi-rf noise) vcc = +7.5 v vee = ? 7.5 v rf rf vout (= 100 ? vio) v _ improve- ment
ha17358a series rev.2, may 2001, page 2 of 10 ordering information type no. application package ha17358a commercial use dp-8b HA17358AF fp-8d ha17358arp fp-8dc pin arrangement ? + vout1 vin( ? )1 vin(+)1 gnd v cc vout2 vin( ? )2 vin(+)2 + ? 8 7 6 5 1 2 3 4 (top view) 1 2 circuit schematic (1/2) q 1 q 4 q 2 q 3 q 5 q 6 q 7 q 13 q 12 q 11 q 10 q 8 q 9 vout r 1 vin(+) vin( ? ) c
ha17358a series rev.2, may 2001, page 3 of 10 absolute maximum ratings (ta = 25 c) ratings item symbol ha17358a HA17358AF/arp unit supply voltage v cc 32 32 v sink current isink 50 50 ma power dissipation p t 570 * 1 385 * 2 mw common mode input voltage v cm ? 0.3 to v cc ? 0.3 to v cc v differential input voltage vin (diff) v cc v cc v operating temperature topr ? 40 to +85 ? 40 to +85 c storage temperature tstg ? 55 to +125 ? 55 to +125 c notes: 1. this is the allowable values up to ta = 50 c. derate by 8.3 mw/ c. 2. these are the allowable values up to ta = 25 c mounting in air. when it is mounted on glass epoxy board of 40 mm 40 mm 1.5 mmt with 30% wiring density, the allowable value is 570 mw up to ta = 45 c. if ta > 45 c, derate by 7.14 mw/ c.
ha17358a series rev.2, may 2001, page 4 of 10 electrical characteristics (v cc = +15 v, ta = 25 c) item symbol min typ max unit test conditions input offset voltage v io ?37mvv cm = 7.5v, r s = 50 ? , rf = 50k ? input offset current i io ? 5 50 na v cm = 7.5v, i io = | i i (+) ? i i (?) | input bias current i ib ? 30 250 na v cm = 7.5v power source rejection ratio psrr ? 93 ? db r s = 1k ? , rf = 100k ? voltage gain a vd 75 90 ? db r l = , r s = 1k ? , rf = 100k ? common mode rejection ratio cmr ? 80 ? db r s = 50 ? , rf = 5k ? v cm (+) 13.5 ? ? v r s = 1k ? , rf = 100k ? common mode input voltage range v cm (?) ? ? ?0.3 v r s = 1k, rf = 100k ? peak-to-peak output voltage vop-p ? 13.6 ? v f = 100hz, r l = 20k ? , r s = 1k ? , rf = 100k ? output source current iosource 20 40 ? ma v in + = 1v, v in ? = 0v, v oh = 10v output sink current iosink 10 20 ? ma v in ? = 1v, v in + = 0v, v ol = 2.5v output sink current iosink 15 50 ? av in ? = 1v, v in + = 0v, vout = 200mv supply current i cc ?0.82 mav in = gnd, r l = slew rate sr ? 0.2 ? v/ sr l = , v cm = 7.5v, f = 1.5khz channel separation cs ? 120 ? db f = 1khz
ha17358a series rev.2, may 2001, page 5 of 10 characteristic curves output source current vs. ambient temperature 80 output source current iosource (ma) ambeint temperature ta ( c) 70 60 50 40 30 20 10 0 ? 200 20406080 v cc = 15 v v oh = 10 v input bias current vs. ambient temperature 80 input bias current i ib (na) ambeint temperature ta ( c) 70 60 50 40 30 20 10 0 ? 200 20406080 v cc = 15 v v cm = 7.5 v supply current vs. supply voltage 4 supply current i cc (ma) supply voltage v cc (v) 3 2 1 0 8 16243240 ta = 25 c 80 input bias current i ib (na) supply voltage v cc (v) 60 40 20 0 8 16243240 ta = 25 c voltage gain vs. supply voltage 160 voltage gain a vd (db) supply voltage v cc (v) 120 80 40 0 8 16243240 ta = 25 c r l = maxlmum output voltage vs. frequency input bias current vs. supply voltage 20 maximum output voltage v op - p (v) frequency f (hz) 1 k 3 k 10 k 30 k 100 k 300 k 16 12 8 4 0 v cc = 15 v ta = 25 c r l = 20 k ? 1 m
ha17358a series rev.2, may 2001, page 6 of 10 voltage gain vs. frequency v cc = 15v ta = 25 c r l = voltage gain a vd (db) 120 100 80 60 40 20 0 1 3 10 30 100 300 1 k 3 k 10 k 30 k 100 k 300 k 1 m frequency f (hz) v cc = 15v ta = 25 c r s = 50 ? 120 100 80 60 40 20 0 100 300 1 k 3 k 10 k 30 k 100 k 300 k 1m frequency f (hz) common mode rejection ratio vs. frequency common mode rejection ratio cmr (db)
ha17358a series rev.2, may 2001, page 7 of 10 solder mounting method 1. small and light surface-mount packages require spicial attentions on solder mounting. on solder mounting, pre-heating before soldering is needed. the following figure show an example of infrared rays refow. 2. the difference of thermal expansion coefficeient between mounted substrates and ic leads may cause a failure like solder peeling or soler wet, and electrical characteristics may change by thermal stress. therefore, mounting should be done after sufficient confirmation for especially in case of ceramic substrates. temperature 140 to 160 c 1 to 5 c/s 235 c max 10 s max 1 to 4 c/s time (s) ? 60 s figure 1 an example of infrared rays reflow conditions
ha17358a series rev.2, may 2001, page 8 of 10 package dimensions hitachi code jedec eiaj mass (reference value) dp-8b conforms conforms 0.51 g unit: mm 1 4 5 8 9.6 10.6 max 0.89 1.3 6.3 7.4 max 5.06 max 2.54 0.25 0.48 0.10 7.62 0.25 + 0.10 ? 0.05 0 ? 15 2.54 min 0.5 min 1.27 max hitachi code jedec eiaj mass (reference value) fp-8d ? conforms 0.10 g unit: mm *dimension including the plating thickness base material dimension 0.10 0.10 2.03 max 4.4 *0.22 0.05 4.85 0.75 max 0.40 0.06 0.60 + 0.25 ? 0.18 *0.42 0.08 0.12 0.15 0? ? 8? m 8 5 1 4 1.05 5.25 max 1.27 0.20 0.04 6.50 + 0.25 ? 0.15
ha17358a series rev.2, may 2001, page 9 of 10 hitachi code jedec eiaj mass (reference value) fp-8dc conforms ? 0.085 g unit: mm *dimension including the plating thickness base material dimension 1.75 max 4.90 0.25 0.15 0 ? ? 8 ? m 8 5 1 4 1.27 3.95 0.40 0.06 *0.42 0.08 5.3 max 0.75 max 0.14 + 0.11 e 0.04 0.20 0.03 *0.22 0.03 0.60 + 0.67 ? 0.20 6.10 + 0.10 ? 0.30 1.08
ha17358a series rev.2, may 2001, page 10 of 10 disclaimer 1. hitachi neither warrants nor grants licenses of any rights of hitachi?s or any third party?s patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party?s rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi?s sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi?s sales office for any questions regarding this document or hitachi semiconductor products. sales offices hitachi, ltd. semiconductor & integrated circuits nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2001. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00 singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road hung-kuo building taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower world finance centre, harbour city, canton road tsim sha tsui, kowloon hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://semiconductor.hitachi.com.hk hitachi europe gmbh electronic components group dornacher stra?e 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi europe ltd. electronic components group whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585200 hitachi semiconductor (america) inc. 179 east tasman drive san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 4.0


▲Up To Search▲   

 
Price & Availability of HA17358AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X