Part Number Hot Search : 
HCF40 P20N60 84134041 12TRPBF MC54H 6KE18CA 3002E 5KP24A
Product Description
Full Text Search
 

To Download GS1A-L13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gs1a-l thru gs1m-l 1.0 amp glass passivated rectifier 50 to 1000 volts do-214ac (sma) (lead frame) maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c ? maximum thermal resistance; 15 c/w junction to lead mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage gs1a-l gs1a50v35v50v gs1b-l gs1b100v70v100v gs1d-l gs1d200v140v200v gs1g-l gs1g400v280v400v gs1j-l gs1j600v420v600v gs1k-l gs1k800v560v800v gs1m-l gs1m1000v700v1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t l = 110c peak forward surge current i fsm 30a 8.3ms, half sine, maximum instantaneous forward voltage v f 1.0v i fm = 1.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10 a 50 a t j = 25 c t j = 125 c typical junction capacitance c j 15pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 2% h j e f g a b d c 0.070 0.090 0.085 suggested solder pad layout  
 omp onents 2 0736 marilla street chatsworth       
     mcc ? extremely low thermal resistance ? high temp soldering: 260 c for 10 seconds at terminals revision: d 2013/01 /01      inches mm dim min max min max note a .079 .096 2.00 2.44 b .050 .064 1.27 1.63 c --- .008--- .20 d --- .02 --- .51 e .030 .060 .76 1.52 f .065.0911.652.32 g .189 .220 4.80 5.59 h .157 .181 4.00 4.60 j .090 .115 2.25 2.92 tm micro commercial components dimensions x lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note 1: high temperature solder exemptions applied, see eu directive annex 7. www. mccsemi .com 1 of 4 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 features ? halogen free available upon request by adding suffix "-hf"
gs1a-l thru gs1m-l figure 2 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 1 2 6 10 20 100 junction capacitance - pf versus everseueess s ure uverureurre errurreeres versus ueres s es vererreeurreeres versus eeerure ure rrerurve essver uve s sru e ure rrrerss evs 2013/01/01 tm micro commercial components www. mccsemi .com 2 of 4 v f , instantaneous forward voltage (volts) 10 1.0 0.1 1.2 1.0 0.8 0.6 0.4 i f , instantaneous forward current (amp) 0.01 t j = 150 c 100 c 25 c 40 c
gs1a-l thru gs1m-l .01 1 10 10 20 40 100 200 60 figure 5 peak forward surge current peak forward surge current - amperes versus pulse duration - milliseconds (ms) amps ms .02 .06 .1 .2 .6 2 6 400 600 1000 mcc revision: d 2013/01/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: d 2013/01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 7.5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of GS1A-L13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X