Part Number Hot Search : 
MTP805V HCT57 075BD 710W0002 D201GLY 1N487B DS1481 RKP412KS
Product Description
Full Text Search
 

To Download GA342A1XGD560JW31L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.no.c02e-16 chip monolithic ceramic capacitors ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please check the murata home page (http://www.murata.com/) if you cannot find the part number in the catalog. (part number) w q product id w series chip monolithic ceramic capacitors gr gq gm gn ll gj ga j m 4 7 m a d m l r a m m 2 3 soft termination type tin plated layer only for information devices / tip & ring only for camera flash circuit high frequency for flow/reflow soldering monolithic microchip for bonding capacitor array low esl type controlled esr low esl type 8-termination low esl type 10-termination low esl type high frequency low loss type for ac250v (r.m.s.) safety standard certified type product id code series gr q m e 18 r 8 t b1 y 1h u 102 i k o a01 e dimensions (l g w) !0 d code 0.4 g 0.2mm 0.6 g 0.3mm 0.5 g 0.5mm 0.8 g 0.8mm 0.38 g 0.38mm 0.9 g 0.6mm 1.0 g 0.5mm 1.6 g 0.8mm 1.37 g 1.0mm 2.0 g 1.25mm 2.8 g 2.8mm 3.2 g 1.6mm 3.2 g 2.5mm 4.5 g 2.0mm 4.5 g 3.2mm 5.7 g 2.8mm 5.7 g 5.0mm dimensions (l g w) 01005 0201 0202 0303 015015 0302 0402 0603 0504 0805 1111 1206 1210 1808 1812 2211 2220 eia 02 03 05 08 0d 0m 15 18 1m 21 22 31 32 42 43 52 55 a b c d e f m n q r s x 1.0mm 1.25mm 1.6mm 2.0mm 2.5mm 3.2mm 1.15mm 1.35mm 1.5mm 1.8mm 2.8mm depends on individual standards. r dimension (t) (except gnm ) code 2 3 5 6 7 8 9 0.2mm 0.3mm 0.5mm 0.6mm 0.7mm 0.8mm 0.85mm dimension (t) r elements ( gnm only) code 2 4 2-elements 4-elements elements continued on the following page. o part numbering o part numbering 2 ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please check the murata home page (http://www.murata.com/) if you cannot find the part number in the catalog. continued from the preceding page. continued on the following page. 25 to 85 c 25 to 85 c 25 to 85 c 25 to 125 c *6 -25 to 85 c -25 to 85 c -55 to 125 c -55 to 105 c -220 60ppm/ c -330 60ppm/ c -470 60ppm/ c -750 120ppm/ c 10% 10% 22% 22% r2h *1 s2h *1 t2h *1 u2j *1 b *2 b x7s x6s 6r 6s 6t 7u b1 b3 c7 c8 -55 to 125 c -55 to 125 c -55 to 125 c -55 to 125 c -25 to 85 c -25 to 85 c -55 to 125 c -55 to 105 c t temperature characteristics code temperature characteristic codes temperature characteristics 20 to 85 c 20 to 125 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 125 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 85 c 20 to 125 c 25 to 125 c 25 to 150 c 25 to 125 c 25 to 85 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 20 c 25 c 25 c 25 c 25 c temperature range reference temperature +350 to -1000ppm/ c 0 60ppm/ c -150 60ppm/ c -220 60ppm/ c -330 60ppm/ c -470 60ppm/ c 0 120ppm/ c -150 120ppm/ c -220 120ppm/ c -330 120ppm/ c -470 120ppm/ c -750 120ppm/ c 0 250ppm/ c 0 30ppm/ c 0 30ppm/ c 0 60ppm/ c -150 60ppm/ c capacitance change or temperature coefficient sl *1 ch *1 ph *1 rh *1 sh *1 th *1 cj *1 pj *1 rj *1 sj *1 tj *1 uj *1 ck *1 c0g *1 x8g *1 c0h *1 p2h *1 jis jis jis jis jis jis jis jis jis jis jis jis jis eia eia eia eia 25 c 25 c 25 c 25 c 20 c 20 c 25 c 25 c eia eia eia eia jis jis eia eia -25 to 85 c -30 to 85 c -55 to 150 c -55 to 125 c -55 to 125 c -55 to 85 c -55 to 125 c -55 to 150 c -55 to 125 c +30, -80% +22, -82% +15, -40% 15% 15% 15% 15% 15% 10% *4 +22, -33% *5 f *2 y5v x8l r *2 r x5r x7r x8r - f1 f5 l8 r1 r3 r6 r7 r9 w0 -25 to 85 c -30 to 85 c -55 to 150 c -55 to 125 c -55 to 125 c -55 to 85 c -55 to 125 c -55 to 150 c -55 to 125 c 20 c 25 c 25 c 20 c 20 c 25 c 25 c 25 c 25 c jis eia *3 jis jis eia eia eia - -55 to 125 c +22, -33% x7t d7 -55 to 125 c 25 c eia -55 to 105 c +22, -33% x6t d8 -55 to 105 c 25 c eia -55 to 125 c +22, -56% x7u e7 -55 to 125 c 25 c eia public std code 1x 2c 2p 2r 2s 2t 3c 3p 3r 3s 3t 3u 4c 5c 5g 6c 6p -55 to 125 c -55 to 125 c -25 to 85 c -25 to 85 c -25 to 85 c -25 to 85 c -55 to 125 c -25 to 85 c -25 to 85 c -25 to 85 c -25 to 85 c -25 to 85 c -55 to 125 c -55 to 125 c -55 to 150 c -55 to 125 c -55 to 125 c operating temperature range *1 please refer to table for capacitance change under reference temperature. *2 capacitance change is specified with 50% rated voltage applied. *3 murata temperature characteristic code. *4 apply dc350v bias. *5 no dc bias. *6 rated voltage 100vdc max : 25 to 85 c 3 ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please check the murata home page (http://www.murata.com/) if you cannot find the part number in the catalog. continued from the preceding page. murata code capacitance change from 25 c (%) ?5 c ?0 c ?0 c max. min. max. min. max. min. 5c/5g 0.58 ?.24 0.40 ?.17 0.25 ?.11 6c 0.87 ?.48 0.59 ?.33 0.38 ?.21 6p 2.33 0.72 1.61 0.50 1.02 0.32 6r 3.02 1.28 2.08 0.88 1.32 0.56 6s 4.09 2.16 2.81 1.49 1.79 0.95 6t 5.46 3.28 3.75 2.26 2.39 1.44 7u 8.78 5.04 6.04 3.47 3.84 2.21 eia code 4c 2.56 ?.88 1.54 ?.13 1.02 ?.75 3p 1.65 0.14 1.10 0.09 3r 2.03 0.45 1.35 0.30 3s 2.63 0.95 1.76 0.63 3t 3.40 1.58 2.27 1.05 3u 4.94 2.84 3.29 1.89 3c 1.37 ?.90 0.82 ?.54 0.55 ?.36 murata code capacitance change from 20 c (%) ?5 c ?5 c ?0 c max. min. max. min. max. min. 2c 0.82 ?.45 0.49 ?.27 0.33 ?.18 2p 1.32 0.41 0.88 0.27 2r 1.70 0.72 1.13 0.48 2s 2.30 1.22 1.54 0.81 2t 3.07 1.85 2.05 1.23 1x o capacitance change from each temperature jis code u capacitance expressed by three-digit alphanumerics. the unit is picofarad (pf). the first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two numbers.if there is a decimal point, it is expressed by the capital letter " r ." in this case, all figures are significant digits. r50 1r0 100 103 ex.) 0.5pf 1.0pf 10pf 10000pf code capacitance y rated voltage 0e 0g 0j 1a 1c 1e ya 1h 2a 2d 2e yd 2h 2j 3a 3d 3f bb e2 gc gf gd gb dc2.5v dc4v dc6.3v dc10v dc16v dc25v dc35v dc50v dc100v dc200v dc250v dc300v dc500v dc630v dc1kv dc2kv dc3.15kv dc350v (for camera flash circuit) ac250v x1/y2; ac250v (safety standard certified type gc) y2, x1/y2; ac250v (safety standard certified type gf) y3; ac250v (safety standard certified type gd) x2; ac250v (safety standard certified type gb) code rated voltage continued on the following page. 4 ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please check the murata home page (http://www.murata.com/) if you cannot find the part number in the catalog. continued from the preceding page. expressed by three figures. o individual specification code (except llr ) i capacitance tolerance code w grm/gjm series c ? tc 0.05pf capacitance tolerance v 9.9pf 0.1pf b grm/gjm gqm c ? 0.1pf v 9.9pf v 1pf 1.1 to 9.9pf 0.1pf 0.1pf 1pf step and e24 series c grm/gjm grm gqm c ? except c ? c ? 0.25pf v 9.9pf v 5pf v 1pf 1.1 to 9.9pf 0.1pf * 1pf 0.1pf 1pf step and e24 series d grm/gjm grm gqm c ? except c ? c ? 0.5pf 5.1 to 9.9pf 5.1 to 9.9pf 5.1 to 9.9pf 0.1pf * 1pf 1pf step and e24 series g gjm gqm c ? c ? 2% u 10pf u 10pf e12 series e24 series j grm/ga3 gqm/gjm c ? , sl, u2j c ? 5% u 10pf u 10pf e12 series e24 series capacitance step k grj/grm/gr7/ga3 gnm gr4, gmd b, r, x7r, x5r, zlm c0g b, r, x7r, x5r, zlm 10% e6 series e6 series e12 series m grm/gma gnm ga2 lll/llr/lla/llm b, r, x7r, x7s x5r, x7r, x7s x7r x5r, x7r, x7s, x6s 20% e6 series e3 series e3 series e3 series z grm f, y5v +80%, -20% e3 series r depends on individual standards. * e24 series is also available. o esr ( llr only) code e01 e03 e05 e07 100m 220m 470m 1000m esr !0 packaging code l d e k j f b c t ?80mm embossed taping ?80mm paper taping ?80mm paper taping (lll15) ?30mm embossed taping ?30mm paper taping ?30mm paper taping (lll15) bulk bulk case bulk tray packaging 5 ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
for general purpose grm/grj series only for applications ac250v type ga2 series safety standard certified ga3 series product information 192 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. chip monolithic ceramic capacitors safety standard certified ga3 series iec60384-14 class y2, x1/y2 type gf n features 1. available for equipment based on iec/en60950 and ul1950. besides, the ga352/355 types are available for equipment based on iec/en60065, ul1492, and ul6500. 2. type gf can be used as a y2-class capacitor. 3. a new monolithic structure for small, high capacitance capable of operating at high voltage levels. 4. +125 degree c guaranteed 5. only for reflow soldering n applications 1. ideal for use on line filters and couplings for daa modems without transformers 2. ideal for use on line filters for information equipment 3. ideal for use as y capacitor or x capacitor for various switching power supplies (ga352/355 types only) do not use these products in any automotive power train or safety equipment including battery chargers for electric vehicles and plug-in hybrids. only murata products clearly stipulated as "for automotive use" can be used for automobile applications such as power train and safety equipment. free datasheet http://
for general purpose grm/grj series only for applications ac250v type ga2 series safety standard certified ga3 series product information 193 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. part number rated voltage (v) tc code (standard) capacitance (pf) length l (mm) width w (mm) thickness t (mm) electrode g min. (mm) electrode e (mm) continued from the preceding page. ga352qr7gf152kw01l ac250 (r.m.s.) x7r (eia) 1500 10% 5.7 2.8 1.5 4.0 0.3 min. ga355qr7gf182kw01l ac250 (r.m.s.) x7r (eia) 1800 10% 5.7 5.0 1.5 4.0 0.3 min. ga355qr7gf222kw01l ac250 (r.m.s.) x7r (eia) 2200 10% 5.7 5.0 1.5 4.0 0.3 min. ga355qr7gf332kw01l ac250 (r.m.s.) x7r (eia) 3300 10% 5.7 5.0 1.5 4.0 0.3 min. ga355dr7gf472kw01l ac250 (r.m.s.) x7r (eia) 4700 10% 5.7 5.0 2.0 4.0 0.3 min. ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
for general purpose grm/grj series only for applications ac250v type ga2 series safety standard certified ga3 series product information 194 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. chip monolithic ceramic capacitors safety standard certified ga3 series iec60384-14 class y3 type gd n features 1. available for equipment based on iec/en60950 and ul1950. 2. type gd can be used as a y3-class capacitor. 3. a new monolithic structure for small, high capacitance capable of operating at high voltage levels. 4. +125 degree c guaranteed 5. only for reflow soldering n applications 1. ideal for use on line filters and couplings for daa modems without transformers 2. ideal for use on line filters for information equipment do not use these products in any automotive power train or safety equipment including battery chargers for electric vehicles and plug-in hybrids. only murata products clearly stipulated as "for automotive use" can be used for automobile applications such as power train and safety equipment. free datasheet http://
for general purpose grm/grj series only for applications ac250v type ga2 series safety standard certified ga3 series product information 195 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. chip monolithic ceramic capacitors safety standard certified ga3 series iec60384-14 class x2 type gb n features 1. type gb can be used as an x2-class capacitor. 2. chip monolithic ceramic capacitor (certified as conforming to safety standards) for ac lines. 3. a new monolithic structure for small, high capacitance capable of operating at high voltage levels. 4. compared to lead type capacitors, this new capacitor is greatly downsized and low-profiled to 1/10 or less in volume, and 1/4 or less in height. 5. +125 degree c guaranteed 6. only for reflow soldering n applications ideal for use as x capacitor for various switching power supplies do not use these products in any automotive power train or safety equipment including battery chargers for electric vehicles and plug-in hybrids. only murata products clearly stipulated as "for automotive use" can be used for automobile applications such as power train and safety equipment. part number lt w dimensions (mm) g min. e min. 1.5 +0,-0.3 ga355d 5.7 0.4 3.0 0.3 5.0 0.4 2.0 +0,-0.3 2.5 +0,-0.3 2.9 +0,-0.4 ga355x ga355q ga355e l t w e e g n standard certification standard no. rated voltage class vde semko esti iec 60384-14 en 60384-14 ac250v (r.m.s.) x2 part number rated voltage (v) tc code (standard) capacitance (pf) length l (mm) width w (mm) thickness t (mm) electrode g min. (mm) electrode e (mm) ga355qr7gb103kw01l ac250 (r.m.s.) x7r (eia) 10000 10% 5.7 5.0 1.5 3.0 0.3 min. ga355qr7gb153kw01l ac250 (r.m.s.) x7r (eia) 15000 10% 5.7 5.0 1.5 3.0 0.3 min. ga355dr7gb223kw01l ac250 (r.m.s.) x7r (eia) 22000 10% 5.7 5.0 2.0 3.0 0.3 min. ga355er7gb333kw01l ac250 (r.m.s.) x7r (eia) 33000 10% 5.7 5.0 2.5 3.0 0.3 min. ga355er7gb473kw01l ac250 (r.m.s.) x7r (eia) 47000 10% 5.7 5.0 2.5 3.0 0.3 min. ga355xr7gb563kw06l ac250 (r.m.s.) x7r (eia) 56000 10% 5.7 5.0 2.9 3.0 0.3 min. ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
safety standard certified type gc/gd/gf/gb specifications and test methods continued on the following page. *1 "room condition" temperature: 15 to 35 d , relative humidity: 45 to 75%, atmospheric pressure: 86 to 106kpa *2 "c" expresses nominal capacitance value (pf). solder the capacitor to the testing jig (glass epoxy board) shown in fig. 1. then apply 10n force in the direction of the arrow. the soldering should be done using the reflow method and should be conducted with care so that the soldering is uniform and free of defects such as heat shock. fig. 1 11 adhesive strength of termination no removal of the terminations or other defect should occur. as in fig., discharge is made 50 times at 5 sec. intervals from the capacitor (cd) charged at dc voltage of specified. ct: capacitor under test cd: 0.001 f r1: 1,000 r2: 100m r3: surge resistance 10 discharge test (application: type gc) appearance no defects or abnormalities i.r. more than 1,000m dielectric strength in accordance with item no.4 the capacitance measurement should be made at each step specified in the table. sl char. : the capacitance should be measured at even 85 d between step 3 and step 4. # pretreatment for x7r char. perform a heat treatment at 150 w 0 y 10 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at room condition.* 1 9 capacitance temperature characteristics temperature characteristic guarantee is y 55 to w 125 d temperature characteristic guarantee is w 20 to w 85 d 8 dissipation factor (d.f.) q the capacitance/q/d.f. should be measured at a frequency of 1 t 0.2khz (sl char.: 1 t 0.2mhz) and a voltage of ac1 t 0.2v (r.m.s.) 7 capacitance within the specified tolerance the insulation resistance should be measured with dc500 t 50v and within 60 t 5 sec. of charging. 6 insulation resistance (i.r.) more than 6,000m 10 impulses of alternating polarity are subjected. (5 impulses for each polarity) the interval between impulses is 60 sec. applied pulse: 1.2/50 s applied voltage: 2.5kvo-p 5 pulse voltage (application: type gd/gf) no self healing breakdowns or flash-overs have taken place in the capacitor. no failure should be observed when voltage in the table is applied between the terminations for 60 t 1 sec., provided the charge/discharge current is less than 50ma. 4 dielectric strength no defects or abnormalities using calipers and micrometers 3 dimensions within the specified dimensions visual inspection 2 appearance no defects or abnormalities y 1 operating temperature range y 55 to w 125 d no. test method specifications item test voltage dc1075v ac1500v (r.m.s.) ac2000v (r.m.s.) type gb type gc/gd type gf char. specification d.f. v 0.025 q u 400 w 20c* 2 (c f 30pf) q u 1000 (c u 30pf) x7r sl char. capacitance change within t 15% x7r char. temperature coefficient w 350 to y 1000ppm/ d sl step temperature ( d ) 25 t 2 (20 t 2 for sl char.) min. operating temp. t 3 25 t 2 (20 t 2 for sl char.) max. operating temp. t 2 25 t 2 (20 t 2 for sl char.) 1 2 3 4 5 10n, 10 t 1s glass epoxy board r3 r1 r2 ct cd 10kv v ga3 series specifications and test methods 196 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. for general purpose grm/grj series only for applications ac250v type ga2 series safety standard certified ga3 series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
safety standard certified type gc/gd/gf/gb specifications and test methods continued from the preceding page. continued on the following page. *1 "room condition" temperature: 15 to 35 d , relative humidity: 45 to 75%, atmospheric pressure: 86 to 106kpa *2 "c" expresses nominal capacitance value (pf). preheat the capacitor as in table. immerse the capacitor in solder solution at 260 t 5 d for 10 t 1 sec. let sit at room condition* 1 for 24 t 2 hrs., then measure. # immersing speed : 25 t 2.5mm/s # pretreatment for x7r char. perform a heat treatment at 150 w 0 y 10 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at room condition.* 1 * preheating 15 resistance to soldering heat appearance no marking defects capacitance change i.r. more than 1,000m dielectric strength in accordance with item no.4 immerse the capacitor in a solution of ethanol (jis-k-8101) and rosin (jis-k-5902) (25% rosin in weight proportion). immerse in solder solution for 2 t 0.5 sec. immersing speed: 25 t 2.5mm/s temp. of solder: 245 t 5 ? c lead free solder (sn-3.0ag-0.5cu) 235 t 5 ? c h60a or h63a eutectic solder 14 solderability of termination 75% of the terminations are to be soldered evenly and continuously. solder the capacitor to the testing jig (glass epoxy board) shown in fig. 2. then apply a force in the direction shown in fig. 3. the soldering should be done using the reflow method and should be conducted with care so that the soldering is uniform and free of defects such as heat shock. fig. 3 13 deflection no marking defects fig. 2 solder the capacitor to the test jig (glass epoxy board). the capacitor should be subjected to a simple harmonic motion having a total amplitude of 1.5mm, the frequency being varied uniformly between the approximate limits of 10 and 55hz. the frequency range, from 10 to 55hz and return to 10hz, should be traversed in approximately 1 min. this motion should be applied for a period of 2 hrs. in each of 3 mutually perpendicular directions (total of 6 hrs.). 12 vibration resistance appearance no defects or abnormalities capacitance within the specified tolerance d.f. q no. test method specifications item char. specification d.f. v 0.025 q u 400 w 20c* 2 (c f 30pf) q u 1000 (c u 30pf) x7r sl l z w (mm) a dimension (mm) 3.5 3.5 4.5 4.5 b 7.0 7.0 8.0 8.0 c 2.4 3.7 3.2 5.6 d 1.0 4.5 z 2.0 4.5 z 3.2 5.7 z 2.8 5.7 z 5.0 char. capacitance change within t 10% within t 2.5% or t 0.25pf (whichever is larger) x7r sl step temperature 100 to 120 d 170 to 200 d time 1 min. 1 min. 1 2 solder resist cu glass epoxy board   s ^ _
  [ _ ` ? b      q r tu y z ] ^ _ ` | a ? ?    
 s v w x z [ \ _ ? ? ? -   u y z | a ?   u v z | ? a z ^ ? z ^ ? c    t _ `    r s w 100    s t w  x \ ? - 40 f 4.5 t : 1.6 d capacitance meter flexure=1 20 50 r230 45 45 (in mm) pressurizing speed: 1.0mm/s pressurize ga3 series specifications and test methods 197 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. for general purpose grm/grj series only for applications ac250v type ga2 series safety standard certified ga3 series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
safety standard certified type gc/gd/gf/gb specifications and test methods continued from the preceding page. continued on the following page. *1 "room condition" temperature: 15 to 35 d , relative humidity: 45 to 75%, atmospheric pressure: 86 to 106kpa *2 "c" expresses nominal capacitance value (pf). before this test, the test shown in the following is performed. item 11 adhesive strength of termination (apply force is 5n) item 13 deflection impulse voltage each individual capacitor should be subjected to a 2.5kv (type gc/gf: 5kv) impulse (the voltage value means zero to peak) for three times. then the capacitors are applied to life test. apply voltage as in table for 1,000 hrs. at 125 w 2 y 0 d , relative humidity 50% max. let sit for 24 t 2 hrs. at room condition,* 1 then measure. # pretreatment for x7r char. perform a heat treatment at 150 w 0 y 10 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at room condition.* 1 18 life appearance no marking defects capacitance change d.f. q i.r. more than 3,000m dielectric strength in accordance with item no.4 char. capacitance change within t 20% within t 3.0% or t 0.3pf (whichever is larger) x7r sl char. specification d.f. v 0.05 q u 275 w 5/2c* 2 (c f 30pf) q u 350 (c u 30pf) x7r sl before this test, the test shown in the following is performed. item 11 adhesive strength of termination (applied force is 5n) item 13 deflection let the capacitor sit at 40 t 2 d and relative humidity of 90 to 95% for 500 w 24 y 0 hrs. remove and let sit for 24 t 2 hrs. at room condition,* 1 then measure. # pretreatment for x7r char. perform a heat treatment at 150 w 0 y 10 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at room condition.* 1 17 humidity (steady state) appearance no marking defects capacitance change d.f. q i.r. more than 3,000m dielectric strength in accordance with item no.4 char. capacitance change within t 15% within t 5.0% or t 0.5pf (whichever is larger) x7r sl char. specification d.f. v 0.05 q u 275 w 5/2c* 2 (c f 30pf) q u 350 (c u 30pf) x7r sl fix the capacitor to the supporting jig (glass epoxy board) shown in fig. 4. perform the 5 cycles according to the 4 heat treatments listed in the following table. let sit for 24 t 2 hrs. at room condition,* 1 then measure. # pretreatment for x7r char. perform a heat treatment at 150 w 0 y 10 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at room condition.* 1 fig. 4 16 temperature cycle appearance no marking defects capacitance change d.f. q i.r. more than 3,000m dielectric strength in accordance with item no.4 char. capacitance change within t 15% within t 2.5% or t 0.25pf (whichever is larger) x7r sl char. specification d.f. v 0.05 q u 400 w 20c* 2 (c f 30pf) q u 1000 (c u 30pf) x7r sl no. test method specifications item step temperature ( d ) min. operating temp. t 3 room temp. max. operating temp. t 2 room temp. time (min.) 30 t 3 2 to 3 30 t 3 2 to 3 1 2 3 4 type applied voltage ac312.5v (r.m.s.), except that once each hour the voltage is increased to ac1,000v (r.m.s.) for 0.1 sec. ac425v (r.m.s.), except that once each hour the voltage is increased to ac1,000v (r.m.s.) for 0.1 sec. gb gc gf gd solder resist cu glass epoxy board front time (t 1 ) = 1.2 s=1.67t time to half-value (t 2 ) = 50 s t t t 2 t 1 0 30 50 90 (%) 100 ga3 series specifications and test methods 198 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. for general purpose grm/grj series only for applications ac250v type ga2 series safety standard certified ga3 series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://
safety standard certified type gc/gd/gf/gb specifications and test methods continued from the preceding page. *1 "room condition" temperature: 15 to 35 d , relative humidity: 45 to 75%, atmospheric pressure: 86 to 106kpa *2 "c" expresses nominal capacitance value (pf). the capacitor under test should be held in the flame in the position which best promotes burning. each specimen should be exposed to the flame only once. time of exposure to flame: 30 sec. length of flame : 12 t 1mm gas burner : length 35mm min. inside dia. 0.5 t 0.1mm outside dia. 0.9mm max. gas : butane gas purity 95% min. 21 passive flammability the burning time should not exceed 30 sec. the tissue paper should not ignite. the capacitor should be individually wrapped in at least one but not more than two complete layers of cheesecloth. the capacitor should be subjected to 20 discharges. the interval between successive discharges should be 5 sec. the u ac should be maintained for 2 min. after the last discharge. c 1,2 : 1 f t 10% c 3 : 0.033 f t 5% 10kv l 1 to 4 : 1.5mh t 20% 16a rod core choke c t : 3 f t 5% 10kv r : 100 ? t 2% c x : capacitor under test u ac : u r t 5% f : fuse, rated 16a u r : rated voltage u t : voltage applied to c t 20 active flammability the cheesecloth should not be on fire. before this test, the test shown in the following is performed. ?tem 11 adhesive strength of termination (apply force is 5n) ?tem 13 deflection apply the rated voltage at 40 t 2 d and relative humidity of 90 to 95% for 500 w 24 y 0 hrs. remove and let sit for 24 t 2 hrs. at room condition,* 1 then measure. # pretreatment for x7r char. perform a heat treatment at 150 w 0 y 10 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at room condition.* 1 19 humidity loading appearance no marking defects capacitance change d.f. q i.r. more than 3,000m dielectric strength in accordance with item no.4 no. test method specifications item char. capacitance change within t 15% within t 5.0% or t 0.5pf (whichever is larger) x7r sl char. specification d.f. v 0.05 q u 275 w 5/2c* 2 (c f 30pf) q u 350 (c u 30pf) x7r sl type ui 2.5kv 5kv gd, gb gc, gf u t c t c x c 3 c 2 l 1 l 3 l 2 r l 4 c 1 s 2 tr s 1 u ac f oscilloscope u x ui time about 8mm 200 t 5mm test specimen tissue about 10mm thick board 45 ? ga3 series specifications and test methods 199 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. for general purpose grm/grj series only for applications ac250v type ga2 series safety standard certified ga3 series product information ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note c02e.pdf 10.12.20 free datasheet http://


▲Up To Search▲   

 
Price & Availability of GA342A1XGD560JW31L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X