Part Number Hot Search : 
EUP3476 T6000 SFR204 5953A D1217UK SMF12 48D05 240128
Product Description
Full Text Search
 

To Download EWM-W151H01E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ewm-w150h advantech usb 802.11 b/g/n mini pcie card ewm-w151h advantech 802.11 b/g/n mini pcie card features ? ieee 802.11 b/g/n (2.4 ghz) standard ? usb signal with half-size mini pcie card interface ? 1tx / 1rx , up to 150 mbps data rate ? operating temperature: 0 to +70 c ? support win xp/ vista/ 7, win ce5.0/6.0, linux features ? ieee 802.11 b/g/n (2.4 ghz) standard ? half-size mini pcie card interface ? 1tx / 1rx , up to 150 mbps data rate ? operating temperature: 0 to +80 c ? one-antenna connector rohs compliant 2002/95/ec rohs compliant 2002/95/ec specifcations main chipset ralink rt5390 tx/rx 1tx / 1rx standard conformance 802.11 b/g/n form factor usb signal with half-size mini pcie card interface pci express mini-card rev. 1.2 operation voltage dc 3.3v 5% power consumption continue tx: 384.5 ma (ht40) continue rx: 262.4 ma (ht40) security wep 64/128-bit, wpa, wpa2 os support win xp/ vista/ 7, win ce5.0/6.0, linux temperature ranges operation: 0 to +70 c dimensions (l x w x h) 26.65 x 29.85 x 3.25 mm ordering information part no. product description ewm-w150h01e advantech usb 802.11 b/g/n, ralink rt5390 1t1r, half- size mini pcie card suggestion: antenna and cable part no. specifcations 1750000318 wi-fi 2.4 ghz 2dbi dipole antenna 1750003222 wi-fi 2.4 ghz 5dbi dipole antenna 1750003418 wi-fi 2.4 ghz 9dbi dipole antenna 1750006043 wi-fi coaxial cable, 150 mm 1750006010 wi-fi coaxial cable, 200 mm 1750005885 wi-fi coaxial cable, 230 mm specifcations main chipset realtek rtl8188ee tx/rx 1tx / 1rx standard conformance 802.11 b/g/n form factor pcie signal with half-size mini pcie card interface pci express mini-card rev. 1.2 operation voltage dc 3.3v 5% power consumption continue tx: 900.24 ma (ht40) continue rx:621.06 ma (ht40) security wep 64/128-bit, wpa, wpa2 os support windows xp/ vista/ 7, win8 , linux temperature ranges operation: 0 to +80 c dimensions (l x w x h) 26.65 x 29.85 x 3.05 mm ordering information part no. product description EWM-W151H01E advantech 802.11 b/g/n, realtek rtl8188ee 1t1r, half- size mini pcie card suggestion: antenna and cable part no. specifcations 1750000318 wi-fi 2.4 ghz 2dbi dipole antenna 1750003222 wi-fi 2.4 ghz 5dbi dipole antenna 1750003418 wi-fi 2.4 ghz 9dbi dipole antenna 1750006043 wi-fi coaxial cable, 150 mm 1750006010 wi-fi coaxial cable, 200 mm 1750005885 wi-fi coaxial cable, 230 mm embedded wireless modules all product specifications are subject to change without notice last updated : 4-jan-2013


▲Up To Search▲   

 
Price & Availability of EWM-W151H01E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X