taa-compliant eco 750va energy-saving standby 120v ups with usb port model number: ECO750UPSTAA description the ECO750UPSTAA is compliant with the federal trade agreements act (taa) for gsa schedule purchases. this standby green ups offers complete protection from blackouts, brownouts and transient surges. supports green energy savings via built-in eco outlets that automatically power off unused computer accessories like printers or multi-media speakers when the computer is not in use. full load efficiency rating of 99% also offers energy-savings and cooler operation by limiting ups power consumption to less than 5 watts! eco-friendly design meets strict rohs environmental standards. provides uninterrupted transition to battery-derived ac output during brownouts and power failures with enough runtime to save and shutdown connected equipment without data loss. offers complete protection in an ultra-compact desktop or wall-mountable housing. includes 6 battery supported outlets for computer, monitor and four vital system peripherals, plus 6 additional surge suppression-only outlets for accessories not requiring battery support. four of the surge-only outlets are designated eco outlets that can be configured to automatically power-off when the computer enters standby mode or is shutdown. usb port enables ups configuration options and unattended system shutdown without data loss in the case of extended power failure. poweralert software is available via free download from www.tripplite.com. usb cable included. built-in single line rj11 phone suppression protects modem, fax machine, cordless phone or other accessories with a dialup/dsl phone connection. built-in audible alarm and front panel leds offer continuous status information regarding line and battery power operation. 750va/450 watt ups output capacity with up to 34 minutes runtime for an entry-level pc with small lcd monitor consuming 80 watts continuous. $100,000 connected equipment insurance (u.s., puerto rico & canada only). features compliant with the federal trade agreements act (taa) for gsa schedule purchases ECO750UPSTAA standby green ups offers complete protection from blackouts, brownouts and transient surges built-in eco outlets automatically power off unnecessary computer accessories like printers, scanners and speakers when computer is not in use full load efficiency rating of 99% saves energy and heat output by limiting ups power consumption to less than 5 watts with only 4 btu/hr. of heat output eco-friendly design meets strict rohs (restriction of hazardous substances) environmental standards. 750va / 450 watt ups provides battery-derived ac output during brownouts and power failures 9.4 minutes runtime at 50% load (225 watts) up to 34 minutes runtime for an entry-level pc with small lcd monitor (80 watts) ultra compact ups supports a variety of placement options for desktop or wallmount use includes 6 ups supported outlets for computer, monitor and four vital system peripherals requiring uninterrupted power highlights federal trade agreements act / taa compliant for gsa schedule purchases 750va ultra-compact 120v standby ups, energy-saving eco outlets maintains ac output during power failures, 99% line mode efficiency eco option turns off set of four outlets when the computer is not in use usb port, tel/dsl protection, wall mountable, surge-only outlets nema 5-15p input plug and 12 nema 5-15r outlets package includes ECO750UPSTAA taa compliant ups system usb cable instruction manual 1 / 4
includes 6 ups supported outlets for computer, monitor and four vital system peripherals requiring uninterrupted power includes 6 surge-only outlets for accessories not requiring battery support four of the surge-only outlets are designated eco outlets that can be configured to automatically power-off when the computer is not in use usb port enables ups configuration options and unattended system shutdown without data loss in the case of extended power failure. poweralert ups monitoring software is available for free download from www.tripplite.com hid-compliant usb port also enables integration with built-in power management and auto shutdown features of windows and mac os x single line rj11 phone suppression jacks protect modem, fax machine, cordless phone or other accessories from surges on dial-up/dsl phone connections usb cable included space-saving right angle input plug $100,000 connected equipment insurance (usa, puerto rico and canada only) specifications output output volt amp capacity (va) 750 output watt capacity (watts) 450 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 12 5-15r outlet(s) ups output receptacles (surge suppression only) 6 ups outlets, 6 surge-only outlets output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 10a nominal input voltage(s) supported 120v ac ups input connection type 5-15p; right-angled ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery half load runtime (min.) 9.4 min. (225w) 2 / 4
dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 16 hours from 10% to 90% leds alarms & switches led indicators 3 leds indicate power status, overload/check battery and eco-mode status audible alarm audible alarm indicates power-failure and overload status switches combination switch controls on/off power status and self-test operation; second recessed push-button switch enables eco outlet switching surge / noise suppression ups ac suppression joule rating 420 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower; ultra-compact desktop primary form factor desktop ups power module dimensions (hwd, in.) 3.1 x 12.2 x 6.9 ups power module dimensions (hwd, cm) 7.8 x 31 x 17.6 ups power module weight (lbs.) 8.8 ups power module weight (kg) 4 ups shipping dimensions (hwd / in.) 4.6 x 15 x 9.8 ups shipping dimensions (hwd / cm) 11.7 x 38.2 x 25 shipping weight (lbs.) 10.1 shipping weight (kg) 4.6 ups housing material plastic environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 3 3 / 4
ac mode efficiency rating (100% load) 99% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications network ups tools compatibility nut compatible. see the full list of tripp lite nut compatible ups systems at http://www.networkupstools.org/stable-hcl.html?manufacturer=tripp lite line / battery transfer transfer time ac to battery mode: 4 milliseconds / battery to ac mode: 1 milliseconds low voltage transfer to battery power (setpoint) 99 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported green energy-saving features greater than 95% efficiency - green ups; power saving auto-shutoff eco outlets certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi); taa compliant warranty product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $100,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
|