Part Number Hot Search : 
A2700 2SC33 MKP1841 SZ453G 2SC33 STPS1 2SC33 BYV26E
Product Description
Full Text Search
 

To Download E2C-EDA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  csm_E2C-EDA_ds_e_ 5 _1 1 high precision positioning inductive proximity sensor E2C-EDA proximity sensor with separate amplifier enables easily making high-precision sensitivity settings. ? w ide var i et y o f sen s o r head s t o select a c co rd ing t o th e ap plicat ion . th e sensor he ads use f l exible cab l e. ? hig h re sis ta n ce t o ch an ge s in am b i en t t e m p er at ur e. tem per at ur e char act e r i st ics o f 0. 08 %/ c ( f o r 5. 4- dia . mod e ls). ? m ake simp le and r e lia ble d e t e ct ion set t in gs wit h micr on- level pr ecision u s in g th e t eachin g f unct i on . ? c heck t h e se nsing e x ce ss ga in level on th e dig i ta l d i splay. ? support for high-precision positioning and screening with fine positioning to maximize variations. ordering information sensors [r efer to dim e nsio ns on pa g e 1 1 .] sensor heads *1 a pro tective spiral t ube is pr ovided with models ending in the suffix -s. (example: e2c-ed0 1-s). f or deta i led dimensions of the protect i ve spiral tube, refer to the in format ion on the e39-f3 2 a on the omron website. *2 t w o cable length s are available. (3-dia. : free-cut type, h eat-resis tant type: st andard-len gth only). overall length of the st andard-len gth type: 2.5 m, leng th from the sensor head to t he preamplifier: 2.0 m (e xample: e2c-ed01) overall length of the free-cu t type : 3.5 m, length from the sen s or head to t he preamplif ier: 0.5 m for models ending in the suf fix - f (ex a mp l e : e2c - ed01f). *3 models ending in the suffix -s that come with protective spir al tubes and free-cut models ending in the suffix -f are made-to-o rder products. be sure to read safety precautions on page 9. type appearance sensing distance repeat accuracy mode l shielded 3 dia. 18 mm 1 m e2c- edr6-f * 2 5.4 dia. 18 mm 1 m e2c-ed01- @ * 1 * 2 * 3 8 dia. 22 mm 2 m e2c-ed02- @ * 1 * 2 * 3 m10 22 mm 2 m e2c-em02- @ * 1 * 2 * 3 30 14 4 . 8 mm 2 m e2c-ev 0 5- @ * 1 * 2 * 3 u nshielded m18 46.3 mm 5 m e2c-em07m- @ * 1 * 2 * 3 h eat-resistant m12 22 mm 2 m e2c-em02h * 2 cylindrical 0.6 mm 1 mm 2 mm sc re w 2 mm fl at 5 mm screw 7 mm screw 2 mm http://
E2C-EDA 2 am plif i e r uni t s amp lif ier units with cabl es amp lif ier units with co nn ecto rs (an amp lifier un it c onn ecto r (so ld sep arately) is requ ired.) amplifier unit co nnectors (order separately) n o te: prote c tor seals pro v ided . [ r efer t o e3x-d a -s/mda .] mobile co nsole (o rder separately) [ r efer t o e3x-d a -s/mda .] no t e : u s e th e e3x-mc11-sv2 mobile con s ole with e2c- e d a-series amplifier units. if you u s e a mo bile console like the e3x-mc 11-s, some fu nctions may not operate. for details, re fer to ra tings and specifications for e3x-d a -s/mda. item appearance functions model npn output pnp output advanced models twin-ou tput models area output, open circuit detection, different ial opera tion e 2 c-eda1 1 2m e2c- eda41 2m external-in put models remote setting, different ial opera tion e 2 c-eda2 1 2m e2c- eda51 2m item appearance functions model npn output pnp output advanced models twin-ou tput models area output, open circuit detection, different ial opera tion e 2 c-eda6 e2c- eda8 external-in put models remote setting, different ial opera tion e 2 c-eda7 e2c- eda9 item appearance cable length no. of conductors model ma ster connector 2 m 4 e3x-cn 21 slave connector 2 e3x-cn22 appearance model rem arks e3x-mc11-sv2 (m od el nu mbe r o f set) mobile c onso l e with head, c able , and ac adapter provided as accessories e3x-mc11-c1-s v2 mobile c onso l e e3x-mc11-h1 head e39-z12-1 cable (1.5 m) orderin g precau tion s fo r amp lifier u n its with co nn ecto r s a c onnector is no t provid ed with the amplifier u nit. r efer to th e following tables when ordering. when using 5 amplifier units amplifier unit app licab le con n ector (order separately) model npn output pnp output master connector slave c onn ecto r advanced models E2C-EDA6 E2C-EDA8 + e3x-cn21 e3x-cn22 E2C-EDA7 E2C-EDA9 amplifier units (5 units) + 1 maste r conne ctor 4 s l ave connectors
E2C-EDA 3 a cce ssories (orde r sepa rately) mounting bracket a mou n tin g b r ac ket is n o t provid ed wit h th e am plif ier unit . order a moun tin g bracke t sep arately if requ ir e d . [refer to e39-l, f 39-l , e39-s, an d e39-r.] end plate a n end plate i s no t pro vided wit h t h e a m pli f ier un it. order an en d plate separately if r eq u ired . [refer to pf p- @ .] extension cables between sensor h ead and amplifier u n it a mo un tin g bracket is n o t p r ovid ed with th e amp lifier u n it. order an exten sion cable separately if req u ired . [ refer t o dim e nsio ns o n p a ge 1 2 .] r a ting a n d speci fic a ti ons sensor heads *1 t he repeat accuracy an d temperature ch aracterist ic are for a standard sensing object positioned midway thro ugh the rated sensin g distance. *2 a sudden temp erature rise even within the rat ed tempe r ature range may deg rade characteristics. *3 f or the sen s or head only wit hout the preamplifier ( ? 10 to 60 c). with no icing or co ndensation . *4 do not operate in areas expose d to water va p or because the enclosure is not w aterproof. app earance model qu an t i ty e39-l143 1 app earance model qu an t i ty pfp-m 1 cable length model q u an tity 2 m e 2 2-xc2r 1 7 m e 2 2-xc7r model e2c-edr6-f e2c-ed01(- @ ) e2c-ed02(- @ ) e2c-em02(- @ ) e2c-em07(- @ ) e2c-ev05(- @ ) e2c-em02h it em 3 dia. 18 mm 5.4 dia. 18 mm 8 dia. 22 mm m10 22 mm m18 46.3 mm 30 14 4.8 mm m12 22 mm sensing distance 0.6 mm 1 mm 2 mm 7 mm 5 mm 2 mm sensing object magnetic metal (t he sensing distance will decrease when s ensin g non-mag netic metal. refer to engineering da ta on page 5. ) stand ard sen sing ob ject 5 5 3 mm 10 10 3 m m 22 22 3 m m 15 15 3 mm 20 20 3 m m material: iron (s50c) repeat accuracy * 1 1 m2 m5 m2 m hysteresis distance variable tempera- ture char- acteristic * 1 sensor head 0.3%/ c 0.08%/ c 0.04%/ c0.2%/ c preamp lifier an d amplifier 0.08% / c am bi e n t temp era- tu re * 2 operati n g ?10 c to 60 c (with no icing o r condensatio n) ?10 c to 200 c * 3 storage ?1 0 c t o 60 c (wit h no icing or conden satio n ) ?20 c to 70 c (with no icing or con densa tion) a mbient humidity operating/storage: 35% to 85% (with no condensation) in sulation resistance 50 m min. (at 500 vdc) d ielectric strength 1,000 vac at 50/60 hz for 1 min bet ween current carry parts and case vib ration resistance destruction: 10 to 55 hz, 1.5-mm double ampl itude for 2 hours each in x, y, and z directions sh ock resistance destruction: 500 m/s 2 for 3 times each in x, y, and z directions de gree of protection iec60529 ip67 iec60529 ip60 * 4 c onnection method connector (standard ca ble length: 2 .5 m (2 m be tween hea d and prea mplifie r ) ?-f? model cable length: 3.5 m (0.5 m bet ween head and preamp l ifier) weig ht (pa cked state) approx. 120 g (models with protective spiral tube (?-s? models) are approx. 90 g heavier.) material sen s or head ca se brass stainless ste e l br a s s z i n c b ra s s se ns ing su rfa ce heat-resistant abs peek cl ampi ng nu t --- nickel-plated brass --- nickel-plated brass to othed w ash e r --- z i nc -p lated ir on - - - zinc-plated ir on preamp lifier pes a ccessories preamplifier mounting brackets, instruction manual
E2C-EDA 4 am plif i e r uni t s * communications are disabled if the detection mode is selected during super-hig h-speed sensing mode, and the communications func tions for mutual interference prevention and t he mobile console will not function. type advanced models with twin outputs advanced models with external inputs model npn output E2C-EDA11 E2C-EDA6 E2C-EDA21 E2C-EDA7 item pnp output E2C-EDA41 E2C-EDA8 E2C-EDA51 E2C-EDA9 supply voltage 12 to 24 vdc 10%, ripple (p-p): 10% max. power consumption 1,080 mw max. (current consumption: 45 ma at power supply voltage of 24 vdc) control output load powe r supply volt age: 26.4 vdc max.; npn/pnp open collector output; load current: 50 ma max. (residual voltage: 1 v ma x.) response time supe r- hig h- speed mode * 150 s for operation and reset respectively high -sp eed mo de 300 s for operation and reset respectively standard mode 1 ms for operation and reset respectively high -reso lut i on mo de 4 ms for operation and reset respectively functions differential detectio n switchable betwe en single edge an d double edge dete c tion mode single edge: can be set to 300 s, 500 s, 1 ms, 10 ms, or 100 ms double edge: can be set to 500 s, 1 ms, 2 ms, 20 ms, or 200 ms. tim e r fun c tio n select fro m of f-delay, on -de l ay, or one-shot timer. 1 ms t o 5 s (1 to 20 ms set in 1-ms in cr ements, 20 to 200 ms set in 10-ms in crements, 200 ms to 1 s set in 100-ms increments, and 1 to 5 s set in 1 s-increments) zero-reset negative values can be displayed. (threshold is not shifted.) initial reset settings can be returned to defaults as required. mutual in terfer- ence p r evention possib le for up to 5 u n its. * intermittent oscillation method (response time = (number of units connected + 1) 15 ms) hyster e s is setting s setting range: 10 to 4,000 i/o settings outp ut set ting (select from cha nnel 2 output, area output, self-diagnosis, or o pen circuit detection.) input setting (s e l ect from teaching, fine positioning, zero-reset, synchro nous detection.) d igit a l disp lay select from the following: incident level + threshold, incident level percentage +threshold, incident light peak level + incident light bottom level (updated with output), long bar display, incident level + peak hold, incident level + channel display orientation switching between normal/reversed display is possible. a m b ient temp eratu r e ope r ating: when connecting 1 to 2 un its: ?10 c to 55 c when connecting 3 to 5 un its: ?10 c to 50 c when connecting 6 to 16 u nits: ?10 c to 45 c when used in comb ination with an ed r6-f when connecting 3 to 4 un its: ?10 c to 50 c when connecting 5 to 8 un its: ?10 c to 45 c when connecting 9 to 16 units: ?10 c to 40 c storage: ?20 c to 70 c (with no icing) ambient humidity operating/storage: 35% to 85% (with no condensation) insulation resistance 20 m min. (at 500 vdc) dielectric strength 1,000 vac at 50/60 hz for 1 min vibration resistance destruction: 10 to 55 hz, 1.5-mm double amplitude for 2 hours each in x, y, and z directions shock resistance destruction: 500 m/s 2 for 3 times each in x, y, and z directions degree of protection iec60529 ip50 connection method prewired connector prewired connector weight (packed state) approx. 100 g approx. 55 g approx. 100 g approx. 55 g material case pbt (polybutylene terephthalate) cover polycarbonate
5 E2C-EDA engineering data sensing distance vs. display values influence of sensing object size and material e2c - edr6-f e2c-ed0 1(- @ ) e 2c-ed02(- @ )/em02(- @ ) e2c - em07(- @ ) e 2c-ev05(- @ ) e 2c-em02h e2c - edr6-f e2c-ed0 1(- @ ) e 2c-ed02(- @ )/em02(- @ ) 4000 3000 2000 1500 1000 0 0.3 0.6 0.9 1.2 display v al u e (digital v al u e) sensing distance (mm) fine positioning at 0.9 mm fine positioning at 0.3 mm 4000 3000 2000 1500 1000 0 0.5 1.0 1.5 2.0 display v al u e (digital v al u e) sensing distance (mm) fine positioning at 1.5 mm fine positioning at 0.5 mm 4000 3000 2000 1500 1000 0 1 2 3 4 display v al u e (digital v al u e) sensing distance (mm) fine positioning at 3 mm fine positioning at 1 mm 4000 3000 2000 1500 1000 0 3.5 7.0 10.5 14 display v al u e (digital v al u e) sensing distance (mm) fine positioning at 10.5 mm fine positioning at 3.5 mm 4000 3000 2000 1500 1000 0 2.5 5 7.5 10 display v al u e (digital v al u e) sensing distance (mm) fine positioning at 7.5 mm fine positioning at 2.5 mm 4000 3000 2000 1500 1000 0 1 2 3 4 display v al u e (digital v al u e) sensing distance (mm) fine positioning at 3 mm fine positioning at 1 mm 1.2 1.0 0. 8 0.6 0.4 0.2 0 10 20 30 40 50 sensing distance x (mm) length of sensed o b ject d (mm) iron stainless al u mini u m @ d t =3 mm x 2.0 1.5 1.0 0.5 0 10 20 30 40 50 @ d t =3 mm x sensing distance x (mm) length of sensed o b ject d (mm) iron stainless al u mini u m 4 3 2 1 0 10 20 30 40 50 @ d t =3 mm x sensing distance x (mm) length of sensed o b ject d (mm) iron stainless al u mini u m
E2C-EDA 6 influence of sensor head temperature e2c - em07(- @ ) e 2c-ev05(- @ ) e 2c-em02h e2c - edr6-f e2c-ed0 1(- @ ) e 2c-ed02(- @ )/em02(- @ ) e2c - em07(- @ ) e 2c-ev05(- @ ) e 2c-em02h @ d t =3 mm x 12 10 8 6 4 2 0 10 20 30 40 50 sensing distance x (mm) length of sensed o b ject d (mm) iron stainless al u mini u m @ d t =3 mm x 10 8 6 4 2 0 10 20 30 40 50 sensing distance x (mm) length of sensed o b ject d (mm) iron stainless al u mini u m @ d t =3 mm x 4 3 2 1 0 10 20 30 40 50 sensing distance x (mm) length of sensed o b ject d (mm) iron stainless al u mini u m 0.35 0.30 0.25 ? 20 0 20 40 60 sensing distance (mm) am b ient temper at u re of sensor head (c) 0.55 0.50 0.45 ? 20 0 20 40 60 sensing distance (mm) am b ient temper at u re of sensor head (c) 1.1 1.0 0.9 ? 20 0 20 40 60 sensing distance (mm) am b ient temper at u re of sensor head (c) 4.0 3.5 3.0 ? 20 0 20 40 60 sensing distance (mm) am b ient temper at u re of sensor head (c) 2.7 2.5 2.3 ? 20 0 20 40 60 sensing distance (mm) am b ient temper at u re of sensor head (c) 1.1 1.0 0.9 ? 50 0 50 100 150 200 sensing distance (mm) am b ient temper at u re of sensor head (c)
7 E2C-EDA i/o circuit diagrams npn ou tpu t no t e : 1 . setting areas fo r tw in-output mode ls n ormally open: ..... on betw een the thresholds for channel 1 and c hannel 2 n ormally closed: .. off betwee n the thre sholds for c hannel 1 and cha nnel 2 2. timing charts for timer settings (t: set time) model operati on mode timing chart mode selector o u tp ut circuit e2c - eda11 e2c - eda6 no (nor mally open) no nc (n ormally closed) nc e2c - eda21 e2c - eda7 no (nor mally open) no nc (n ormally closed) nc on delay off delay one shot ye s n o lit n ot lit o n off oper ate reset oper ation indicator (or ange) (bet w een b ro w n and b lac k lines) o u tp u t tr ansistor load (rela y , etc.) sensing o b ject oper ation indicator (or ange) ch2 control o u tp u t ch1 control o u tp u t ch2 or ange 12 to 24 v dc oper ation indicator (or ange) ch1 displa y load load bro w n blac k bl u e pro ximity sensor main circ u its y es n o lit n ot lit o n off oper ate reset operation indicator (orange) (bet w een b ro w n and b lac k lines) o u tp u t tr ansistor load (rela y , etc.) sensing o b ject ye s n o lit n ot lit o n off oper ate reset oper ation indicator (or ange) (bet w een b ro w n and b lac k lines) o u tp u t tr ansistor load (rela y , etc.) sensing o b ject control o u tp u t external inp u t or ange 12 to 24 v dc oper ation indicator (or ange) display fine positioning indicator (orange) load bro w n blac k bl u e pro ximity sensor main circ u its y es n o lit n ot lit o n off oper ate reset oper ation indicator (or ange) (bet w een b ro w n and b lac k lines) o u tp u t tr ansistor load (rela y , etc.) sensing o b ject ye s n o o n off o n off n o n c t t sensing o b ject ye s n o o n off o n off n o n c t t sensing o b ject ye s n o o n off o n off n o n c t t sensing o b ject
E2C-EDA 8 pnp output no t e : 1 . setting areas fo r tw in-output mode ls n ormally open: ..... on betw een the thresholds for channel 1 and c hannel 2 n ormally closed: .. off betwee n the thre sholds for c hannel 1 and cha nnel 2 2. timing charts for timer settings (t: set time) n o me nc lature am plif i e r uni t s twi n -o ut put mo dels (e2c-ed a 11/eda41/ e d a6/eda8) external-input models (E2C-EDA21/eda51/eda7/eda9) model op eratio n mode timing chart mode selector o u tp ut circuit E2C-EDA41 E2C-EDA8 no (nor mally open) no nc (n ormally closed) nc e2c - eda51 e2c - eda9 no (nor mally open) no nc (n ormally closed) nc on delay off delay one shot ye s n o lit n ot lit o n off oper ate reset oper ation indicator (or ange) (bet w een b l u e and b lac k lines) o u tp u t tr ansistor load (rela y , etc.) sensing o b ject orange load load bro w n blac k bl u e pro ximity sensor main circ u its oper ation indicator (or ange) ch2 control o u tp u t ch1 control o u tp u t ch2 12 to 2 4 vdc oper ation indicator (or ange) ch1 displa y y es n o lit n ot lit o n off oper ate reset operation indicator (orange) (bet w een b l u e and b lac k lines) o u tp u t tr ansistor load (rela y , etc.) sensing o b ject ye s n o lit n ot lit o n off oper ate reset oper ation indicator (or ange) (bet w een b l u e and b lac k lines) o u tp u t tr ansistor load (rela y , etc.) sensing o b ject load bro w n blac k bl u e pro ximity sensor main circ u its control o u tp u t exter nal inp u t 12 to 24 vdc oper ation indicator (or ange) displa y fine positioning indicator (or ange) or ange y es n o lit n ot lit o n off oper ate reset oper ation indicator (or ange) (bet w een b l u e and b lac k lines) o u tp u t tr ansistor load (rela y , etc.) sensing o b ject ye s n o o n off o n off n o n c t t sensing o b ject ye s n o o n off o n off n o n c t t sensing o b ject ye s n o o n off o n off n o n c t t sensing o b ject displays the incident light level or the f u nction name. displays the threshold val u es and f u nction settings. f u nction setting oper ations up do w n mode used to select the channel to displa y or set. used to select set or ru n mode. o n w hen o u tp u t is o n . off w hen o u tp u t is off . o n w hen o u tp u t is o n . off w hen o u tp u t is off. oper ation indicator f or channel 1 (or ange) main displa y (red) s ub -displa y (green) oper ation k e ys channel selector set/r u n mode selector oper ation indicator f or channel 2 (or ange) up do w n mode used to select normally open or normally closed. fine positioning setting operating mode selector fine p ositioning indicator (or ange) displa ys the incident light le v el or the f u nction name . displa ys the threshold v al u es and f u nction settings . f u nction setting oper ations used to select set or ru n mode. o n w hen o u tp u t is o n . off w hen o u tp u t is off . oper ation indicator (or ange) main displa y (red) s ub -displa y (green) oper ation k e ys set/r u n mode selector
9 E2C-EDA s afe ty preca utions re fe r t o warra nt y and limita tions of liabilit y . d o not use this product in operat ing atmospheres or environments o u tside the specif ied ratin g s. amplifier units d esign po we r on t he senso r is ready to sense an obj ect within 200 ms after turn ing the p ower on. if the loa d and sensor are connected to different power supplies, always turn on the s e nsor power first. ca b l e u s e an externa l p ower cable of cross-section of 0 . 3 mm 2 or more f o r th e amplifier, and th e total leng th of the cable must be 30 m or less. conn ecting sensor heads c o nnec ting and disconn ecti n g sens or he ads 1. open th e protective cover. 2. ma king sure that the lo ck button is up, in sert t he fibers all the wa y to the back o f the connector insert ion op ening . to disconnect the sensor head, pul l out the fibers while pressing on the lock button. co nn ecti n g an d dis co n nectin g co nn ecto rs 1. insert the master or slave conn ecto r into the ampl ifier unit unti l it clicks in to pla c e. 2. apply the su pplied seal to t he non-con nection surface of t he master/slave connector. no te: apply t he se al to th e grooved sid e . 1. slide t he slave amplifier u nit. 2. after the amplifier un it has been separated, press dow n on the leve r on the co nnect or and remove it. (d o not attempt to remove con necto rs with out se parating them from other amplifier units first.) in stal lin g an d removi ng ampli fier uni ts 1. install the unit s one by on e to the din rail. 2. slide one u nit towa rd the other, ma tch the clips a t th e f r ont ends, and t hen bring them t ogether u ntil they ?click.? slide one u nit awa y fro m th e o ther and re move them on e b y one. (do not remove the connected units together from the din ra il.) wa rning d o not use this product in any safety device used for the p r otectio n of human lives. precautions for correct use 1 2 lock bu tton no te: 1 . when the amplifier units are connected to each oth er, th e operable a m bient tempe r ature change s depending on the numbe r of connected amplifier u nits. check specificatio ns. 2. before connecting or disconnec ting the units, always switch power off. insert protector seal po w er s u pply connector remo v e le v er press do w n. sensor head connector clips di n r ail 1 2 di n r ail 1 1 2
E2C-EDA 10 end plate m oun tin g (pfp- m) mo unt end pla tes on a m p l ifier units to avo i d movement d ue to vibration. when a mo bile console is insta l led, mount th e end plate fa cing as sh own in the follow ing d i agram. mounting a commun i ca tions h ead for the mobile c onso l e l eave a space of a t least 20 mm o n the left side of th e units for a mo bile console communications hea d. eeprom write error if the data is not written to t he eep r o m correctly due to a power fa ilure or static-e lectric noise, init ialize the sett ings using the keys on the ampl ifier unit. optica l communications when using more than one amplifier unit, mount the units side -by- side. do not slide or remove units while they are in use. misce llaneous pr otec tive c o ve r be sure to put on th e protective co ver before use. mob ile co nsol e u s e th e e3x-mc11-sv2 mobile co nsole for E2C-EDA-series amplifier units. other mobile c onsoles, su ch as the e3x-mc11, cannot be used. sen s or head and ampl ifi e r un it co nn ecti on be sure to use only specified sensor h ead and amplifier unit combinations. the e3c-lda-series photoelectric sensor w i th sep arate digital a m p l ifier is not compatible, and the e2c - eda must n ot be used with prod ucts fro m that series. wa rm- up t he digit al display will slow ly ch ange until th e circuits stabilize after th e power is turn ed on . it takes a bout 30 minutes after the power is tu rned on befo r e the e2c - eda is ready to se nse. maintenance inspection ? be su re to turn off the power before adjusting, connecting, or disconnecting the sensor hea d. ? do not use thinner, benzene, acet one, or kerosene to clean the sensor head or amplifier unit. sensor heads mountin g mou n t i n g sens or he ads ? use the dimensio ns from t he follow ing table to mount unth r eaded cylindrical m odels (e2c -ed- @@ ). do not tig hten scr ews with torque exceeding 0.2 nm w hen mounting sensor h eads. ? use the torqu e given in the followin g table to tig hten thre aded cylindrical m odels (e2c -em @@ ) . ? do not use torque exceed ing 0. 5 nm to tighten screws when mountin g flat models (e2c -ev @@ ) . ? use a bending radius of at least 8 mm for t he senso r head cable. ? use only the special extension c able to extend the cable betwee n the sensor head and the amplifier unit. effects o f su rro undi n g me tal ? p r ovide a minimum distance bet ween the sensor and the surrounding metal as shown in the table below. effects of su rr o u n d in g metal (un i ts : mm) mutual interference ? if more tha n one sensor head is installed face to face or in paralle l, make sure tha t the distances betwee n two units adjacent to ea ch other are the same as or larg er than th e corresponding valu es show n in t he following table. ? th e d ist an ce be tw ee n s enso r h e a d s may be na rrow e r t han sp eci f i ed wi th t h ese se nso r s b e ca use t h e mut u a l i n t e rf ere n ce pr even t ion fu nct io n is u s ed f o r o p t ica l com mun ica t i ons b e t w e en t h e am pli f ier u n i t s. mu tua l inte r f erence (u n i t s : mm ) end plate 20 mm mo del tightening torque e2c-e m 02 @@ 15 nm max. e2c-e m 07m @@ 15 nm max. e2c-e m 02h @@ 5.9 nm max. model cable length e22 - xc2r 2 m e22 - xc7r 7 m model face -to-face arrangement a paral l el arrangement b fac e-to-face arrangement using the mutual interference prevention function a' paralle l arrangement using the mutual interference prevention function b' e2c-edr6-f 14 1 0 3. 5 3 .1 e2c-e d 01 @@ 45 2 0 9 5 .4 e2c-e d 02 @@ 35 3 0 21 8 e2c-e m 02 @@ 36 3 0 21 10 e2 c-em07 m @@ 140 1 20 35 18 e2c-e v 05 @@ 65 3 0 21 14 e2 c-em02 h @@ 45 3 0 21 12 model tightening range a e2c-edr6-f 9 to 18 mm e2c-ed01 @@ 9 to 18 mm e2c-ed02 @@ 11 to 12 mm dimpled end of set scre w (m3) e2c-ed @@ model counterbo re a protru sion b e2c-e dr6-f 3.1 0 e2c-e d 01 @@ 5.4 0 e2c-e d 02 @@ 80 e2c-e m 02 @@ 10 0 e2c-e m 07m @@ 35 2 0 e2c-e v 05 @@ 14 30 4.8 e2c-e m 02h @@ 12 0 b a dia. a b
11 E2C-EDA dimensions sensors 3 dia. 1 8 v in yl-ins u lated ro u nd coaxial ca b le 1.7 dia., 1 core -f: 0.5 m 5.2 dia. 8 v in yl-ins u lated ro u nd ca b le 3.4 dia., 3 cores -f: 3 m fle xi b le ca b le 6 15 20.6 57 10 1 8 15. 8 connector e2c-edr6-f 5.4 dia. 1 8 v in yl-ins u lated ro u nd coaxial ca b le 2.5 dia., 1 core standard: 2 m/-f: 0.5 m 5.2 dia. 8 v in yl-ins u lated ro u nd ca b le 3.4 dia., 3 cores standard: 0.5 m/-f: 3 m fle xi b le ca b le 6 15 20.6 57 10 1 8 15. 8 connector e2c-ed01(-f) 8 dia. 22 v in yl-ins u lated ro u nd coaxial ca b le 2.5 dia., 1 core standard: 2 m/-f: 0.5 m 5.2 dia. 8 v in yl-ins u lated ro u nd ca b le 3.4 dia., 3 cores standard: 0.5 m/-f: 3 m fle xi b le ca b le 6 15 20.6 57 10 1 8 15. 8 connector e2c-ed02(-f) 16.6 22 (5.4) v in yl-ins u lated ro u nd coaxial ca b le 2.5 dia., 1 core standard: 2 m/-f: 0.5 m 5.2 dia. 8 v in yl-ins u lated ro u nd ca b le 3.4 dia., 3 cores standard: 0.5 m/-f: 3 m fle xi b le ca b le 6 15 20.6 57 10 1 8 15. 8 connector 8 dia. 16 1 8 dia. m10 1 clamping n u t t oothed w asher 4 e 2 c-em 02(-f) (unit: mm) tolerance class it16 applies to dimensions in this data sheet unless otherwise specified.
E2C-EDA 12 25 46.3 10 (11.3) vin yl-insulated round coaxial cab le 2.5 dia., 1 core standard: 2 m/-f: 0.5 m 5.2 dia. 8 vin yl-insulated round cab le 3.4 dia., 3 cores standard: 0.5 m/-f: 3 m fle xib le cab le 6 15 20.6 57 10 18 15.8 connector 15.7 dia. 24 29 dia. m18 1 clamping n ut t oothed w asher 9.8 dia. 4 e2c-em07m(-f) vin yl-insulated round coaxial cab le 2.5 dia., 1 core standard: 2 m/-f: 0.5 m 5.2 dia. 8 vin yl-insulated round cab le 3.4 dia., 3 cores standard: 0.5 m/-f: 3 m fle xib le cab le 6 15 20.6 57 10 18 15.8 connector 7 14 t w o , 3.3 dia. 7 10 10 30 3 t w o , m3 mounting holes 10 0.1 sensing surf ace 4.8 1.5 e2c-ev05(-f) 22 fluororesin-insulated round coaxial cab le 2.5 dia., 1 core standard: 2 m 5.2 dia. 8 vin yl-insulated round cab le 3.4 dia., 3 cores standard: 0.5 m flexible cable 6 15 20.6 57 10 18 15.8 connector 17 21 dia. m12 1 clamping n ut t oothed w asher 10.5 dia. 4 e2c-em02h 6 6.4 23.2 15.8 (30) l * 18 15.8 vin yl-insulated round cab le 3.4 dia., 3 cores e2 2-xc2r e2 2-xc7r * ca b le specifications specifications l 2 m 2 ,000 7 m 7,000 +50 0 +200 0
13 E2C-EDA amplifier units connector s ub -display circle ( ): fine positioning indicator ellipse ( ): oper ation indicators (2 channels) v in yl-ins u lated ro u nd ca b le , 4 dia., 4 cores (cond u ctor cross-sectional area: 0.2 mm 2 ; ins u lation diameter : 1.1 dia.) standard length: 2 m 36.7 oper ation indicator main displa y 3.9 3 =11.7 3.9 3 =11.7 2.5 t w o , m3 connector 3.4 4.1 32 4.4 e39-l143 mo u nting br ac k et: sold separ ately stainless steel (sus304) t w o , 3.2 dia. holes 13. 8 10 24.7 1 8 .15 21.1 35. 8 3 8 . 8 76 9.9 34.1 12.5 3.4 16 16 34.1 16 34. 8 hole f or optical comm u nications 50.3 * the mo u nting br ac k et can also b e u sed on side a. mountin g holes a * amp lifi e r un its w i th cabl es e2 c-eda11 e2 c-eda21 e2 c-eda41 e2 c-eda51 with mounting bracket attached
E2C-EDA 14 am plif i e r uni t co nnec t ors r e fer to e 3x- da-s/mda for details. mobile co nsole r e fer to e 3x- da-s/mda for details. a cce ssories (orde r sepa rately) mounting bracket s r e fer to e 3 9 - l/f 39-l for details. end plate refer to din rail for details. oper ation indicator connector main displa y s ub -displa y 36.7 circle ( ): fine positioning indicator ellipse ( ): oper ation indicators (2 channels) 3.9 3 =11.7 3.9 3 =11.7 2.5 t w o , m3 3.4 4.1 32 a * 4.4 hole f or optical comm u nications e39-l143 mo u nting br ac k et: sold separ ately stainless steel (sus304) mountin g holes 13. 8 10 24.7 50.3 1 8 .15 21.1 35. 8 3 8 . 8 76 79.2 8 2.7 9.9 34.1 12.95 3.4 16 16 34.1 16 34. 8 connector e3x-c n 21 e3x-c n 22 * the mo u nting br ac k et can also b e u sed on side a. connector amp lifi e r un its w i th co nnectors e2 c-eda6 e2 c-eda7 e2 c-eda8 e2 c-eda9 with mounting bracket attached
r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n t y , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , m a c h i n e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : ? o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . ? n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . ? s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c t s a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a p e r f o r m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2 0 1 1 . 9 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 1 1 a l l r i g h t r e s e r v e d .


▲Up To Search▲   

 
Price & Availability of E2C-EDA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X