Part Number Hot Search : 
BUW81A SI8261 1N505906 CEM4804 4836N S7878 G5803 190AX350
Product Description
Full Text Search
 

To Download DS28E25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description deepcover? embedded security solutions cloak sensi - tive data under multiple layers of advanced physical security to provide the most secure key storage possible. the deepcover secure authenticator (DS28E25) com - bines crypto-strong, bidirectional, secure challenge- and-response authentication functionality with an imple- mentation based on the fips 180-3-specified secure hash algorithm (sha-256). a 4kb user-programmable eeprom array provides nonvolatile storage of applica - tion data and additional protected memory holds a read- protected secret for sha-256 operations and settings for user memory control. each device has its own guar - anteed unique 64-bit rom identification number (rom id) that is factory programmed into the chip. this unique rom id is used as a fundamental input parameter for cryptographic operations and also serves as an elec- tronic serial number within the application. a bidirectional security model enables two-way authentication between a host system and slave-embedded DS28E25. slave-to- host authentication is used by a host system to securely validate that an attached or embedded DS28E25 is authentic. host-to-slave authentication is used to protect DS28E25 user memory from being modified by a non- authentic host. the sha-256 message authentication code (mac), which the DS28E25 generates, is computed from data in the user memory, an on-chip secret, a host random challenge, and the 64-bit rom id. the DS28E25 communicates over the single-contact 1-wire m bus at overdrive speed. the communication follows the 1-wire protocol with the rom id acting as node address in the case of a multiple-device 1-wire network. applications authentication of network-attached appliances printer cartridge id/authentication reference design license management system intellectual property protection sensor/accessory authentication and calibration secure feature setting for configurable systems key generation and exchange for cryptographic systems features s symmetric key-based bidirectional secure authentication model based on sha-256 s dedicated hardware-accelerated sha engine for generating sha-256 macs s strong authentication with a high bit count, user- programmable secret, and input challenge s 4096 bits of user eeprom partitioned into 16 pages of 256 bits s user-programmable and irreversible eeprom protection modes including authentication, write and read protect, and otp/eprom emulation s unique, factory-programmed 64-bit identification number s single-contact 1-wire interface communicates with host at up to 76.9kbps s operating range: 3.3v 10%, -40nc to +85 nc s low-power 5a (typ) standby s 8kv human body model esd protection (typ) s 2-pin sfn, 2-pin to-92, 6-pin tdfn, and 6-pin tsoc packages typical application circuit 219-0019; rev 3; 12/12 ordering information appears at end of data sheet. deepcover is a trademark and 1-wire is a registered trademark of maxim integrated products, inc. for related parts and recommended products to use with this part, refer to: www.maximintegrated.com/DS28E25.related sda v cc scl slpz io r p r p = 1.1k maximum i 2 c bus capacitance 320pf 3v 1-wire line c (i 2 c port) ds2465 DS28E25 DS28E25 deepcover secure authenticator with 1-wire sha-256 and 4kb user eeprom evaluation kit available for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim integrateds website at www.maximintegrated.com. abridged data sheet
DS28E25 deepcover secure authenticator with 1-wire sha-256 and 4kb user eeprom 2 io voltage range to gnd ...................................... -0.5v to 4.0v io sink current ................................................................... 20ma operating temperature range ......................... -40nc to +85nc junction temperature ..................................................... +150nc storage temperature range ............................ -55nc to +125nc lead temperature (soldering, 10s) to-92, tsoc, tdfn ................................................... +300nc soldering temperature (reflow) to-92 .......................................................................... +250nc tsoc, tdfn ............................................................... +260nc absolute maximum ratings stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional opera - tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. electrical characteristics (t a = -40nc to +85 nc, unless otherwise noted.) (note 1) parameter symbol conditions min typ max units io pin: general data 1-wire pullup voltage v pup (note 2) 2.97 3.63 v 1-wire pullup resistance r pup v pup = 3.3v q 10% (note 3) 300 1500 i input capacitance c io (notes 4, 5) 1500 pf input load current i l io pin at v pup 5 19.5 fa high-to-low switching threshold v tl (notes 6, 7) 0.65 x v pup v input low voltage v il (notes 2, 8) 0.3 v low-to-high switching threshold v th (notes 6, 9) 0.75 x v pup v switching hysteresis v hy (notes 6, 10) 0.3 v output low voltage v ol i ol = 4ma (note 11) 0.4 v recovery time t rec r pup = 1500i (notes 2, 12) 5 fs time-slot duration t slot (notes 2, 13) 13 fs io pin: 1-wire reset, presence-detect cycle reset low time t rstl (note 2) 48 80 fs reset high time t rsth (note 14) 48 fs presence-detect sample time t msp (notes 2, 15) 8 10 fs io pin: 1-wire write write-zero low time t w0l (notes 2, 16) 8 16 fs write-one low time t w1l (notes 2, 16) 1 2 fs io pin: 1-wire read read low time t rl (notes 2, 17) 1 2 - d fs read sample time t msr (notes 2, 17) t rl + d 2 fs eeprom programming current i prog v pup = 3.63v (notes 5, 18) 1 ma programming time for a 32-bit segment or page protection t prd refer to the full data sheet. ms programming time for the secret t prs ms write/erase cycling endurance n cy t a = +85nc (notes 21, 22) 100k data retention t dr t a = +85nc (notes 23, 24, 25) 10 years maxim integrated abridged data sheet
DS28E25 deepcover secure authenticator with 1-wire sha-256 and 4kb user eeprom 3 electrical characteristics (continued) (t a = -40nc to +85 nc, unless otherwise noted.) (note 1) note 1: limits are 100% production tested at t a = +25c and/or t a = +85c. limits over the operating temperature range and relevant supply voltage range are guaranteed by design and characterization. typical values are not guaranteed. note 2: system requirement. note 3: maximum allowable pullup resistance is a function of the number of 1-wire devices in the system and 1-wire recovery times. the specified value here applies to systems with only one device and with the minimum 1-wire recovery times. note 4: typical value represents the internal parasite capacitance when v pup is first applied. once the parasite capacitance is charged, it does not affect normal communication. note 5: guaranteed by design and/or characterization only; not production tested. note 6: v tl , v th , and v hy are a function of the internal supply voltage, which is a function of v pup , r pup , 1-wire timing, and capacitive loading on io. lower v pup , higher r pup , shorter t rec , and heavier capacitive loading all lead to lower values of v tl , v th , and v hy . note 7: voltage below which, during a falling edge on io, a logic-zero is detected. note 8: the voltage on io must be less than or equal to v ilmax at all times when the master is driving io to a logic-zero level. note 9: voltage above which, during a rising edge on io, a logic-one is detected. note 10: after v th is crossed during a rising edge on io, the voltage on io must drop by at least v hy to be detected as logic-zero. note 11: the i-v characteristic is linear for voltages less than 1v. note 12: applies to a single device attached to a 1-wire line. note 13: defines maximum possible bit rate. equal to 1/(t w0lmin + t recmin ). note 14: an additional reset or communication sequence cannot begin until the reset high time has expired. note 15: interval after t rstl during which a bus master can read a logic 0 on io if there is a DS28E25 present. the power-up pres - ence detect pulse could be outside this interval, but will be complete within 2ms after power-up. note 16: in figure 11 represents the time required for the pullup circuitry to pull the voltage on io up from v il to v th . the actual maximum duration for the master to pull the line low is t w1lmax + t f - and t w0lmax + t f - , respectively. note 17: d in figure 11 represents the time required for the pullup circuitry to pull the voltage on io up from v il to the input-high threshold of the bus master. the actual maximum duration for the master to pull the line low is t rlmax + t f . note 18: current drawn from io during the eeprom programming interval or sha-256 computation. the pullup circuit on io during the programming interval or sha-256 computation should be such that the voltage at io is greater than or equal to 2.0v. note 19: refer to the full data sheet. note 20: refer to the full data sheet. note 21: write-cycle endurance is tested in compliance with jesd47g. note 22: not 100% production tested; guaranteed by reliability monitor sampling. note 23: data retention is tested in compliance with jesd47g. note 24: guaranteed by 100% production test at elevated temperature for a shorter time; equivalence of this production test to the data sheet limit at operating temperature range is established by reliability testing. note 25: eeprom writes can become nonfunctional after the data retention time is exceeded. long-term storage at elevated tem - peratures is not recommended. note 26: refer to the full data sheet. parameter symbol conditions min typ max units sha-256 engine computation current i csha refer to the full data sheet. ma computation time t csha ms maxim integrated abridged data sheet
DS28E25 deepcover secure authenticator with 1-wire sha-256 and 4kb user eeprom 4 pin configurations pin descriptions pin name function sfn to-92 tsoc tdfn-ep 2 3 1 3 gnd ground reference 1 1 2 2 io 1-wire bus interface. open-drain signal that requires an external pullup resistor. 2 3, 4, 5, 6 1, 4, 5, 6 n.c. not connected ep exposed pad (tdfn only). solder evenly to the boards ground plane for proper operation. refer to application note 3273: exposed pads: a brief introduction for additional information. top view n.c. io gnd n.c. n.c. n.c. tsoc + 5 4 6 2 3 1 DS28E25 16 n.c. n.c. 25 io n.c. 34 gn dn .c. tdfn (3mm 3mm) top view DS28E25 28e25 ymrrf + ep note: the sfn package is qualified for electro-mechanical contact applications only, not for soldering. for more information, refer to application note 4132: attachment methods for the electro-mechanical sfn package. sfn (6mm x 6mm x 0.9mm) bottom view 12 io gnd DS28E25 2 3 1 3 2 1 gnd n.c. io to-92 front view side view maxim integrated abridged data sheet
maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and specifications without notice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated 160 rio robles, san jose, ca 95134 usa 1-408-601-1000 43 ? 2012 maxim integrated products, inc. maxim integrated and the maxim logo are trademarks of maxim integrated products, inc. ordering information package information for the latest package outline information and land patterns (foot - prints), go to www.maximintegrated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. +denotes a lead(pb)-free/rohs-compliant package. t = tape and reel. *ep = exposed pad. note to readers: this document is an abridged version of the full data sheet. additional device information is available only in the full version of the data sheet. to request the full data sheet, go to www.maximintegrated.com/DS28E25 and click on request full data sheet . part temp range pin-package DS28E25g+t -40c to +85c 2 sfn (2.5k pcs) DS28E25+ -40c to +85c 2 to-92 DS28E25p+ -40c to +85c 6 tsoc DS28E25p+t -40c to +85c 6 tsoc (4k pcs) DS28E25q+t -40c to +85c 6 tdfn-ep* (2.5k pcs) package type package code outline no. land pattern no. 2 sfn g266n+1 21-0390 2 to-92 q2+1 21-0249 6 tsoc d6+1 21-0382 90-0321 6 tdfn-ep t633+2 21-0137 90-0058 DS28E25 deepcover secure authenticator with 1-wire sha-256 and 4kb user eeprom abridged data sheet


▲Up To Search▲   

 
Price & Availability of DS28E25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X