Part Number Hot Search : 
LN524GK T7300 SDD10N04 167BZX 014014 ER1002 P1300 AT73C212
Product Description
Full Text Search
 

To Download DMV-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.pairuigroup.com page: 1 / 4 date:12/17/2013 dc-dc converter dip-package DMV-5 series, 5watt, 2:1 input range features:    3 years warranty    1500vdc isolation voltage    metal case with low ripple and noise    operating temperature range -40c to +85c    short circuit and input under voltage protection model input voltage (vdc) output voltage (vdc) output current (ma) efficiency typ. dmv5-0511 5(4.5~9) 3.3 1000 82% dmv5-0512 5 1000 82% dmv5-0513 9 550 82% dmv5-0514 12 410 82% dmv5-0515 15 330 82% dmv5-0516 24 210 82% dmv5-0521 3.3 500 82% dmv5-0522 5 500 82% dmv5-0523 9 275 82% dmv5-0524 12 205 82% dmv5-0525 15 165 82% dmv5-0526 24 100 82% dmv5-1211 12(9~18) 3.3 1000 82% dmv5-1212 5 1000 82% dmv5-1213 9 550 82% dmv5-1214 12 410 82% dmv5-1215 15 330 82% dmv5-1216 24 210 82% dmv5-1221 3.3 500 82% dmv5-1222 5 500 82% dmv5-1223 9 275 82% dmv5-1224 12 205 82% dmv5-1225 15 165 82% dmv5-1226 24 100 82% dmv5-2411 24(18~36) 3.3 1000 82% dmv5-2412 5 1000 82% dmv5-2413 9 550 82% dmv5-2414 12 410 82% dmv5-2415 15 330 82%
www.pairuigroup.com page: 2 / 4 date:12/17/2013 dc-dc converter dip-package DMV-5 series, 5watt, 2:1 input range model input voltage (vdc) output voltage (vdc) output current (ma) efficiency typ. dmv5-2416 24(18~36) 24 210 82% dmv5-2421 3.3 500 82% dmv5-2422 5 500 82% dmv5-2423 9 275 82% dmv5-2424 12 205 82% dmv5-2425 15 165 82% dmv5-2426 24 100 82% dmv5-4811 48(36~72) 3.3 1000 82% dmv5-4812 5 1000 82% dmv5-4813 9 550 82% dmv5-4814 12 410 82% dmv5-4815 15 330 82% dmv5-4816 24 210 82% dmv5-4821 3.3 500 82% dmv5-4822 5 500 82% dmv5-4823 9 275 82% dmv5-4824 12 205 82% dmv5-4825 15 165 82% dmv5-4826 24 100 82% dmv5-11011 110(72~144) 3.3 1000 82% dmv5-11012 5 1000 82% dmv5-11013 9 550 82% dmv5-11014 12 410 82% dmv5-11015 15 330 82% dmv5-11016 24 210 82% dmv5-11021 3.3 500 82% dmv5-11022 5 500 82% dmv5-11023 9 275 82% dmv5-11024 12 205 82% dmv5-11025 15 165 82% dmv5-11026 24 100 82% notes: other input and output models may available on reques t.
www.pairuigroup.com page: 3 / 4 date:12/17/2013 dc-dc converter dip-package DMV-5 series, 5watt, 2:1 input range electrical output voltage accuracy --- vo1, vo2 : 1.0%, 3.0% line regulation nominal load, full voltage vo1, vo2 : 0.2%, 1.5% load regulation 20% ~ 100% full load vo1, vo2 : 0.5%, 4.0% dynamic response (transient/recovery time) 5%-50%-75% load capability ?vo1/?t: 4.0%/500s ripple and noise 20mhz bm, full load vo5.0v, 50mvp-p vo48v, 180mvp-p other, 100mvp-p operating frequency typical value 300khz typ./330khz max. turn-on delay time typical value 200ms isolation voltage (<0.5ma/min) input to output 1500vdc input to case 500vdc efficiency nominal input, full load vo5.0v, 80% typ. vo>5.0v, 82% typ. operating temperature range --- -40c to +85c storage temperature range --- -55c to +120c short circuit protection --- auto-recovery input under voltage protection when input voltage is lower than the low terminal input voltage auto-recovery relative humidity --- 10%-90% max. mtbf bellcore tr-332, 25c 2x10 5 hrs notes: unless otherwise specified, all the parameters of th e test conditions are as follows: ambient temperature 25 , the nominal input voltage, pure resistive nominal load. mechanical connection pin # single dual 1 -vin -vin 2 +vin +vin 3 +vo +vo1 4 no pin com 5 gnd -vo2 note: * unit is mm(inch).
www.pairuigroup.com page: 4 / 4 date:12/17/2013 dc-dc converter dip-package DMV-5 series, 5watt, 2:1 input range temperature profile notes recommended test and application circuit fuse: depends on the actual input current; tvs: depends on the actual input voltage; recommended capacitor: c1,c2,c5,c8, about 0.1uf; c6: 22uf -100uf; c7, c9: 10uf/10ma.


▲Up To Search▲   

 
Price & Availability of DMV-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X