Part Number Hot Search : 
BD910 XFGIB10 ST163 E752C041 SLE66CX 20U60 IRF440 317BD2T
Product Description
Full Text Search
 

To Download D3245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  329 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. axicom catalog 1308242 issued 3-03 file e111441 file 176679-1079886 16504-002 features through hole pc board terminals. meets bellcore gr 1089 and fcc part 68. for applications in telecommunications, office automation, consumer electronics, medical equipment, measurement and control equipment. immersion cleanable, plastic sealed case. ?80mw coil for high sensitivity models, 140mw coil for sensitive types. ultrasonic cleaning not recommended. coil data @ 23 c operate data @ 23 c operate and release voltage: see values in chart above. operate time (at nominal voltage) : 3 ms, typ.; 4 ms, max. reset time [latching](at nominal voltage) : 3 ms, typ.; 4 ms, max. release time [non-latching](w/o diode in parallel) : 1 ms, typ.; 3 ms, max. release time [non-latching](with diode in parallel) : 3 ms, typ.; 4 ms, max. bounce time (at contact close) : 1 ms, typ.; 5 ms, max. maximum switching rate (no load) : 50 operations/s. environmental data temperature range: -55 c to +85 c. maximum allowable coil temperature: 110 c. thermal resistance: < 185k/w. shock, half sinus, 11 ms: functional: 50g. shock, half sinus, 11 ms: destructive: 1,500g. vibration, 10-500 hz.: functional: 20g. needle flame test: application time 20s. resistance to soldering: 260 c for 10s. initial insulation resistance between contact and coil: 10 9 ohms or more @ 500vdc. contact data @ 23 c (except as noted) arrangement: 2 form c (dpdt) bifurcated contacts. material: stationary: palladium-ruthenium. ratings: max. switched current: 2a. max. carry current: 2a (at max ambient temperature.) max. switched voltage: 220vdc, 250vac. max. switched power: 60w dc or 62.5va ac. ul/csa ratings: 300ma @ 110vdc; 1a @ 30vdc; 500ma @ 120vac; 250ma @ 240vac. initial contact resistance: <70 milliohms @ 10ma / 20mv. expected mechanical life: 100 million operations. expected electrical life: 2.5 million operations @ 10ma / 30mvdc. 2 million operations @ cable load open end. 500,000 operations @ 250ma / 125vdc. 500,000 operations @ 1.25a / 24vdc. 500,000 operations @ 2a / 30vdc. thermoelectric potential: <10 v. initial dielectric strength between open contacts: 1,800vrms for 1 minute. between coil and contacts: 1,800vrms for 1 minute. between poles: 1,800vrms for 1 minute. surge voltage resistance per bellcore gr1089 (2 / 10 s) and fcc 68 (10 / 160 s): between open contacts: 2,500v. between coil and contacts: 3,500v. between poles: 2,500v. mechanical data termination: through-hole printed circuit terminals. mounting position: any. enclosure type: immersion cleanable (ip67) plastic case. weight: 0.10 oz. (2.5g) approximately. high frequency data capacitance: between open contacts: 2pf, max. between coil and contacts: 4pf, max. between poles: 2pf, max. rf characteristics: isolation at 100 / 900 mhz: -34.0 db / -15.1 db. insertion loss at 100 / 900 mhz: -0.03 db / -0.60 db. v. s. w. r. at 100 / 900 mhz: 1.07 / 1.45 . users should thoroughly review the technical data before selecting a product part number. it is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. coil data @ 23 c voltage: 3 to 48vdc. nominal power: 80-300mw, depending on model. see coil data tables. duty cycle: continuous. fx2 series dpdt slim package telecom/signal pc board relays nom. operate/set range minimum nom. resis- part voltage min. max. release/reset power tance number (vdc) voltage voltage voltage (mw) 10% (vdc) (vdc) (vdc) (ohms) non-latching 1 coil versions 3 2.1 6.8 0.3 140 64 d3206 4 2.8 7.6 0.4 140 114 d3207 4.5 3.15 10.3 0.45 140 145 d3204 5 3.5 11.4 0.5 140 178 d3209 6 4.2 13.7 0.6 140 257 d3205 9 6.3 20.4 0.9 140 574 d3210 12 8.4 27.3 1.2 140 1,028 d3202 24 16.8 45.7 2.4 200 2,880 d3212 48 33.6 67.5 4.8 300 7,680 d3213 non-latching, sensitive 1 coil versions 3 2.25 9.0 0.3 80 113 d3221 4.5 3.38 13.5 0.45 80 253 d3222 5 3.75 15.0 0.5 80 313 d3223 6 4.5 18.0 0.6 80 450 d3224 9 6.75 27.1 0.9 80 1,013 d3225 12 9.0 36.1 1.2 80 1,800 d3226 24 18.0 54.7 2.4 140 4,114 d3227 48 36.0 72.5 4.8 260 8,882 d3228 latching 1 coil versions 3 2.25 8.1 -2.25 100 90 d3241 4.5 3.375 12.1 -3.375 100 203 d3242 5 3.75 13.5 -3.75 100 250 d3243 6 4.5 16.2 -4.5 100 360 d3244 9 6.75 24.2 -6.75 100 810 D3245 12 9.0 29.0 -9.0 100 1,440 d3246 24 18.0 47.5 -18.0 150 3,840 d3247
330 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. axicom catalog 1308242 issued 3-03 www.tycoelectronics.com technical support: refer to inside back cover. outline dimensions wiring diagram (bottom view) pc board layout (bottom view) ordering information see "part number" column in coil data chart on previous page for available part numbers in the fx2 series. packaging information fx2 series relays are shipped in tubes of 50. there are 1,000 relays in a full carton. u i = minimum voltage at 23 c after pre-energizing with nominal voltage without contact current u ii = maximum continous voltage at 23 the operating voltage limits u i and u ii depend on the temperature according to the formula: u i tamb =k i ?u i 23 c and u ii tamb =k il ?u il 23 c t amb = ambient temperature u i tamb = minimum voltage at ambient temperature, t amb u ii tamb = maximum voltage at ambient temperature, t amb k i , k ii = factors (dependent on temperature), see diagram ambient temperature t amb [ c] non-latching and latching, release or reset condition .421 .003 (10.7 .08 ) .587 .003 (14.93 .08 ) .02 (.5) .011 .002 (.3 .05 ) .2 .004 (5.08 .1 ) .129 .011 (3.3 .3 ) .283 .003 (7.27 .08 ) .0431 .004 (1.095 .1 ) .0439 .004 (1.115 .1 ) .1 (2.54) .1 (2.54) .0335 dia. min. (.85) our authorized distributors are more likely to stock the following items for immediate delivery. none at present.


▲Up To Search▲   

 
Price & Availability of D3245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X