Part Number Hot Search : 
1R5GH45 BZT52C FST7340L S5D2400X 80PFR40 KIA7423 W742S819 FR103G
Product Description
Full Text Search
 

To Download CY4ES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  td-021005 rev. c specifications subject to change without notice. low profile hc49s leaded crystal cysxx model 3.180mhz to 40mhz (fund) 27mhz to 86mhz (3rd o/t) 50ppm (standard p/n) 10ppm to 100ppm 100ppm (standard p/n) 10ppm to 100ppm 0c to 70c (standard p/n) -20c to 70c -40c to 85c -55c to 120c 7.0pf max 100uw typical see table 1 **custom designs available frequency range: calibration tolerance: (option) frequency stability: (option) temperature range: (option) (option) storage: shunt capacitance: drive level: esr: see options 0.150 (3.81) 0.400 (10.16) 0.183 (4.65) 0.440 (11.18) 0.192 0.005 (4.88 0.13) 0.019 (0.48) all dimensions are max unless otherwise specified. dimensions inches (mm) freq. (mhz) max esr 3.18 - 3.4 190 3.5 - 4.0 150 4.1 - 4.9 120 5.0 - 5.9 100 6.0 - 11.9 90 12.0 - 14.9 70 15.0 - 30.0 50 30.1 - 86.0 100 resistance at series resonance table 1 cys x x x x x - freq example: cys4f51cs-20.000 = 25ppm at 25c, 50ppm 0 to 70c, 20pf load cap, fundamental, 5.0mm with spacer, 20.000mhz mode frequency tolerance at 25c 1 10 ppm 2 15 ppm 3 20 ppm 4 25 ppm 5 30 ppm 6 50 ppm 7 100 ppm (0 to 70c) (0 to 70c) (0 to 70c) (0 to 70c) (0 to 70c) (0 to 70c) (0 to 70c) (-20 to 70c) (-20 to 70c) 10 ppm 15 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm 15 ppm 20 ppm a b c d e f g h i j k l m n o p q 30ppm 50 ppm 100 ppm 20 ppm 25 ppm 30 ppm 50 ppm 100 ppm (-20 to 70c) (-20 to 70c) (-20 to 70c) (-40 to 85c) (-40 to 85c) (-40 to 85c) (-40 to 85c) (-40 to 85c) frequency stability over temp range load capacitance 1 2 3 4 5 6 7 8 series 14 pf 16 pf 18 pf 20 pf 22 pf 25 pf 32 pf 1 3 fundamental 3.18-40 mhz 3rd overtone 27-86 mhz options can height (max) 2.5mm 2.5mm w/ spacer 4.0mm 4.0mm w/ spacer 5.0mm 5.0mm w/ spacer a as b bs c cs part number freq. (mhz) cl max esr cy3dms 3.579545 18pf 150 cy3js 3.686400 series 150 cy3jms 3.686400 18pf 150 cy3jns 3.686400 20pf 150 cy3as 4.000 series 150 cy3aps 4.000 20pf 150 CY4ES 4.194304 12pf 120 cy4ds 4.915200 series 120 cy7as 5.000 series 100 cy7aps 5.000 20pf 100 cy5bs 5.0688 seri es 100 cy6bs 6.000 series 90 cy6bps 6.000 20pf 90 cy8gs 8.000 series 90 cy8gps 8.000 20pf 90 cy9bs 9.830400 series 90 cy12as 10.000 series 90 cy11bs 11.059200 series 90 cy11bps 11.059200 20pf 90 cy12bs 12.000 series 70 cy12bps 12.000 20pf 70 cy14as 14.318180 series 70 cy14acs 14.318180 18pf 70 cy14aps 14.318180 20pf 70 cy14bs 14.745600 series 70 cy14bps 14.745600 20pf 70 cy15as 15.000 series 50 cy16bs 16.000 series 50 cy16bps 16.000 20pf 50 cy19as 18.000 series 50 cy19bs 18.432 series 50 cy19bps 18.432 20pf 50 cy20as 19.660800 series 50 cy20aps 19.660800 20pf 50 cy22as 20.000 series 50 cy22aps 20.000 20pf 50 cy24as 24.000 series 50 cy24aps 24.000 20pf 50 cy25as 25.000 series 50 standard part numbers build your own p/n aging: <3ppm 1st/yr max quartz crystal 39 l e a d f r e e r o h s c o mp l i a n t free datasheet http:///


▲Up To Search▲   

 
Price & Availability of CY4ES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X