Part Number Hot Search : 
133TF1T P40NF R0116S06 AM2907PC M41T94MH EG1271 25005 AB310S
Product Description
Full Text Search
 

To Download CC15-2403SFP-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ cc-p-e series features u compact footprint / low pro? le u 24v & 48v inputs u 3.3v to 15v outputs u five sided shielding (cased version) u input - output isolation u parallel operation u through hole or smt versions u dc ok signal u sequencing pin ultra compact, 15w to 30w single output dc-dc converters note: see installation manual for full speci? cations, test methods of parameters and application notes model nominal output voltage v 3.3v 5v 12v 15v dc input vdc 24v nominal: 18-36v, 48v nominal: 36-76v ef? ciency % 89 to 92% model dependant initial set accuracy % 1% total regulation limits % +5%, -3% output adjustment - none temperature coef? cient %/c <0.02%/c preload a none output ripple mv 50mv 150mv overcurrent protection - > 103% of nominal rating overvoltage protection - operates at 115 - 145% of nominal voltage remote on/off (rc) - logic high (pull high to shutdown), referenced to -vin alarm (alm) - low on fail, referenced to -vin. 20 units maximum sequencing (po) - connecting po terminals on multiple power supplies ensures all simultaneously start up (20 units maximum) cooling - convection operating temp. range c -40 to 85c, see derating curves on website storage temperature c -40 to 85c humidity (non condensing) %rh 5 - 95%rh isolation voltage (cased version) vdc 1000vdc 1 min. input-output, input-chassis, output-chassis isolation voltage (uncased version) vdc 1500vdc 1 min. input-output isolation resistance - >50m at 25c and 70%rh, 500 vdc input-output, input-case, output-case shock (non operating) - 980m/s 2 (100g), 6ms, 6 directions, 3 times vibration (non operating) - 10-55-10 hz (sweep for 15 min.) 1.52mm amplitude, 2 hour x, y, z safety certi? cations - ul60950-1, csa c22.2 no.60950-1 (c-ul), en60950-1 weight g with case: cc15 15g, cc30 20g. without case: cc15 10g, cc30 15g size (lxwxh) (thru hole ver., w/ case) mm cc15: 38.4 x 6.8 x 29.6mm, cc30: 38.4 x 8.3 x 33.5mm warranty yrs 5 years speci? cations key market segments & applications
16 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ revision a3: nov 2011 ccp-e series for additional information, please visit us.tdk-lambda.com/lp/products/cc-series.htm outline drawing cc15-xxxxsfp-e 17 16 15 14 13 12 11 10 9 8 2 1 3 4 5 6 7 1 pin mark logo mark model name lot.no production country 37.6 10.1 2.540.3 6.8max 10.16 2.540.3 p=2.540.3 x 5 38.4 3.5 0.60.1 3.22 29.6 2.540.3 p=2.540.3 x 9 cc-e 1.5 - 30w, 1 to 2 outputs, 5 to 48vdc input px 10 - 60w, 1 to 3 outputs, 12v, 24v, 48vdc input other industrial products output output max o/p volt.(v) curr.(a) pwr (w) 24v input 48v input 3.3 4.5 15 CC15-2403SFP-E cc15-4803sfp-e 3.3 9 30 cc30-2403sfp-e cc30-4803sfp-e 5 3 15 cc15-2405sfp-e cc15-4805sfp-e 5 6 30 cc30-2405sfp-e cc30-4805sfp-e 12 1.25 15 cc15-2412sfp-e cc15-4812sfp-e 12 2.5 30 cc30-2412sfp-e cc30-4812sfp-e 15 1 15 cc15-2415sfp-e cc15-4815sfp-e 15 2 30 cc30-2415sfp-e cc30-4815sfp-e model selector version pin case ccxx-yyyysfp-e through hole yes ccxx-yyyysfh-e through hole no ccxx-yyyysrp-e smt yes ccxx-yyyysrh-e smt no where xx is output power & yyyy is input and output voltage combination. shaded line is preferred model options outline drawing cc30-xxxxsrp-e 1 pin mark logo mark model name lot.no production country coplanarity within 0.1 39.90.6 1.30.3 8.3max 0~10 10.16 2.540.3 p=2.540.3 x 5 38.4 33.5 5.17 0.60.1 2.540.3 p=2.540.3 x 9 17 16 15 14 13 12 11 10 9 8 2 1 3 4 5 6 7


▲Up To Search▲   

 
Price & Availability of CC15-2403SFP-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X