Part Number Hot Search : 
HMT32 US651 120EI BY251 SMB110C HM9270C TC514 FM25640
Product Description
Full Text Search
 

To Download BTS140A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , u na. 20 stern ave. springfield, new jersey 07081 u.s.a. features BTS140A telephone: (973) 376-2922 (212) 227-6005 fax: (973) 376-8960 ? n channel ? enhancement mode ? temperature sensor with thyristor characteristic ? the drain pin is electrically shorted to the tab pin 1 g 2 d 3 s type bts 140 a \? 50v /d 42 a ^ds(on) 0.028 q package to-220ab maximum ratings parameter drain-source voltage drain-gate voltage, rqs = 20 ki gate-source voltage continuous drain current, rc = 65 c iso drain current rc = 85c,vgs = 10v,vos = 0.5v pulsed drain current, tc = 25 c short circuit current, 7] = - 55 ... + 1 50 c short circuit dissipation, 7] = - 55 ... + 1 50 c power dissipation operating and storage temperature range din humidity category, din 40 040 iec climatic category, din iec 68-1 thermal resistance chip-case chip-ambient symbol vds vdsr vgs /d awso a) puls /sc pscmax p? t\, ttfg - - ^thjc "thja values 50 50 20 42 13.5 168 80 1200 125 -55... + 150 e 55/150/56 51.0 <75 unit f\ a w c ? k/w vi .semi-c (inductors reserves the right in change test conditions, parameter limits and package dimensions without notice inf'ormution tunrnhcd by ni semi-cunducton it believed lo he both accurate ami reliable .11 the lime of going in press. however vi '{cini-cundiktiik .^mimics iiu responsibility fat iiny errors >>r mnivsiiins jiscuvvretj in iisiirie n.i senn-ci.iiiiliitti.rs < i['\< nn;ri; h> vci il\h n >l:itnshcels ire current hetbre plncinii nnlen
electrical characteristics at 7] = 25 c, unless otherwise specified. parameter symbol values min. typ. max. unit static characteristics drain-source breakdown voltage vgs = 0, 7d = 0.25 ma gate threshold voltage vqs = vds, id = 1 ma zero gate voltage drain current vgs = 0 v, vds = 50 v 7] = 25 c 7] = 125c gate-source leakage current vgs = 20v,vds = 0 7] = 25 c 7] = 150c drain-source on-state resistance vgs = 10v, /d=32a v(br)dss vos(th) 7oss iqss ^ds(on) 50 2.5 - - - - ? ? 3.0 0.1 10 10 2.0 0.024 ? 3.5 1.0 100 100 4.0 0.028 v ha na ha q dynamic characteristics forward transconductance vds > 2 x 7d x rds(on}max, 70 = 32 a input capacitance vgs = 0, vds = 25v,/=1mhz output capacitance vgs = 0, vds = 25v,/=1mhz reverse transfer capacitance vqs = 0, vds = 25v,/=1mhz turn-on time t^, (ton = ta(on) + tr) vcc = 25 v, vqs = 10 v, 7d = 3 a, rgs = 50 q turn-off time t?, (t* = rd(oh) + /,) vcc = 25 v, vqs = 10 v, 7d = 3 a, rqs = 50 ft ts c|8s ^om c^ ^d(on) t< fd(otf) '( 12 _ _ _ _ - - ? 26 1800 800 280 35 85 220 140 _ 2400 1200 450 50 130 280 180 s pf ns
electrical characteristics (cont'd) at 7] = 25 c, unless otherwise specified. parameter symbol min. values typ. max. unit reverse diode continuous source current pulsed source current diode forward on-voltage if = 84 a, vqs = 0 reverse recovery time i f = 7s, divdr = 100 a/jis, vr = 30 v reverse recovery charge lf = is, dip/df = 100 a/us, vr = 30 v /s *sm vsd tn qn - _ _ _ ? ? - 1.8 80 0.14 42 168 2.2 _ ? a v ns nc temperature sensor forward voltage /ts,on> = 10 ma, 7] = - 55 ... + 150 c sensor override, fp ^ 100 jxs 7; = -55... + 160c forward current 7; = -55... + 150c i sensor override, tp < 100 jis 7] = -55... -t-160c holding current, vts(ofl) = 5 v, 7] = 25 c rj = 150c switching temperature vts = 5v turn-off time vts = 5 v, /ts(on) = 2 ma vrs(on) a's(on) /h ^ts(on) ^ - - _ ? 0.05 0.05 150 0.5 1.4 ? _ ? 0.1 0.2 ? - 1.50 10 5 600 0.5 0.3 ? 2.5 v ma c us


▲Up To Search▲   

 
Price & Availability of BTS140A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X