Part Number Hot Search : 
SFA1603G 100MZF KRM21 HES65 VIWT826A KRM21 PZM11N MPS712
Product Description
Full Text Search
 

To Download BFC238066202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 28136 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 1 ac and pulse metallized polypropylene film capacitors mkp radial potted type mkp 380 vishay bccomponents applications low losses due to low contact resistance and low loss dielectric make these prod ucts suitable for applications where high currents at high frequency occur or high stability is preferred. their small dim ensions make them ideal for circuits with high packaging density. marking c-value; tolerance; rated vo ltage; manufacturer?s type designation; code for dielectric material; manufacturer?s emblem; code for factory of origin; year and week of manufacture dielectric polypropylene film electrodes metallized film encapsulation flame retardant plastic case and epoxy resin (ul-class 94 v-0) construction wound mono construction leads tinned wire capacitance range (e24 series) 0.0015 to 0.1 f features 5 mm pitch. supplied loose in box and ammopack lead (pb)-free product rohs-compliant product capacitance tolerance 10 %; 5 % rated (dc) voltage 100 v; 160 v; 250 v; 400 v; 630 v rated (ac) voltage 63 v; 100 v; 160 v; 200 v; 200 v rated peak-to-peak voltage 180 v; 280 v; 450 v; 560 v; 560 v climatic category 55/085/56 rated temperature 85 c maximum application temperature 85 c reference specifications iec 60384-17 performance grade grade 1 (long life) stability grade grade 2 detail specification for more detailed data and test requirements see ?type detail specification hqn-384-17/103? 168x12(halfpage) p 0.3 h l t l w ?d t dimensions in mm e3 rohs compliant
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28136 2 revision: 21-nov-05 mkp 380 vishay bccomponents ac and pulse metallized polypropylene film capacitors mkp radial potted type composition of catalog number 2222 380 xx xx x bfc2* 380 xx xx x type and pitches 380 5.0 mm multiplier (nf) 0.1 2 1 3 10 4 capacitance (numerically) example: 104 = 10 x 10 = 100 nf type packaging lead configuration preferred types c-tol 100 v 160 v 250 v 400 v 630 v 380 ammopack h = 18.5 mm; p 0 = 12.7 mm 10 % 25 35 45 55 65 on request 380 ammopack h = 18.5 mm; p 0 = 12.7 mm 5 %2636465666 loose in box lead length 4.0 + 1.0/ ? 0.5 mm 10 %2131415161 5 %2232425262 * use this partnumber for those with access to the vishay?s sap system and partners web- site within the americas
document number: 28136 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 3 mkp 380 ac and pulse metallized polypropylene film capacitors mkp radial potted type vishay bccomponents specific reference data (100 vdc) u rdc = 100 v; u rac = 63 v; u p-p = 180 v description value tangent of loss angle: at 10 khz at 100 khz 0.018 f c 0.027 f 5 10 ? 4 15 10 ? 4 0.027 f < c 0.075 f 5 10 ? 4 20 10 ? 4 0.075 f < c 0.1 f 5 10 ? 4 25 10 ? 4 rated voltage pulse slope (du/dt) r at 100 v (dc) 80 v/ s r between leads for c 1.0 f at 100 v; 1 minute > 100000 m ? r between interconnected leads and case; 100 v; 1 minute > 100000 m ? withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s 160 v; 1 minute withstanding (dc)voltage between leads and case 2840 v; 1 minute c (f) dimensions w h l (mm) mass (g) catalog number 2222 380 ..... and packaging ammopack loose in box h = 18.5 mm l t = 4.0 + 1.0/ ? 0.5 mm c-tol = 10 % last 5 digits of catalog number spq spq pitch = 5.0 0.3 mm; d t = 0.50 0.05 mm 0.018 3.5 8.0 7.2 0.35 25183 1500 2000 0.02 25203 0.022 25223 0.024 25243 0.027 25273 0.03 25303 0.033 25333 0.036 4.5 9.0 7.2 0.45 25363 1000 2000 0.039 25393 0.043 25433 0.047 25473 0.051 6.0 11.0 7.2 0.60 25513 750 2000 0.056 25563 0.062 25623 0.068 25683 0.075 25753 0.082 25823 0.091 25913 0.1 25104
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28136 4 revision: 21-nov-05 mkp 380 vishay bccomponents ac and pulse metallized polypropylene film capacitors mkp radial potted type specific reference data (160 vdc) u rdc = 160 v; u rac = 100 v; u p-p = 280 v description value tangent of loss angle: at 10 khz at 100 khz 0.013 f c 0.027 f 5 10 ? 4 15 10 ? 4 0.027 f < c 0.068 f 5 10 ? 4 20 10 ? 4 rated voltage pulse slope (du/dt) r at 160 v (dc) 80 v/ s r between leads for c 1.0 f at 100 v; 1 minute > 100000 m ? r between interconnected leads and case; 100 v; 1 minute > 100000 m ? withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s 256 v; 1 minute withstanding (dc)voltage between leads and case 2840 v; 1 minute c (f) dimensions w h l (mm) mass (g) catalog number 2222 380 ..... and packaging ammopack loose in box h = 18.5 mm l t = 4.0 + 1.0/ ? 0.5 mm c-tol = 10 % last 5 digits of catalog number spq spq pitch = 5.0 0.3 mm; d t = 0.50 0.05 mm 0.013 3.5 8.0 7.2 0.35 35133 1500 2000 0.015 35153 0.016 35163 0.018 35183 0.02 35203 0.022 35223 0.024 4.5 9.0 7.2 0.45 35243 1000 2000 0.027 35273 0.03 35303 0.033 35333 0.036 6.0 11.0 7.2 0.60 35363 750 2000 0.039 35393 0.043 35433 0.047 35473 0.051 35513 0.056 35563 0.062 35623 0.068 35683
document number: 28136 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 5 mkp 380 ac and pulse metallized polypropylene film capacitors mkp radial potted type vishay bccomponents specific reference data (250 vdc) u rdc = 250 v; u rac = 160 v; u p-p = 450 v description value tangent of loss angle: at 10 khz at 100 khz 0.0091 f c 0.027 f 5 10 ? 4 15 10 ? 4 0.027 f < c 0.043 f 5 10 ? 4 20 10 ? 4 rated voltage pulse slope (du/dt) r at 250 v (dc) 90 v/ s r between leads for c 1.0 f at 100 v; 1 minute > 100000 m ? r between interconnected leads and case; 100 v; 1 minute > 100000 m ? withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s 400 v; 1 minute withstanding (dc)voltage between leads and case 2840 v; 1 minute c (f) dimensions w h l (mm) mass (g) catalog number 2222 380 ..... and packaging ammopack loose in box h = 18.5 mm l t = 4.0 + 1.0/ ? 0.5 mm c-tol = 10 % last 5 digits of catalog number spq spq pitch = 5.0 0.3 mm; d t = 0.50 0.05 mm 0.0091 3.5 8.0 7.2 0.35 45912 1500 2000 0.01 45103 0.011 45113 0.012 45123 0.013 45133 0.015 45153 0.016 4.5 9.0 7.2 0.45 45163 1000 2000 0.018 45183 0.02 45203 0.022 45223 0.024 45243 0.027 6.0 11.0 7.2 0.60 45273 750 2000 0.03 45303 0.033 45333 0.036 45363 0.039 45393 0.043 45433
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28136 6 revision: 21-nov-05 mkp 380 vishay bccomponents ac and pulse metallized polypropylene film capacitors mkp radial potted type specific reference data (400 vdc) u rdc = 400 v; u rac = 200 v; u p-p = 560 v description value tangent of loss angle: at 10 khz at 100 khz 0.0043 f c 0.0091 f 5 10 ? 4 10 10 ? 4 0.0091 f < c 0.02 f 5 10 ? 4 15 10 ? 4 rated voltage pulse slope (du/dt) r at 400 v (dc) 100 v/s r between leads for c 1.0 f at 100 v; 1 minute > 100000 m ? r between interconnected leads and case; 100 v; 1 minute > 100000 m ? withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s 640 v; 1 minute withstanding (dc)voltage between leads and case 2840 v; 1 minute c (f) dimensions w h l (mm) mass (g) catalog number 2222 380 ..... and packaging ammopack loose in box h = 18.5 mm l t = 4.0 + 1.0/ ? 0.5 mm c-tol = 10 % last 5 digits of catalog number spq spq pitch = 5.0 0.3 mm; d t = 0.50 0.05 mm 0.0043 3.5 8.0 7.2 0.35 55432 1500 2000 0.0047 55472 0.0051 55512 0.0056 55562 0.0062 55622 0.0068 55682 0.0075 55752 0.0082 55822 0.0091 4.5 9.0 7.2 0.45 55912 1000 2000 0.01 55103 0.011 55113 0.012 55123 0.013 6.0 11.0 7.2 0.60 55133 750 2000 0.015 55153 0.016 55163 0.018 55183 0.02 55203
document number: 28136 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 21-nov-05 7 mkp 380 ac and pulse metallized polypropylene film capacitors mkp radial potted type vishay bccomponents specific reference data (630 vdc) u rdc = 630 v; u rac = 200 v; u p-p = 560 v description value tangent of loss angle: at 10 khz at 100 khz 0.0015 f c 0.0091 f 5 10 ? 4 10 10 ? 4 0.0091 f < c 0.01 f 5 10 ? 4 15 10 ? 4 rated voltage pulse slope (du/dt) r at 630 v (dc) 120 v/s r between leads for c 1.0 f at 500 v; 1 minute > 100000 m ? r between interconnected leads and case; 500 v; 1 minute > 100000 m ? withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s 880 v; 1 minute withstanding (dc)voltage between leads and case 2840 v; 1 minute c (f) dimensions w h l (mm) mass (g) catalog number 2222 380 ..... and packaging ammopack loose in box h = 18.5 mm l t = 4.0 + 1.0/ ? 0.5 mm c-tol = 10 % last 5 digits of catalog number spq spq pitch = 5.0 0.3 mm; d t = 0.50 0.05 mm 0.0015 3.5 8.0 7.2 0.35 65152 1500 2000 0.0016 65162 0.0018 65182 0.002 65202 0.0022 65222 0.0024 65242 0.0027 65272 0.003 65302 0.0033 65332 0.0036 65362 0.0039 65392 0.0043 4.5 9.0 7.2 0.45 65432 1000 2000 0.0047 65472 0.0051 65512 0.0056 65562 0.0062 6.0 11.0 7.2 0.60 65622 750 2000 0.0068 65682 0.0075 65752 0.0082 65822 0.0091 65912 0.01 65103
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BFC238066202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X