Part Number Hot Search : 
MQ100 AN8808SB DA227FH RSB18V COLTD SDA130A CS5451A CS5451A
Product Description
Full Text Search
 

To Download AS081Q3000W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20.09.2010 AS081Q3000W 1 of 2 AS081Q3000W technical data high power stacked infrared laser diode array features applications ? output power: 3000 w qcw ? 780-830 nm emission wavelength ? spectral width: 4 nm ? high reliability, high efficiency ? qcw stack can be designed according to the customer of non-standard products heat sink package ? laser pumping ? medical usage ? high power laser diode applications specifications (25c) item symbol value unit optical specifications qcw output power p o 3000 w qcw output power / bar p s 100 w array length l 10 mm center wavelength c 780-830 nm wavelength tolerance 5 nm spectral width ? 4 nm package style micro channel bar length 0.5 mm number of bars 30 wavelength temperature coefficient 0.3 nm/c beam divergence U 40x8 deg electrical specifications slope efficiency e s 1 w/a conversion efficiency n s 40% threshold current i th 25 a operating current i f 120 a operating voltage u f 60 v absolute maximum ratings reverse voltage u r 2.5 v operating temperature t op +10 ? +40 c storage temperature t stg -40 ... +85 c
20.09.2010 AS081Q3000W 2 of 2 package dimensons micro channel (unit:mm) notes 1. caution! don't look at the laser beam directly, because it's harmful to eyes. 2. the storage temperature is between -40 and 85 c. 3. under normal circumstances, the higher the temperature is, the shorter the life of semiconductor laser will be. it is recommended to use lasers under tec cooling or in air- conditioned room. 4. to use a laser diode in following sequences: turn on the power supply; connect to the laser diode; and then increase the current gradually to the specified operating value. to shut down the laser diode, please decrease the current to zero gradually, and then turn off the power. please make sure that the power supply has no current overshoot at any time. the current overshoot can damage the laser diodes permanently. 5. the high power laser diode arrays are very sensitive to electrostatic. please wear anti- static bracelet during operating with the laser diodes (arrays). 6. be sure that the operating current does not exceed the specified operating current. otherwise, it will accelerate laser aging, shorten lifetime or even damage devices permanently. 7. a clean, dry and ventilated environment should be available when storing and operating laser diodes (arrays). dust may degrade the laser diodes (arrays). 8. constant-current power supply with voltage regulator should be used to avoid surge.


▲Up To Search▲   

 
Price & Availability of AS081Q3000W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X