Part Number Hot Search : 
NTE2320 0LSTR OMT3606 MMBZ5 2SD993 FX6UMH03 1SS35 M27C40
Product Description
Full Text Search
 

To Download AP15N03GHJ-HF14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ap15n03gh/j-hf advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 30v simple drive requirement r ds(on) 80m fast switching i d 15a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value unit rthj-c maximum thermal resistance, junction-case 4.8 /w rthj-a 62.5 /w rthj-a maximum thermal resistance, junction-ambient 110 /w data & specifications subject to change without notice parameter rating halogen-free product drain-source voltage 30 gate-source voltage + 20 continuous drain current, v gs @ 10v 15 continuous drain current, v gs @ 10v 9 50 operating junction temperature range -55 to 150 linear derating factor 0.21 storage temperature range total power dissipation 26 -55 to 150 thermal data parameter pulsed drain current 1 200811193 maximum thermal resistance, junction-ambient (pcb mount) 3 1 to-252 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap15n03gj) is available for low-profile applications. g d s to-251(j) g d s to-252(h) g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v ?? v dss / ? t j breakdown voltage temperature coefficient reference to 25 : , i d =1ma - 0.037 -v/ : r ds(on) static drain-source on-resistance 2 v gs =10v, i d =8a - - 80 m ? ? 3 v notes: 1.pulse width limited by maximum junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 ap15n03gh/j-hf 3.surface mounted on 1 in 2 copper pad of fr4 board
ap15n03gh/j-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 40 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 8.0v 6.0v v g =4.0v 0 10 20 30 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) 10v 8.0v 6.0v v g =4.0v t c =150 o c 40 50 60 70 80 90 246810 v gs gate-to-source voltage (v) r ds(on) (m
ap15n03gh/j-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 0 4 8 12 16 0246810 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =16v v ds =20v v ds =24v i d =8a t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 5v q gs q gd q g charge 0 100 200 300 400 500 1 5 9 13 17 21 25 29 v ds (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t c =25 o c s ingle pulse 100us 1ms 10ms 100ms dc
package outline : to-252 millimeters min nom max a2 1.80 2.30 2.80 a3 0.40 0.50 0.60 b1 0.40 0.70 1.00 d 6.00 6.50 7.00 d1 4.80 5.35 5.90 e3 3.50 4.00 4.50 f 2.20 2.63 3.05 f1 0.50 0.85 1.20 e1 5.10 5.70 6.30 e2 0.50 1.10 1.80 e -- 2.30 -- c 0.35 0.50 0.65 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-252 laser marking symbols advanced power electronics corp. e e d d1 e2 e1 f b1 f1 a2 a3 c r : 0.127~0.381 ( 0.1mm part number package code 15n03gh ywwsss date code (ywwsss) y last digit of the year ww week sss sequence if last "s" is numerical letter : rohs product if last "s" is english letter : hf & rohs product logo meet rohs requirement for low voltage mosfet only e3 5
package outline : to-251 min nom max a 2.20 2.30 2.40 a1 0.90 1.20 1.50 b1 0.40 0.60 0.80 b2 0.60 0.85 1.05 c 0.40 0.50 0.60 c1 0.40 0.50 0.60 d 6.40 6.60 6.80 d1 4.80 5.20 5.50 e 6.70 7.00 7.30 e1 5.40 5.60 5.80 e2 1.30 1.50 1.70 e ---- 2.30 ---- f 7.00 8.30 9.60 meet rohs requirement for low voltage mosfet only


▲Up To Search▲   

 
Price & Availability of AP15N03GHJ-HF14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X