Part Number Hot Search : 
S1005 LT1621 1SV262 B1000 LTC2420C TN2219A T048P S1005
Product Description
Full Text Search
 

To Download A-8981-4R-1-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 09/10/2013 please check www.molex.com for latest part information part number: 15-24-4441 status: active overview: disk drive power connector description: 5.08mm pitch disk drive power connection system header, right angle, through hole, 4 circuits, lead-free, 3.56mm pc tail length, with pcb locator peg documents: 3d model product specification ps-8981-4v* (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 8981 application power, wire-to-board overview disk drive power connector product name disk drive power upc 822348643677 physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin natural durability (mating cycles max) 50 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon net weight 1.671/g number of rows 1 orientation right angle pc tail length 3.56mm pcb locator yes pcb retention yes pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 5.08mm plating min - mating 2.540m plating min - termination 2.540m polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 8981 series mates with 15-24-4048 disk drive power connection system female crimp housing
electrical current - maximum per contact 6.5a voltage - maximum 250v ac solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 265 material info old part number A-8981-4R-1-LF reference - drawing numbers product specification ps-8981-4v* sales drawing sd-8981-4r1 this document was generated on 09/10/2013 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of A-8981-4R-1-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X