Part Number Hot Search : 
74458003 CDR21 FB2028 HD74AL 2AX103V3 A1000 MBR030 OL5112L
Product Description
Full Text Search
 

To Download 899 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1203 1203 41 1203 1203 song chuan / relay catalog 899 o r d e ring i nformatio n contac t rati n g t y p e lis t f e a t u r e s bab y suga r cub e rela y . 10 a 2 7 7 v a c ; 1 5 a 125 v a c ; u l / cul , vde a p p r o v a l s . hig h insulation u p t o 200 0 v ( 8 9 9 b t ype ) . hig h cti materia l grea t e r t h a n 2 5 0 . c o mply with rohs - dir e c t i v e 2011/65/eu. des igna tion (pr ov ide d with ) t e rm in al s t y l e con ta c t f or m ul insulation system a ppr ov al flux tight sea led type was h ab le - -- -- ---- 1a (spno) - -- -- ---- 1b (spnc) - - - - --- - - 1c (spdt) pcb terminal 899 - 1a - f - c e xxvdc 1 2 3 4 5 6 resistive load no : 7a 240v ac , 10a 120v ac ; nc : 7a 240v ac 8 99- 1 c - c 89 9-1 b- c 89 9-1 a- c 89 9-1 a- s 89 9-1 b- s 8 99- 1 c - s 1a (spno) 1b (spnc) 1c (spdt) f f f 899b-1a-f-c 899b-1a-f-s 899b-1b-f-c 899b-1b-f-s 899b-1c-f-c 899b-1c-f-s f 899-1c-f-c 899-1c-f-s f 899-1b-f-c 899-1b-f-s f 899-1a-f-c 899-1a-f-s 1. 899 899b -- basic series designation with insulation barrier -- basic series designation -- class f f 4. c -- flux tight 2. 1a -- single pole normally open -- sealed type washable s 1b -- single pole normally closed 1c -- single pole double throw -- standard type 5. blank e -- cti 250v -- standard type 3. blank -- coil voltage (please refer to the coil rating data for the availability) 6. xxvdc free datasheet http:///
42 1203 1203 song chuan / relay catalog 1203 1203 899 coil rat ing (dc) spec i?cat ion ra te d voltage ( v) rated curren t 10 % at 23c (ma) coil resistance (?) max. continuous voltage at 70c pick up voltage(max) at 23c drop out voltage(m in) at 23c power consumption at rated voltage 3 15 a pprox. 0.36 w 18 150 % of rated voltage 75 % of rated voltage 10 % of rated voltage 24 36 48 contact material (2) contact resistance (1) 100m? max. operate t im e (1) 10ms max. re lease tim e (1) 5ms max. insulation resistance (1) 100m? min. (dc 500v) be twee n o pen contact : ac 750v , 50/60hz 1 min. : ac 1000v , 50/60hz 1 min. (for 899b type) between contact and coil : ac 1500v , 50/60hz 1 min. dielectric strength (1) : ac 2000v , 50/60hz 1 min. (for 899b type) operat in g extremes 10~50hz , amplitude 1.5 mm v ibration resistance damage limits 10~50hz , amplitude 1.5 mm operat in g extremes shock resistance damage limits mechanical 10,000,000 operations (frequency 18,000 operations/hr) l ife expec ta ncy electrical 100,000 o perat ion s (frequency 360 operations/hr) operating ambient temperature (3) note: (1) initial value (2) a gs no alloy con tact material is a vailabl e. (3) - 40~ +85c is available. 7 2 6 0 4 0 1 2 0 3 0 2 4 2 0 1 5 1 0 7 .5 10 % at 23c 9 6 5 12 25 70 100 225 400 625 900 1600 3600 6400 agni alloy 10g 100g -40 ~ +70c (no freezing) approx. 10 g free datasheet http:///
1203 1203 43 1203 1203 song chuan / relay catalog 899 saf ety approval rating o utline dime nsio n s vde ul / cul no nc 15a 125v ac 10a 277v ac 1/3hp 125/250v ac (no) 1/4hp 125/250v ac (nc) 10a 250v ac t85 6a 250v ac t105 6a 250v ac t85 notes: 1. more details can be provide on request 2. -- class f only bott om view bott om view wiring dia gram pc board l ayout 1.5 (0.059) (0.748) 19 15 3.5 (0.591) (0.610) (0.138) 15.5 0.5 (0.020) 1c 1b 1a 12.2 (0.480) 1.8 (0.071) 14.2 (0.559) (0.472) 12 1.3-5 (0.051) saf ety approval certi? ed ul / cul vde file no. e88991 40012174 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of 899

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X