04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 schrack general purpose relays pcb relays power pcb relay rt1 sensitive n 1 pole 10a, 1 form c (co) or 1 form a (no) contact n highly sensitive version, coil power 250mw n 5kv/10mm coil-contact n reinforced insulation n ambient temperature 85c typical applications domestic appliances, heating control approvals vde reg.-nr. 6106,ul e214025, ccsaus 14385 technical data of approved types on request contact data contact arrangement 1 form c (co) or 1 form a (no) rated voltage 250vac max. switching voltage 400 vac rated current 10a limiting making current; max. 4s, duty factor 10% 15a breaking capacity 2500va contact material agni 90/10 frequency of operation; with/without load 3000/72000h -1 operate/release time max. 10/8ms bounce time max.; form a/form b 4/9ms contact ratings type contact load cycles iec 61810 rt174 a/b (no/nc) 10a, 250vac resistive, 85c 100x10 3 ul 508 rt174 c (co) 10a, 250vac, general purpose, 85c 6x10 3 rt174 a/b (no/nc) 10a, 250vac, general purpose, 40c 30x10 3 rt174 a/b (no/nc) b300, 40c 6x10 3 rt174 a (no) r150, 40c 6x10 3 rt174 b (nc) 1/2hp, 240vac, 40c 1x10 3 rt174 a (no) 3/4hp, 240vac, 40c 1x10 3 en60730-1 rt174 a (no) 6(4)a, 250vac, 85c 100x10 3 mechanical endurance >30x10 6 operations coil data coil voltage range 5 to 60vdc operative range, iec 61810 2 coil insulation system according ul class f coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% 1) mw 005 5 3.7 0.5 100 250 006 6 4.5 0.6 144 250 009 9 6.8 0.9 312 260 012 12 9.0 1.2 576 250 024 24 18.0 2.4 2304 250 048 48 36.0 4.8 9216 250 060 60 45.0 6.0 12857 1) 280 1) coil resistance 12%. all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. insulation data initial dielectric strength between open contacts 1000v rms between contact and coil 5000v rms clearance/creepage between contact and coil 10/10mm material group of insulation parts iiia tracking index of relay base pti 250v f0145-c z v b
04-2011, rev. 0411 www.te.com ? 2011 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 schrack general purpose relays pcb relays power pcb relay rt1 sensitive (continued) other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -40 to 85c category of environmental protection iec 61810 rtii - fux proof, rtiii - wash tight vibration resistance (functional), form a/form b contact, 30 to 500hz 20g/5g shock resistance (destructive) 100g terminal type pcb-tht, plug-in weight 14g resistance to soldering heat tht, iec 60068-2-20 rtii 270c/10s rtiii 260c/5s packaging/unit tube/20 pcs., box/500 pcs. accessories for details see datasheet accessories industrial power relay rt note: indicated contact ratings and electrical endurance data for direct wiring of relays (according iec 61810-1); for relays mounted on sockets deratings may apply. pcb layout / terminal assignment bottom view on solder pins dimensions 10 a, pinning 3.5 mm 1 form c (co) contact 1 form a (no) contact s0418-cb s0163-bg s0163-bh s0272-bb *) with the recommended pcb hole sizes a grid pattern from 2.5 mm to 2.54 mm can be used. product code version contacts contact material coil part number rt174005 flux proof 1 form c (co) agni 90/10 5vdc 3-1393239-6 rt174009 contact 9vdc 9-1419143-5 rt174012 12vdc 3-1393239-8 rt174024 24vdc 3-1393239-9 rt184005 1 form a (no) 5vdc 4-1393239-5 rtb84009 wash tight contact 9vdc 4-1393238-7 this list represents the most common types and does not show all variants covered by this datasheet. other types on request product code structure typical product code rt 1 7 4 012 type rt power pcb relay rt1 sensitive version 1 10a, pinning 3.5mm, fux proof b 10a, pinning 3.5mm, wash tight contact confguration 7 1 form c (co) contact 8 1 form a (no) contact contact material 4 agni 90/10 coil coil code: please refer to coil versions table
|