Part Number Hot Search : 
TOM9114 FWB156 T0805 33201 EMK13H LF25ABPT LM334 1115A
Product Description
Full Text Search
 

To Download 2H2405XVD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2h 2h -x -x vd&2g vd&2g -x -x vd vd s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 2 product product program program part number input output efficiency (%,typ) certificate voltage (vdc) voltage (vdc) current (a) nominal range max min 2h 0505 x vd 5 4.5-5.5 5 400 40 75 ul 2h 0509 xvd 9 222 23 76 ul 2h 0512 x vd 12 167 17 78 ul 2h 0515 x vd 15 133 13 77 ul 2g 0505 x vd 5 200 20 75 ul 2g 0509 x vd 9 111 12 77 ul 2g 0512 x vd 12 84 9 79 ul 2g 0515 x vd 15 67 7 78 ul 2h 1205 x vd 12 10.8-13 .2 5 400 40 75 ul 2h 1209 x vd 9 222 23 78 ul 2h 1212 x vd 12 167 17 80 ul 2h 1215 x vd 15 133 14 78 ul 2g 1205 x vd 5 200 20 76 ul 2g 1209 x vd 9 111 12 78 ul 2g 1212 x vd 12 84 9 80 ul 2g 1215 x vd 15 67 7 78 ul 2h 2405 x vd 24 21.6-26.4 5 400 40 77 2h 2409 x vd 9 222 23 78 2h 2412 x vd 12 167 17 81 2h 2415 x vd * 15 133 14 80 2g 2405 x vd * 5 200 20 77 2g 2409 x vd * 9 111 12 78 2g 2412 x vd * 12 84 9 81 2g 2415 x vd * 15 67 7 80 note: the g_ x vd 1w/h_ x vd 1w series also are available in our company. model model selection selection 2 2 g g 05 05 05 05 x x v v d d product series input voltage output voltage fixed input footprint rank shape dip24 package microdc r eserves the copyright fixed input,isolated&unregulated single/dual output dc/dc converter features features high efficiency up to 81% 6kvdc isolation dip24 package low isolation capacitance temperature range -40 +85 no heat sink require internal smd construction no external component required continuous short circuit protection industry standard pin out rohs compliance applications applications the 2 g - x vd & 2 h - x vd series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. these products apply to: 1) where the voltage of the input power supply is fixed (voltage variation 10%); 2) where isolation is necessary between input and output (isolation voltage 6000vdc); 3) where the regulation of the output voltage and the output ripple noise are not demanded. such as: purely digital circuits, ordinary low frequency analog circuits, and igbt power device driving circuits. common common specifications specifications item test conditions min. typ. max units storage humidity 95 % operating temperature -40 85 storage temperature -55 125 temp. rise at full load 15 30 lead temperature 1.5mm from case for 10 seconds 300 short circuit protection continuous cooling free air convection case material plastic(ul94-v0) mtbf 3500 k hours weight 8.2 g isolation isolation specifications specifications item test conditions min. typ. max unit isolation voltage tested for 1 minute and 1ma max 6000 vdc isolation resistance test at 500vdc 1000 m isolation capacitance 3.5 pf
2h 2h -x -x vd&2g vd&2g -x -x vd vd s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 2 output output specifications specifications item test conditions min. typ. max. units output power 0.2 2 w line regulation for vin change of 1 % 1.2 % load regulation 10% to 100% load 5v output 10 15 9v output 8.3 15 12v output 6.8 15 15v output 6.3 15 output voltage accuracy see tolerance envelope graph temperature drift 100% full load 0.03 %/ ripple & noise* 20mhz bandwidth 150 250 mvp-p switching frequency full load, nominal input 5v input 35 khz 12v,24v input 50 *test ripple and noise by "p arallel cable " method. see detailed operation instructions at testing of power converter section, application notes. note: dual output models unbalanced load: 5% typical typical characteristics characteristics outline outline dimensions dimensions & & pin pin connections connections recommended testing and application circuit if you want to further decrease the input/output ripple, an lc filtering network may be connected to the input and output ends of the dc/dc converter, see figure 1 . (figure 1) it should also be noted that the inductance and the frequency of the lc filtering network should be staggered with the dc/dc frequency to avoid mutual interference. however, the capacitance of the output filter capacitor must be proper. if the capacitance is too big, a startup problem might arise. for every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (table 1). external capacitor table (table 1) vin cin single vout cout dual vou t cout (vdc) ( f) (vdc) ( f) (vdc) ( f) 5 4.7 5 10 5 4.7 12 2.2 9 4.7 9 2.2 24 1 12 2.2 12 1 -- -- 15 1 15 1 it's not recommend to connect any external capacitor in the application field with less than 0.5 watt output. output voltage regulation and over-voltage protection circuit the simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connec ted to the inp ut or out put end in ser i es (f ig ur e 2) . overload protection under normal operating conditions, the output circuit of these products has no protection against overload. the simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. no parallel connection or plug and play. note: 1. all specifications measured at ta=25 , humidity<75%,nominal input voltage and rated output load unless otherwise specified. 2. only typical models listed, other models may be different, please contact our technical person for more details. 3. operation under minimum load will not damage the converter; however, they may not meet all specification listed. microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs compliant information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach compliant information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval.


▲Up To Search▲   

 
Price & Availability of 2H2405XVD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X