Part Number Hot Search : 
MX98748 1SMB11 AD1011 B1605 MMA7455L MX98748 GH100 00101
Product Description
Full Text Search
 

To Download 2-1419130-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  09-2010, rev. 0910 www.tycoelectronics.com ? 2010 tyco electronics ltd. datasheets and product specifcation ac - cording to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.tycoelectronics.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 oeg signal relays n 1pole, 1a, 1 form c (co) n 2.54mm terminal pitch same as i.c. socket terminal pitch typical applications telecommunications, offce machine approvals ul e82292, csa lr48471-189 technical data of approved types on request contact data contact arrangement 1 form c (co) rated voltage 24vdc, 120vac max. switching voltage 30vdc, 120vac rated current 1a switching power 120va, 24w contact material agni alloy min. recommended contact load 1ma at 1vdc initial contact resistance 50m at 100ma, 6vdc frequency of operation 72000 ops/h operate/release time max. 5/5ms electrical endurance 1a, 120vac, resistive, 100x10 3 ops. 1a, 24vdc, resistive, 100x10 3 ops. contact ratings 1a, 120vac/24vdc mechanical endurance 10x10 6 operations coil data coil voltage range 5 to 24vdc coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power vdc vdc vdc ?10% mw standard coil, 300mw 05 5 3.75 0.25 83 300 06 6 4.5 0.3 120 300 09 9 6.75 0.45 270 300 12 12 9.0 0.6 480 300 24 24 18.0 1.2 1.920 300 sensitive coil 150mw 05 5 3.75 0.25 166 150 06 6 4.5 0.3 240 150 09 9 6.75 0.45 540 150 12 12 9.0 0.6 960 150 24 24 18.0 1.2 3840 150 all fgures are given for coil without pre-energization, at ambient temperature +23c. insulation data initial dielectric strength between open contacts 400v rms between contact and coil 10000v rms initial surge withstand voltage between contact and coil 1500v (10/160s) clearance/creepage between contact and coil 2.0/1.5mm signal pcb relay tsc 317 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 wiring diagram (bottom view) pc board layout (bottom view) load limit curve .300 (7.62) .2 (5.08) .1 (2.54) 6 ? 0.31 dia (.8) ambient temp. & operate voltage .390 .012 (9.9 .3) .484 .012 (12.3 .3) .020 (.5) .300 (7.62) .138 (3.5) .29 .012 (7.4 .3) .056 (1.43) .012 (.3) .012 (.3) .2 (5.08) .016 (.4) .016 (.4) .1 (2.54) -30 ambient t emp. ( c ) contact current (a) coil po wer (w) -10 10 30 50 70 90 50 30 70 90 110 130 150 170 190 210 230 250 270 d type 0.30w l type 0.15w pic k-up vo ltage (cool coil) 0.2 0.1 0 0 10 20 30 40 50 60 70 80 90 100 0.4 0.3 0.6 0.5 0.8 0.9 0.7 t emp rise (c) 0.1 0 5 10 15 20 25 30 35 40 1 10 vdc load limit curve application field 24w 24.0 c 80.0 c of suppl ying v oltage to coil ordering information outline dimensions reference data coil temperature rise typical part number b tsc -1 05 l 3 h ,000 1. basic series: tsc = miniature relay 2. termination: 1 = 1 pole 3. coil voltage: 05 = 5vdc 09 = 9vdc 24 = 24vdc 06 = 6vdc 12= 12vdc 4. coil input: l = sensitive d = standard 5. contact material: 3 = silver nickel 6. enclosure: blank = vented (flux-tight) cover h = sealed plastic case 7. suffix: ,000 = standard model other suffix = custom model tsc-105l3h,000 tsc-112l3h,000 tsc-124l3h,000 tsc-105d3h,000 our authorized distributors are more likely to stock the following items for immediate delivery. tsc-112d3h,000 tsc-124d3h,000 coil temperature rise coil operative range 317 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 wiring diagram (bottom view) pc board layout (bottom view) load limit curve .300 (7.62) .2 (5.08) .1 (2.54) 6 ? 0.31 dia (.8) ambient temp. & operate voltage .390 .012 (9.9 .3) .484 .012 (12.3 .3) .020 (.5) .300 (7.62) .138 (3.5) .29 .012 (7.4 .3) .056 (1.43) .012 (.3) .012 (.3) .2 (5.08) .016 (.4) .016 (.4) .1 (2.54) -30 ambient t emp. ( c ) contact current (a) coil po wer (w) -10 10 30 50 70 90 50 30 70 90 110 130 150 170 190 210 230 250 270 d type 0.30w l type 0.15w pic k-up vo ltage (cool coil) 0.2 0.1 0 0 10 20 30 40 50 60 70 80 90 100 0.4 0.3 0.6 0.5 0.8 0.9 0.7 t emp rise (c) 0.1 0 5 10 15 20 25 30 35 40 1 10 vdc load limit curve application field 24w 24.0 c 80.0 c of suppl ying v oltage to coil ordering information outline dimensions reference data coil temperature rise typical part number b tsc -1 05 l 3 h ,000 1. basic series: tsc = miniature relay 2. termination: 1 = 1 pole 3. coil voltage: 05 = 5vdc 09 = 9vdc 24 = 24vdc 06 = 6vdc 12= 12vdc 4. coil input: l = sensitive d = standard 5. contact material: 3 = silver nickel 6. enclosure: blank = vented (flux-tight) cover h = sealed plastic case 7. suffix: ,000 = standard model other suffix = custom model tsc-105l3h,000 tsc-112l3h,000 tsc-124l3h,000 tsc-105d3h,000 our authorized distributors are more likely to stock the following items for immediate delivery. tsc-112d3h,000 tsc-124d3h,000 317 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 wiring diagram (bottom view) pc board layout (bottom view) load limit curve .300 (7.62) .2 (5.08) .1 (2.54) 6 ? 0.31 dia (.8) ambient temp. & operate voltage .390 .012 (9.9 .3) .484 .012 (12.3 .3) .020 (.5) .300 (7.62) .138 (3.5) .29 .012 (7.4 .3) .056 (1.43) .012 (.3) .012 (.3) .2 (5.08) .016 (.4) .016 (.4) .1 (2.54) -30 ambient t emp. ( c ) contact current (a) coil po wer (w) -10 10 30 50 70 90 50 30 70 90 110 130 150 170 190 210 230 250 270 d type 0.30w l type 0.15w pic k-up vo ltage (cool coil) 0.2 0.1 0 0 10 20 30 40 50 60 70 80 90 100 0.4 0.3 0.6 0.5 0.8 0.9 0.7 t emp rise (c) 0.1 0 5 10 15 20 25 30 35 40 1 10 vdc load limit curve application field 24w 24.0 c 80.0 c of suppl ying v oltage to coil ordering information outline dimensions reference data coil temperature rise typical part number b tsc -1 05 l 3 h ,000 1. basic series: tsc = miniature relay 2. termination: 1 = 1 pole 3. coil voltage: 05 = 5vdc 09 = 9vdc 24 = 24vdc 06 = 6vdc 12= 12vdc 4. coil input: l = sensitive d = standard 5. contact material: 3 = silver nickel 6. enclosure: blank = vented (flux-tight) cover h = sealed plastic case 7. suffix: ,000 = standard model other suffix = custom model tsc-105l3h,000 tsc-112l3h,000 tsc-124l3h,000 tsc-105d3h,000 our authorized distributors are more likely to stock the following items for immediate delivery. tsc-112d3h,000 tsc-124d3h,000 max dc load breaking capacity c u
09-2010, rev. 0910 www.tycoelectronics.com ? 2010 tyco electronics ltd. datasheets and product specifcation ac - cording to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.tycoelectronics.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 oeg signal relays signal pcb relay tsc (continued) other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.tycoelectronics.com/customersupport/rohssupportcenter ambient temperature -30 to 80c category of environmental protection iec 61810 rtii - fux proof, rtiii - wash tight vibration resistance (functional) 10 to 50hz, 1.5mm double amplitude shock resistance (functional) iec 60068-2-27 (half sine) 98m/s 2 , 11ms terminal type pcb-tht weight 3g resistance to soldering heat tht iec 60068-2-20 260c/5s packaging/unit tube/50 pcs., box/2000 pcs. pcb layout bottom view on solder pins 317 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 wiring diagram (bottom view) pc board layout (bottom view) load limit curve .300 (7.62) .2 (5.08) .1 (2.54) 6 ? 0.31 dia (.8) ambient temp. & operate voltage .390 .012 (9.9 .3) .484 .012 (12.3 .3) .020 (.5) .300 (7.62) .138 (3.5) .29 .012 (7.4 .3) .056 (1.43) .012 (.3) .012 (.3) .2 (5.08) .016 (.4) .016 (.4) .1 (2.54) -30 ambient t emp. ( c ) contact current (a) coil po wer (w) -10 10 30 50 70 90 50 30 70 90 110 130 150 170 190 210 230 250 270 d type 0.30w l type 0.15w pic k-up vo ltage (cool coil) 0.2 0.1 0 0 10 20 30 40 50 60 70 80 90 100 0.4 0.3 0.6 0.5 0.8 0.9 0.7 t emp rise (c) 0.1 0 5 10 15 20 25 30 35 40 1 10 vdc load limit curve application field 24w 24.0 c 80.0 c of suppl ying v oltage to coil ordering information outline dimensions reference data coil temperature rise typical part number b tsc -1 05 l 3 h ,000 1. basic series: tsc = miniature relay 2. termination: 1 = 1 pole 3. coil voltage: 05 = 5vdc 09 = 9vdc 24 = 24vdc 06 = 6vdc 12= 12vdc 4. coil input: l = sensitive d = standard 5. contact material: 3 = silver nickel 6. enclosure: blank = vented (flux-tight) cover h = sealed plastic case 7. suffix: ,000 = standard model other suffix = custom model tsc-105l3h,000 tsc-112l3h,000 tsc-124l3h,000 tsc-105d3h,000 our authorized distributors are more likely to stock the following items for immediate delivery. tsc-112d3h,000 tsc-124d3h,000 terminal assignment bottom view on solder pins 317 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 wiring diagram (bottom view) pc board layout (bottom view) load limit curve .300 (7.62) .2 (5.08) .1 (2.54) 6 ? 0.31 dia (.8) ambient temp. & operate voltage .390 .012 (9.9 .3) .484 .012 (12.3 .3) .020 (.5) .300 (7.62) .138 (3.5) .29 .012 (7.4 .3) .056 (1.43) .012 (.3) .012 (.3) .2 (5.08) .016 (.4) .016 (.4) .1 (2.54) -30 ambient t emp. ( c ) contact current (a) coil po wer (w) -10 10 30 50 70 90 50 30 70 90 110 130 150 170 190 210 230 250 270 d type 0.30w l type 0.15w pic k-up vo ltage (cool coil) 0.2 0.1 0 0 10 20 30 40 50 60 70 80 90 100 0.4 0.3 0.6 0.5 0.8 0.9 0.7 t emp rise (c) 0.1 0 5 10 15 20 25 30 35 40 1 10 vdc load limit curve application field 24w 24.0 c 80.0 c of suppl ying v oltage to coil ordering information outline dimensions reference data coil temperature rise typical part number b tsc -1 05 l 3 h ,000 1. basic series: tsc = miniature relay 2. termination: 1 = 1 pole 3. coil voltage: 05 = 5vdc 09 = 9vdc 24 = 24vdc 06 = 6vdc 12= 12vdc 4. coil input: l = sensitive d = standard 5. contact material: 3 = silver nickel 6. enclosure: blank = vented (flux-tight) cover h = sealed plastic case 7. suffix: ,000 = standard model other suffix = custom model tsc-105l3h,000 tsc-112l3h,000 tsc-124l3h,000 tsc-105d3h,000 our authorized distributors are more likely to stock the following items for immediate delivery. tsc-112d3h,000 tsc-124d3h,000 317 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 wiring diagram (bottom view) pc board layout (bottom view) load limit curve .300 (7.62) .2 (5.08) .1 (2.54) 6 ? 0.31 dia (.8) ambient temp. & operate voltage .390 .012 (9.9 .3) .484 .012 (12.3 .3) .020 (.5) .300 (7.62) .138 (3.5) .29 .012 (7.4 .3) .056 (1.43) .012 (.3) .012 (.3) .2 (5.08) .016 (.4) .016 (.4) .1 (2.54) -30 ambient t emp. ( c ) contact current (a) coil po wer (w) -10 10 30 50 70 90 50 30 70 90 110 130 150 170 190 210 230 250 270 d type 0.30w l type 0.15w pic k-up vo ltage (cool coil) 0.2 0.1 0 0 10 20 30 40 50 60 70 80 90 100 0.4 0.3 0.6 0.5 0.8 0.9 0.7 t emp rise (c) 0.1 0 5 10 15 20 25 30 35 40 1 10 vdc load limit curve application field 24w 24.0 c 80.0 c of suppl ying v oltage to coil ordering information outline dimensions reference data coil temperature rise typical part number b tsc -1 05 l 3 h ,000 1. basic series: tsc = miniature relay 2. termination: 1 = 1 pole 3. coil voltage: 05 = 5vdc 09 = 9vdc 24 = 24vdc 06 = 6vdc 12= 12vdc 4. coil input: l = sensitive d = standard 5. contact material: 3 = silver nickel 6. enclosure: blank = vented (flux-tight) cover h = sealed plastic case 7. suffix: ,000 = standard model other suffix = custom model tsc-105l3h,000 tsc-112l3h,000 tsc-124l3h,000 tsc-105d3h,000 our authorized distributors are more likely to stock the following items for immediate delivery. tsc-112d3h,000 tsc-124d3h,000 dimensions product code version contact cont.material coil power coil voltage sealing part number tsc-105d3h,000 1a 1 form c (co) agni alloy 300mw 5vdc wash tight 1-1419130-0 tsc-112d3h,000 12vdc 2-1419130-1 tsc-124d3h,000 24vdc 5-1440007-3 tsc-105l3h,000 150mw 5vdc 1-1419130-2 tsc-112l3h,000 12vdc 2-1419130-4 tsc-124l3h,000 24vdc 2-1419130-8 product code structure typical product code tsc -1 12 d 3 h ,000 type tsc signal pcb relay tsc pole 1 1pole coil coil code: please refer to coil versions table coil power d standard 300mw l sensitive 150mw contact material 3 agni sealing blank flux proof h wash tight suffx ,000 standard


▲Up To Search▲   

 
Price & Availability of 2-1419130-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X