Part Number Hot Search : 
TSOP123 SD300 01B150 SC4524 P1500 KJ06ETT KM741N IDT71V
Product Description
Full Text Search
 

To Download 14D101KJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d k<3.0 d1 d1 h1 l1 d1 k<3.0 umit:mm package dimensions 1 ? transistor, diode, ic, thyristor or triac semiconductor protection. ? surge protection in consumer electronics. ? surge protection in industrial electronics. ? surge protection in electronic home appliances, gas and petroleum appliances. ? relay and electromagnetic valve surge absorption. ? wide operating voltage (v1ma) range from 8v to 1800v. ? fast responding to transient over-voltage. ? large absorbing transient energy capability. ? low clamping ratio and no following-on current. applications features ?2011 ruilongyuan, inc. www.ruilon.com varistor>14d180~182kj series metal oxide varistors table 2 model t(max.) model t(max.) 180k 4.6 301k 5.8 220k 4.7 331k 6.0 270k 4.8 361k 6.2 330k 5.0 391k 6.5 390k 5.3 431k 6.7 470k 5.4 471k 6.8 560k 5.5 511k 7.0 680k 5.6 561k 7.3 820k 4.7 621k 7.6 101k 4.9 681k 8.0 121k 5.1 751k 8.1 151k 5.4 781k 8.3 181k 4.8 821k 8.8 201k 5.0 911k 9.3 221k 5.1 102k 9.9 241k 5.2 112k 10.4 271k 5.4 182k 13.0 301k 5.5 - - table 1 symbol dimensions h(max.) 20.0 h1(max.) 21.0 l(min.) 20.0 l1(min.) 15.0 d(max.) 16.5 d1(0.8) 7.5 t(max.) table 2 d(0.05) 0.8 d1(0.4) 1.4 http:///
?2011 ruilongyuan, inc. www.ruilon.com varistor>14d180~182kj series metal oxide varistors type number maximum allowable voltage varistor voltage maximum clamping voltage withstanding surge current maximum energy (10/1000s) rated power typical capacitance (reference) standard high surge v ac (v) v dc (v) v 1ma (v) i p (a) v c (v) i(a) standard i(a) high surge (j) standard (j) high surge (w) @1khz(pf) 14d180k 14d180kj 11 14 18(15~21.6) 10 36 1000 2000 4.0 7.0 0.1 11100 14d220k 14d220kj 14 18 22(19.5~26) 10 43 1000 2000 5.0 8.0 0.1 9100 14d270k 14d270kj 17 22 27(24~30) 10 53 1000 2000 6.0 10.0 0.1 7400 14k330k 14k330kj 20 26 33(29.5~36.5) 10 66 1000 2000 7.5 12.0 0.1 6100 14d390k 14d390kj 25 31 39(35~43) 10 77 1000 2000 8.6 13.0 0.1 5100 14d470k 14d470kj 30 38 47(42~54) 10 93 1000 2000 10.0 17.0 0.1 4300 14d560k 14d560kj 35 45 56(50~62) 10 100 1000 2000 11.0 20.0 0.1 3600 14d680k 14d680kj 40 56 68(61~75) 10 135 1000 2000 14.0 24.0 0.1 2900 14d820k 14d820kj 50 65 82(74~90) 50 135 4500 6000 22.0 27.0 0.6 2400 14d101k 14D101KJ 60 85 100(90~110) 50 165 4500 6000 28.0 33.0 0.6 2000 14d121k 14d121kj 75 100 120(108~132) 50 200 4500 6000 32.0 40.0 0.6 1700 14d151k 14d151kj 95 125 150(135~165) 50 250 4500 6000 40.0 53.0 0.6 1300 14d181k 14d181kj 11 5 150 180(162~198) 50 300 4500 6000 50.0 60.0 0.6 1100 14d201k 14d201kj 130 170 200(180~220) 50 340 4500 6000 57.0 70.0 0.6 1000 14d221k 14d221kj 140 180 220(198~242) 50 360 4500 6000 60.0 78.0 0.6 900 14d241k 14d241kj 150 200 240(216~264) 50 395 4500 6000 63.0 84.0 0.6 830 14d271k 14d271kj 175 225 270(243~297) 50 455 4500 6000 70.0 99.0 0.6 740 14d301k 14d301kj 190 250 300(270~330) 50 500 4500 6000 77.0 108 0.6 670 14d331k 14d331kj 210 275 330(297~363) 50 550 4500 6000 85.0 115 0.6 610 14d361k 14d361kj 230 300 360(324~396) 50 595 4500 6000 93.0 130 0.6 560 14d391k 14d391kj 250 320 390(351~429) 50 650 4500 6000 100 140 0.6 510 14d431k 14d431kj 275 350 430(387~473) 50 710 4500 6000 115 155 0.6 460 14d471k 14d471kj 300 385 470(423~517) 50 775 4500 6000 125 175 0.6 430 14d511k 14d511kj 320 415 510(459~561) 50 845 4500 6000 125 180 0.6 390 14d561k 14d561kj 350 460 560(504~616) 50 925 4500 6000 125 185 0.6 360 14d621k 14d621kj 385 505 620(558~682) 50 1025 4500 6000 125 190 0.6 320 14d681k 14d681kj 420 560 680(612~748) 50 1120 4500 6000 130 200 0.6 290 14d751k 14d751kj 460 615 750(675~825) 50 1240 4500 6000 143 210 0.6 270 14d781k 14d781kj 485 640 780(702~858) 50 1290 4500 6000 148 220 0.6 260 14d821k 14d821kj 510 670 820(738~902) 50 1355 4500 6000 157 235 0.6 240 14d911k 14d911kj 550 745 910(819~1001) 50 1500 4500 6000 175 255 0.6 220 14d102k 14d102kj 625 825 1000(900~1100) 50 1650 4500 6000 190 280 0.6 200 14d112k 14d112kj 680 895 1100(990~1210) 50 1815 4500 6000 213 310 0.6 180 14d122k 14d122kj 750 990 1200(1080_1320) 50 1980 4500 6000 213 310 0.6 150 14d182k 14d182kj 1000 1465 1800(1620~1980) 50 2970 4500 6000 250 335 0.6 130 electrical characteristic 2 http:///
?2011 ruilongyuan, inc. www.ruilon.com varistor>14d180~182kj series metal oxide varistors ltem test condition / description requirement varistor voltage the voltage between two terminals with the specifed measuring current 1ma.dc applied is call vb. to meet the specifed value maximum allowable voltage the recommended maximum sine wave voltage (rms) or the maximum dc voltage can be applied continuously. rated wattaget the maximum average power that can be applied within the specifed ambient temperature. ienergy the maximum energy within the varistor voltage change of 10% when one impulse of10/1000sec. or 2 msec. is applied. withstanding surge current the maximum current within the varistor voltage change of 10% with the standard impulse current (8/20sec.) applied one time. surge life the change of vb shall be measured after the impulse listed below is applied 10,000 times continuously with the interval of ten seconds at room temperature. 5d series 180k to 680k 10a (8/20sec.) 820k to 751k 20a (8/20sec.) 7dseries 180k to 680k 25a (8/20sec.) 820k to 821k 50a (8/20sec.) 10d series 180k to 680k 50a (8/20sec.) 820k to 182k 100a (8/20sec.) 14d series 180k to 680k 75a (8/20sec.) 820k to 182k 150a (8/20sec.) 20d series 180k to 680k 100a (8/20sec.) 820k to 182k 200a (8/20sec.) vb vb <+10% _ electrical rating 3 http:///
?2011 ruilongyuan, inc. www.ruilon.com varistor>14d180~182kj series metal oxide varistors shenzhen ruilong.yuan co.,ltd phone: +86- 0755-82908296 82908752 82908224 82908036 fax: +86- 0755-82908002 general characteristics no radioactive material storage temperature: -55oc to +125oc operating temperature: -55oc to +85oc body: nickel plated leads: surface-mount, axial devices: tin plated devices with no leads: nickel plated packaging information part numbering system example part number: rl14d471kj rl = logo 14d=dise diameter 471 = v 1ma (v) of 470v k = tolerance k:+_10% j= high surge ruilonyuan electronics ar e trademarks. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability of and test each product selected for their own applications. ruilonyuan electronics reserves the right to change or update, without notice, any information contained in this publication; to change, without notice, the design, construction, processing, or specifcation of any product; and to discontinue or limit production or distribution of any product. this publication supersedes and replaces all information previously supplied. without expressed or written consent by an offcer of ruilonyuan electronics, ruilonyuan electronics does not authorize the use of any of its products as components in nuclear facility applications, aerospace, or in critical life support devices or systems. ruilonyuan electronics expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or ftness for a particular purpose. ruilonyuan electronics only obligations are those in the ruilonyuan electronics standard terms and conditions of sale and in no case will ruilonyuan electronics be liable for any incidental, indirect, or consequential damages email: jack@ruilon.com website: http://www.ruilon.com part number component package quantity packaging option packaging specifcation 14d 14.0 250 box 4 http:///


▲Up To Search▲   

 
Price & Availability of 14D101KJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X