Part Number Hot Search : 
ZJ10B PSBH50 D1433 MMBT390 MAX951 TDA21201 AD707BQ EPJ5011
Product Description
Full Text Search
 

To Download 125-30000MHZ-BM0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | taiwan tel: +886.2.22073427 fax +886.2.22073486 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed features ? 3.3v operation ? hcmos output ? standby function ? tape and reel (2,000 pcs. std) output (pin 3) active active high z ? enable / disable function 2 inh (pin 1) open 2 '1' level v ih 70% v dd '0' level v il 30% v dd 1 inclusive of 25oc tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration. *excludes shock/vibration 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. note: a 0.01f bypass capacitor should be placed between vdd (pin 4) and gnd (pin 2) to minimize power supply line noise. frequency stability 1 100ppm 100ppm 50ppm 50ppm 25ppm 25ppm* 20ppm* operating temperature (oc) -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 frequency range (mhz) 0.012 ~ 170.000 0.012 ~ 170.000 0.012 ~ 170.000 0.012 ~ 170.000 0.012 ~ 165.000 0.012 ~ 156.520 0.012 ~ 162.000 f4100 f4100r f4105 f4105r f4106 f4106r f4108 model number 0.012 ~ 170.000 mhz -55oc ~ +125oc 3.3v 10% 3ma 6ma 15ma 20ma 25ma 40ma 45% ~ 55% 40% ~ 60% 6ns 4ns 3ns 6ns 4ns 3ns 10% v dd 90% v dd min 2ma min -2ma min 15pf 10a 5ms 10ms 150ns 5ms 10ms 0.3ps typ. 2.5ps typ. 20ps typ. parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) 0.012 ~ 0.040 mhz 0.040+ ~ 1.500 mhz 1.500+ ~ 32.000 mhz 32.000+ ~ 50.000 mhz 50.000+ ~ 67.000 mhz 67.000+ ~ 170.000 mhz output symmetry (50% v dd ) 0.012 ~ 50.000 mhz 50.000+ ~ 170.000 mhz rise time (10% ~ 90% v dd ) (t r ) 0.012 ~ 80.000 mhz 80.000+ ~ 125.000 mhz 125.000+ ~ 170.000 mhz fall time (90% ~ 10% v dd ) (t f ) 0.012 ~ 80.000 mhz 80.000+ ~ 125.000 mhz 125.000+ ~ 170.000 mhz output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (hcmos) standby current start-up time (t s ) 0.012 ~ 32.000 mhz 32.000+ ~ 170.000 mhz output disable time 2 output enable time 2 0.012 ~ 32.000 mhz 32.000+ ~ 170.000 mhz jitter 12khz ~ 20mhz rms period cycle-to-cycle ? electrical characteristics max (unless otherwise noted) part number 116-frequency-xxxxx 117-frequency-xxxxx 124-frequency-xxxxx 125-frequency-xxxxx 126-frequency-xxxxx 127-frequency-xxxxx 128-frequency-xxxxx ? part number selection learn more - internet required 3.3v, h cmos, smd oscillator rev. 2/26/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f4100 series page 1 of 3 all dimensions are in millimeters. drawing is for reference to critical specifcations defned by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifcations subject to change without notice.
fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | taiwan tel: +886.2.22073427 fax +886.2.22073486 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2008 fox electronics | iso9001:2000 certifed 3.3v, h cmos, smd oscillator rev. 2/26/2008 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f4100 series page 3 of 3 ? tape spe cific ations (millimeters) model f4100 series a ? 1.5 b 4.0 c 8.0 d 7.5 e 16.0 f 2.15 std reel qty 2,000 ? reel specific ations (millimeters) g 2.0 h ? 13 i ? 21 j ? 80 k ? 255 l 17.5 m 2.0 model f4100 series


▲Up To Search▲   

 
Price & Availability of 125-30000MHZ-BM0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X